Part Number Hot Search : 
SIS780DN 73D19 IN74H LCE17A ADP3650 B9947 NX5313EH 2SC4984
Product Description
Full Text Search
 

To Download TS-121-G-G-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,54mm) .100" ts, td, hts series ts ?120 ? g?a?1 www.samtec.com td ?108?g?aa ts = single row terminal strip hts = single row high temp terminal strip td = double row terminal strip 1 no. pins per row ?g = 20" (0,51m) gold except ?j & ?l are 10" (0,25m) gold ?t = tin type strip plating option lead style -a component no. =t-1r0- -a-x component no. =t-1r7 component no. = t-1r5- (2,54) .100 x no. of positions (2,54) .100 typ (2,54) .100 (2,54) .100 (2,54) .100 x no. of positions (2,54) .100 typ (5,08) .200 (2,54) .100 (2,54) .100 note: some lengths, styles and options are non-standard, non-returnable. mates with: ss, sd, hss, sl, sdl, ess, esd ?c, ?c?1, ?c?2 ?a, ?a?1, ?a?2 ?aa ?l?1, ?l?2, ?l?3 -c component no. =t-1r2- -c-x component no. =t-1r9- (1,78) .070 dia (4,22) .166 (0,46) .018 dia (0,46) .018 dia (1,32) .052 (3,96) .156 ?015 ?j y (dia) (12,95) .510 (9,14) .360 (6,60) .260 lead style -l-1 -l-2 -l-3 z (?015) (17,86) .703 (14,05) .553 (11,51) .453 x (dia) (0,46) .018 (0,64) .025 (0,89) .035 lead style -a -a-1 -a-2 y (?015) (3,96) .156 (5,33) .210 (1,78) .070 dia (0,64) .025 dia (1,32) .052 y (4,22) .166 x x (dia) (0,46) .018 (0,64) .025 (0,89) .035 lead style -c -c-1 -c-2 y (?015) (3,96) .156 (5,33) .210 y x (3,99) .157 (1,83) .072 dia (0,89) .035 (2,54) .100 01 thru 32 =ts series 01 thru 36 = hts & td series f-211 ?g?1 for complete speci cations see www.samtec.com?ts or www.samtec.com?td ts, td insulator material: black g.f. polyester terminal material: brass, except style g is phosphor bronze plating: au over 50? (1,27?) ni or sn over 100? (2,54?) cu or 50? (1,27?) ni operating temp range: -55? to +125? with gold -55? to +105? with tin current rating: 1a rohs compliant: ye s lead-free solderable: wave only for complete speci cations see www.samtec.com?hts hts same as ts except: insulator material: black liquid crystal polymer lead-free solderable: wave, or re ow with all au specifications specifications precision machined terminal strips (1,83) .072 dia (1,32) .052 dia (3,18) .125 ?.010 (3,81) .150 (7,62) .300 ?.015 (0,51) .020 dia (1,07) .042 dia component no. = s-1p1- component no. = s-1w1 (1,83) .072 dia (1,32) .052 dia (0,64) .025 sq y z (0,76) .030 (1,07) .042 component no. = t-1r5- (1,78) .070 dia (0,51) .020 dia (4,47) .176 (0,46) .018 dia (1,32) .052 dia (0,51) .020 (1,02) .040 (12,90) .508 ?.015 (4,75) .187


▲Up To Search▲   

 
Price & Availability of TS-121-G-G-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X