Part Number Hot Search : 
MCR100 MC14410L RT9224C 100E1 BSX62 MAX20 P775C TM161
Product Description
Full Text Search
 

To Download SMCJ20AP5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smcj5.0(c)a - smcj170(c)a smcj5.0(c)a-smcj170(c)a, rev. c smcj5.0(c)a - smcj170(c)a 1500 watt transient voltage suppressors absolute maximum ratings* t a = 25c unless otherwise noted ? 2001 fairchild semiconductor corporation symbol parameter value units p ppm peak pulse power dissipation on 10/1000 s waveform minimum 1500 w i ppm peak pulse current on 10/1000 s waveform see table a i fsm non-repetitive peak forward surge current superimposed on rated load (jedec method) (note 1) 200 a t stg storage temperature range -55 to +150 c t j operating junction temperature -55 to +150 c features ? glass passivated junction. ? 1500 w peak pulse power capability on 10/1000 s waveform. ? excellent clamping capability. ? low incremental surge resistance. ? fast response time; typically less than 1.0 ps from 0 volts to bv for unidirectional and 5.0 ns for bidirectional. ? typical i r less than 1.0 a above 10v. ? ul certified, ul #e210467. devices for bipolar applications - bidirectional types use ca suffix. - electrical characteristics apply in both directions. * these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. note 1: measured on 8.3 ms single half-sine wave or equivalent square wave; duty cycle = 4 pulses per minute maximum. smc/do-214ab color band denotes cathode on unidirectional devices only. no color band on bidirectional devices.
smcj5.0(c)a - smcj170(c)a smcj5.0(c)a-smcj170(c)a, rev. c transient voltage supressors (continued) electrical characteristics t a = 25c unless otherwise noted uni-directional bi-directional (c) device part marking* reverse stand-off voltage v rwm (v) breakdown voltage v br (v) min max test current i t (ma) max clamping voltage @ippm v c (v) max peak pulse surge current i ppm (a) max reverse leakage v rwm i r (ua)** smcj5.0(c)a gde 5.0 6.40 7.0 10 9.2 163.0 1000 smcj6.0(c)a gdg 6.0 6.67 7.37 10 10.3 145.6 1000 smcj6.5(c)a gdk(bdk) 6.5 7.22 7.98 10 11.2 133.9 500 smcj7.0(c)a gdm 7.0 7.78 8.60 10 12.0 125.0 200 smcj7.5(c)a gdp(bdp) 7.5 8.33 9.21 1 12.9 116.3 100 smcj8.0(c)a gdr(bdr) 8.0 8.89 9.83 1 13.6 110.3 50 smcj8.5(c)a gdt(bdt) 8.5 9.44 10.4 1 14.4 104.2 20 smcj9.0(c)a gdv(bdv) 9.0 10.0 11.1 1 15.4 97.4 10 smcj10(c)a gdx(bdx) 10 11.1 12.3 1 17.0 88.2 5 smcj11(c)a gdz 11 12.2 13.5 1 18.2 82.4 5 smcj12(c)a gee(bee) 12 13.3 14.7 1 19.9 75.3 5 smcj13(c)a geg 13 14.4 15.9 1 21.5 69.8 5 smcj14(c)a gek(bek) 14 15.6 17.2 1 23.2 64.7 5 smcj15(c)a gem(bem) 15 16.7 18.5 1 24.4 61.5 5 smcj16(c)a gep 16 17.8 19.7 1 26.0 57.7 5 smcj17(c)a ger 17 18.9 20.9 1 27.6 54.3 5 smcj18(c)a get(bet) 18 20.0 22.1 1 29.2 51.4 5 smcj20(c)a gev(bev) 20 22.2 24.5 1 32.4 46.3 5 smcj22(c)a gex(bex) 22 24.4 26.9 1 35.5 42.3 5 smcj24(c)a gez(bez) 24 26.7 29.5 1 38.9 38.6 5 smcj26(c)a gfe(bfe) 26 28.9 31.9 1 42.1 35.6 5 smcj28(c)a gfg(bfg) 28 31.1 34.4 1 45.4 33.0 5 smcj30(c)a gfk(bfk) 30 33.3 36.8 1 48.4 31.0 5 smcj33(c)a gfm(bfm) 33 36.7 40.6 1 53.3 28.1 5 smcj36(c)a gfp(bfp) 36 40.0 44.2 1 58.1 25.8 5 smcj40(c)a gfr(bfr) 40 44.4 49.1 1 64.5 23.3 5 smcj43(c)a gft(bft) 43 47.8 52.8 1 69.4 21.6 5 smcj45(c)a gfv 45 50.0 55.3 1 72.7 20.6 5 smcj48(c)a gfx 48 53.3 58.9 1 77.4 19.4 5 smcj51(c)a gfz 51 56.7 62.7 1 82.4 18.2 5 smcj54(c)a gge 54 60.0 66.3 1 87.1 17.2 5 smcj58(c)a ggg 58 64.4 71.2 1 93.6 16.0 5 smcj60(c)a ggk 60 66.7 73.7 1 96.8 15.5 5 smcj64(c)a ggm 64 71.1 78.6 1 103.0 14.6 5 smcj70(c)a ggp 70 77.8 86.0 1 113.0 13.3 5 smcj75(c)a ggr 75 83.3 92.1 1 121.0 12.4 5 smcj78(c)a ggt 78 86.7 95.8 1 126.0 11.9 5 smcj85(c)a ggv 85 94.4 104.0 1 137.0 10.9 5 smcj90(c)a ggx 90 100.0 111.1 1 146.0 10.3 5 smcj100(c)a ggz 100 111.0 123.0 1 162.0 9.3 5 smcj110(c)a ghe 110 122.0 135.0 1 177.0 8.5 5 smcj120(c)a ghg 120 133.0 147.0 1 193.0 7.8 5 smcj130(c)a ghk 130 144.0 159.0 1 209.0 7.2 5 smcj150(c)a ghm 150 167.0 185.0 1 243.0 6.2 5 smcj160(c)a ghp 160 178.0 197.0 1 259.0 5.8 5 smcj170(c)a ghr 170 189.0 209.0 1 275.0 5.5 5 * color band denotes cathode on unidirectional devices only. no color band on bidirectional devices. ** for bidirectional parts with v rwm <10v, the i r max limit is doubled.
smcj5.0(c)a - smcj170(c)a smcj5.0(c)a-smcj170(c)a, rev. c transient voltage supressors (continued) typical characteristics pulse derating curve 0 25 50 75 100 125 150 175 200 0 25 50 75 100 ambient temperature ( c) pulse power (%) o non-repetitive surge current 12 51020 50100 10 20 50 100 200 number of cycles at 60hz forward surge current (a) t = t max 8.3ms single half sine-wave jedec method a a peak pulse power rating curve 0.0001 0.001 0.01 0.1 1 10 0.1 1 10 100 pulse width (ms) pulse power (kw) t = 25 c o a junction capacitance 1 5 10 50 100 200 400 10 100 1000 10000 20000 reverse voltage (v) capacitance (pf) t = 25 c o a f = 1.0 mhz visg = 50m vp-p m easured at zero bias measured at stand-off voltage (v mw) pulse waveform 01234 0 50 100 150 time (ms) peak pulse current (%) t = 25 c o a pulse width (td) is defined as the point where the peak current decays to 50% of ipp 10/1000 sec waveform as defined by r.e.a. tf = 10 sec e-kt peak value ippm half value-ipp 2 td
do-214ab(smc) tape and reel data july 2000, rev. a ?2000 fairchild semiconductor international configuration: figure 1.0 components leader tape 390mm minimum trailer tape 160mm minimum or configuration: figure 2.0 cover tape carrier tape f63tnr label sample cathode f 924 b34 f 924 b34 f 924 b34 f 924 b34 f 924 b34 human readable label sample human readable/barcode label 336mm x 336mm x 38mm intermediate container for 13" reel option human readable/ barcode label antistatic cover tape embossed carrier tape human readable label under package code p5 tnr 13 3,000 336x336x38 6,000 0.210 1.130 barcode label under package code ma tnr 13 3,000 336x336x38 6,000 0.210 1.130 human readable/barcode label (on top) note/comments packaging option packaging type reel size (inch diameter) qty per reel/tube/bag box dimension (mm) max qty per box weight per unit (gm) weight per reel (kg) do-214ab(smc) packaging do-214ab(smc) tape leader and trailer do-214ab(smc) packaging information packaging description: do-214ab(smc) parts are shipped in tape. the carrier tape is made from a dissipative (carbon filled) polycarbonate resin. alternate carrier tape is made of anti- static plastic. the cover tape is a multilayer film (heat activated adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. these reeled parts in standard option are shipped with 7,500 units per 13" or 330cm diameter reel. the reel comes in plastic or carton which is made of polystyrene plastic (anti-static coated) and thick white paper respectively. further information is described in the packaging information table. these full reels are individually labeled and placed inside a bleach box (illustrated in figure 1.0) made of recyclable carton paper with a fairchild logo printing. one box contains two reels maximum. certain number of these boxes are placed inside shipping box which comes in different sizes depending on the number of parts shipped. do-214ab(smc) unit orientation lot: cbvk741b019 fsid: mbrs340 d/c1: t0012 qty1: spec rev: spec: qty: 3000 d/c2: qty2: cpn: fairchild semiconductor international (f63tnr)3.2 caution: this container provides protection for static sensitive devices. handle devices with caution upon removal. made in one or more of the following countries: philippines (mactan, export processing zone), malaysia, china, s. korea, taiwan, thailand, singapore and japan. anti-static mbrs340 i.d . qty d/c lot t0012 cbvk741b019 3000
july 2000, rev. a do-214ab(smc) tape and reel data, continued dimensions are in millimeter pkg type a0 b0 w d0 d1 e1 e2 f p1 p0 k0 t wc tc 6.00 +/-0.15 8.25 +/-0.20 16.0 +/-0.3 1.55 +/-0.05 1.125 +/-0.125 1.75 +/-0.10 10.25 min 7.5 +/-0.05 8.0 +/-0.1 4.0 +/-0.1 2.4 +/-0.30 0.40 +/-0.10 13.0 +/-0.3 0.06 +/-0.02 p1 a0 d1 p0 f w e1 d0 e2 b0 tc wc k0 t dimensions are in inches and millimeters tape si ze reel option dim a dim b dim c dim d dim n dim w1 dim w2 12mm 13" dia 13.0 330 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 1.97 50 min 0.646 +0.078/-0.000 16.4 +2/-0 0.724 18.4 see detail aa dim a max 13" diameter option w2 max measured at hub w1 measured at hub dim n dim d min dim c b min detail aa notes: a0, b0, and k0 dimensions are determined with respect to the eia/jedec rs-481 rotational and lateral movement requirements (see sketches a, b, and c). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum sketch c (top view) component lateral movement typical component cavity center line 20 deg maximum typical component center line b0 a0 sketch b (top view) component rotation sketch a (side or front sectional view) component rotation user direction of feed configuration: figure 3.0 do-214ab(smc) (12mm) do-214ab(smc) embossed carrier tape do-214ab(smc) reel configuration: figure 4.0
do-214ab ( smc ) (fs pkg code p7) do-214ab ( s mc ) package dimensions august 1999, rev. a 1:1 scale 1:1 on letter size paper dimensions shown below are in: inches [millimeters] part weight per unit (gram): 0.21
trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. pacman? pop? powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher smart start? star* power? stealth? fast fastr? globaloptoisolator? gto? hisec? isoplanar? littlefet? microfet? microwire? optologic? optoplanar? rev. h1 ? acex? bottomless? coolfet? crossvolt ? densetrench? dome? ecospark? e 2 cmos tm ensigna tm fact? fact quiet series? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? uhc? ultrafet vcx? ? ? ?


▲Up To Search▲   

 
Price & Availability of SMCJ20AP5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X