Part Number Hot Search : 
2N5177 M29F800D 2SK1449 BL05A MC79M00 BL05A B11NM60 M0G131
Product Description
Full Text Search
 

To Download P9-221199 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sealed dome pushbutton switches d ome p ushbuttons p9 74 otto 2007 full line catalog specifications subject to change without notice attractive and rugged for wet & dusty environments the otto p9 series pushbutton switches feature a contoured dome style pushbutton and share similar size and characteristics to the otto p7 series. major differences are plastic housing construction a nd the availability of a shorting bar contact arrangement. there are two button versions: low button profile and high button profile. the p9 comes with a threaded case for hex nut mounting or with a snap- in case. the switch series features short behind-panel depth. they also offer excellent mechanical and electrical performance while operating under severe conditions found in demanding applications. the otto p9 dome series is offered in dusttight and moistureproof sealed construction. expect a minimum of 25,000 operations at full rated load of 5 amperes resistive or 3 amperes inductive; up to a million operations in low signal switching. watertight sealing (ip68) submersible to 1 meter water pressure is a v ailable. add w suffix to the part number to specify ip68 rating. t h e o t t o p9 dome series is available in standard and low-force d o u b le-break snap-action and non-snap shorting bar models. all are m o m e ntary action. special contact variations are available. high c o nta c t pressure and unique contact design provide low contact r e s i stance for low level switching capability as well as full rated s e r vice. solder, pc pin, and .110 quick connect termination options a r e a vailable. positive tactile feedback signaling the operator when the switch is operated is available in snap-action models but not shorting bar models. the otto p9 dome series is a quality precision switch designed for use in panels, control grips, computers, instruments, heavy equipment and other demanding applications where attractive, rugged p u s hbutton switches are required. quality features: ? a t t r a c tive dome style button ? two button heights ? double-break or shorting bar, momentary action ? all plastic housing and button construction ? threaded body or snap-in panel mounting ? withstands extreme shock & vibration ? positive tactile feedback contact transfer on snap-action models ? solder, p. c. pin, and .110 quick connect terminal styles s n a p-i n c ase with . 1 1 0 qu ick connect terminals standard characteristics/ratings: o pe rational: mec ha n ical life: 1 , 0 00,000 cycles, minimum se a l: m o i s tu reproof and dusttight to ip64 & mil-prf-8805 design 2 w a t e rtight to ip68 operating force: standard: 1.7?5 lbs. low force: 12 oz., 4 oz. t otal travel: . 080 max. temperature range: -55c to +85c case/bezel: thermoplastic button: thermoplastic. standard case/bezel is black. mounting hardware: hexnut & lockwasher torque hexnut to 10 in./oz. max. co ntacts: g old plated silver alloy e lectrical: s nap-action: at 28 vdc or 115 vac, 60/400 hz. shorting bar: at 5vdc current rating operational life (min. cycles) l oad snap-action shorting bar snap-action shorting bar resistive 1a 10ma 1,000,000 1,000,000 r e s i stive 5a n/a 25,000 n/a inductive 3a n/a 25,000 n/a dielectric withstand: 1050 vrms
s e a l e d d o m e p u s h b u t t o n s w i t c h e s d o m e p u s h b u t t o n s p 9 s p e c i f i c a t i o n s s u b j e c t t o c h a n g e w i t h o u t n o t i c e w w w . o t t o e x c e l l e n c e . c o m 7 5 p u s h b u t t o n s c h o i c e o f s n a p - a c t i o n & s h o r t i n g b a r a c t i o n o r d e r i n g i n f o r m a t i o n s e l e c t t h e o t t o p 9 s e r i e s f e a t u r e s t h a t m a t c h y o u r s p e c i f i c a p p l i c a t i o n . s t a n d a r d a n d s p e c i a l f e a t u r e s a r e s h o w n a t r i g h t . s p e c i f y y o u r c h o i c e b y b u i l d i n g t h e o t t o p a r t n u m b e r i n g c o d e . e x a m p l e : p 9 - 2 1 1 1 2 1 s p e c i f i e s r a i s e d d o m e s t y l e b u t t o n , t h r e a d e d c a s e , s o l d e r t e r m i n a l s , n . o . c i r c u i t f o r m , s t a n d a r d s n a p - a c t i o n , b l a c k c a s e / b e z e l , r e d b u t t o n . ? s n a p - i n c a s e a l l o w s f r o n t p a n e l m o u n t i n g i n t o . 0 2 4 o r . 1 1 8 t h i c k p a n e l s u s i n g p a n e l g a s k e t 4 0 1 6 6 9 o r i n t o . 0 3 1 a n d . 1 2 5 t h i c k p a n e l s ? . 1 1 0 " q u i c k c o n n e c t t e r m i n a l s a l l o w r e l i a b l e , s o l d e r l e s s w i r e c o n n e c t i o n s ? f l u s h n e o p r e n e b o o t p / n 4 0 2 3 3 9 ? r a i s e d n e o p r e n e b o o t p / n 4 0 2 2 4 6 * m u s t u s e p a n e l g a s k e t 4 0 1 6 6 9 s u p p l i e d w i t h t h e s w i t c h . r a i s e d d o m e b u t t o n s t y l e f l u s h d o m e b u t t o n s t y l e s n a p - i n c a s e . 1 1 0 q u i c k c o n n e c t d e t a i l 1 5 / 3 2 - 3 2 u n r s - 2 a t h d t o w i t h i n . 0 6 2 o f s h o u l d e r 1 5 / 3 2 - 3 2 u n r s - 2 a t h d t o w i t h i n . 0 6 2 o f s h o u l d e r r e c o m m e n d e d p a n e l o p e n i n g s * p a n e l t h i c k n e s s r e c o m m e n d e d ? d i m . a c r o s s d - f l a t . 0 2 4 * ? . 5 0 5 . 4 6 0 . 0 3 1 ? . 5 0 5 . 4 6 0 . 1 1 8 * ? . 5 0 5 . 4 6 0 . 1 2 5 ? . 5 0 5 . 4 6 0 p 9 - x x x x x x b u t t o n a n d c a s e t e r m i n a l c i r c u i t s w i t c h c a s e / b e z e l b u t t o n s t y l e s t y l e f o r m a c t i o n c o l o r c o l o r 1 . f l u s h d o m e w i t h t h r e a d e d c a s e 1 . s o l d e r 1 . n . o . 1 . s t a n d a r d s n a p - a c t i o n 1 . r e d 1 . r e d 2 . r a i s e d d o m e w i t h t h r e a d e d c a s e 2 . p c p i n 2 . n . c .  2 . l o w f o r c e s n a p - a c t i o n 2 . b l a c k 2 . b l a c k 3 . f l u s h d o m e w i t h s n a p - i n c a s e 3 . . 1 1 0 " 3 . 2 - c i r c u i t  3 . n o n - s n a p s h o r t i n g b a r 3 . o r a n g e * 3 . o r a n g e * 4 . r a i s e d d o m e w i t h s n a p - i n c a s e q u i c k c o n n e c t 4 . y e l l o w 4 . y e l l o w 5 . g r e e n 5 . g r e e n  n o t a v a i l a b l e i n s h o r t i n g b a r v e r s i o n . 6 . b l u e 6 . b l u e 7 . p u r p l e 7 . p u r p l e 8 . g r a y 8 . g r a y 9 . w h i t e 9 . w h i t e ( a s v i e w e d f r o m s w i t c h b o t t o m . ) * a d d w s u f f i x f o r w a t e r t i g h t . c o n t a c t f a c t o r y f o r m a t t e f i n i s h o p t i o n s * * c o n t a c t f a c t o r y f o r m i n i m u m r e q u i r e m e n t .


▲Up To Search▲   

 
Price & Availability of P9-221199

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X