Part Number Hot Search : 
GP50B60P SB144 0441106 NE32900 355310 MA7062 SS432G 355310
Product Description
Full Text Search
 

To Download MMBD770WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.0.1-feb.23.2009 data sheet MMBD770WS surface mount schottky diodes voltage 70 volts 2 00ma features ? extremely low minority carrier lifetime ? low capacitance ( 0.4pf @ 20v typical ) ? low reverse leakage ( 30na @ 35v typical ) mechanical data case: sod-323, plastic terminals: solderable per mil-std- 750, method 2026 approx. weight: 0.0048 gram maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. power .078(1.95) .038(.95) .107(2.7) .014(.35) .006(.15) .054(1.35) .068(1.75) .027(.70) .090(2.3) .012(.30)min. .009(.25) .002(.05) .045(1.15) sod-323 unit: inch (mm) . in compliance with eu rohs 2002/95/ec directives ? surface mount package ideally suited for automatic insertion marking : 770 parameter symbol value unit maximum reverse voltage v r 70 v peak reverse voltage v rrm 70 v continuous forward current i f 0.25 a power dissipation (1) p tot 180 m w thermal resistance , junction to ambient (1) r qj a 556 j/w junction temperature t j -55 to 125 j storage temperature t stg -55 to 150 j notes ?g 1. fr- 4 board = 70 6 0 1mm . electrical characteristics (t a =25 c, unless otherwise noted) parameter symbol test condition min. typ. max. unit reverse breakdown voltage v (br) i r =10ua 70 - - v reverse current i r v r =35 v - - 0.2 ua forward voltage v f i f =1 ma i f =10ma - - - - 0.5 1.0 v t ypical capacitance c t v r =2 0v, f =1mhz - - 1.0 pf
page . 2 characteristic curves 0.01 0.1 1 10 100 0 20 40 60 80 reverse voltage, v r (v) reverse leakage, i r (ua) t j = 75 c t j = 125 c t j = 25 c 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 forward voltage, v f (v) forward current, i f (ma) t j = 75 c t j = 25 c t j = 125 c t j = -25 c fig. 1. typical reverse leakage fig. 2. typical forward voltage 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0 10 20 30 40 50 60 v r , reverse voltage (v) total capacitance, c t (pf) fig. 3. typical total capacitance rev.0.1-feb.23.2009
page . 3 rev.0.1-feb.23.2009 legal statement copyright panjit international, inc 2009 the information presented in this document is believed to be accurate and reliable. the specifications and information herein are subject to change without notice. pan jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. pan jit products are not authorized for use in life support devices or systems. pan jit does not convey any license under its patent rights or rights of others. mounting pad layout order information ? packing information t/r - 12k per 13" plastic reel t/r - 5k per 7" plastic reel


▲Up To Search▲   

 
Price & Availability of MMBD770WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X