Part Number Hot Search : 
50050 16N80 5C180 143V20M 100FPY 2N6896 LM317LBZ 100EP1
Product Description
Full Text Search
 

To Download MC145202DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mc145202 motorola wireless semiconductor solutions rf and if device data 1 #!  % 
"$ $! % includes onboard 64/65 prescaler the mc145202 is a lowvoltage singlepackage synthesizer with serial interface capable of direct usage up to 2.0 ghz. the counters are programmed via a synchronous serial port which is spi compatible. the serial port is byte-oriented to facilitate control via an mcu. due to the innovative bitgrabber plus ? registers, the mc145202 may be cascaded with other peripherals featuring bitgrabber plus without requiring leading dummy bits or address bits in the serial data stream. in addition, bitgrabber plus peripherals may be cascaded with existing bitgrabber ? peripherals. the device features a singleended current source/sink phase detector a output and a doubleended phase detector b output. both phase detectors have linear transfer functions (no dead zones). the maximum current of the singleended phase detector output is determined by an external resistor tied from the rx pin to ground. this current can be varied via the serial port. slewrate control is provided by a special driver designed for the ref out pin. this minimizes interference caused by ref out . this part includes a differential rf input that may be operated in a singleended mode. also featured are onboard support of an external crystal and a programmable reference output. the r, a, and n counters are fully programmable. the c register (configuration register) allows the part to be configured to meet various applications. a patented feature allows the c register to shut off unused outputs, thereby minimizing system noise and interference. in order to have consistent lock times and prevent erroneous data from being loaded into the counters, onboard circuitry synchronizes the update of the a register if the a or n counters are loading. similarly, an update of the r register is synchronized if the r counter is loading. the doublebuffered r register allows new divide ratios to be presented to the three counters (r, a, and n) simultaneously. ? maximum operating frequency: 2000 mhz @ 10 dbm ? operating supply current: 4 ma nominal at 3.0 v ? operating supply voltage range (v dd and v cc pins): 2.7 to 5.5 v ? operating supply voltage range of phase detectors (v pd pin): 2.7 to 5.5 v ? current source/sink phase detector output capability: 1.7 ma @ 5.0 v 1.0 ma @ 3.0 v ? gain of current source/sink phase/frequency detector controllable via serial port ? operating temperature range: 40 to + 85 c ? r counter division range: 1 and 5 to 8191 ? dualmodulus capability provides total division up to 262,143 ? highspeed serial interface: 4 mbps ? output a pin, when configured as data out, permits cascading of devices ? two generalpurpose digital outputs e output a: totempole (pushpull) with four output modes output b: opendrain ? patented powersaving standby feature with orderly recovery for minimizing lock times, standby current: 30 m a . bitgrabber and bitgrabber plus are trademarks of motorola, inc. order this document by mc145202/d   semiconductor technical data pin assignment   f suffix sog package case 751j dt suffix tssop case 948d ordering information mc145202f sog package MC145202DT tssop f in test 2 output b output a clk 12 13 14 15 16 11 10 d in ref in v cc enb 8 7 6 5 4 3 2 1 test 1 rx gnd pd out f v f r ld ref out 9 18 19 20 17 v pd f in v dd 20 1 20 1 ? motorola, inc. 1998 rev 4 12/99 archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 2 enb ref in d in clk ref out f in f in osc or 4stage divider (configurable) 20 1 18 19 11 10 output a input amp select logic 3 13 24 13stage r counter 64/65 prescaler modulus control logic 12stage n counter 6stage a counter internal control shift register and control logic standby logic por bitgrabber ? a register 24 bits bitgrabber ? c register 8 bits doublebuffered bitgrabber ? r register 16 bits phase/frequency detector b and control phase/frequency detector a and control lock detector and control 6 12 4 2 ld rx pd out f r f v output b (open drain output) test 2 test 1 9 15 13 4 3 6 8 2 16 supply connections: pin 12 = v cc (v+ to input amp and 64/65 prescaler) pin 5 = v pd (v+ to phase/frequency detectors a and b) pin 14 = v dd (v+ to balance of circuit) pin 7 = gnd (common ground) 17 data out f r f v port block diagram archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 3 maximum ratings* (voltages referenced to gnd, unless otherwise stated) symbol parameter value unit v cc , v dd dc supply voltage (pins 12 and 14) 0.5 to + 6.0 v v pd dc supply voltage (pin 5) v dd 0.5 to + 6.0 v v in dc input voltage 0.5 to v dd + 0.5 v v out dc output voltage (except output b, pd out , f r , f v ) 0.5 to v dd + 0.5 v v out dc output voltage (output b, pd out , f r , f v ) 0.5 to v pd + 0.5 v i in , i pd dc input current, per pin (includes v pd ) 10 ma i out dc output current, per pin 20 ma i dd dc supply current, v dd and gnd pins 30 ma p d power dissipation, per package 300 mw t stg storage temperature 65 to + 150 c t l lead temperature, 1 mm from case for 10 seconds 260 c * maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the limits in the electrical characteristics tables or pin descriptions section. electrical characteristics (v dd = v cc = 2.7 to 5.5 v, voltages referenced to gnd, unless otherwise stated; v pd = 2.7 to 5.5 v, t a = 40 to 85 c) symbol parameter test condition guaranteed limit unit v il maximum lowlevel input voltage (d in , clk, enb ) 0.3 x v dd v v ih minimum highlevel input voltage (d in , clk, enb ) 0.7 x v dd v v hys minimum hysteresis voltage (clk, enb ) v dd = 2.7 v v dd = 4.5 v 100 250 mv v ol maximum lowlevel output voltage (ref out , output a) i out = 20 m a, device in reference mode 0.1 v v oh minimum highlevel output voltage (ref out , output a) i out = 20 m a, device in reference mode v dd 0.1 v i ol minimum lowlevel output current (ref out , ld) v out = 0.3 v 0.36 ma i ol minimum lowlevel output current ( f r , f v ) v out = 0.3 v 0.36 ma i ol minimum lowlevel output current (output a) v out = 0.4 v v dd = 4.5 v 1.0 ma i ol minimum lowlevel output current (output b) v out = 0.4 v 1.0 ma i oh minimum highlevel output current (ref out , ld) v out = v dd 0.3 v 0.36 ma i oh minimum highlevel output current ( f r , f v ) v out = v pd 0.3 v 0.36 ma i oh minimum highlevel output current (output a only) v out = v dd 0.4 v v dd = 4.5 v 0.6 ma (continued) this device contains protection circuitry to guard against damage due to high static volt- ages or electric fields. however, precautions must be taken to avoid applications of any volt- age higher than maximum rated voltages to this highimpedance circuit. archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 4 electrical characteristics (continued) symbol parameter test condition guaranteed limit unit i in maximum input leakage current (d in , clk, enb , ref in ) v in = v dd or gnd, device in xtal mode 1.0 m a i in maximum input current (ref in ) v in = v dd or gnd, device in reference mode 100 m a i oz maximum output leakage current (pd out ) v out = v pd or gnd, output in floating state 130 na (output b) v out = v pd or gnd, output in highimpedance state 1 m a i stby maximum standby supply current (v dd + v pd pins) v in = v dd or gnd; outputs open; device in standby mode, shutdown crystal mode or ref out staticlow reference mode; output b controlling v cc per figure 21 30 m a i pd maximum phase detector quiescent current (v pd pin) bit c6 = high which selects phase detector a, pd out = open, pd out = static state, bit c4 = low which is not standby, i rx = 170 m a, v pd = 5.5 v 750 m a bit c6 = low which selects phase detector b, f r and f v = open, f r and f v = static low or high, bit c4 = low which is not standby 30 i t total operating supply current (v dd + v pd + v cc pins) f in = 2.0 ghz; ref in = 13 mhz @ 1 vpp; output a = inactive and no connect; v dd = v cc , ref out , f v , f r , pd out , ld = no connect; d in , enb , clk = v dd or gnd, phase detector b selected (bit c6 = low) * ma * the nominal values are: 4 ma at v dd = 3.0 v and v pd = 3.0 v 6 ma at v dd = 5.0 v and v pd = 5.0 v these are not guaranteed limits. analog characteristics e current source/sink output e pd out (i out 1 ma @ v dd = 2.7 v and i out 1.7ma @ v dd 4.5 v, v dd = v cc = 2.7 to 5.5 v, voltages referenced to gnd) parameter test condition v pd guaranteed limit unit maximum source current variation (parttopart) v out = 0.5 x v pd 2.7 15 % 4.5 15 5.5 15 maximum sinkvssource mismatch (note 3) v out = 0.5 x v pd 2.7 11 % 4.5 11 5.5 11 output voltage range (note 3) i out variation 15% 2.7 0.5 to 2.2 v i out variation 20% 4.5 0.5 to 3.7 i out variation 22% 5.5 0.5 to 4.7 notes: 1. percentages calculated using the following formula: (maximum value minimum value)/maximum value. 2. see rx pin description for external resistor values. 3. this parameter is guaranteed for a given temperature within 40 to + 85 c. archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 5 ac interface characteristics (v dd = v cc = 2.7 to 5.5 v, t a = 40 to + 85 c, c l = 25 pf, input t r = t f = 10 ns; v pd = 2.7 to 5.5 v) symbol parameter figure no. guaranteed limit unit f clk serial data clock frequency (note: refer to clock t w below) 1 dc to 4.0 mhz t plh , t phl maximum propagation delay, clk to output a (selected as data out) 1, 5 100 ns t plh , t phl maximum propagation delay, enb to output a (selected as port) 2, 5 150 ns t pzl , t plz maximum propagation delay, enb to output b 2, 6 150 ns t tlh , t thl maximum output transition time, output a and output b; t thl only, on output b 1, 5, 6 50 ns c in maximum input capacitance d in , enb , clk 10 pf timing requirements (v dd = v cc = 2.7 to 5.5 v, t a = 40 to + 85 c, input t r = t f = 10 ns, unless otherwise indicated) symbol parameter figure no. guaranteed limit unit t su , t h minimum setup and hold times, d in vs clk 3 50 ns t su , t h , t rec minimum setup, hold and recovery times, enb vs clk 4 100 ns t w minimum pulse width, enb 4 * cycles t w minimum pulse width, clk 1 125 ns t r , t f maximum input rise and fall times, clk 1 100 m s * the minimum limit is 3 ref in cycles or 195 f in cycles, whichever is greater. archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 6 switching waveforms figure 1. figure 2. 10% v dd gnd 1/f clk output a (data out) clk 90% 50% 90% 50% 10% t plh t phl t tlh t thl t w t w t f t r enb output a output b 10% v dd gnd 50% 50% t plz t plh t phl 50% t pzl figure 3. figure 4. d in clk 50% valid 50% t su t h v dd gnd v dd gnd clk enb 50% t su t h first clk last clk t rec 50% v dd gnd v dd gnd t w t w figure 5. figure 6. test point device under test c l * * includes all probe and fixture capacitance. test point device under test c l * * includes all probe and fixture capacitance. +v pd 7.5 k w archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 7 loop specifications (v dd = v cc = 2.7 to 5.5 v unless otherwise indicated, t a = 40 to + 85 c) fig. guaranteed operating range symbol parameter test condition fig . no. min max unit p in input sensitivity range, f in 500 mhz f in 2000 mhz 7 10 4 dbm* f ref input frequency, ref in externally driven in reference mode v in 400 mv pp 2.7 v dd < 4.5 v 4.5 v dd 5.5 v 8 1.5 1.5 20 30 mhz f xtal crystal frequency, crystal mode c1 30 pf, c2 30 pf, includes stray capacitance 9 2 15 mhz f out output frequency, ref out c l = 20 pf, v out 1 v pp 10, 12 dc 10 mhz f operating frequency of the phase detectors dc 2 mhz t w output pulse width ( f r , f v , and ld) f r in phase with f v , c l = 20 pf, f r and f v active for ld measurement, ** v pd = 2.7 to 5.5 v v dd = 2.7 v v dd = 4.5 v v dd = 5.5 v 11, 12 40 18 14 120 60 50 ns t tlh , t thl output transition times (ld, f v , and f r ) c l = 20 pf, v pd = 2.7 v, v dd = v cc = 2.7 v 11, 12 e 80 ns c in input capacitance, ref in e 7 pf * power level at the input to the dc block. ** when pd out is active, ld minimum pulse width is approximately 5 ns. figure 7. test circuit sine wave generator 50 w device under test 0.01 m f test point v cc v dd ref in gnd output a v in figure 8. test circuit e reference mode (f r ) test point ref out v+ device under test c1 test point v cc v dd output a gnd ref in ref out c2 figure 9. test circuit e crystal mode (f r ) v+ 50% ref out 1 / f ref out figure 10. switching waveform 10% 90% output t tlh t thl figure 11. switching waveform 50% t w test point device under test c l * * includes all probe and fixture capacitance. figure 12. test circuit dc block 50 w pad sine wave generator 50 w v cc v dd gnd v+ test point output a (f v ) device under test f in f in note: alternately, the 50 w pad may be a t network. archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 8 3 4 2 2 1 1 4 3 3 v 5 v f in (pin 11) sog package figure 13. normalized input impedance at f in e series format (r + jx) table 1. input impedence at f in e series format (r + jx), v cc = 3 v marker frequency (ghz) resistance ( w ) reactance ( w ) capacitance/ inductance 1 0.5 11.4 168 1.9 pf 2 1 12.4 59.4 2.68 pf 3 1.5 19.8 34.9 3.04 pf 4 2 18.1 9.43 751 ph table 2. input impedence at f in e series format (r + jx), v cc = 5 v marker frequency (ghz) resistance ( w ) reactance ( w ) capacitance/ inductance 1 0.5 11.8 175 1.82 pf 2 1 11.5 64.4 2.47 pf 3 1.5 22.2 36.5 2.91 pf 4 2 18.4 1.14 90.4 ph archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 9 pin descriptions digital interface pins d in serial data input (pin 19) the bit stream begins with the most significant bit (msb) and is shifted in on the lowtohigh transition of clk. the bit pattern is 1 byte (8 bits) long to access the c or configuration register, 2 bytes (16 bits) to access the first buffer of the r register, or 3 bytes (24 bits) to access the a register (see table 3). the values in the c, r, and a registers do not change during shifting because the transfer of data to the registers is controlled by enb . caution the value programmed for the n counter must be greater than or equal to the value of the a counter. the 13 least significant bits (lsbs) of the r register are doublebuffered. as indicated above, data is latched into the first buffer on a 16bit transfer. (the 3 msbs are not double buffered and have an immediate effect after a 16bit transfer.) the second buffer of the r register contains the 13 bits for the r counter. this second buffer is loaded with the contents of the first buffer when the a register is loaded (a 24bit transfer). this allows presenting new values to the r, a, and n counters simultaneously. if this is not required, then the 16bit transfer may be followed by pulsing enb low with no signal on the clk pin. this is an alternate method of tran- sferring data to the second buffer of the r register (see fig- ure 16). the bit stream needs neither address nor steering bits due to the innovative bitgrabber plus registers. therefore, all bits in the stream are available to be data for the three registers. random access of any register is provided (i.e., the registers may be accessed in any sequence). data is retained in the registers over a supply range of 2.7 to 5.5 v. the formats are shown in figures 14, 15, and 16. d in typically switches near 50% of v dd to maximize noise immunity. this input can be directly interfaced to cmos de- vices with outputs guaranteed to switch near railtorail. when interfacing to nmos or ttl devices, either a level shifter (mc74hc14a, mc14504b) or pullup resistor of 1 k w to 10 k w must be used. parameters to consider when sizing the resistor are worstcase i ol of the driving device, maxi- mum tolerable power consumption, and maximum data rate. table 3. register access (msbs are shifted in first; c0, r0, and a0 are the lsbs) number of clocks accessed register bit nomenclature 8 16 24 other values 32 values > 32 c register r register a register not allowed see figures 22 25 c7, c6, c5, . . ., c0 r15, r14, r13, . . ., r0 a23, a22, a21, . . ., a0 clk serial data clock input (pin 18) lowtohigh transitions on clk shift bits available at the d in pin, while hightolow transitions shift bits from out- put a (when configured as data out, see pin 16). the 241/2stage shift register is static, allowing clock rates down to dc in a continuous or intermittent mode. eight clock cycles are required to access the c register. sixteen clock cycles are needed for the first buffer of the r register. twentyfour cycles are used to access the a regis- ter. see table 3 and figures 14, 15, and 16. the number of clocks required for cascaded devices is shown in figures 23 through 25. clk typically switches near 50% of v dd and has a schmitttriggered input buffer. slow clk rise and fall times are allowed. see the last paragraph of d in for more informa- tion. note to guarantee proper operation of the poweron reset (por) circuit, the clk pin must be held at gnd (with enb being a don't care) or enb must be held at the potential of the v+ pin (with clk be- ing a don't care) during powerup. floating, tog- gling, or having these pins in the wrong state during powerup does not harm the chip, but causes two potentially undesirable effects. first, the outputs of the device power up in an unknown state. second, if two devices are cascaded, the a registers must be written twice after power up. after these two accesses, the two cascaded chips perform normally. enb active low enable input (pin 17) this pin is used to activate the serial interface to allow the transfer of data to/from the device. when enb is in an inac- tive high state, shifting is inhibited and the port is held in the initialized state. to transfer data to the device, enb (which must start inactive high) is taken low, a serial transfer is made via d in and clk, and enb is taken back high. the lowtohigh transition on enb transfers data to the c or a registers and first buffer of the r register, depending on the data stream length per table 3. transitions on enb must not be attempted while clk is high. this puts the device out of synchronization with the microcontroller. resynchronization occurs when enb is high and clk is low. this input is also schmitttriggered and switches near 50% of v dd , thereby minimizing the chance of loading erro- neous data into the registers. see the last paragraph of d in for more information. for por information, see the note for the clk pin . archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 10 output a configurable digital output (pin 16) output a is selectable as f r , f v , data out, or port. bits a22 and a23 in the a register control the selection; see figure 15. if a23 = a22 = high, output a is configured as f r . this signal is the buffered output of the 13stage r counter. the f r signal appears as normally low and pulses high. the f r signal can be used to verify the divide ratio of the r counter. this ratio extends from 5 to 8191 and is determined by the binary value loaded into bits r0r12 in the r register. also, direct access to the phase detectors via the ref in pin is al- lowed by choosing a divide value of 1 (see figure 16). the maximum frequency at which the phase detectors operate is 2 mhz. therefore, the frequency of f r should not exceed 2 mhz. if a23 = high and a22 = low, output a is configured as f v . this signal is the buffered output of the 12stage n counter. the f v signal appears as normally low and pulses high. the f v signal can be used to verify the operation of the prescaler, a counter, and n counter. the divide ratio between the f in input and the f v signal is n 64 + a. n is the divide ratio of the n counter and a is the divide ratio of the a counter. these ratios are determined by bits loaded into the a register. see figure 15. the maximum frequency at which the phase detectors operate is 2 mhz. therefore, the fre- quency of f v should not exceed 2 mhz. if a23 = low and a22 = high, output a is configured as data out. this signal is the serial output of the 241/2stage shift register. the bit stream is shifted out on the hightolow transition of the clk input. upon power up, output a is automatically configured as data out to facilitate cascading devices. if a23 = a22 = low, output a is configured as port. this signal is a generalpurpose digital output which may be used as an mcu port expander. this signal is low when the port bit (c1) of the c register is low, and high when the port bit is high. output b opendrain digital output (pin 15) this signal is a generalpurpose digital output which may be used as an mcu port expander. this signal is low when the out b bit (c0) of the c register is low. when the out b bit is high, output b assumes the highimpedance state. output b may be pulled up through an external resistor or active circuitry to any voltage less than or equal to the poten- tial of the v pd pin. note : the maximum voltage allowed on the v pd pin is 5.5 v. upon powerup, poweron reset circuitry forces output b to a low level. reference pins ref in and ref out reference input and reference output (pins 20 and 1) configurable pins for a crystal or an external reference. this pair of pins can be configured in one of two modes: the crystal mode or the reference mode. bits r13, r14, and r15 in the r register control the modes as shown in figure 16. in crystal mode, these pins form a reference oscillator when connected to terminals of an external parallelreso- nant crystal. frequencysetting capacitors of appropriate values, as recommended by the crystal supplier, are con- nected from each of the two pins to ground (up to a maximum of 30 pf each, including stray capacitance). an external re- sistor of 1 m w to 15 m w is connected directly across the pins to ensure linear operation of the amplifier. the required con- nections for the components are shown in figure 9. to turn on the oscillator, bits r15, r14, and r13 must have an octal value of one (001 in binary, respectively). this is the activecrystal mode shown in figure 16. in this mode, the crystal oscillator runs and the r counter divides the crystal frequency, unless the part is in standby. if the part is placed in standby via the c register, the oscillator runs, but the r counter is stopped. however, if bits r15 to r13 have a value of 0, the oscillator is stopped, which saves additional power. this is the shutdown crystal mode (shown in figure 16) and can be engaged whether in standby or not. in the reference mode, ref in (pin 20) accepts a signal from an external reference oscillator, such as a tcxo. a sig- nal swinging from at least the v il to v ih levels listed in the electrical characteristics table may be directly coupled to the pin. if the signal is less than this level, ac coupling must be used as shown in figure 8. due to an onboard resistor which is engaged in the reference modes, an external bias- ing resistor tied between ref in and ref out is not required. with the reference mode, the ref out pin is configured as the output of a divider. as an example, if bits r15, r14, and r13 have an octal value of seven, the frequency at ref out is the ref in frequency divided by 16. in addition, figure 16 shows how to obtain ratios of eight, four, and two. a ratio of onetoone can be obtained with an octal value of three. upon power up, a ratio of eight is automatically initialized. the maximum frequency capability of the ref out pin is listed in the loop specifications table for an output swing of 1 v pp and 20 pf loads. therefore, for higher ref in fre- quencies, the onetoone ratio may not be used for this magnitude of signal swing and loading requirements. like- wise, for ref in frequencies above two times the highest rated frequency, the ratio must be more than two. the output has a special onboard driver that has slew rate control. this feature minimizes interference in the ap- plication. if ref out is unused, an octal value of two should be used for r15, r14, and r13 and the ref out pin should be floated. a value of two allows ref in to be functional while disabling ref out , which minimizes dynamic power consumption. loop pins f in and f in frequency inputs (pins 11 and 10) these pins are frequency inputs from the vco. these pins feed the onboard rf amplifier which drives the 64/65 pre- scaler. these inputs may be fed differentially. however, they are usually used in a singleended configuration (shown in figure 7). note that f in is driven while f in must be tied to ground via a capacitor. motorola does not recommend driving f in while terminating f in because this configuration is not tested for sensitivity. the sensitivity is dependent on the frequency as shown in the loop specifications table. archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 11 pd out singleended phase/frequency detector output (pin 6) this is a threestate currentsource/sink output for use as a loop error signal when combined with an external lowpass filter. the phase/frequency detector is characterized by a lin- ear transfer function. the operation of the phase/frequency detector is described below and is shown in figure 17. pol bit (c7) in the c register = low (see figure 14) frequency of f v > f r or phase of f v leading f r : current sinking pulses from a floating state frequency of f v < f r or phase of f v lagging f r : current sourcing pulses from a floating state frequency and phase of f v = f r : essentially a floating state; voltage at pin determined by loop filter pol bit (c7) = high frequency of f v > f r or phase of f v leading f r : current sourcing pulses from a floating state frequency of f v < f r or phase of f v lagging f r : current sinking pulses from a floating state frequency and phase of f v = f r : essentially a floating state; voltage at pin determined by loop filter this output can be enabled, disabled, and inverted via the c register. if desired, pd out can be forced to the highimped- ance state by utilization of the disable feature in the c regis- ter (bit c6). this is a patented feature. similarly, pd out is forced to the highimpedance state when the device is put into standby (stby bit c4 = high). the pd out circuit is powered by v pd . the phase detector gain is controllable by bits c3, c2, and c1: gain (in amps per radian) = pd out current divided by 2 p . f r and f v (pins 3 and 4) doubleended phase/frequency detector outputs these outputs can be combined externally to generate a loop error signal. through use of a motorola patented tech- nique, the detector's dead zone has been eliminated. there- fore, the phase/frequency detector is characterized by a linear transfer function. the operation of the phase/frequen- cy detector is described below and is shown in figure 17. pol bit (c7) in the c register = low (see figure 14) frequency of f v > f r or phase of f v leading f r : f v = nega- tive pulses, f r = essentially high frequency of f v < f r or phase of f v lagging f r : f v = essen- tially high, f r = negative pulses frequency and phase of f v = f r : f v and f r remain essen- tially high, except for a small minimum time period when both pulse low in phase pol bit (c7) = high frequency of f v > f r or phase of f v leading f r : f r = nega- tive pulses, f v = essentially high frequency of f v < f r or phase of f v lagging f r : f r = essen- tially high, f v = negative pulses frequency and phase of f v = f r : f v and f r remain essen- tially high, except for a small minimum time period when both pulse low in phase these outputs can be enabled, disabled, and inter- changed via c register bits c6 or c4. this is a patented fea- ture. note that when disabled or in standby, f r and f v are forced to their rest condition (high state). the f r and f v output signal swing is approximately from gnd to v pd . ld lock detector output (pin 2) this output is essentially at a high level with narrow low going pulses when the loop is locked (f r and f v of the same phase and frequency). the output pulses low when f v and f r are out of phase or different frequencies. ld is the logical anding of f r and f v (see figure 17). this output can be enabled and disabled via the c register. this is a patented feature. upon power up, onchip initializa- tion circuitry disables ld to a static low logic level to prevent a false alocko signal. if unused, ld should be disabled and left open. the ld output signal swing is approximately from gnd to v dd . rx external resistor (pin 8) a resistor tied between this pin and gnd, in conjunction with bits in the c register, determines the amount of current that the pd out pin sinks and sources. when bits c2 and c3 are both set high, the maximum current is obtained at pd out ; see tables 4 and 5 for other current values. the recom- mended value for rx is 3.9 k w . a value of 3.9 k w provides current at the pd out pin of approximately 1 ma @ v dd = 3 v and approximately 1.7 ma @ v dd = 5 v in the 100% current mode. note that v dd , not v pd , is a factor in determining the current. when the f r and f v outputs are used, the rx pin may be floated. table 4. pd out current*, c1 = low with output a not selected as aporto; also, default mode when output a selected as aporto bit c3 bit c2 pd out current* 0 0 1 1 0 1 0 1 70% 80% 90% 100% * at the time the data sheet was printed, only the 100% current mode was guaranteed. the reduced current modes were for experimentation only. table 5. pd out current*, c1 = high with output a not selected as aporto bit c3 bit c2 pd out current* 0 0 1 1 0 1 0 1 25% 50% 75% 100% * at the time the data sheet was printed, only the 100% current mode was guaranteed. the reduced current modes were for experimentation only. archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 12 test point pins test 1 modulus control signal (pin 9) this pin may be used in conjunction with the test 2 pin for access to the onboard 64/65 prescaler. when test 1 is low, the prescaler divides by 65. when high, the prescaler divides by 64. caution this pin is an unbuffered output and must be floated in an actual application. this pin must be attached to an isolated pad with no trace. test 2 prescaler output (pin 13) this pin may be used to access the onboard 64/65 pres- caler output. caution this pin is an unbuffered output and must be floated in an actual application. this pin must be attached to an isolated pad with no trace. power supply pins v dd positive power supply (pin 14) this pin supplies power to the main cmos digital portion of the device. also, this pin, in conjunction with the rx resis- tor, determines the internal reference current for the pd out pin. the voltage range is + 2.7 to + 5.5 v with respect to the gnd pin. for optimum performance, v dd should be bypassed to gnd using a lowinductance capacitor mounted very close to these pins. lead lengths on the capacitor should be minimized. v cc positive power supply (pin 12) this pin supplies power to the rf amp and 64/65 pres- caler. the voltage range is + 2.7 to + 5.5 v with respect to the gnd pin. in standby mode, the v cc pin still draws a few mil- liamps from the power supply. this current drain can be elim- inated with the use of transistor q1 as shown in figure 21. for optimum performance, v cc should be bypassed to gnd using a lowinductance capacitor mounted very close to these pins. lead lengths on the capacitor should be minimized. v pd positive power supply (pin 5) this pin supplies power to both phase/frequency detectors a and b. the voltage applied on this pin may be more or less than the potential applied to the v dd and v cc pins. the volt- age range for v pd is 2.7 to 5.5 v with respect to the gnd pin. for optimum performance, v pd should be bypassed to gnd using a lowinductance capacitor mounted very close to these pins. lead lengths on the capacitor should be minimized. gnd ground (pin 7) common ground. archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 13 enb clk d in msb lsb c7 c6 c5 c4 c3 c2 c1 c0 1 234 5678 * * at this point, the new byte is transferred to the c register and stored. no other registers are affected. c7 pol: selects the output polarity of the phase/frequency detectors. when set high, this bit inverts pd out and interchanges the f r function with f v as depicted in figure 17. also see the phase detector output pin descriptions for more information. this bit is cleared low at power up. c6 pda/b: selects which phase/frequency detector is to be used. when set high, enables the output of phase/fre- quency detector a (pd out ) and disables phase/frequency detector b by forcing f r and f v to the static high state. when cleared low, phase/frequency detector b is enabled ( f r and f v ) and phase/frequency detector a is disabled with pd out forced to the highimpedance state. this bit is cleared low at power up. c5 lde: enables the lock detector output when set high. when the bit is cleared low, the ld output is forced to a static low level. this bit is cleared low at power up. c4 stby: when set, places the cmos section of device, which is powered by the v dd and v pd pins, in the standby mode for reduced power consumption: pd out is forced to the highimpedance state, f r and f v are forced high, the a, n, and r counters are inhibited from counting, and the rx current is shut off. in standby, the state of ld is determined by bit c5. c5 low forces ld low (no change). c5 high forces ld static high. during standby, data is retained in the a, r, and c registers. the condition of ref/osc circuitry is determined by the control bits in the r register: r13, r14, and r15. however, if ref out = static low is selected, the internal feedback resistor is disconnected and the input is inhibited when in standby; in addition, the ref in input only presents a capacitive load. note: standby does not affect the other modes of the ref/osc circuitry. when c4 is reset low, the part is taken out of standby in two steps. first, the ref in (only in one mode) resistor is reconnected, all counters are enabled, and the rx current is enabled. any f r and f v signals are inhibited from toggling the phase/frequency detectors and lock detector. second, when the first f v pulse occurs, the r counter is jam loaded, and the phase/frequency and lock detectors are initialized. immediately after the jam load, the a, n, and r counters begin counting down together. at this point, the f r and f v pulses are enabled to the phase and lock detectors. (patented feature.) c3, c2 i2, i1: controls the pd out source/sink current per tables 4 and 5. with both bits high, the maximum current is available. also, see c1 bit description. c1 port: when the output a pin is selected as aporto via bits a22 and a23, c1 determines the state of output a. when c1 is set high, output a is forced high; c1 low forces output a low. when output a is not selected as aport,o c1 controls whether the pd out step size is 10% or 25%. (see tables 4 and 5.) when low, steps are 10%. when high, steps are 25%. default is 10% steps when output a is selected as aport.o the port bit is not affected by the standby mode. c0 out b: determines the state of output b. when c0 is set high, output b is highimpedance; c0 low forces output b low. the out b bit is not affected by the standby mode. this bit is cleared low at power up. figure 14. c register access and format (8 clock cycles are used) archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 14 ??? ??? ??? a22 ??? a21 ??? a20 ??? a19 ??? a18 ??? a17 ??? a16 ??? ??? a15 ??? a14 ??? ??? a13 ??? a12 ??? a11 ??? a10 ??? a9 ??? a8 ??? a7 ??? ??? a6 ??? a5 ??? ??? a4 ??? a3 ??? a2 ??? a1 ??? ??? ??? a0 ??? ??? ??? ??? a23 note 3 23456789101112131415161718192021222324 1 1 1 msb lsb 0 0 1 1 0 1 0 1 port data out f f v r binary value output a function (note 1) both bits must be high 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 2 3 4 5 6 7 not allowed not allowed not allowed not allowed not allowed n counter = 5 n counter = 6 n counter = 7 . . . f f . . . f f . . . e f n counter = 4094 n counter = 4095 hexadecimal value for n counter 0 0 0 0 3 0 1 2 3 e a counter = 0 a counter = 1 a counter = 2 a counter = 3 a counter = 62 4 1 not allowed hexadecimal value for a counter 3 4 f 0 a counter = 63 not allowed . . . f . . . f not allowed . . . . . . notes: 1. a power-on initialize circuit forces the output a function to default to data out. 2. the values programmed for the n counter must be greater than or equal to the values programmed for the a counter. this result s in a total divide value = n x 64 + a. 3. at this point, the three new bytes are transferred to the a register. in addition, the 13 lsbs in the first buffer of the r register are transferred to the r register's second buffer. thus, the r, n, and a counters can be presented new divide ratios at the same time. the first buffer of the r register is not affected. the c register is not affected. enb clk d in figure 15. a register access and format (24 clock cycles are used) archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 15 enb clk d in 12345678 msb lsb r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 r0 r11r12r13r14r15 9 1011 1213 1415 16 0 0 0 0 0 0 0 0 0 f f 0 0 0 0 0 0 0 0 0 f f 0 1 2 3 4 5 6 7 8 e f not allowed r counter = 1 (note 6) not allowed not allowed not allowed r counter = 5 r counter = 6 r counter = 7 r counter = 8 r counter = 8190 r counter = 8191 hexadecimal value 0 0 0 0 0 0 0 0 0 1 1 binary value 0 1 2 3 4 5 6 7 crystal mode, shut down crystal mode, active reference mode, ref in enabled and ref out static low reference mode, ref out = ref in (buffered) reference mode, ref out = ref in /2 reference mode, ref out = ref in /4 reference mode, ref out = ref in /8 (note 3) reference mode, ref out = ref in /16 octal value notes: 1. bits r15 through r13 control the configurable aosc or 4stage dividero block (see block diagram). 2. bits r12 through r0 control the a13stage r countero block (see block diagram). 3. a poweron initialize circuit forces a default ref in to ref out ratio of eight. 4. at this point, bits r13, r14, and r15 are stored and sent to the aosc or 4stage dividero block in the block diagram. bits r0 r12 are loaded into the first buffer in the doublebuffered section of the r register. therefore, the r counter divide ratio is not altered yet and retains the previous ratio loaded. the c and a registers are not affected. 5. optional load pulse. at this point, bits r0 r12 are transferred to the second buffer of the r register. the r counter begin s dividing by the new ratio after completing the rest of the present count cycle. clk must be low during the enb pulse, as shown. the c and a registers are not affected. the first buffer of the r register is not affected. also, see note 3 of figure 15 for an alternate method of loading the second buffer in the r register. 6. allows direct access to reference input of phase/frequency detectors. note 4 note 5 figure 16. r register access and format (16 clock cycles are used) archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 16 note: the pd out either sources or sinks current during outoflock conditions. when locked in phase and frequency, the output is in the float ing condition and the voltage at that pin is determined by the lowpass filter capacitor. pd out , f r , and f v are shown with the polarity bit (pol) = low; see figure 14 for pol. f r reference ref in r f v feedback f in (n x 64 + a) pd out f r f v ld v h v l sourcing current v h v h v l float v h v l v l v l v h * sinking current v h = high voltage level v l = low voltage level *at this point, when both f r and f v are in phase, the output source and sink circuits are turned on for a short interval. figure 17. phase/frequency detectors and lock detector output waveforms archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 17 design considerations crystal oscillator considerations the following options may be considered to provide a ref- erence frequency to motorola's cmos frequency synthe- sizers. use of a hybrid crystal oscillator commercially available temperaturecompensated crystal oscillators (tcxos) or crystalcontrolled data clock oscilla- tors provide very stable reference frequencies. an oscillator capable of cmos logic levels at the output may be direct or dc coupled to ref in . if the oscillator does not have cmos logic levels on the outputs, capacitive or ac coupling to ref in may be used (see figure 8). for additional information about tcxos and data clock oscillators, please consult the latest version of the eem elec- tronic engineers master catalog, the gold book, or similar publications. design an offchip reference the user may design an offchip crystal oscillator using discrete transistors or ics specifically developed for crystal oscillator applications, such as the mc12061 mecl device. the reference signal from the mecl device is ac coupled to ref in (see figure 8). for large amplitude signals (standard cmos logic levels), dc coupling may be used. use of the onchip oscillator circuitry the onchip amplifier (a digital inverter) along with an ap- propriate crystal may be used to provide a reference source frequency. a fundamental mode crystal, parallel resonant at the desired operating frequency, should be connected as shown in figure 18. the crystal should be specified for a loading capacitance (c l ) which does not exceed approximately 20 pf when used at the highest operating frequencies listed in the loop speci- fications table. assuming r1 = 0 w , the shunt load capaci- tance (c l ) presented across the crystal can be estimated to be: c l = c in c out c in + c out + c a + c stray + c1 ? c2 c1 + c2 where c in = 5 pf (see figure 19) c out = 6 pf (see figure 19) c a = 1 pf (see figure 19) c1 and c2 = external capacitors (see figure 18) c stray = the total equivalent external circuit stray capacitance appearing across the crystal terminals the oscillator can be atrimmedo onfrequency by making a portion or all of c1 variable. the crystal and associated com- ponents must be located as close as possible to the ref in and ref out pins to minimize distortion, stray capacitance, stray inductance, and startup stabilization time. circuit stray capacitance can also be handled by adding the appropriate stray value to the values for c in and c out . for this approach, the term c stray becomes 0 in the above expression for c l . power is dissipated in the effective series resistance of the crystal, r e , in figure 20. the maximum drive level specified by the crystal manufacturer represents the maximum stress that the crystal can withstand without damage or excessive shift in operating frequency. r1 in figure 18 limits the drive level. the use of r1 is not necessary in most cases. to verify that the maximum dc supply voltage does not cause the crystal to be overdriven, monitor the output frequency (f r ) at output a as a function of supply voltage. (ref out is not used because loading impacts the oscillator.) the frequency should increase very slightly as the dc supply voltage is increased. an overdriven crystal decreases in fre- quency or becomes unstable with an increase in supply volt- age. the operating supply voltage must be reduced or r1 must be increased in value if the overdriven condition exists. the user should note that the oscillator startup time is pro- portional to the value of r1. through the process of supplying crystals for use with cmos inverters, many crystal manufacturers have devel- oped expertise in cmos oscillator design with crystals. dis- cussions with such manufacturers can prove very helpful (see table no tag). r1* c2c1 frequency synthesizer ref out ref in r f * may be needed in certain cases. see text. figure 18. pierce crystal oscillator circuit c in c out c a ref in ref out c stray figure 19. parasitic capacitances of the amplifier and c stray note: values are supplied by crystal manufacturer (parallel resonant crystal). 2 1 2 12 1 r s l s c s r e x e c o figure 20. equivalent crystal networks archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 18 recommended reading technical note tn24, statek corp. technical note tn7, statek corp. e. hafner, athe piezoelectric crystal unitdefinitions and method of measuremento, proc. ieee, vol. 57, no. 2, feb. 1969. d. kemper, l. rosine, aquartz crystals for frequency controlo, electrot echnology , june 1969. p. j. ottowitz, aa guide to crystal selectiono, electronic design , may 1966. d. babin, adesigning crystal oscillatorso, machine design , march 7, 1985. d. babin, aguidelines for crystal oscillator designo, machine design , april 25, 1985. table 6. partial list of crystal manufacturers motorola e internet address http://motorola.com (search for resonators) united states crystal corp. crystek crystal statek corp. fox electronics note: motorola cannot recommend one supplier over another and in no way suggests that this is a complete listing of crystal manufacturers. archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 19 f(s) = assuming gain a is very large, then: z(s) = z = w n = phaselocked loop e lowpass filter design (b) a c r 2 c vco (a) f r f v r 1 r 1 r 2 k f k vco nc r 2 sc w n = k f k vco ncr 1 z = w n r 2 c 2 r 2 sc + 1 r 1 sc note: for (b), r 1 is frequently split into two series resistors; each resistor is equal to r 1 divided by 2. a capacitor c c is then placed from the midpoint to ground to further filter the error pulses. the value of c c should be such that the corner frequency of this network does not significantly affect w n . definitions: n = total division ratio in feedback loop k f (phase detector gain) = i pdout /2 p amps per radian for pd out k f (phase detector gain) = v pd /2 p volts per radian for f v and f r k vco (vco transfer function) = 2 pd f vco d v vco for a nominal design starting point, the user might consider a damping factor z 0.7 and a natural loop frequency w n (2 p f r / 50) where f r is the frequency at the phase detector input. larger w n values result in faster loop lock times and, for similar sideband filtering, higher f r related vco sidebands. recommended reading: gardner, floyd m., phaselock t echniques (second edition). new york, wileyinterscience, 1979. manassewitsch, vadim, frequency synthesizers: theory and design (second edition). new york, wileyinterscience, 1980. blanchard, alain, phaselocked loops: application to coherent receiver design. new york, wileyinterscience, 1976. egan, william f., frequency synthesis by phase lock. new york, wileyinterscience, 1981. rohde, ulrich l., digital pll frequency synthesizers theory and design. englewood cliffs, nj, prenticehall, 1983. berlin, howard m., design of phaselocked loop circuits, with experiments. indianapolis, howard w. sams and co., 1978. kinley, harold, the pll synthesizer cookbook. blue ridge summit, pa, tab books, 1980. seidman, arthur h., integrated circuits applications handbook , chapter 17, pp. 538586. new york, john wiley & sons. fadrhons, jan, adesign and analyze plls on a programmable calculator,o edn . march 5, 1980. an535, phaselocked loop design fundamentals, motorola semiconductor products, inc., 1970. ar254, phaselocked loop design articles, motorola semiconductor products, inc., reprinted with permission from electronic design, 1987. an1253, an improved pll design method without w n and z , motorola semiconductor products, inc., 1995. + k vco c n k f 1 + src note: for (a), using k f in amps per radian with the filter's impedance transfer function, z(s), maintains units of volts per radian for the detector/filter combination. additional sideband filtering can be accomplished by adding a capacitor c across r. the corner w c = 1/rc should be chosen such that w n is not significantly affected. c vco r pd out radians per volt either loop filter (a) or (b) is frequently followed by additional sideband filtering to further attenuate f r related vco sidebands. this additional filtering may be active or passive. = w n rc 2 archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 20 threshold detector lowpass filter nc 1000 pf uhf vco integrator mcu +3 v generalpurpose digital output +3 v ref out ref in v cc v dd gnd ld f r f v v pd pd out rx test 1 f in f in test 2 output b output a enb clk d in 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 q1 nc + 3 v uhf output buffer note 2 notes: 1. when used, the f r and f v outputs are fed to an external combiner/loop filter. see the phase locked loop e lowpass filter design page for additional information. 2. transistor q1 is required only if the standby feature is needed. q1 permits the bipolar section of the device to be shut down via use of the generalpurpose digital pin, output b. if the stand- by feature is not needed, tie pin 12 directly to the power supply. 3. for optimum performance, bypass the v cc , v dd , and v pd pins to gnd with lowinductance ca- pacitors. 4. the r counter is programmed for a divide value = ref in /f r . typically, f r is the tuning resolution required for the vco. also, the vco frequency divided by f r = n t = n x 64 + a; this determines the values (n, a) that must be programmed into the n and a counters, respectively. figure 21. example application cmos mcu output a (data out) enb clk d in device #1 output a (data out) enb clk d in device #2 optional note: see related figures 23, 24, and 25. figure 22. cascading two devices archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 21 figure 23. accessing the c registers of two cascaded mc145202 devices figure 24. accessing the a registers of two cascaded mc145202 devices 1 2 7 8 9 10 151617 18 23242526 3132 c register bits of device #2 in figure 22 c register bits of device #1 in figure 22 *at this point, the new bytes are transferred to the c registers of both devices and stored. no other registers are affected. c7 c6 c0 x x x x x x c7 c6 c0 ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? * enb clk d in 12 7 8 9 151617 232425 3132 a register bits of device #2 in figure 22 a register bits of device #1 in figure 22 a23 a22 a16 a15 a8 a7 a0 a23 a16 ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? 38 39 40 47 48 a9 a8 a0 ?? ?? ?? ?? ?? ?? * enb clk d in * at this point, the new bytes are transferred to the a registers of both devices and stored. additionally, for both devices, the 13 lsbs in each of the first buffers of the r registers are transferred to the respective r register's second buffer. thus, the r, n, and a counter can be presented new divide ratios at the same time. the first buffer of each r register is not affected. neither c register is affected. archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 22 12 7 8 9 151617 232425 r register bits of device #2 in figure 22 r register bits of device #1 in figure 22 r15 r14 r8 r7 r0 x x r15 ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? 31 32 33 39 40 r8 r7 r0 ??? ??? ??? ??? ??? note 1 note 2 figure 25. accessing the r registers of two cascaded mc145202 devices enb clk d in 1. at this point, bits r13, r14 and r15 are stored and sent to the ``osc or 4stage dividero block in the block diagram. bits r0 through r12 are loaded into the first buffer in the doublebuffered section of the r register. therfore, the r counter divide is no t altered yet and retains the previous ratio loaded. the c and a registers are not affected. 2. optional load pulse. at this point, the bits r0 through r12 are transfered to the second buffer of the r register. the r cou nter begins dividing are not affected. the first buffer of the r register is not affected. also, see note of figure 24 for an alternate method o f loading the second buffer in the r register. by the new ratio after completing the rest of the present count cycle. clk must be low during the enb pulse, as shown. the c and a registers notes applicable to each device: archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 23 package dimensions f suffix sog (small outline gullwing) package case 751j01 0.10 (0.004) seating plane t notes: 1. dimensions aao and abo are datums and ato is a datum surface. 2. dimensioning and tolerancing per ansi y14.5m, 1982. 3. controlling dim: millimeter. 4. dimension a and b do not include mold protrusion. 5. maximum mold protrusion 0.15 (0.006) per side. min minmax max millimeters inches dim a b c d g j k l m s 12.55 5.10 e 0.35 0.18 0.55 0.05 0 7.40 12.80 5.40 2.00 0.45 0.23 0.85 0.20 7 8.20 0.494 0.201 e 0.014 0.007 0.022 0.002 0 0.291 0.504 0.213 0.079 0.018 0.009 0.033 0.008 7 0.323 1.27 bsc 0.050 bsc 0.13 (0.005) m t s s a b mm 0.13 (0.005) b a b 1 10 11 20 g d 20 pl c m k s 10 pl l j dt suffix tssop (thin shrunk small outline package) case 948d03 a b l d c g h dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.25 0.002 0.010 f 0.45 0.55 0.018 0.022 g 0.65 bsc 0.026 bsc h 0.275 0.375 0.011 0.015 j 0.09 0.24 0.004 0.009 k 0.16 0.32 0.006 0.013 l 6.30 6.50 0.248 0.256 m 0 10 0 10 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimensions a and b are to be determined at datum plane u. f m k k1 j j1 a a j1 0.09 0.18 0.004 0.007 k1 0.16 0.26 0.006 0.010 0.100 (0.004) section a-a pin 1 identification -t- -u- 0.200 (0.004) m t 20x ref k 20 1 10 11 seating plane archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005
mc145202 motorola wireless semiconductor solutions rf and if device data 24 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, represe ntation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the applicati on or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo para meters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all ope rating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under it s patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical imp lant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expens es, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. mfax is a trademark of motorola, inc. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : motorola japan ltd.; spd, strategic planning office, 141, p.o. box 5405, denver, colorado 80217. 13036752140 or 18004412447 4321 nishigotanda, shinagawaku, tokyo, japan. 813 54878488 customer focus center: 18005216274 mfax ? : rmfax0@email.sps.mot.com touchtone 1 6022446609 asia / pacific : motorola semiconductors h.k. ltd.; silicon harbour centre, motorola fax back system us & canada only 18007741848 2, dai king street, tai po industrial estate, tai po, n.t., hong kong. http://sps.motorola.com/mfax/ 85226629298 home page : http://motorola.com/sps/ mc145202/d ? archive information archive information f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . . archived by freescale semiconductor, inc. 2005


▲Up To Search▲   

 
Price & Availability of MC145202DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X