Part Number Hot Search : 
AD746BQ DA101MF8 GPS1200 D1C050D D8284A 0B6TR MC1612 S3700
Product Description
Full Text Search
 

To Download M24C64-DL1T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/18 january 1999 m24c64 m24c32 64/32 kbit serial i2c bus eeprom n compatible with i 2 c extended addressing n two wire i 2 c serial interface supports 400 khz protocol n single supply voltage: C 4.5v to 5.5v for m24cxx C 2.5v to 5.5v for m24cxx-w C 1.8v to 3.6v for m24cxx-r n hardware write control n byte and page write (up to 32 bytes) n random and sequential read modes n self-timed programming cycle n automatic address incrementing n enhanced esd/latch-up behaviour n 1 million erase/write cycles (minimum) n 40 year data retention (minimum) description these electrically erasable programmable memo- ry (eeprom) devices are fabricated with stmi- croelectronics high endurance, single polysilicon, cmos technology. this guarantees an endurance typically well above one million erase/write cycles, with a data retention of 40 years. the memories are organised as 8192x8 bits (m24c64) and 4096x8 bits (m24c32), and op- erate down to 2.5 v (for the -w version of each de- figure 1. logic diagram ai01844b 3 e0-e2 sda v cc m24c64 m24c32 wc scl v ss table 1. signal names e0, e1, e2 chip enable inputs sda serial data/address input/ output scl serial clock wc write control v cc supply voltage v ss ground psdip8 (bn) 0.25 mm frame so8 (mn) 150 mil width tssop14 (dl) 169 mil width 8 1 8 1 14 1 so8 (mw) 200 mil width 8 1
m24c64, m24c32 2/18 vice), and down to 1.8 v (for the -r version of each device). the m24c64 and m24c32 are available in plastic dual-in-line, plastic small outline and thin shrink small outline packages. these memory devices are compatible with the i 2 c extended memory standard. this is a two wire serial interface that uses a bi-directional data bus and serial clock. the memory carries a built-in 4- bit unique device type identifier code (1010) in accordance with the i 2 c bus definition. the memory behaves as a slave device in the i 2 c protocol, with all memory operations synchronized by the serial clock. read and write operations are initiated by a start condition, generated by the bus master. the start condition is followed by a figure 2a. dip connections figure 2b. so connections sda v ss scl wc e1 e0 v cc e2 ai01845b m24c64 m24c32 1 2 3 4 8 7 6 5 1 ai01846b 2 3 4 8 7 6 5 sda v ss scl wc e1 e0 v cc e2 m24c64 m24c32 figure 2c. tssop connections note: 1. nc = not connected 1 ai02129 2 3 7 14 13 12 8 sda v ss nc wc e1 e0 v cc nc m24c64 m24c32 scl nc nc nc nc e2 4 5 11 10 69 table 2. absolute maximum ratings 1 note: 1. except for the rating operating temperature range, stresses above those listed in the table absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and operation of the device at these or any other conditio ns above those indicated in the operating sections of this specification is not implied. exposure to absolute maximum rating condi - tions for extended periods may affect device reliability. refer also to the st sure program and other relevant quality document s. 2. mil-std-883c, 3015.7 (100 pf, 1500 w ) 3. eiaj ic-121 (condition c) (200 pf, 0 w ) symbol parameter value unit t a ambient operating temperature -40 to 125 c t stg storage temperature -65 to 150 c t lead lead temperature during soldering psdip8: 10 sec so8: 40 sec tssop14: t.b.c. 260 215 t.b.c. c v io input or output range -0.6 to 6.5 v v cc supply voltage -0.3 to 6.5 v v esd electrostatic discharge voltage (human body model) 2 4000 v electrostatic discharge voltage (machine model) 3 500 v
3/18 m24c64, m24c32 device select code and rw bit (as described in table 3), terminated by an acknowledge bit. when writing data to the memory, the memory in- serts an acknowledge bit during the 9 th bit time, following the bus masters 8-bit transmission. when data is read by the bus master, the bus master acknowledges the receipt of the data byte in the same way. data transfers are terminated by a stop condition after an ack for write, and af- ter a noack for read. power on reset: v cc lock-out write protect in order to prevent data corruption and inadvertent write operations during power up, a power on re- set (por) circuit is included. the internal reset is held active until the v cc voltage has reached the por threshold value, and all operations are dis- abled C the device will not respond to any com- mand. in the same way, when v cc drops from the operating voltage, below the por threshold value, all operations are disabled and the device will not respond to any command. a stable and valid v cc must be applied before applying any logic signal. signal description serial clock (scl) the scl input pin is used to strobe all data in and out of the memory. in applications where this line is used by slaves to synchronize the bus to a slow- er clock, the master must have an open drain out- put, and a pull-up resistor must be connected from the scl line to v cc . (figure 3 indicates how the value of the pull-up resistor can be calculated). in most applications, though, this method of synchro- nization is not employed, and so the pull-up resis- tor is not necessary, provided that the master has a push-pull (rather than open drain) output. serial data (sda) the sda pin is bi-directional, and is used to trans- fer data in or out of the memory. it is an open drain output that may be wire-ored with other open drain or open collector signals on the bus. a pull up resistor must be connected from the sda bus to v cc . (figure 3 indicates how the value of the pull-up resistor can be calculated). chip enable (e2, e1, e0) these chip enable inputs are used to set the value that is to be looked for on the three least significant bits (b3, b2, b1) of the 7-bit device select code. these inputs may be driven dynamically or tied to v cc or v ss to establish the device select code (but note that the v il and v ih levels for the inputs are cmos compatible, not ttl compatible). write control (wc ) the hardware write control pin (wc ) is useful for protecting the entire contents of the memory from inadvertent erase/write. the write control signal is used to enable (wc =v il ) or disable (wc =v ih ) write instructions to the entire memory area. when unconnected, the wc input is internally read as v il , and write operations are allowed. when wc =1, device select and address bytes are acknowledged, data bytes are not acknowl- edged. please see the application note an404 for a more detailed description of the write control feature. device operation the memory device supports the i 2 c protocol. this is summarized in figure 4, and is compared with other serial bus protocols in application note an1001 . any device that sends data on to the bus is defined to be a transmitter, and any device that figure 3. maximum r l value versus bus capacitance (c bus ) for an i 2 c bus ai01665 v cc c bus sda r l master r l scl c bus 100 0 4 8 12 16 20 c bus (pf) maximum rp value (k w ) 10 1000 fc = 400khz fc = 100khz
m24c64, m24c32 4/18 reads the data to be a receiver. the device that controls the data transfer is known as the master, and the other as the slave. a data transfer can only be initiated by the master, which will also provide the serial clock for synchronization. the memory device is always a slave device in all communica- tion. start condition start is identified by a high to low transition of the sda line while the clock, scl, is stable in the high state. a start condition must precede any data transfer command. the memory device con- tinuously monitors (except during a programming cycle) the sda and scl lines for a start condi- tion, and will not respond unless one is given. stop condition stop is identified by a low to high transition of the sda line while the clock scl is stable in the high state. a stop condition terminates communica- tion between the memory device and the bus mas- ter. a stop condition at the end of a read command, after (and only after) a noack, forces the memory device into its standby state. a stop condition at the end of a write command triggers the internal eeprom write cycle. acknowledge bit (ack) an acknowledge signal is used to indicate a suc- cessful byte transfer. the bus transmitter, whether it be master or slave, releases the sda bus after sending eight bits of data. during the 9 th clock pulse period, the receiver pulls the sda bus low to acknowledge the receipt of the eight data bits. data input during data input, the memory device samples the sda bus signal on the rising edge of the clock, scl. for correct device operation, the sda signal must be stable during the clock low-to-high transi- tion, and the data must change only when the scl line is low. figure 4. i 2 c bus protocol scl sda scl sda sda start condition sda input sda change ai00792 stop condition 1 23 7 89 msb ack start condition scl 1 23 7 89 msb ack stop condition
5/18 m24c64, m24c32 memory addressing to start communication between the bus master and the slave memory, the master must initiate a start condition. following this, the master sends the 8-bit byte, shown in table 3, on the sda bus line (most significant bit first). this consists of the 7-bit device select code, and the 1-bit read/write designator (rw ). the device select code is fur- ther subdivided into: a 4-bit device type identifier, and a 3-bit chip enable address (e2, e1, e0). to address the memory array, the 4-bit device type identifier is 1010b. if all three chip enable inputs are connected, up to eight memory devices can be connected on a sin- gle i 2 c bus. each one is given a unique 3-bit code on its chip enable inputs. when the device se- lect code is received on the sda bus, the memory only responds if the chip select code is the same as the pattern applied to its chip enable pins. the 8 th bit is the rw bit. this is set to 1 for read and 0 for write operations. if a match occurs on the device select code, the corresponding mem- ory gives an acknowledgment on the sda bus dur- ing the 9 th bit time. if the memory does not match the device select code, it deselects itself from the bus, and goes into stand-by mode. there are two modes both for read and write. these are summarized in table 6 and described later. a communication between the master and the slave is ended with a stop condition. each data byte in the memory has a 16-bit (two byte wide) address. the most significant byte (ta- ble 4) is sent first, followed by the least significant byte (table 5). bits b15 to b0 form the address of the byte in memory. bits b15 to b13 are treated as a dont care bit on the m24c64 memory. bits b15 to b12 are treated as dont care bits on the m24c32 memory. write operations following a start condition the master sends a device select code with the rw bit set to 0, as shown in table 6. the memory acknowledges this, and waits for two address bytes. the memory re- sponds to each address byte with an acknowledge bit, and then waits for the data byte. writing to the memory may be inhibited if the wc input pin is taken high. any write command with wc =1 (during a period of time from the start condition until the end of the two address bytes) will not modify the memory contents, and the ac- companying data bytes will not be acknowledged (as shown in figure 5). byte write in the byte write mode, after the device select code and the address bytes, the master sends table 3. device select code 1 note: 1. the most significant bit, b7, is sent first. device type identifier chip enable rw b7 b6 b5 b4 b3 b2 b1 b0 device select code 1 0 1 0 e2 e1 e0 rw table 4. most significant byte note: 1. b15 to b13 are dont care on the m24c64 series. b15 to b12 are dont care on the m24c32 series. table 5. least significant byte b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 table 6. operating modes note: 1. x = v ih or v il . mode rw bit wc 1 bytes initial sequence current address read 1 x 1 start, device select, rw = 1 random address read 0 x 1 start, device select, rw = 0, address 1 x restart, device select, rw = 1 sequential read 1 x 3 1 similar to current or random address read byte write 0 v il 1 start, device select, rw = 0 page write 0 v il 32 start, device select, rw = 0
m24c64, m24c32 6/18 figure 5. write mode sequences with wc =1 (data write inhibited) stop start byte write dev sel byte addr byte addr data in wc start page write dev sel byte addr byte addr data in 1 wc data in 2 ai01120b page write (cont'd) wc (cont'd) stop data in n ack ack ack no ack r/w ack ack ack no ack r/w no ack no ack one data byte. if the addressed location is write protected by the wc pin, the memory replies with a noack, and the location is not modified. if, in- stead, the wc pin has been held at 0, as shown in figure 6, the memory replies with an ack. the master terminates the transfer by generating a stop condition. page write the page write mode allows up to 32 bytes to be written in a single write cycle, provided that they are all located in the same row in the memory: that is the most significant memory address bits (b12-b5 for the m24c64 and b11-b5 for the m24c32) are the same. if more bytes are sent than will fit up to the end of the row, a condition known as roll-over occurs. data starts to become overwritten (in a way not formally specified in this data sheet). the master sends from one up to 32 bytes of data, each of which is acknowledged by the memory if the wc pin is low. if the wc pin is high, the con- tents of the addressed memory location are not modified, and each data byte is followed by a noack. after each byte is transferred, the internal byte address counter (the 5 least significant bits only) is incremented. the transfer is terminated by the master generating a stop condition. when the master generates a stop condition im- mediately after the ack bit (in the 10 th bit time slot), either at the end of a byte write or a page write, the internal memory write cycle is triggered. a stop condition at any other time does not trig- ger the internal write cycle. during the internal write cycle, the sda input is disabled internally, and the device does not re- spond to any requests.
7/18 m24c64, m24c32 figure 6. write mode sequences with wc =0 (data write enabled) stop start byte write dev sel byte addr byte addr data in wc start page write dev sel byte addr byte addr data in 1 wc data in 2 ai01106b page write (cont'd) wc (cont'd) stop data in n ack r/w ack ack ack ack ack ack ack r/w ack ack
m24c64, m24c32 8/18 read operations read operations are performed independently of the state of the wc pin. random address read a dummy write is performed to load the address into the address counter, as shown in figure 8. then, without sending a stop condition, the mas- ter sends another start condition, and repeats the device select code, with the rw bit set to 1. the memory acknowledges this, and outputs the contents of the addressed byte. the master must not acknowledge the byte output, and terminates the transfer with a stop condition. current address read the device has an internal address counter which is incremented each time a byte is read. for the current address read mode, following a start condition, the master sends a device select code with the rw bit set to 1. the memory acknowl- edges this, and outputs the byte addressed by the minimizing system delays by polling on ack during the internal write cycle, the memory discon- nects itself from the bus, and copies the data from its internal latches to the memory cells. the maxi- mum write time (t w ) is shown in table 9, but the typical time is shorter. to make use of this, an ack polling sequence can be used by the master. the sequence, as shown in figure 7, is: C initial condition: a write is in progress. C step 1: the master issues a start condition followed by a device select code (the first byte of the new instruction). C step 2: if the memory is busy with the internal write cycle, no ack will be returned and the mas- ter goes back to step 1. if the memory has ter- minated the internal write cycle, it responds with an ack, indicating that the memory is ready to receive the second part of the next instruction (the first byte of this instruction having been sent during step 1). figure 7. write cycle polling flowchart using ack write cycle in progress ai01847 next operation is addressing the memory start condition device select with rw = 0 ack returned yes no yes no restart stop proceed write operation proceed random address read operation send byte address first byte of instruction with rw = 0 already decoded by m24xxx
9/18 m24c64, m24c32 the output data comes from consecutive address- es, with the internal address counter automatically incremented after each byte output. after the last memory address, the address counter rolls-over and the memory continues to output data from the start of the memory block. acknowledge in read mode in all read modes, the memory waits, after each byte read, for an acknowledgment during the 9 th bit time. if the master does not pull the sda line low during this time, the memory terminates the data transfer and switches to its standby state. internal address counter. the counter is then in- cremented. the master terminates the transfer with a stop condition, as shown in figure 8, with- out acknowledging the byte output. sequential read this mode can be initiated with either a current address read or a random address read. the master does acknowledge the data byte output in this case, and the memory continues to output the next byte in sequence. to terminate the stream of bytes, the master must not acknowledge the last byte output, and must generate a stop condition. figure 8. read mode sequences note: 1. the seven most significant bits of the device select code of a random read (in the 1 st and 4 th bytes) must be identical. start dev sel * byte addr byte addr start dev sel data out 1 ai01105c data out n stop start current address read dev sel data out random address read stop start dev sel * data out sequential current read stop data out n start dev sel * byte addr byte addr sequential random read start dev sel * data out 1 stop ack r/w no ack ack r/w ack ack ack r/w ack ack ack no ack r/w no ack ack ack ack r/w ack ack r/w ack no ack
m24c64, m24c32 10/18 table 7. dc characteristics (t a = 0 to 70 c or -40 to 85 c; v cc = 4.5 to 5.5 v or 2.5 to 5.5 v) (t a = 0 to 70 c or -20 to 85 c; v cc = 1.8 to 3.6 v) note: 1. this is preliminary data. table 8. input parameters 1 (t a = 25 c, f = 400 khz) note: 1. sampled only, not 100% tested. symbol parameter test condition min. max. unit i li input leakage current (scl, sda) 0v v in v cc 2 a i lo output leakage current 0 v v out v cc, sda in hi-z 2 a i cc supply current v cc =5v, f c =400khz (rise/fall time < 30ns) 2ma -w series: v cc =2.5v, f c =400khz (rise/fall time < 30ns) 1ma -r series: v cc =1.8v, f c =100khz (rise/fall time < 30ns) 0.8 1 ma i cc1 supply current (stand-by) v in = v ss or v cc , v cc = 5 v 10 a i cc2 supply current (stand-by) v in = v ss or v cc , v cc = 2.5 v 2 a i cc3 supply current (stand-by) v in = v ss or v cc , v cc = 1.8 v 1 1 a v il input low voltage (e0-e2, scl, sda) - 0.3 0.3 v cc v v ih input high voltage (e0-e2, scl, sda) 0.7v cc v cc +1 v v il input low voltage (wc ) - 0.3 0.5 v v ih input high voltage (wc ) v cc - 0.5 v cc +1 v v ol output low voltage i ol = 3 ma, v cc = 5 v 0.4 v -w series: i ol = 2.1 ma, v cc = 2.5 v 0.4 v -r series: i ol = 0.15 ma, v cc = 1.8 v 0.2 1 v symbol parameter test condition min. max. unit c in input capacitance (sda) 8 pf c in input capacitance (other pins) 6 pf z wcl wc input impedance v in < 0.3v cc 520k w z wch wc input impedance v in < 0.7v cc 500 k w t ns low pass filter input time constant (scl and sda) 100 ns
11/18 m24c64, m24c32 table 9. ac characteristics (t a = 0 to 70 c or -40 to 85 c; v cc = 4.5 to 5.5 v or 2.5 to 5.5 v) (t a = 0 to 70 c or -20 to 85 c; v cc = 1.8 to 3.6 v) note: 1. for a restart condition, or following a write cycle. 2. sampled only, not 100% tested. 3. to avoid spurious start and stop conditions, a minimum delay is placed between scl=1 and the falling or rising edge of sda. 4. this is preliminary data. symbol alt. parameter m24c64 / m24c32 unit v cc =4.5 to 5.5 v t a =0 to 70c or -40 to 85c v cc =2.5 to 5.5 v t a =0 to 70c or -40 to 85c v cc =1.8 to 3.6 v t a =0 to 70c or -20 to 85c 4 min max min max min max t ch1ch2 t r clock rise time 300 300 1000 ns t cl1cl2 t f clock fall time 300 300 300 ns t dh1dh2 2 t r sda rise time 20 300 20 300 20 1000 ns t dl1dl2 2 t f sda fall time 20 300 20 300 20 300 ns t chdx 1 t su:sta clock high to input transition 600 600 4700 ns t chcl t high clock pulse width high 600 600 4000 ns t dlcl t hd:sta input low to clock low (start) 600 600 4000 ns t cldx t hd:dat clock low to input transition 0 0 0 s t clch t low clock pulse width low 1.3 1.3 4.7 s t dxcx t su:dat input transition to clock transition 100 100 250 ns t chdh t su:sto clock high to input high (stop) 600 600 4000 ns t dhdl t buf input high to input low (bus free) 1.3 1.3 4.7 s t clqv 3 t aa clock low to data out valid 200 900 200 900 200 3500 ns t clqx t dh data out hold time after clock low 200 200 200 ns f c f scl clock frequency 400 400 100 khz t w t wr write time 10 10 10 ms table 10. ac measurement conditions input rise and fall times 50 ns input pulse voltages 0.2v cc to 0.8v cc input and output timing reference voltages 0.3v cc to 0.7v cc figure 9. ac testing input output waveforms ai00825 0.8v cc 0.2v cc 0.7v cc 0.3v cc
m24c64, m24c32 12/18 figure 10. ac waveforms scl sda in scl sda out scl sda in tchcl tdlcl tchdx start condition tclch tdxcx tcldx sda input sda change tchdh tdhdl stop & bus free data valid tclqv tclqx data output tchdh stop condition tchdx start condition write cycle tw ai00795b
13/18 m24c64, m24c32 table 11. ordering information scheme note: 1. for the availability of the m24c64 and m24c32 in tssop14, please contact the st sales office nearest to you. 2. temperature range available only on request. 3. for conformity to the high reliability certified flow (hrcf), please contact the st sales office nearest to you. 4. the -r version (v cc range 1.8 v to 3.6 v) only available in temperature ranges 5 or 1. example: m24c64 Cr mn 1 t memory capacity option 64 64 kbit (8k x 8) t tape and reel packing 32 32 kbit (4k x 8) operating voltage blank 4.5 v to 5.5 v w 2.5 v to 5.5 v r 4 1.8 v to 3.6 v package temperature range bn psdip8 (0.25 mm frame) 1 2 0 c to 70 c mn so8 (150 mil width) 6 C40 c to 85 c mw so8 (200 mil width) 3 3 C40 c to 125 c dl 1 tssop14 (169 mil width) 5 C20 c to 85 c ordering information devices are shipped from the factory with the memory content set at all 1s (ffh). the notation used for the device number is as shown in table 11. for a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact the st sales office nearest to you.
m24c64, m24c32 14/18 figure 11. psdip8 (bn) note: 1. drawing is not to scale. psdip-a a2 a1 a l e1 d e1 e n 1 c ea eb b1 b table 12. psdip8 - 8 pin plastic skinny dip, 0.25mm lead frame symb. mm inches typ. min. max. typ. min. max. a 3.90 5.90 0.154 0.232 a1 0.49 C 0.019 C a2 3.30 5.30 0.130 0.209 b 0.36 0.56 0.014 0.022 b1 1.15 1.65 0.045 0.065 c 0.20 0.36 0.008 0.014 d 9.20 9.90 0.362 0.390 e 7.62 C C 0.300 C C e1 6.00 6.70 0.236 0.264 e1 2.54 C C 0.100 C C ea 7.80 C 0.307 C eb 10.00 0.394 l 3.00 3.80 0.118 0.150 n8 8
15/18 m24c64, m24c32 table 13. so8 - 8 lead plastic small outline, 150 mils body width symb. mm inches typ. min. max. typ. min. max. a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.004 0.010 b 0.33 0.51 0.013 0.020 c 0.19 0.25 0.007 0.010 d 4.80 5.00 0.189 0.197 e 3.80 4.00 0.150 0.157 e 1.27 C C 0.050 C C h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 l 0.40 0.90 0.016 0.035 a 0 8 0 8 n8 8 cp 0.10 0.004 figure 12. so8 narrow (mn) note: 1. drawing is not to scale. so-a e n cp b e a d c l a1 a 1 h h x 45?
m24c64, m24c32 16/18 table 14. so8 - 8 lead plastic small outline, 200 mils body width symb. mm inches typ. min. max. typ. min. max. a 2.03 0.080 a1 0.10 0.25 0.004 0.010 a2 1.78 0.070 b 0.35 0.45 0.014 0.018 c 0.20 C C 0.008 C C d 5.15 5.35 0.203 0.211 e 5.20 5.40 0.205 0.213 e 1.27 C C 0.050 C C h 7.70 8.10 0.303 0.319 l 0.50 0.80 0.020 0.031 a 0 10 0 10 n8 8 cp 0.10 0.004 figure 13. so8 wide (mw) note: 1. drawing is not to scale. so-b e n cp b e a2 d c l a1 a h a 1
17/18 m24c64, m24c32 table 15. tssop14 - 14 lead thin shrink small outline symb. mm inches typ. min. max. typ. min. max. a 1.10 0.043 a1 0.05 0.15 0.002 0.006 a2 0.85 0.95 0.033 0.037 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.008 d 4.90 5.10 0.193 0.197 e 6.25 6.50 0.246 0.256 e1 4.30 4.50 0.169 0.177 e 0.65 C C 0.026 C C l 0.50 0.70 0.020 0.028 a 0 8 0 8 n14 14 cp 0.08 0.003 figure 14. tssop14 (dl) note: 1. drawing is not to scale. tssop 1 n cp n/2 die c l a1 e e1 d a2 a a e b
m24c64, m24c32 18/18 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. ? 1999 stmicroelectronics - all rights reserved the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. stmicroelectronics group of companies australia - brazil - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com


▲Up To Search▲   

 
Price & Availability of M24C64-DL1T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X