hle?116?02?l?dv hle?110?02?l?dv?a hle?130?02?l?dv www.samtec.com ?lc = locking clip (2 positions min.) (n/a with -a) (1,27) .050 (1,42) .056 mates with: tsw, mtsw, dw, ew, zw, tlw, tsm, mtlw, hw note: some lengths, styles and options are non-standard, non-returnable. .025" sq socket hle series f-209-1 02 plating option no. pins per row 1 hle dv 02 thru 50 other option ?a = alignment pin (4 positions min.) metal or plastic at samtec discretion (n/a with -lc) (5,08) .200 02 01 (2,54) .100 (2,54) .100 no. of positions x (2,54) .100 (3,51) .138 (0,51) .020 (1,27) .050 (1,60) .063 dia ?k = (6,50mm) .256" dia polyimide film pick & place pad (3 positions min.) not available with ?te or ?pe tail option ?p = metal pick & place pad (3 positions min.) (3,86) .152 (7,11) .280 x (5,71) .225 ?tr = tape & reel packaging (29 positions max.) tail option ?be = bottom entry (requires surface mount or ?pe) ?te = through-hole top entry (3,05) .120 (2,54) .100 ?pe ?te (3,66) .144 (6,60) .260 leave blank for surface mount (requires ?be for bottom entry) (7,62) .300 (2,30) .090 (requires ?be for bottom entry) for complete speci cations and recommended pcb layouts see www.samtec.com?hle insulator material: black liquid crystal polymer contact material: becu plating: au over 50" (1,27m) ni current rating: 2.5a @ 80c ambient operating temp range: -55c to +125c insertion depth: (1,78mm) .070" to (3,43mm) .135", pass-through, or (2,59mm) .102" min for bottom entry insertion force: (single contact only) 2oz (0,56n) avg. withdrawal force: (single contact only) 1.6oz (0,44n) avg. rohs compliant: ye s processing: max processing temp: 230c for 60 seconds, or 260c for 20 seconds 3x lead?free solderable: ye s smt lead coplanarity: (0,10mm) .004" max (02-20) (0,15mm) .006" max (21-50) specifications ?l = 10" (0,25m) gold on contact, gold flash on tail ?pe = through-hole pass through entry note: other gold plating options available. contact samtec.
|