power relay g6rn 159 power relay g6rn heavy-duty miniature relay ? incorporates environmentally-friendly, cadmium-free contacts. ? variety of contact forms: spdt or spst-no (continuous current rating: 8 a). ? low profile (0.39 w x 1.12 l x 0.59 h inches) ? high dielectric strength of 4 kv with 8 mm creepage/ clearance. ? sealed plastic construction. ? ideal for switching contactors, solenoids and motors. ? rohs compliant. r c v de x ordering information . model number legend 1. number of poles 1: 1 pole 2. contact form none: spdt a: spst-no 3. rated coil voltage 5, 12, 24, 48 specifications coil ratings note: 1. the rated current and coil resistance are measured at a coil temperature of 23 c with a tolerance of 10%. 2. operating characteristics are meas ured at a coil temperature of 23 c. classification structure contact material contact form spst-no spdt standard plastic-sealed a g-alloy + gold plating g6rn-1a g6rn-1 rated coil v oltage note: w hen ordering, add the rated coil v oltage to the model n u mber. example: g6r n -1a dc24 g6rn- @@ - dc @ 1 2 3 rated voltage 5 vdc 12 vdc 24 vdc 48 vdc rated current 43.9 ma 18.3 ma 9.2 ma 5.2 ma coil resistance 114 655 2,620 9,210 must operate voltage 70% max. of rated voltage must release voltage 10% min. of rated voltage max. voltage 110% of rated voltage power consumption approx. 220 mw approx. 250 mw
160 power relay g6rn contact ratings note: p level: 60 = 0.1 10 ? 6 operation characteristics note: resistive load test at 250 vac, 8 a, room temperature with diode. continuous monitoring must b e performed to detect contac t sticking and short circuit. dielectric strength measured at 500 v for 1 minute with the same polarity. approved standards vde (en61810-1) ul recognized (file no. e41515) /csa certifie d (file no. lr31928-543) - - ambient temp. = 40 c contact material ag-alloy + gold plating (standard) rated switching current (resistive) 8 a at 250 vac 5 a at 30 vdc rated carry current 8a max. switching voltage 250 vac, 30 vdc max. switching capacity 2,000 va, 150 w min. permissible load 10 ma, 5 vdc contact resistance 100 m max. operate time approx. 6 ms release time approx. 3 ms max. operating frequency mechanical 36,000 operations/hr electrical 360 operations/hr (under rated load) insulation resistance 1,000 m min. dielectric strength 4,000 vac: b etween coil and contacts 1,000 vac: b etween contacts creepage/clearance 8 mm min. b etween coil and contacts vibration resistance malfunction no: 10 to 55 hz, 1.5 mm dou b le amplitude nc: 10 to 55 hz, 0.8 mm dou b le amplitude shock resistance destruction 1,000 m/s 2 (approx. 100 g) malfunction no: 100 m/s 2 (approx. 10 g) nc: 50 m/s 2 (approx. 5 g) life expectancy mechanical 10,000,000 operations min. electrical 50,000 operations (typ. 100,000 operations - see note) ambient temperature operating -40 c to 85 c storage -40 c to 85 c ambient humidity operating 5% to 85% weight approx. 9 g protection class ii according to vde0106 part 1 insulation class c/250, b/380 according to vde0110 contact form coil ratings contact ratings spdt spst-no 5, 12, 24, 48 vdc 8 a at 250 vac (cos =1) coil ratings contact ratings 5, 12, 24, 48 vdc 250 vac, 10 a resistive 250 vac, 8 a resistive, 85 c 30 vdc, 5 a resistive
power relay g6rn 161 engineering data maximum switchin g power s w itching c u rrent (a) s w itching v oltage ( v ) ambient temperature vs maximum coil volta g e maxim u m coil v oltage ( % ) ambient temperat u re ( c) 200 1 8 0 160 150 140 130 120 110 100 8 0 0 0 10 20 23 30 40 50 60 70 8 0 90 100 5 10 30 50 100 300 500 1000 0.1 1 5 10 50 100 dc resisti v e load ac resisti v e load 1 note: the maxim u m coil v oltage refers to the maxi- m u m v al u e in a v arying range of operating po w er v oltage, not a contin u o u s v oltage. endurance end u rance (x 10 3 operations) s w itching c u rrent (a) 1000 10 0 500 300 100 50 30 24 6 8 10 30 v dc resisti v e load 250 v ac resisti v e load 250 v ac ind u ction load (cos =0.4)
162 power relay g6rn dimensions unit: mm spdt type spst-no type 3.2 19 fi v e, 1.3-dia. holes 7.62 3.2 1.19 1.6 1.5 *a v erage v al u e. 15.3 max. (15.0)* 2 8 . 8 max. (2 8 .5)* 19 3.2 10.5 max. (10.0)* 7.62 3.5 0.5 3.2 1.6 terminal arran g ement/ internal connections (bottom view) mountin g holes (bottom view) tolerance: 0.1 12 543 orientation mark 2 8 . 8 max. (2 8 .5)* 19 7.62 3.5 0.5 5.1 1.6 15.3 max. (15.0)* 10.5 max. (10.0)* 12 53 orientation mark terminal arran g ement/ internal connections (bottom view) mountin g holes (bottom view) tolerance: 0.1 19 fo u r, 1.3-dia. holes 5.1 7.62 1.19 1.6 2. 8 *a v erage v al u e.
power relay g6rn memo
power relay g6rn omron on-line glo b al - http://www.omron.com usa - http://www.components.omron.com cat. no. x301-e-1 b printed in usa omron electronic components llc 55 e. commerce drive, suite b schaum b urg, il 60173 847-882-2288 09/11 specifications su b ject to change without notice all sales are subject to omron electronic components llc standard terms and conditions of sale, which can be found at http://www.components.omron.com/compon ents/web/webfiles.ns f/sales_terms.html all dimensions shown are in millimeters. to convert millimeters into inches, multiply b y 0.03937. to convert grams into ounces, multiply b y 0.03527.
|