Part Number Hot Search : 
FTD2017R 001140 FR540 B1204 PVM2YFV B1204 4040D ZMM5253B
Product Description
Full Text Search
 

To Download FEC15-12D12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i s o l a t e d a n d r e g u l a t e d 1 5 wat t m o d u l a r d c / d c c o n v e r t e r s f e c 1 5 s e r i e s www.astrodyn e.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 wide 2 : 1 input range high efficiency regulated outputs 1600v isolation full emi shielding standard pinouts model number output voltage output amps input range single output fec15-12s33 3.3 vdc 4 9-18 vdc fec15-24s33 4 18-36 vdc fec15-48s33 4 36-72 vdc fec15-12s05 5 vdc 3 9-18 vdc fec15-24s05 3 18-36 vdc fec15-48s05 3 36-72 vdc fec15-12s12 12 vdc 1.25 9-18 vdc fec15-24s12 1.25 18-36 vdc fec15-48s12 1.25 36-72 vdc fec15-12s15 15 vdc 1 9-18 vdc fec15-24s15 1 18-36 vdc fec15-48s15 1 36-72 vdc dual output fec15-12d05 +/-5 vdc +/-1.5 9-18 vdc fec15-24d05 +/-1.5 18-36 vdc fec15-48d05 +/-1.5 36-72 vdc FEC15-12D12 +/-12 vdc +/-0.635 9-18 vdc fec15-24d12 +/-0.635 18-36 vdc fec15-48d12 +/-0.635 36-72 vdc fec15-12d15 +/-15 vdc +/-0.5 9-18 vdc fec15-24d15 +/-0.5 18-36 vdc fec15-48d15 +/-0.5 36-72 vdc unit measures 1w x 2l x 0.375h
i s o l a t e d a n d r e g u l a t e d 1 5 wat t m o d u l a r d c / d c c o n v e r t e r s f e c 1 5 s e r i e s www.astrodyn e.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 input specific ations input voltage ranges: 12 vdc nominal 9-18 vdc 24 vdc nominal 18-36 vdc 48 vdc nominal 36-72 vdc input filter pi type output specific ations voltage and current see selection chart load regulation singles: +/-1% 10% - fl duals: +/-2% line regulation +/-1% temperature coefficient +/-0.02%/degc ripple/noise(single/dual) (50 / 75) mv pk-pk, typ voltage stability +/- 1% transient response recovery 25% load step change 500 microseconds short circuit protection continuous, self-recovering overvoltage protection threshold: 3.3v output 3.9volts 5v output 6.2volts 12v output 15volts 15v output 18volts gene ral specific ations input-out isolation 1600vdc in/out capacitance 1000 pf isolation resistance 10000 m ohms efficiency 84%, typ switching frequency 500khz, single typ 300khz, dual typ environme ntal specific ations oper. temperature -40 to +71 degc(see derate) storage temperature -55 to +125 degc * maximum case temp 110 degc * mtbf 2.04 mhrs mil-hdbk-217f ta=25c fl physic al specific ations case material nickel-coated copper non-conductive base construction fully encapsulated weight 1.14 oz, (32g) * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25degc unless otherwise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
i s o l a t e d a n d r e g u l a t e d 1 5 wat t m o d u l a r d c / d c c o n v e r t e r s f e c 1 5 s e r i e s www.astrodyn e.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 output de rating c urve mechanic al dimensions 0.40 (10.2) 0.40 (10. 2) 0.50 (12.7) 1.00(25.4) 0.40 (10.2) ) 0 . 1 ( 4 0 . 0 . a i d 1. al l dimensions in inches (mm) to lerance x.xx 0.02(x.x 0.5) 2. pin pitch tolerance 0.01 4 ( 0.35 ) ) 8 . 0 5 ( 0 0 . 2 0.10(2.5) 0.20(5.1) ) 3 . 0 2 ( 0 8 . 0 ) 2 . 5 1 ( 0 6 . 0 0.22(5.6 ) 1 2 3 4 5 bo ttom vi ew pin # single outputs dual outputs 1 + input + input 2 - input - input 3 + output + output 4 no pin common 5 - output - output 50 60 70 80 90 10 0 -40 -25 0 -1 0 25 50 75 100 0 a mbie nt te mper at ur e (oc) ) % ( r e w o p t u p t u o fe c15-48s05 de rating curve nature convection


▲Up To Search▲   

 
Price & Availability of FEC15-12D12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X