Part Number Hot Search : 
2SJ164 G150XG03 0M350 FDN360 1N2815 BGA2022 556K1 K1426
Product Description
Full Text Search
 

To Download DWDMD161EE150C21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.gouldfo.com this is the new power of gould ! 08/05/03 1121 benfield blvd., millersville, md 21108 toll free: 800.54.gould voice: 410.987.5600 fax: 410.987.1201 email: info@gouldfo.com web: www.gouldfo.com product description the 100ghz dense wavelength division multiplexer products are designed for use in dwdm transmission systems and catv networks to multiplex or demultiplex multiple itu grid wavelength channels. these modules are made based on thin film technology and offer low insertion loss, superior wavelength stability, high channel isolation, epoxy free optical paths and completely passive operation. features z high channel isolation z low insertion loss z highly stable & reliable z bellcore 1221 compliant applications z telecommunications z optical networks z fiber amplifier systems z dwdm systems data sheet 100ghz dense wavelength division multiplexing optical parameters* center wavelength operating range 1529.55(60#) - 1560.21(21#), itu-t grid channels number 8 16 32 40 channel passband @0.5db (nm) >0.2 passband flatness (db) <0.5 typ. 3.0 4.0 5.0 6.0 insertion loss (db) max 3.5 4.5 5.5 6.5 channel uniformity (db) 1.0 adjacent channels >25 isolation (db) non-adjacent channels >40 return loss (db) >45 pdl (db) <0.15 <0.15 <0.2 <0.2 polarization mode dispersion (ps) <0.1 directivity (db) >50 insertion loss thermal stability (db/ o c) <0.008 wavelength thermal stability (nm/ o c) <0.001 operating temperature ( o c) 0 - +65 storage temperature ( o c) -40 - +85 package dimension (mm) 130x87x13 150x115x13 150x110x19 * without connector loss
www.gouldfo.com this is the new power of gould ! 08/05/03 ordering information mux/demux dwdm -___ - ___ ___- _1_ - ___ ___ - ___ ___ ____ - ___ ___ ___ for custom options and additional information, please contact us at: phone: 1-410-987-5600 fax: 1-410-987-1201 web: www.gouldfo.com all data listed in this data sheet is subject ed to change without notice. gould reserves the right to revise or update the data sheet. copyright 2003 by gould fiber optics. ? continued 100 ghz dwdm mux type d=demux m=mux s = single device u = unimux # channels 04 08 16 32 40 channel spacing 1=100ghz pkg type aa= 250 m bb= 900 m cc= 2mm dd=3mm ee = lgx lead length 05=0.5m 10=1.0 m 15=1.5m 20=2.0m connector 0=none 1=mu 2=st 3=fc 4=sc 5=lc 6=fc/apc 7=sc/apc 9=lc/apc start channel # itu chart , i.e. c21


▲Up To Search▲   

 
Price & Availability of DWDMD161EE150C21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X