Part Number Hot Search : 
00124 BM9166 901YA BSR58 GA201 11014 2SC5706 TN6R03
Product Description
Full Text Search
 

To Download DTA114EG-T9S-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd dta114e pnp silicon transistor www.unisonic.com.tw 1 of 3 copyright ? 2009 unisonic technologies co., ltd qw-r206-046,d digital transistor (built- in bias resistors) ? features * built-in bias resistors that im plies easy on/off applications. * the bias resistors are thin-film resistors with complete isolation to allow positive input. ? equivalent circuit to-92sp 1 to-92 1 sot-523 3 2 1 sot-323 3 2 1 sot-23 3 2 1 ? ordering information ordering number pin assignment normal lead free plating halogen free package 1 2 3 packing dta114e-ae3-r dta114el-ae3-r dta114eg-ae3-r sot-23 g i o tape reel dta114e -al3-r dta114el-al3-r dta114eg-al3-r sot-323 g i o tape reel dta114e -an3-r dta114el-an3-r dta114eg-an3-r sot-523 g i o tape reel dta114e-t92-b dta114el-t92-b dta114eg-t92-b to-92 g o i tape box dta114e-t92-k dta114el-t92-k dta114eg-t92-k to-92 g o i bulk dta114e-t9s-k dta114el-t9s-k DTA114EG-T9S-K to-92sp g o i bulk ? marking
dta114e pnp silicon transistor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r206-046,d ? absoluate maxium ratings (ta = 25 ) note absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (ta= 25 , unless otherwise specified.) parameter symbol test conditions min typ max unit v in(off) v cc = -5v, i out = -100 a -0.5 input voltage v in(on) v out = -0.3v, i out = -10ma -3 v output voltage v out(on) i out /i in = -10ma/-0.5 ma -0.3 v input current i in v in = -5v -0.88 ma output current i out(off) v cc = -50v , v in =0v -0.5 a dc current gain h fe v out = -5v, i out = -5ma 30 input resistance r 1 7 10 13 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t v ce = -10 v, i e =5ma, f=100mhz 250 mhz parameter symbol ratings unit supply voltage v cc -50 v input voltage v in -40 ~ +10 v output current i out(max) -100 ma sot-523 150 mw sot-23/sot-323 200 mw power dissipation to-92/to-92sp p c 300 mw junction temperature t j 150 c storage temperature t stg -55 ~ +150 c
dta114e pnp silicon transistor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r206-046,d typical characteristics 25 100 -100 -50 -20 -10 -5 -2 -1 -500m -200m -100m -500 -2m -5m -10m -20m -50m -100m -1m ta= - 40 vo ut =-0.3v -100 input voltage vs. output current (on characteristics) 1k 500 200 100 50 10 5 2 1 20 vo ut =-5v output current, io ut (a) dc current gain vs. output current output current, io ut (a) -10m -5m -2m -500 -200 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -100 -1m vcc=-5v 0 output current vs. input voltage (off characteristics) input voltage, v in (off) (v) -1 -500m -200m -100m -50m -20m -10m -5m -2m -1m lo ut /l in =20 output voltage vs. output current output current, io ut (a) input voltage, v in (on) (v) output current, io ut (a) dc current gain, h fe output voltage, v out (on) (v) -2m -5m -10m -20m -50m -100m -1m -200 -500 -2m -5m -10m -20m -50m -100m -1m -100 -200 -50 -10 -20 -5 -2 -1 25 -40 ta= 100 25 -40 ta= 100 25 -40 ta= 100 -200 -500 -100 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of DTA114EG-T9S-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X