Part Number Hot Search : 
IRMCF3 N4728 PA035XUJ ADM211E TM9324 MAX7455 NTE1790 PC2508
Product Description
Full Text Search
 

To Download DS1E-S-DC15V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ ds asctb17e 201209-t ordering information high reliability relay for various applications ds relays rohs compliant features 1. breakthrough height of 9.8 mm .386 inch beats the 10 mm .394 inch limit 1c and 2c all have the same height (9.8 mm .386 inch ). the width of the relay is also the same (9.9 mm .390 inch ). since the only size variable is the length, the shared form makes mounting on printed printing wiring boards easy. 2. suitable for use in dif?ult environments epoxy resin seals the parts and cut off the external atmosphere, thus enabling use in dif?ult environments. 3. can be used with automatic solder and automatic wash systems automatic soldering and automatic washing can be carried out once the parts are mounted on pc boards. 4. gold-clad twin contacts ensure high reliability highly stable gold cladding on the contacts ensures that contact resistance changes little over time. furthermore, the use of twin contacts, a con?uration that performs with superior contact reliability, ensures extremely low contact failure rates ev en under low level loads. 5. polarized magnetic circuits realize resistance to shock and vibration high-performance polarized magnetic circuits that utilize the energy of permanent magnets have made it possible to create relays with strong resistance to shock and vibration. 6. dil terminal array enables use of ic sockets 7. widening scope of application with multicontact latching in addition to single side stable types, y ou can take advantage of the memory of functions of convenient 2 coil latching relays. typical applications besides telecommunications, measuring devices, of?e equipment, computers and related equipment, ds relays are also recommended for a broad range of applications including business devices, audio systems, and industrial equipment. nominal coil voltage dc 1.5, 3, 5, 6, 9, 12, 24, 48 v contact arrangement 1: 1 form c 2: 2 form c ds e operating function nil: l2: single side stable 2 coil latching sensitivity s: 200 mw nominal operating power note: * nominal coil voltage 1.5v type are 1 form c only.
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ ds asctb17e 201209-t types 1. high sensitivity type standard packing: tube: 50 pcs.; case: 500 pcs. rating 1. coil data 1) single side stable type 2) 2 coil latching type * nominal coil voltage 1.5v type are 1 form c only. contact arrangement nominal coil voltage single side stable type 2 coil latching type part no. part no. 1 form c 1.5v dc ds1e-s-dc1.5v ds1e-sl2-dc1.5v 3v dc ds1e-s-dc3v ds1e-sl2-dc3v 5v dc ds1e-s-dc5v ds1e-sl2-dc5v 6v dc ds1e-s-dc6v ds1e-sl2-dc6v 9v dc ds1e-s-dc9v ds1e-sl2-dc9v 12v dc ds1e-s-dc12v ds1e-sl2-dc12v 24v dc ds1e-s-dc24v ds1e-sl2-dc24v 48v dc ds1e-s-dc48v ds1e-sl2-dc48v 2 form c 3v dc ds2e-s-dc3v ds2e-sl2-dc3v 5v dc ds2e-s-dc5v ds2e-sl2-dc5v 6v dc ds2e-s-dc6v ds2e-sl2-dc6v 9v dc ds2e-s-dc9v ds2e-sl2-dc9v 12v dc ds2e-s-dc12v ds2e-sl2-dc12v 24v dc ds2e-s-dc24v ds2e-sl2-dc24v 48v dc ds2e-s-dc48v ds2e-sl2-dc48v type nominal coil voltage pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power max. applied voltage (at 50 c 122 f ) high sensitivity (s) type 1.5v dc* 1 form c: 80%v or less of nominal voltage 2 form c: 70%v or less of nominal voltage (initial) 10%v or more of nominal voltage (initial) 133.3ma 11.3 ? 200mw 1 form c: 160%v of nominal voltage 2 form c: 200%v of nominal voltage 3v dc 66.7ma 45 ? 5v dc 40.0ma 125 ? 6v dc 33.3ma 180 ? 9v dc 22.2ma 405 ? 12v dc 16.7ma 720 ? 24v dc 8.3ma 2,880 ? 48v dc 4.2ma 11,520 ? type nominal coil voltage set voltage (at 20 c 68 f ) reset voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power max. applied voltage (at 50 c 122 f ) set coil reset coil set coil reset coil set coil reset coil high sensitivity (s) type 1.5v dc* 1 form c: 80%v or less of nominal voltage 2 form c: 70%v or less of nominal voltage (initial) 1 form c: 80%v or less of nominal voltage 2 form c: 70%v or less of nominal voltage (initial) 120ma 120ma 12.5 ? 12.5 ? 180mw 180mw 1 form c: 160%v of nominal voltage 2 form c: 200%v of nominal voltage 3v dc 60ma 60ma 50 ? 50 ? 5v dc 36ma 36ma 139 ? 139 ? 6v dc 30ma 30ma 200 ? 200 ? 9v dc 20ma 20ma 450 ? 450 ? 12v dc 15ma 15ma 800 ? 800 ? 24v dc 7.5ma 7.5ma 3,200 ? 3,200 ? 48v dc 3.75ma 3.75ma 12,800 ? 12,800 ?
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ ds asctb17e 201209-t 2. speci?ations notes: *1 this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. (tx/tx-s/tx-d relay agpd contact type are available for low level load switching [10v dc, 10ma max. level]) *2 half-wave pulse of sine wave: 11ms; detection time: 10 s *3 refer to 6. conditions for operation, transport and storage mentioned in ambient environment (page 24). characteristics item speci?ations contact arrangement 1 form c 2 form c initial contact resistance, max. max. 50 m ? (by voltage drop 6 v dc 1a) contact material ag+au clad rating nominal switching capacity 2 a 30 v dc (resistive load) max. switching power 60 w, 125 va (resistive load) max. switching voltage 220 v dc, 250 v ac max. carrying current 3 a min. switching capacity (reference value)* 1 10 a 10m v dc nominal operating power single side stable (s type: 200 mw); latching (s type: 180 mw) electrical characteristics insulation resistance (initial) min. 100m ? (at 500v dc) measurement at same location as ?nitial breakdown voltage section. breakdown voltage (initial) between open contacts 1,000 vrms for 1min. (500 vrms for 1min: 1 form c type) (detection current: 10ma.) between contact and coil 1,500 vrms for 1min. (1,000 vrms for 1min: 1 form c type) (detection current: 10ma.) temperature rise max. 65 c (by resistive method, nominal coil voltage applied to the coil, contact carrying current: 2a.) operate time [set time] (at 20 c 68 f ) max. 10 ms [10 ms] (nominal coil voltage applied to the coil, excluding contact bounce time.) release time [reset time] (at 20 c 68 f ) max. 5 ms [10 ms] (nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode) mechanical characteristics shock resistance functional* 2 min. 490 m/s 2 min. 490 m/s 2 destructive min. 980 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 3.3 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 5 mm expected life mechanical min. 10 8 (10 7 : 1 form c latching type) (at 600 cpm) electrical min. 5 10 5 r ated load (at 60 cpm) conditions conditions for operation, transport and storage* 3 ambient temperature: ?0 c to +70 c ?0 f to +158 f humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) max. operating speed (at rated load) 60 cpm unit weight approx. 3 g .11 oz approx. 4g .14oz
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ ds asctb17e 201209-t reference data 1. maximum switching capacity 2. life curve (resistive load) 3. contact reliability for ac loads tested sample: ds2e-s-dc24v 10 pcs. operating speed: 20 cpm. detection level: 200 m ? 10mv 10v 100v 1,000v 10 a 100ma 1 a switching current contact voltage, dc 10 100 1,000 1 02 switching current, a no. of operations, 10 4 30 v dc 125 v ac 0.1 0.2 0.5 1.0 2.0 5.0 10.0 30.0 50.0 70.0 95.0 99.0 99.9 100 100 1,000 1a 125v ac 0.5a 250v ac 0.3a 250v ac 0.5a 125v ac no. of operations, 10 4 weibull probability data f(t), % 4. operate and release time characteristics (2 form c single side stable type) test condition: without diode connected to coil in parallel 5-(1). in?ence of adjacent mounting (1 form c) 5-(2). in?ence of adjacent mounting (2 form c) 1 2 3 4 0 80 100 120 release time (mean) operate time (mean) coil applied voltage, % operate and release time, ms ?0 0 10 ?0 0 10 510 inter-relay distance , mm inch pick-up voltage drop-out voltage (1) (2) (3) off off on on off off on on rate of change, % rate of change, % .197 .394 ?0 0 10 ?0 0 10 510 off off on on off off on on inter-relay distance , mm inch pick-up voltage drop-out voltage (1) (2) (3) rate of change, % rate of change, % .197 .394
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ ds asctb17e 201209-t dimensions (mm inch ) the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ ds (1 form c) single side stable, 2 coil latching external dimensions general tolerance: 0.3 .012 5.08 .200 0.6 .024 3.4 .134 0.3 .012 9.9 .390 9.3 .366 15 7.62 9.9 .590 .390 .024 0.6 7.62 .300 .300 5.6 .221 note: external dimensions of 1 coil latching types are same as single side stable type. pc board pattern (bottom view) single side stable 2 coil latching .100 .100 5.08 7.62 5-.035 dia. 7.62 2.54 .200 .300 2.54 5-0.9 dia. .300 .100 .100 2.54 5.08 7.62 .200 .300 6-.035 dia. 2.54 6-0.9 dia. 7.62 .300 schematic (bottom view) single side stable (deenergized condition) 2 coil latching (reset condition) tolerance: 0.1 .004 12 1 6 10 7 12 13 6 10 7 cad data ds (2 form c) single side stable external dimensions general tolerance: 0.3 .012 0.3 .012 9.9 .390 20 .780 .024 0.6 7.62 .300 7.62 .300 5.6 .221 3.4 .134 9.9 .390 9.3 .366 0.6 .024 5.08 .200 5.08 .200 note: external dimensions of 1 coil latching types are same as single side stable type. pc board pattern (bottom view) .100 .100 2.54 5.08 5.08 7.62 .200 .200 .300 8-.035 dia. 2.54 8-0.9 dia. 7.62 .300 schematic (bottom view) (deenergized condition) tolerance: 0.1 .004 8 91316 64 11 1 cad data ds (2 form c) 2 coil latching external dimensions general tolerance: 0.3 .012 2.54 .100 0.3 .012 9.9 .390 20 .780 .024 0.6 7.62 .300 5.6 .221 0.6 .024 5.08 .200 5.08 .200 5.08 .200 3.4 .134 9.9 .390 9.3 .366 pc board pattern (bottom view) 5.08 5.08 5.08 .200 .200 .200 2.54 .100 10-.035 dia. 10-0.9 dia. .100 2.54 7.62 .300 .100 2.54 schematic (bottom view) (reset condition) tolerance: 0.1 .004 8 91316 15 2 64 11 1 cad data
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ ds asctb17e 201209-t notes 1. coil connection when connecting coils, refer to the wiring diagram to prevent mis-operation or malfunction. for general cautions for use, please refer to the ?autions for use of signal relays or ?eneral application guidelines?


▲Up To Search▲   

 
Price & Availability of DS1E-S-DC15V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X