Part Number Hot Search : 
CAT51 LC75834 MTD2005 C2000 H11D1SD 2N4150 ZSH560 M1000
Product Description
Full Text Search
 

To Download CMLD3003DOTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description: the central semiconductor cmld3003do and cmld3003dog types contain two (2) isolated opposing configuration, silicon switching diodes, manufactured by the epitaxial planar process, epoxy molded in a picomini ? surface mount package. these devices are designed for switching applications requiring extremely low leakage. marking codes: cmld3003do: c30 cmld3003dog: 3cg maximum ratings: (t a =25c) symbol units continuous reverse voltage v r 180 v average rectified current i o 200 ma continuous forward current i f 600 ma peak repetitive forward current i frm 700 ma forward surge current, tp=1 sec. i fsm 2.0 a forward surge current, tp=1 sec. i fsm 1.0 a power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics per diode: (t a =25c unless otherwise noted) symbol test conditions min max units i r v r =125v 1.0 na i r v r =125v, t a =150c 3.0 a i r v r =180v 10 na i r v r =180v, t a =150c 5.0 a bv r i r =5.0a 200 v v f i f =1.0ma 0.62 0.72 v v f i f =10ma 0.72 0.83 v v f i f =50ma 0.80 0.89 v v f i f =100ma 0.83 0.93 v v f i f =200ma 0.87 1.10 v v f i f =300ma 0.90 1.15 v c t v r =0, f=1 mhz 4.0 pf cmld3003do cmld3003dog surface mount picomini? dual, isolated, opposing low leakage silicon switching diodes central semiconductor corp. tm r1 (28-april 2008) sot-563 case ? the cmld3003dog is halogen free by design
central semiconductor corp. tm cmld3003do cmld3003dog surface mount picomini? dual, isolated, opposing low leakage silicon switching diodes r1 (28-april 2008) lead code: 1) anode d1 2) nc 3) cathode d2 4) anode d2 5) nc 6) cathode d1 sot-563 case - mechanical outline pin configuration marking codes: cmld3003do: c30 cmld3003dog: 3cg


▲Up To Search▲   

 
Price & Availability of CMLD3003DOTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X