Part Number Hot Search : 
30005 231618 00090 74HCT354 1N3018 74F25 33490MT LYU300
Product Description
Full Text Search
 

To Download CBC2518T2R2KR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  156  b  2 0 1 2 t 1 0 0      6 3 4 1 2 5 8 7 c cb 
????????? ~ lb / lbc 3???t 0 ` g ?v= t 0 `om?b { ? w dc/dc ? ??t ?; b? z ???? ; m t & `h 
???????pb { ~ cbmf 1608 ? ??? >;t??z7 g?p
?-??q{ dc/dc???sr g ?v? ?aqb?s?
?-t &`h???????pb{ ; my applications  goyordering code 
????????? wound chip power inductors cb series ? ?y features ~ dsc / dvc / hddz z 3 ?z??;+z 
t;+z  ?;+sr 1  5 ? ??????? h cb wound chip power inductor 1 type 5 nominal inductance h example 1r0 1 100 10 101 100 *r=decimal point tr 1 ?
: : ? 1r0 1 100 10 101 100 ~ dsc/dvc/hdd, lcd, portable telephones, game equipments. various audio-visual equipments, various communication equipments, etc. this series correspond to high electric current compared with lb/lbc se- ries. wound chip inductors that can be used for small dc/dc converters and are suit for choke uses. ~ cbmf1608 series the best ef?ciency design is achieved by adopting bottom-surface elec- tr ode structure. w ound chip inductors that are suit for module design which needs high electric current like dc/dc converters. a
t a?e?? 4 1608 0603 1.60.8 2012 0805 2.01.25 2016 0806 2.01.6 2518 1007 2.51.8 3225 1210 3.22.5 ?
go mm 3 t tape & reel packaging 4 1608 0603 1.60.8 2012 0805 2.01.25 2016 0806 2.01.6 2518 1007 2.51.8 3225 1210 3.22.5 external dimensions mm 3  ?rdc c g ?v l ?  mf <? ?? ?
q?7 2  low rdc c high current l low pro?le mf bottom-surface electrode characteristic spec 2 k ?10 m ?20 k ?10 m ?20 6 ???????0) ? 6 inductance tolerances % ptgg?  a j ? 1?? internal code  standard products 8 1 blank space x?7  a j ? r ?rdc ? 7 special code  standard products r low rdc type operating temp. 25?105? 
a ?~ c ?? including self-generated heat 7 8
ferrite products 5 157  type l w t 3.2 ? 0.2 2.5 ? 0.2  0.126 ? 0.008   0 . 098 ? 0.008  cb25 18 cbc2518 cbc3225 2.5 ? 0 .2 1.8 ? 0.2  0.098 ? 0.008   0 . 071 ? 0.008  cb20 16 cbc2016 cb2012 cbc2012 2.0 ? 0.2 1.6 ? 0.2  0.079 ? 0.008   0 . 063 ? 0.008  2.0 ? 0.2 1.25 ? 0.2  0.079 ? 0.008   0 . 049 ? 0.008  2.5 ? 0.2  0 .098 ? 0.008  1.8 ? 0. 2  0 .071 ? 0.008  1. 6 ? 0. 2  0 .063 ? 0.008  1.2 5 ? 0 .2  0.049 ? 0.008  e 0.6 ? 0. 3  0 .024 ? 0.012  0. 5 ? 0. 2  0 .020 ? 0.008  0. 5 ? 0. 2  0 .020 ? 0.008  0.5 ? 0. 2  0 .020 ? 0.008  0.5 ? 0.2  0 .020 ? 0.008  unit  mm  inch cbl2012 cbmf1608 2.0 ? 0.2 1.25 ? 0.2 0. 9 ? 0 .1 1.6 ? 0.2  0 .063 ? 0.2  0.8 ? 0 . 2  0.031 ? 0.008  0.8 ? 0. 2  0.031 ? 0.008  0.45 ? 0 .15  0.015 ? 0.006   0.079 ? 0.008   0 . 049 ? 0.008   0. 035 ? 0.004  ?
goyexternal dimensions p. 158 p. 162 p. 169 p. 170 p. 12 ??aa part numbers ?
q
$ electrical characteristics a packaging ?t
q reliability data ?; w ?? pr ecautions ?3???? selection guide etc inductance | h  1 10 100 1000 47 2.2 cb2016 type range ey y ? examples inductance 1  h 1200 60 0.06 2.1 600 7 0 0 .09 4.5 500 60 0 .15 7 2.2  h 10  h 47  h 510 0.09 510 0.13 410 0.23 250 0.25 250 0.5 200 0.5 100  h 110 0.95 110 2.4 90 3.7 1440 1130 900 390 270 1000 890 480 240 160 cb2012 cb2518 250 0.25 110 0.95 60 2.1 25 24 250 0.5 110 2.4 200 0.5 510 0.09 510 0.13 410 0.23 900 0.133 1440 0.055 1130 0.08 390 0.67 270 1.4 90 3.7 70 4.5 60 7 750 0 .2 1100 0.1 380 0.82 150 4.3 110 8 530 0 .33 700 0.19 240 1.2 120 5.8 440 0.39 620 0.15 205 1.0 100 4.2 240 1.90 160 3.7 65 28 1000 0.08 890 0.13 480 0.36 rdc ? 30 ?|
 imax | ma  rdc ? 30 ?|
 imax | ma  rdc ? 30 ?|
 imax | ma  rdc ? 30 ?|
 imax | ma  rdc ? 30 ?|
 imax | ma  rdc ? 30 ?|
 imax | ma  rdc ? 30 ?|
 imax | ma  rdc ? 30 ?|
 imax | ma  cbc2518 cbc2016 cbc2012 cbl2012 cbc3225 rdc ? 30% |
 imax | ma  rdc ? 30% |
 imax | ma  rdc ? 30% |
 0.05 5 1.4 0.08 0.133 0.67 rdc ? 30% |
 0.08 3 .7 0 .1 3 0 .36 1.9 rdc ? 30% |
 0.1 8 0 .2 0.8 2 4 .3 rdc ? 30% |
 0.19  0 .3 3 1 .2 5.8 rdc ? 30% |
 0.15  0 .3 9 1 .0 4.2 rdc ? 30% |
 imax | ma  imax | ma  620  440 2 0 5 100 0.09  0 .1 7 0 .36 2.5 350  230 1 1 5 50 imax | ma  rdc ? 30% |
 imax | ma  imax | ma  1100 7 50 380 150 110 imax | ma  700 53 0 240 120  imax | ma  1000  h 100  h 100  h 1  h 100  h 1  h 47  h 100  h 1  h 47  h rdc ? 30 ?|
 imax | ma  cbmf1608 1  h 680  h 1  h 47  h 1200 0.06 600 0.09 500 0.15 1  h 1  h 1  h 1  h 230 0.17 350 0.09 115 0.36 50 2.5 p. 180 ?t??3??y available inductance range
* ???????y recommended land patterns ?
w ?? ~ ?
y 6?? yw ]?;<^m?b?os&mmh`?b{ ~ ?
a ?wx?i ?zx???x?i?otv??b{ ~
* ??????? surface mounting mounting and soldering conditions should be checked befor ehand. applicable soldering process to this pr oducts is r e?ow soldering only. recommended land patterns


▲Up To Search▲   

 
Price & Availability of CBC2518T2R2KR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X