Part Number Hot Search : 
0100S KD200 658C2I2 G4BC30FD 15ADR FSB50550 LTC21 NTD20
Product Description
Full Text Search
 

To Download 887FU-102MP3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  42 meeting your need s 1.800.pik.toko 1.847.297.0070 www.tokoam.com r-log1104a please read precautions and notes sections of this catalog for safe operation. this catalog contains consumer grade specificat ions only. detailed technical specifications are available upon request. type d32fu fixed inductors for surface mounting type d32fu frequency range: 10khz - 1mhz inductance range: 0.33mh - 3.3mh features ?low profile (2.2mm max.) and 3.5mm square ?ideal for ic inverter el lamp driver applications ?available on tape and reel for auto-insertion ?suitable for reflow soldering ?lead-free terminations type d32fu toko part number #887fu-331m=p3 #887fu-391m=p3 #887fu-471m=p3 #887fu-561m=p3 #887fu-681m=p3 #887fu-821m=p3 #887fu-102m=p3 #887fu-122m=p3 #887fu-152m=p3 #887fu-182m=p3 #887fu-222m=p3 #887fu-252m=p3 #887fu-272m=p3 #887fu-332m=p3 inductance (1) (mh) 20% 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.5 2.7 3.3 109 98 90 81 74 71 66 57 52 46 43 42 38 36 9.7 12 14 18 20 30 34 35 56 59 67 81 93 113 dc (2) resistance ( ? ) max. inductance (3) decrease current (ma) max. 111 96 92 81 78 63 61 59 45 44 42 37 33 30 t emperature (3) rise current (ma) max. recommended patterns: standard parts selection guide (1) inductance is measured by lcr-meter 4284a (hp) or equivalent. (2) dc resistance is measured by digital multimeter tr6871 (advantest) or equivalent. (3) maximum allowable dc current is that which causes a 10% inductance reduction from the initial value, or coil temperature to rise by 40 c, whichever is smaller. (reference ambient temperature 20 c). unit: mm unit: mm solder pad no paste no paste solder pad note: =p3 is added to each part number to indicate tape and reel packaging.


▲Up To Search▲   

 
Price & Availability of 887FU-102MP3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X