Part Number Hot Search : 
0103M JCS1N60C LBN7053 CBC3225T MLSEP12 P22A1 HA1743 35071
Product Description
Full Text Search
 

To Download 8380F0E095LM15A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  838 series the ruggedized solution for outdoor data transmission in harsh environments facing increasing new needs of data information. compliant to railway standards nff61030 i2f3 according to nff16101 & nff16102 (fire & smoke standards) ? excellent data transmission 1 gbps per quadrax contacts 100 mbps with standard contacts ? standardization oriented standard shell standard contacts standard accessories ? 2 technical solutions for outdoor high speed data transmission standard version with 4 contacts ? 2.0 mm quadrax version with 2 cells ? outdoor high speed data transmission
2 838 series mechanical, electrical and environmental features according to nff61030 railway standards. data transmission ? standard version with 4 contacts ? 2.0mm: cat5 - 100 mbps ? quadrax version: cat6 - 1 gbps technical features quad cable confguration quad cable confguration iso channel classe d c6 cable 100 m cat5 cat6 frequency mhz cat5 cat6 frequency mhz quadrax frequency mhz cat6 cat5 quadrax cat6 cat5 frequency mhz mechanical ? shell: aluminium alloy ? conductive shell plating ? locking system : screw with clicker ? insulator : hard thermoplastic in accordance with nff16101-16102 exigence i2f3 (fire & smoke emissions) for installations on equipments category a1 ul94-v0 ? removable coding system enables the operator to choose between 12 different key orientations - delivered in position 1 ? both male & female insulators can ft in either the plugs or the receptacles ? endurance: 500 mating/unmating ? contacts: - copper alloy, silver or gold plated - crimp type electrical ? contact type: ? contact resistance: - contacts ?2.0 mm: 2 m? - quadrax: 6 m? (contacts #20) 2 m? (cell) ? withstanding voltage: - contacts ?2.0 mm: 3250 vrms - quadrax: 1000v (between contacts #20) 500v (between cell / contacts #20) ? insulation resistance: - contacts ?2.0 mm: 5000 m ? under 500 vdc - quadrax: 3000 m? (contacts #20) ? service voltage per layout : 380 vrms max. environmental ? temperature range: -40c to +100c ? salt spray resistance: 96 hours (nfc 20711) ? sealing: ip66 and ip67 (with adapted backshell) contacts quadrax description cell contacts #20 contacts ?2.0 mm = standard version or
3 838 series type* 838 0 e 1 c 02 1 r m 0 a coupling type 0: screw coupling with coding option connector type e: receptacle f: plug shell type 0: square fange receptacle without panel seal 1: square fange receptacle with panel seal 0: plug without clicker locking 1: plug with clicker locking shell size c contact layout 02: 2 quadrax contacts contact gender 1: male crimp contact 5: female crimp contact contact type r: quadrax contacts backshell type g: straight backshell for pma fexible tube m: without backshell, nor accessories n: boot v: straight backshell with sealing gland w: straight backshell with cable clamp and sealing gland t: backshell with low profle sealing gland u: backshell t type with shielding termination z: backshell for shielding termination index 0 to 20 insert a: thermoplastic insert ordering information 838 standard version with 4 contacts ? 2.0 mm contact ? 2.0 mm (standard version) 838 quadrax version with 2 quadrax cells quadrax contact contact type male min. max. female 8380 722 8380 726 8380 970 8380 725 8380 727 8380 973 passivated silver cable size: gold (mm2) passivated silver passivated silver gold passivated silver 0.6 0.6 1.34 0.6 0.6 1.34 1.5 1.5 2.61 1.5 1.5 2.61 contacts contact type male min. max. female 8380 2035a 8380 2034a copper alloy cable size: (mm2) copper alloy 0.21 0.21 0.93 0.93 *delivered without contact other contact versions, please contact us. type* 838 0 e 1 e 09 1 b m 0 a coupling type 0: screw coupling with coding option connector type e: receptacle f: plug shell type 0: square fange receptacle without panel gasket 1: square fange receptacle with panel gasket 0: plug without clicker locking 1: plug with clicker locking shell size e contact layout 09: 4 contacts ? 2.0 mm contact gender 1: male crimp contact 5: female crimp contact contact type l: connector supplied without contact b: contacts ? 2.0 mm backshell type g: straight backshell for pma fexible tube m: without backshell, nor accessories n: boot v: straight backshell with sealing gland w: straight backshell with cable clamp and sealing gland t: backshell with low profle sealing gland u: backshell t type with shielding termination z: backshell for shielding termination index 0 to 20 insert a: thermoplastic insert *delivered without contact
4 838 series note : all dimensions are in mm range presentation plug receptacle plug receptacle 59.0 m35x1.5 42.15 max. 56.50 max. 27.0 0.7 4.00 0.2 42.15 max. m35x1.5 838 size e standard version with 4 contacts ? 2.0 mm (standard version) 838 size c quadrax version with 2 quadrax cells 44.00 +0.5 0 contact layouts (from front face of female connector) size e standard version e - 09 4 ? 2.0 mm size c quadrax version 2 quadrax ? 68.0 m52 x 1.5 57.0 70.15. max. 52.0 0.15 70.15 max. 52.0 0.15 54.9 max. 27.0 0.7 4.0 0.2 m52x1.5 34.0 0.15 34.0 0.15 38.0 0 -0.10 ? 58.0 0 -0.2 ? 45.0 68.00 0.3 c - 02 cabling: contact insertion in red cavities empty cavities cabling: contact insertion in red cavities empty cavities cabling: contact insertion in red cavities empty cavities
5 838 series note : all dimensions are in mm contacts contacts ? 2.0 mm (standard version) quadrax contact 42.00 41.00 ? 2.0 40.00 max. 40.00 max. ? 13.50 max. ? 13.50 max. ? 8.20 max. ? 8.20 max. male quadrax contact p/n: 83802035a female quadrax contact p/n: 83802034a male contact ? 2.0 mm female contact ? 2.0 mm plug - shell size e plug - shell size c 151.00 max. for further information, visit our website www.railway-connectors.com or contact us at contactindustry@souriau.com example of connector with backshell for other backshell types, please refer to the 838 catalog. 45 68 125 max. backshell type: w backshell type: w wind838hsp00401en ? copyright souriau november 2009 - all information in this document presents only general particulars and shall not form part of any contract. all rights reserved to souriau for changes without prior notifcation or public announcement. any duplication is prohibited, unless approved in writing.
railway applications are using more & more data transmission to improve safety (e.g. videosurveillance), comfort (e.g. wifi, entertainment), reliability (e.g. train service indicators) and real-time information (e.g. passenger counting system). souriaus high speed connection product range has been designed to link all these new equipments along trains. from 100 mbps to 1 gbps ? ? nff61030 compliant ? fire & smoke standards compliant ? designed for railway cables ? for all types of networks: ethernet, can open, mvb etc. 838 series 2 1 3 4 3 safety sgergerh 18634 sdf 15s qsf 15q sdfhg a mpif pds 846 354 45 246 4 reliability 1 real-time information 2 comfort switch switch 838 series dedicated for railway applications sou r iau s.a.s 9 rue de la porte de buc 78000 versailles france - tel 01 30 84 77 99 - fax 01 30 84 15 30


▲Up To Search▲   

 
Price & Availability of 8380F0E095LM15A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X