Part Number Hot Search : 
2N700 VS1000 CS98000 T300CH 62512 T2232D CLR130 2N602706
Product Description
Full Text Search
 

To Download 805-001-16ZNU9-1SB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com h-4 e-mail: sales@glenair.com series 805 a b c d e f g h j k l m series 805 ?mighty mouse? triple-start two shell styles: integral platform for direct shield attachment using band- it ? termination system, or accessory thread for attaching a strain relief. emi ground spring provides low shell -to-shell resistance. this nickel- plated beryllium copper serpentine spring enables the series 805 to meet greater than 60 db shielding effectiveness from 100 mhz. to 15 ghz. how to order sample part number 805-002 -16 m 8-4 p a series shell style shell material / finish shell size- insert arrangement contact type shell key position 805-001 plug with banding platform 805-002 plug with accessory thread - 16 plug connector with ratcheting anti-decoupling mechanism c aluminum / black anodize m aluminum / electroless nickel nf aluminum / cadmium with olive drab chromate zn aluminum / zinc-nickel with olive drab chromate znu aluminum / zinc-nickel with black chromate z1 stainless steel / passivated 8-1 1 #16 contact 8-4 4 #23 contacts 8-7 7 #23 contacts 9-1 1 #12 contact 9-10 10 #23 contacts 10-13 13 #23 contacts 11-4 4 #16 contacts 11-19 19 #23 contacts 12-26 26 #23 contacts 15-2 2 #12 contacts 15-37 37 #23 contacts 18-55 55 #23 contacts 19-85 85 #23 contacts size #23 contacts are supplied with connectors. other contact sizes are ordered separately. standard #23 contacts accept #22 through #28 awg wire. use the following contact codes to specify these contacts: p pin s socket special contacts for #26 to #30 awg are also available. use the following contact codes to specify these contacts: g pin h socket a position a (normal) b position b c position c d position d series 805 plug connectors ratchet mechanism for secure coupling: series 805 connectors feature a spring mechanism in the coupling nut that locks into radial teeth on the plug barrel. this feature allows the series 805 to stay mated even when under high vibration, without the need for safety wire or torque tools. rev. 05-apr-2007
? 2007 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com h-5 e-mail: sales@glenair.com series 805 a b c ` d e f g h k l m series 805 mighty mouse triple-start dimensions shell size a threads ? b ? c max. d threads accessory in. mm. in. mm. 8 .5000-.1p-.3l-ts-2b .317 8.05 .691 17.55 .375-28 un-2a 9 .5625-.1p-.3l-ts-2b .397 10.08 .787 19.99 .4375-28 unef-2a 10 .6250-.1p-.3l-ts-2b .473 12.01 .826 20.98 .5000-28 unef-2a 11 .6875-.1p-.3l-ts-2b .519 13.18 .916 23.27 .5625-24 unef-2a 12 .7500-.1p-.3l-ts-2b .585 14.86 .982 24.94 .6250-24 unef-2a 15 .9375-.1p-.3l-ts-2b .687 17.45 1.097 27.86 .7500-20 unef-2a 18 1.1250-.1p-.3l-ts-2b .884 22.45 1.290 32.77 .9375-20 unef-2a 19 1.1870-.1p-.3l-ts-2b .884 22.45 1.310 33.27 .9375-20 unef-2a series 805 plug connectors series 805 key positions key position key rotation ab normal (a) 150 210 b 75 210 c 95 230 d 140 275 a b self-locking coupling ? b emi/rfi spring knurl ? c a thread master key 1.188 (30.18) max d thread a thread emi/rfi spring ? c 1.188 (30.18) max plug with integral band platform 805-001 plug with accessory thread 805-002 materials and finishes connector shell aluminum or stainless steel insulator liquid crystal polymer (lcp) seals fluorosilicone rubber, blue pin contact beryllium copper, gold over nickel plating socket contact beryllium copper, gold over nickel plating, with sst hood contact retainer clip beryllium copper, unplated performance specifications dwv 500 vac sea level insulation resistance 5000 megohms minimum contact resistance 8 milliohms maximum operating temperature -55 c. to +150 c. immersion mil-std-810 method 512. one meter for one hour. emi 60 db minimum from 100 mhz. to 10 ghz. rev. 05-apr-2007


▲Up To Search▲   

 
Price & Availability of 805-001-16ZNU9-1SB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X