Part Number Hot Search : 
XBXXX 600ETTT 20001 SN54LS15 SMBJ33A D1556 74LCX CFD1264P
Product Description
Full Text Search
 

To Download 403-220802A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  403 series spdt failsafe, sma operating voltage: (across temperature range) 12 vdc (11-14 vdc) 28 vdc (24-32 vdc) coil current (max @ nom.vdc & 20?): 12 vdc 195 ma 28 vdc 95 ma switching time: 15 ms maximum operating temperature: -25? to +65? (standard) -55? to +85? (extended ? option) mechanical life, cycles: 1,000,000 minimum vibration, operating: 10 g rms, 20-2000 hz mechanical shock, non-operating: 50 g, 1/2 sine, 11 ms nominal weight: 1.5 oz., (42g.) specifications 403 series spdt failsafe sma, pc mount frequency vswr isolation ins. loss ghz (max) db (min) db (max) 0-1 1.10 85 0.10 1-4 1.15 80 0.15 4-8 1.20 70 0.20 8-12 1.30 65 0.30 12-18 1.35 60 0.35 *18-26.5 1.50 55 0.50 * ? option only. ex: 403k-2208 note: typical performance dependent on selected options rf characteristics mechanical part number selection iso 9001 certified 4 www.dowkey.com c commercial m military a avionics s space a 2 2 08 02 a 403 special options actuator coil voltage connectors indicators circuit options a = high power 2 = failsafe 2 = 12vdc 08 = sma female 02 = no indicators a = ttl high i = immersion seal 6 = failsafe with 3 = 28vdc 19 = pins, pc board mount k = 26.5 ghz suppression diode 7 = 20vdc s = epoxy seal 8 = 24vdc t = -55? to + 85? 9 = 15vdc for electrical schematic see page # 1-5 403-2x08 shown
401/403 series electrical schematics iso 9001 certified 1-5 www.dowkey.com 401/403 failsafe 401/403 failsafe ttl logic truth table 401 pulse latch 401 self cutoff 401 self cutoff ttl optional indicators optional indicators optional indicators optional indicators optional indicators failsafe ttl - sch #2 self cutoff ttl - sch #5 1 2 3 4 5


▲Up To Search▲   

 
Price & Availability of 403-220802A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X