Part Number Hot Search : 
BST72 NSSU100 TD123 E170A 106M16 AP3983E LM329AH 7SZ08
Product Description
Full Text Search
 

To Download 1140-Z2512A002500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord sets  40 www.schurter.com/pg07_ 2 appliance inlet power cord with nema- line plug 3-pole, angled ? description power supply cord, protection class i, pin temperature 70 c, cable approvals - ul license number: e45116 - csa license number: 32338 weblinks approval s , roh s , china-roh s , e-stor e , schurter-stock-chec k , distributor-stock-chec k , product configurato r technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 10 a / 250 vac; 60 hz dielectric strength > 4 kvdc between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class i acc. to iec 61140 terminal moulded material: housing black or grey dimensions length 24 mm ? 12.7 24 25.5 45.5 ? 11 11.9
2 cord sets  40 www.schurter.com/pg07_ 2 appliance inlet order code product configurato r 1140 | - | r | - | type | - | d | - | length | the characters are placeholders for the correspondingly kees of selections from the key tables. typ steht fr die dose bzw. 2. seite, l?nge ist die leitungsl?nge in mm. 1140 | - | r | - | type | - | d | - | length | = corde type corde type configuration key svt? 3x18awg n sjt? 3x18awg p special?cord z general product information see page xxx 1140 | - | r | - | type | - | d | - | length | = cord end 2 cord end 2 zzzz, ? 251 2 , ? 253 0 , ? 301 1 , ? 301 2 , ? 301 3 , ? 302 u , ? 302 0 , ? 302 7 , ? 303 0 , ? 311 l , ? 312 l 1140 | - | r | - | type | - | d | - | length | = color color configuration key jet?black;?ral9005 a silver?grey;?ral7001 b standard color: black 1140 | - | r | - | type | - | d | - | length | = leitungsl?nge leitungsl?nge zzzz, ?000500, ?001000, ?001500, ?002000, ?002500, ?003000, ?005000 cord length in mm the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 1140-Z2512A002500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X