Part Number Hot Search : 
MAX3514 74HCT573 LT8302 G2156 KRA740E MX7530KD A400306 TSC87C5X
Product Description
Full Text Search
 

To Download 0757830019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 12/08/2009 please check www.molex.com for latest part information part number: 0757830019 status: active overview: ipass? description: 0.80mm (.031") pitch, ipass? i/o smt receptacle, right angle, internal application, 26 circuit, 0.76m (30") gold (au), retention shell, left key documents: drawing (pdf) product specification ps-75783-001 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 75783 application wire-to-board comments positive or passive latching cable available component type receptacle overview ipass? product name ipass? product name pci express* product name sas product name serial ata type n/a physical circuits (loaded) 26 circuits (maximum) 26 color - resin black durability (mating cycles max) 25 flammability 94v-0 keying to mating part yes lock to mating part none material - metal copper-nickel-zinc material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (in) 0.093 in pcb thickness recommended (in) 0.125 in pcb thickness recommended (in) 0.180 in pcb thickness recommended (mm) 1.60 mm pcb thickness recommended (mm) 2.40 mm pcb thickness recommended (mm) 3.20 mm pcb thickness recommended (mm) 4.60 mm packaging type embossed tape on reel panel mount no pitch - mating interface (in) 0.031 in pitch - mating interface (mm) 0.80 mm plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 101.6 plating min: termination (m) 2.54 polarized to mating part yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 75783 series mates with ipass? cable assemblies, 79575 , 79576 , 74562 , 74563 , 79536 , 74573 , 74569 , 74586
surface mount compatible (smc) n/a temperature range - operating -40c to +105c termination interface: style surface mount wire insulation diameter n/a wire size awg n/a electrical csa lr19980 current - maximum 0.5a grounding to panel none shielded no ul e29179 voltage - maximum 30v solder process data lead-free process capability reflow capable (smt only) process temperature max. c 260 material info reference - drawing numbers product specification ps-75783-001 sales drawing sd-75783-001 this document was generated on 12/08/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0757830019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X