Part Number Hot Search : 
HVC365 K1510 SWB60 SWB60 PIC18F45 SWB60 20T100 786021
Product Description
Full Text Search
 

To Download 0473290005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/24/2009 please check www.molex.com for latest part information part number: 0473290005 status: obsolete description: 3.81mm (.150") pitch serial ata idt power receptacle, 0.38m (15") gold (au), without latch, with bump, 18 awg wire size documents: drawing (pdf) general product family idt and solder connectors series 47329 comments without latch|with bump product name serial ata use with 67926-0040 feed-to cover, 67926-0041 feed-through cover physical circuits (loaded) 15 circuits (maximum) 15 durability (mating cycles max) 200 gender receptacle glow-wire compliant no lock to mating part none number of rows 1 packaging type tray panel mount no pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm polarized to mating part yes stackable no temperature range - operating -35c to +85c wire size awg 18 electrical current - maximum 1.5a voltage - maximum 15v dc material info reference - drawing numbers product specification ps-67490-002 sales drawing sd-47329-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 47329 series mates with 87679 this document was generated on 11/24/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0473290005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X