Part Number Hot Search : 
A7331 MBRF201 GL5GC AT24C32 UGPZ20G MKI010V PTZ24B1 C2008
Product Description
Full Text Search
 

To Download 00343866G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   non resettable fuses fsk 5x20 www.schurter.com/pg0 _ 2 fuses miniature fuse, 5 x 20 mm, quick-acting f, culus, 250 vac ul 248-14 250 vac quick-acting f description - ul standard fuse - low breaking capacity standards - ul 248-14 - csa c22.2 no. 248.14 approvals - ul file number: e184831 references pigtail type fsk 5x20 pigtai l weblinks pd f , htm l , general product informatio n , approval s , roh s , china-roh s , e-stor e , schurter-stock-chec k , distributor-stock-chec k technical data rated voltage 250 vac rated current 0.05 - 6.3 a breaking capacity 32 a - 10 ka characteristic quick-acting f mounting fuseholder / clip admissible ambient air temp. -40 c to 85 c climatic category 40/085/21 acc. to iec 60068-1 material: tube glass material: endcaps nickel-plated copper alloy unit weight 1 g storage conditions 0 c to 60 c, max. 70% r.h. product marking , type, current, voltage, approvals dimensions 20 mm ? 10 ? 5.2 20 +0.1 -0.2 0.5 0.2 pre-arcing time rated current in  .  x in min.  .35 x in max. 2.0 x in max. 0.05? a?-?6.3? a 4?h 60?min 120?s
2 non resettable fuses fsk 5x20 www.schurter.com/pg0 _ 2 fuses variants rated cur - rent [a] rated vol - tage [vac] breaking capacity voltage drop  .0 in typ. [mv] power dissi - pation  .0 i n typ. [mw] melting i2t  0.0 intyp. [a2s] order number 0.05 250 1) 13000 650 0.00078 l 0034.3851 0.063 250 1) 6600 416 0.0014 l 0034.3852 0.08 250 1) 2900 232 0.00077 l 0034.3853 0.1 250 1) 4500 450 0.0015 l 0034.3854 0.125 250 1) 3700 463 0.031 l 0034.3855 0.15 250 1) 2900 435 0.034 l 0034.3856 0.18 250 1) 2100 378 0.033 l 0034.3858 0.2 250 1) 2300 460 0.043 l 0034.3859 0.25 250 1) 2100 525 0.08 l 0034.3860 0.3 250 1) 1200 360 0.07 l 0034.3861 0.315 250 1) 1700 536 0.084 l 0034.3862 0.4 250 1) 370 148 0.03 l 0034.3864 0.45 250 1) 240 108 0.058 l 0034.3865 0.5 250 1) 280 140 0.072 l 0034.3866 0.63 250 1) 260 164 0.1 l 0034.3867 0.7 250 1) 270 189 0.28 l 0034.3869 0.75 250 1) 230 173 0.31 l 0034.3870 0.8 250 1) 240 192 0.4 l 0034.3871 1 250 1) 230 230 0.68 l 0034.3872 1.2 250 2) 160 192 0.98 l 0034.3873 1.25 250 2) 160 200 0.97 l 0034.3874 1.5 250 2) 160 240 1.59 l 0034.3875 1.6 250 2) 140 224 1.52 l 0034.3876 2 250 2) 200 400 2.93 l 0034.3877 2.5 250 2) 140 350 4.6 l 0034.3879 3 250 2) 120 360 6.8 l 0034.3880 3.15 250 2) 130 410 9.72 l 0034.3881 3.5 250 2) 130 455 9.75 l 0034.3882 4 250 3) 120 480 13.31 l 0034.3883 5 250 3) 140 700 21.4 l 0034.3884 6.3 250 3) 120 756 40.8 l 0034.3885 1) 10 ka @ 125 vac , p.f. = 0.7 - 0.8 / 35 a @ 250 vac , p.f. = 0.7 - 0.8 2) 10 ka @ 125 vac , p.f. = 0.7 - 0.8 / 100 a @ 250 vac , p.f. = 0.7 - 0.8 3) 10 ka @ 125 vac , p.f. = 0.7 - 0.8 / 200 a @ 250 vac , p.f. = 0.7 - 0.8 packaging unit xxxx.xxxx.g bulk 128 x 91 x 60 mm (1000 pcs.)
3 non resettable fuses fsk 5x20 www.schurter.com/pg0 _ 2 fuses time-current-curves time ?in?seconds 0.00 1 0.01 0. 1 1 10 100 1000 10000 100000 1 10 multiple?of? rated?current?in the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 00343866G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X