Part Number Hot Search : 
2SC4270 1030A TN2535 CMX983 RPM873 TC7129 D1861A BAS221
Product Description
Full Text Search
 

To Download SMD-99F-5020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd99f 5-tap, ttl-interfaced fixed delay line (series smd99f) features packages 1 4 6 7 14 12 10 8 in t2 t4 gn d vd d t1 t3 t5 14 13 12 11 10 9 8 1 2 3 4 5 6 7 in n/ c n/ c t2 n/ c t4 gn d vcc n/ c t1 n/ c t3 n/ c t5 ? five equally spaced outputs ? designed for surface mounting ? low profile (0.175 maximum height) ? input & outputs fully ttl interfaced & buffered ? 10 t 2 l fan-out capability sm d 99f- x x (c omme rcial) sm d99f- x x m (m ilitar y ) s m d99f-x x m c 2 (m ilita r y ) functional description the smd99f-series device is a 5-tap digitally buffered delay line. the signal input (in) is reproduced at the out puts (t1-t5), shifted in time by an amount determined by the device das h number (see table). for dash numbers less than 5025, the total delay of the line is measured from t1 to t5. the nominal tap-to-tap delay incr ement is given by one-fourth of the total delay, and the inherent delay from in to t1 is nominally 3.5ns. for dash numbers greater than or equal to 5025, the total delay of the line is measur ed from in to t5. the nominal tap-to-tap delay increment is given by one-fifth of this number. pin descriptions in signal input t1-t5 tap outputs vcc +5 volts gnd ground dash number specifications part number total delay (ns) delay per tap (ns) smd99f-5004 4 1.0 * 1.0 0.5 smd99f-5006 6 1.0 * 1.5 0.5 smd99f-5008 8 2.0 * 2.0 1.0 smd99f-5010 10 2.0 * 2.5 1.0 smd99f-5012 12 2.0 * 3.0 1.0 smd99f-5016 16 2.0 * 4.0 1.5 smd99f-5020 20 3.0 * 5.0 2.0 smd99f-5025 25 3.0 5.0 2.0 smd99f-5030 30 3.0 6.0 2.0 smd99f-5035 35 3.0 7.0 2.0 smd99f-5040 40 3.0 8.0 2.0 smd99f-5045 45 3.0 9.0 3.0 smd99f-5050 50 3.0 10.0 3.0 smd99f-5060 60 3.0 12.0 3.0 smd99f-5075 75 4.0 15.0 3.0 smd99f-5100 100 5.0 20.0 3.0 smd99f-5125 125 6.5 25.0 3.0 smd99f-5150 150 7.5 30.0 3.0 smd99f-5175 175 8.0 35.0 4.0 smd99f-5200 200 10.0 40.0 4.0 smd99f-5250 250 12.5 50.0 5.0 * total delay is referenced to first tap output input to first tap = 3.5ns 1ns note: a n y dash number betw een 5004 and 5250 not show n is also av ailable. series specifications ? minimum input pulse w i dth: 40% of total delay ? output rise time: 2ns typical ? supply v o ltage: 5vdc 5% ? supply current: i ccl = 32ma typical i cch = 7ma typical ? operating temperature: 0 to 70 c ? tem p . coefficient of total delay : 100 ppm/ c 25% 25% 25% 25% vc c in t1 t2 f u n c tio n al d i ag r a m fo g n d t3 t4 t5 r d ash n u m b e r s < 5025 3. 5ns 20% 20% 20% 20% 20% vc c in t1 t2 f u n c tio n al d i ag r a m fo g n d t3 t4 t5 r d ash n u m b e r s > = 5025 ? 2007 data delay dev i ces doc #97017 data delay devices, inc. 1 4/26/2007 3 mt. prospect ave. clifton, nj 07013
smd99f application notes high frequency response the smd99f tolerances are guaranteed for input pulse widths and periods greater than those specified in the test conditions. although the device will function properly for pulse widths as small as 40% of the total delay and periods as small as 80% of the total delay (for a symmetric input), the delays may deviate from their values at low frequency. however, for a given input condition, the deviation will be repeatable from pulse to pulse. contact technical support at data delay devices if your application requires device testing at a specific input condition. power supply bypassing the smd99f relies on a stable power supply to produce repeatable delays within the stated tolerances. a 0.1uf capac itor from vcc to gnd, located as close as possible to the vcc pin, is recommended. a wide vcc trace and a clean ground plane should be used. device specifications table 1: absolute maximum ratings p a r a m e t e r s y m b o l m i n m a x u n i t s n o t e s dc supply voltage v cc - 0 . 3 7 . 0 v input pin voltage v in - 0 . 3 v dd +0. 3 v storage temperature t st rg - 5 5 1 5 0 c lead temperature t lead 3 0 0 c 1 0 s e c table 2: dc electrical characteristics (0c to 70c, 4.75v to 5.25v) p a r a m e t e r s y m b o l m i n t y p m a x u n i t s n o t e s high level output voltage v oh 2 . 5 3 . 4 v v cc = mi n, i oh = max v ih = mi n, v il = max low level output voltage v ol 0 . 3 5 0 . 5 v v cc = mi n, i ol = max v ih = mi n, v il = max high level output current i oh - 1 . 0 m a low level output current i ol 2 0 . 0 m a high level input voltage v ih 2 . 0 v low level input voltage v il 0 . 8 v input clamp voltage v ik - 1 . 2 v v cc = mi n, i i = i ik input current at maximum input voltage i ihh 0 . 1 m a v cc = max, v i = 7.0v high level input current i ih 2 0 a v cc = max, v i = 2.7v low level input current i il - 0 . 6 m a v cc = max, v i = 0.5v short-circuit output current i os - 6 0 - 1 5 0 m a v cc = max output high fan-out 25 unit output low fan-out 12.5 load doc #97017 data delay devices, inc. 2 4/26/2007 tel: 973-773-2299 fax: 973-773-9672 http://www.datadelay.com
smd99f package dimensions . 350 ty p . sm d 99f- xx ( c ommercial) sm d 99f- xxm ( m ilit ar y) 1 7 8 . 510 ma x . 14 . 020 4 6 12 10 . 510 m a x . . 480 m a x . . 150 . 100 . 150 . 050 . 150 c l . 175 m a x . . 015 . 050 . 001 . 780 . 020 . 882 . 005 1234567 8 . 020 t y p . . 040 ty p . . 100 . 090 . 600 . 280 ma x . . 590 ma x . . 010 . 002 . 050 . 010 . 710 . 005 . 007 . 005 9 10 11 12 13 14 s m d99f -xxm c2 (m ilitar y ) doc #97017 data delay devices, inc. 3 4/26/2007 3 mt. prospect ave. clifton, nj 07013
smd99f delay line automated testing test conditions input: output: ambient temperature: 25 o c 3 o c load: 1 fast-ttl gate supply voltage (vcc): 5.0v 0.1v c load : 5pf 10% input pulse: high = 3.0v 0.1v threshold: 1.5v (rising & falling) low = 0.0v 0.1v source impedance: 50 ? max. rise/fall time: 3.0 ns max. (measured between 0.6v and 2.4v ) pulse width: pw in = 1.5 x total delay period: per in = 10 x total delay note: the above conditions are for test only and do not in any way restrict the operation of the device. t1 out tr i g in re f tr i g t est s e t u p de v i ce unde r t est (d u t ) ti m e i n te r v a l count e r pu l s e ge ne ra t o r com p ut e r sy st em pr in t e r in t2 t3 t4 t5 t i mi n g di ag ram f o r t est i n g t ris e t fa l l per in pw in t ris e t fa l l 0. 6v 0. 6v 1. 5v 1. 5v 2. 4v 2. 4v 1. 5v 1. 5v v ih v il v oh v ol in p u t s ign a l ou tp u t s ign a l doc #97017 data delay devices, inc. 4 4/26/2007 tel: 973-773-2299 fax: 973-773-9672 http://www.datadelay.com


▲Up To Search▲   

 
Price & Availability of SMD-99F-5020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X