Part Number Hot Search : 
2412D REF03GSZ A2000 EDS25 D1275A EDS25 W83L7 MSMLG22A
Product Description
Full Text Search
 

To Download SKM400GA174D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? by semikron 0898 b 6 C 277 absolute maximum ratings values symbol conditions 1) units v ces v cgr i c ; i cn i cm v ges p tot t j , (t stg ) v isol humidity climate r ge = 20 k w t case = 25/ 75 c t case = 25/75 c; t p = 1 ms per igbt, t case = 25 c ac, 1 min. 4) din 40 040 din iec 68 t.1 1700 1700 540 / 400 1080 / 800 20 2780 C40 ... +150 (125) 3400 class f 40/125/56 v v a a v w c v inverse diode 8) i f = Ci c i fm = Ci cm i fsm i 2 t t case = 25/75 c t case = 25/75 c; t p = 1 ms t p = 10 ms; sin.; t j = 150 c t p = 10 ms; t j = 150 c 380 / 275 1080/ 800 2900 42000 a a a a 2 s characteristics symbol conditions 1) min. typ. max. units v (br)ces v ge(th) i ces i ges v cesat g fs v ge = 0, i c = 6 ma v ge = v ce , i c = 20 ma v ge = 0 t j = 25 c v ce = v ces t j = 125 c v ge = 20 v, v ce = 0 i c = 300 a v ge = 15 v; i c = 400 a t j = 25 (125) c v ce = 20 v, i c = 300 a 3 v ces 4,8 C C C C C 108 C 5,5 0,1 8 C 2,8(3,25) 3,3(3,6) 150 C 6,2 0,6 C 100 C C C v v ma ma na v v s c chc c ies c oes c res l ce per igbt v ge = 0 v ce = 25 v f = 1 mhz C C C C C C 22 3 1 C 1,4 C C C 20 nf nf nf nf nh t d(on) t r t d(off) t f e on e off v cc = 1200 v v ge = C15 v / +15 v 3) i c = 300 a, ind. load r gon = r goff = 5,6 w t j = 125 c l s = 60 nh C C C C C C 120 130 1000 140 220 150 C C C C C C ns ns ns ns mws mws inverse diode 8) v f = v ec v f = v ec v to r t i rrm q rr i f = 300 a v ge = 0 v; i f = 400 a t j = 25 (125) c t j = 125 c t j = 125 c i f = 300 a; t j = 25 (125) c 2) i f = 300 a; t j = 25 (125) c 2) C C C C C C 2,2(1,9) 2,4(2,25) 1,3 3 120(170) 30(72) 2,7(2,4) C 1,5 3,2 C C v v v m w a m c thermal characteristics r thjc r thjc r thch per igbt per diode d per module C C C C C C 0,045 0,125 0,038 c/w c/w c/w semitrans ? m low loss igbt modules skm 400 ga 174 d preliminary data features ? mos input (voltage controlled) ? n channel, homogeneous silicon structure (npt- non punch- through igbt) ? low inductance case ? low tail current with low temperature dependence ? high short circuit capability, self limiting to 4 * i cnom ? latch-up free ? fast & soft inverse cal diodes 8) ? isolated copper baseplate using dcb direct copper bonding ? large clearance (13 mm) and creepage distances (20 mm) typical applications ? ac inverter drives on mains 575 - 750 v ac ? dc bus voltage 750 - 1200 v dc ? public transport (auxiliary syst.) ? switching (not for linear use) 1) t case = 25 c, unless otherwise specified 2) i f = C i c , v r = 1200 v, Cdi f /dt = 1500 a/ m s, v ge = 0 v 3) use v geoff = -5 ... -15 v 4) option v isol = 4000v/1 min add suffix ?h4 - on request 8) cal = controlled axial lifetime technology cases and mech. data ? b6-278 ga semitrans 4
? by semikron b 6 C 278 skm 400 ga 174 d 0898 semitrans 4 case d 59 ul recognition file no. e 63 532 applied for skm 400 ga 174 d dimensions in mm case outline and circuit diagram mechanical data symbol conditions values units min. typ. max. m 1 m 2 a w to heatsink, si units (m6) to heatsink, us units for terminals, si units (m6/m4) for terminals, us units 3 27 2,5/1,1 22/10 ? ? ? ? ? ? ? ? 5 44 5/2 44/18 5x9,81 330 nm lb.in. nm lb.in. m/s 2 g this is an electrostatic discharge sensitive device (esds). please observe the international standard iec 747-1, chapter ix. three devices are supplied in one semibox b without mounting hard- ware, which can be ordered separa- tely under ident no. 33321100 (for 10 semitrans 4) larger packing units of 12 or 20 pie- ces are used if suitable accessories ? b 6 ? 4 semibox ? c ? 1. option skm 400 ga 174 ds on request: terminal 4 = collector sense v ce , add suffix ?s. ? b 6 ? 212


▲Up To Search▲   

 
Price & Availability of SKM400GA174D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X