Part Number Hot Search : 
K3090 RT214615 ZR39160 RM302730 PT27314 00BB70M SI4411 IPL10020
Product Description
Full Text Search
 

To Download MXTK92XX1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cable assembly connector code for each end of cable cable code full length of cable assembly length l (mm) = x 10 ex. 500mm = 500 x 10 0 = 5000 1000mm = 100 x 10 1 = 1001 high frequency devices coaxial connectors smt, microminiature gsc series features high engagement with new structure (50% up compared with esc type) ultra-miniature (lxwxh: 3.4x3.4x1.5mm) for high density mounting (11.6mm 2 ) ultra-low profile (3.0mm max.) smd and reflow soldering applicable taping package applicable mountable by automatic placer high performance (vswr: 1.2 max. at 3ghz) matched with ultra-thin fep coaxial cables (0.8mm dia.) applications portable, mobile and cordless telephone, gps, and other microwave radio and measurement equipment item rating and characteristics frequency from dc to 6ghz vswr 1.2 max. (dc ~ 3ghz); 1.3 max. (3 ~ 6ghz) nominal impedance 50 temperature range 40? to +90? voltage 250vrms contact resistance 15m max. withstand voltage 300(ac) rms insulation resistance 500m min. mating cycles 100 cycles specifications dimensions (mm9329-2700): mm dimensions (mxtk92 ): mm part numbering ?cable assembly part numbering ?receptacle part number packaging quantity mm9329-2700 bulk package specify mm9329-2700tb1 178mm dia. taping 1000pcs/reel mm9329-2700tb2 330mm dia. taping 5000pcs/reel mx tk 92 xx 200 0 code connector tk gsc type plug connector for 92 cable xx no connector outer outer minimum insulation code cable diameter conductor bending material construction radius 92 0.4d 0.8mm single shield 4.8mm pfa ground terminal hot terminal tolerances unless otherwise specified: 0.2 0.15 0.03 0.5 0.1 0.5 0.1 1 0.1 2.3 2.1 2 0.1 0.15 0.03 1.15 0.12 0.03 2.6 3 (r0.15) (r0.15) 2.6 3 0.1 tolerances unless otherwise specified: 0.3 2.55 1.5 3.5 0.5 2.8 cg01-j 315 high frequency devices m
cable length l (mm)* dimensional from to tolerance (mm) 40 100 3 100 500 4 500 1000 ?0 1000 +2% of l 0% of l 1.9 (1.5) (2.37) 2.5 (1.74) (1.5) 0.6 land electrode 5.2 3.6 2.3 1 0.6 2 1.5 1.5 1.05 1.0 5 (3 0.6) (through holes) 1 l high frequency devices coaxial connectors smt, microminiature gsc series materials and finish mm9329-2700 ?receptacle mxtk92 ?connector part name materials finish center contact stainless steel gold plated outer contact copper alloy silver plated insulator engineering plastic none cable length tolerance *l must be 20mm min. part name materials finish center contact copper alloy gold plated outer contact copper alloy gold plated insulator engineering plastic none recommended mounting dimensions: mm 2.8 max. 2 max. 0.7 min. dimensions: mm 316 cg01-j reel dimensions: mm b a d c b n w2 w1 part no. a 2 b 0.5 c 0.8 d 0.5 n min. w11.5 w2 min. mm9329-2700tb1 178 13 21 2 50 13.5 18.5 mm9329-2700tb2 330 13 21 2 50 13.5 18.5 p2 po do p1 a 3 max. k b t w f e 3 max. tape dimensions: mm abw d0 e f 3.8 0.1 3.8 0.1 12 0.2 1.5 1.75 0.1 5.5 0.1 kp0p1p2t 0.15 0.125 4 0.1 8 0.1 2 0.1 0.3 0.05 +0.1 ?
cg01-j 317 5.33 18 gsc - contact sma - jack 5.33 6.5 4.06 5.08 5.33 13.4 gsc - female sma - jack 4.6 5.33 3 5.08 5.33 13.4 gsc ?male sma - jack 2.1 5.08 8.55 0.85 2.55 2 2.3 7.95 4.4 2.1 7.4 7.95 2 2.3 0.6 dia. 8 3.9 0.6 35 2 45 2 high frequency devices coaxial connectors smt, microminiature gsc series application notes pcb mounting pattern dimensions: dimensions shown on page 319 ?ecommended mounting dimensions should be used for pcb design. disengagement and engagement: use tool p/n m22001. the connector to be disengaged and engaged should be pulled out or insert to the vertical direction using the tool. do not try and pull out the cable by hand or wire breakage may result. cable and connector handling: do not apply a twisting torque to the cable and connector. reflow soldering condition: reflow soldering should be carried out according to condition shown in fig. 3. disengagement tool (fig. 1): mm m22001 sma-gsc adapters (fig. 2): mm mm121471 standard reflow soldering conditions (fig. 3) mm121470 mm121480 how to use disengagement tool 30 60 90 120 150 180 allowable temperature and time of reflow soldering temperature (?) 260 250 240 230 220 210 200 190 180 time [sec.] solder : sn60% pb40% pre-heating 150 10? 60 ~ 120 sec. 20 ~ 30 sec. max. 10 sec. max. peak temperature 225 5? temperature (?) 220 200 150 100 25 0 time [sec.] measuring point of temperature in-out terminals of the device. ?reflow soldering ?hot air ?both convection and infrared rays ?hot plate high frequency devices


▲Up To Search▲   

 
Price & Availability of MXTK92XX1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X