Part Number Hot Search : 
CRO600S M56770SP 14515 4ACT2 CS3DC F2804S P6KE11 HIP5015
Product Description
Full Text Search
 

To Download MSPSMBG5383BE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount 5.0 watt zener diodes www. microsemi . com scottsdale division smbg5333 thru smbg5388b, e3 smbj5333 thru smbj5388b, e3 smbg(j)533?5388b, e3 description appearance the smbj5333-5388b or smbg5333-5388b series of surface mount 5.0 watt zeners provides voltage regulation in a selection from 3.3 to 200 volts with different tolerances as identified by suffix letter on the part number. it is equivalent to the jedec registered 1n 5333 thru 1n5388b with identical electrical characteristics and testing as well as rohs compliant with an e3 suffix. it is available in j-bend design (smbj) with the do-214aa package for greater pc board mounting density or in gull-wing design (smbg) in the do-215aa for visible solder connections. these plastic encapsulated zeners have a moisture classification of level 1 with no dry pack required and are also available in military equivalent screening levels by adding a prefix identifier as further described in the features section. microsemi also offers numerous other zener products to meet higher and lower power applications. note: all smb series are equivalent to prior sms package identifications. important: for the most current data, consult microsemi?s website: http://www.microsemi.com microsemi scottsdale division page 1 copyright ? 2005 7-17-2005 rev d features applications / benefits ? regulates voltage over a broad operating current and temperature range ? surface mount equivalent to 1n5333 to 1n5388b ? ideal for high-density and low-profile mounting ? wide selection from 3.3 to 200 v ? zener voltage available 3.3v to 200v ? nonsensitive to esd ? standard voltage tolerances are plus/minus 5% with b suffix and 10 % with a suffix identification ? withstands high surge stresses ? minimal changes of voltage versus current as specified by voltage regulation ( v ? tight tolerances available in plus or minus 2% or 1% with c or d suffix respectively z ) ? high specified maximum current (i ? options for screening in accordance with mil-prf-19500 for jan, jantx, jantxv, and jans are available by adding mq, mx, mv, or msp prefixes respectively to part numbers. zm ) when adequately heat sinking ? moisture classification is level 1 with no dry pack required per ipc/jedec j-std-020b ? rohs compliant devices available by adding an ?e3? suffix maximum ratings mechanical and packaging ? power dissipation at 25 o ? case: void-free transfer molded thermosetting epoxy body meeting ul94v-0 c: 5.0 watts (also see derating in figure 1). o ? operating and storage temperature: -65 c to +150 ? terminals: gull-wing or c-bend (modified j- bend) tin-lead or rohs compliant annealed matte-tin plating solderable per mil-std-750, method 2026 o c ? thermal resistance: 25 o c/w junction to lead, or 90 o c/w junction to ambient when mounted on fr4 pc board (1oz cu) with recommended footprint (see last page) ? polarity: cathode indicated by band. diode to be operated with the banded end positive with respect to the opposite end. o ? steady-state power: 5 watts at t l < 25 c, or 1.38 watts at t = 25 o a c when mounted on fr4 pc board with recommended footprint (also see figure 1) ? marking: part number without smbx prefix (e.g. 5333b, 5333be3, mx5348c, 5376d, etc.) ? forward voltage @1.0 a: 1.2 volts (maximum) ? tape & reel option: standard per eia-481-1- a with 12 mm tape, 750 per 7 inch reel or 2500 per 13 inch reel (add ?tr? suffix to part number) o c for 10 s (maximum) ? solder temperatures: 260 ? weight: 0.1 grams ? see package dimensions on last page 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
surface mount 5.0 watt zener diodes microsemi scottsdale division page 2 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 copyright ? 2005 7-17-2005 rev d www. microsemi . com scottsdale division smbg5333 thru smbg5388b, e3 smbj5333 thru smbj5388b, e3 smbg(j)533?5388b, e3 electrical characteristics @ t l = 30 o c type number regulator voltage (v z ) test current (i z ) maximum dynamic impedance (z z ) (a&b suffix) maximum reverse current (i r ) i r test voltage (v r ) (non-suffix & a suffix) i r test voltage (v r ) (b,c,d suffix) maximum regulator current (i zm ) (b,c,d suffix) maximum dynamic knee impedance z zk at 1.0ma (a,b,c,d suffix) maximum surge current (i zsm ) maximum voltage regulation ( v z ) (a,b,c,d suffix) gull- wing lead c-bend (mod. ?j?) v ma dc ohms a v v ma ohms amps volts smbg5333b smbg5334b smbg5335b smbg5336b smbg5337b smbj5333b smbj5334b smbj5335b smbj5336b smbj5337b 3.3 3.6 3.9 4.3 4.7 380 350 320 290 260 3.0 2.5 2.0 2.0 2.0 300 150 50 10 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1440 1320 1220 1100 1010 400 500 500 500 450 20 18.7 17.6 16.4 15.3 0.85 0.80 0.54 0.49 0.44 smbg5338b smbg5339b smbg5340b smbg5341b smbg5342b smbj5338b smbj5339b smbj5340b smbj5341b smbj5342b 5.1 5.6 6.0 6.2 6.8 240 220 200 200 175 1.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 10 1.0 2.0 3.0 3.0 4.9 1.0 2.0 3.0 3.0 5.2 930 865 790 765 700 400 400 300 200 200 14.4 13.4 12.7 12.4 11.5 0.39 0.25 0.19 0.10 0.15 smbg5343b smbg5344b smbg5345b smbg5346b smbg5347b smbj5343b smbj5344b smbj5345b smbj5346b smbj5347b 7.5 8.2 8.7 9.1 10 175 150 150 150 125 1.5 1.5 2.0 2.0 2.0 10 10 10 7.5 5.0 5.4 5.9 6.25 6.6 7.2 5.7 6.2 6.6 6.9 7.6 630 580 545 520 475 200 200 200 150 125 10.7 10 9.5 9.2 8.6 0.15 0.20 0.20 0.22 0.22 smbg5348b smbg5349b smbg5350b smbg5351b smbg5352b smbj5348b smbj5349b smbj5350b smbj5351b smbj5352b 11 12 13 14 15 125 100 100 100 75 2.5 2.5 2.5 2.5 2.5 5.0 2.0 1.0 1.0 1.0 8.0 8.6 9.4 10.1 10.8 8.4 9.1 9.9 10.6 11.5 430 395 365 340 315 125 125 100 75 75 8.0 7.5 7.0 6.7 6.3 0.25 0.25 0.25 0.25 0.25 smbg5353b smbg5354b smbg5355b smbg5356b smbg5357b smbj5353b smbj5354b smbj5355b smbj5356b smbj5357b 16 17 18 19 20 75 70 65 65 65 2.5 2.5 2.5 3.0 3.0 1.0 0.5 0.5 0.5 0.5 11.5 12.2 13 13.7 14.4 12.2 12.9 13.7 14.4 15.2 295 280 264 250 237 75 75 75 75 75 6.0 5.8 5.5 5.3 5.1 0.30 0.35 0.40 0.40 0.40 smbg5358b smbg5359b smbg5360b smbg5361b smbg5362b smbj5358b smbj5359b smbj5360b smbj5361b smbj5362b 22 24 25 27 28 50 50 50 50 50 3.5 3.5 4.0 5.0 6.0 0.5 0.5 0.5 0.5 0.5 15.8 17.3 18 19.4 20.1 16.7 18.2 19 20.6 21.2 216 198 190 176 170 75 100 110 120 130 4.7 4.4 4.3 4.1 3.9 0.45 0.55 0.55 0.60 0.60 smbg5363b smbg5364b smbg5365b smbg5366b smbg5367b smbj5363b smbj5364b smbj5365b smbj5366b smbj5367b 30 33 36 39 43 40 40 30 30 30 8.0 10 11 14 20 0.5 0.5 0.5 0.5 0.5 21.6 23.8 25.9 28.1 31 22.8 25.1 27.4 29.7 32.7 158 144 132 122 110 140 150 160 170 190 3.7 3.5 3.3 3.1 2.8 0.60 0.60 0.65 0.65 0.70 smbg5368b smbg5369b smbg5370b smbg5371b smbg5372b smbj5368b smbj5369b smbj5370b smbj5371b smbj5372b 47 51 56 60 62 25 25 20 20 20 25 27 35 40 42 0.5 0.5 0.5 0.5 0.5 33.8 36.7 40.3 43 44.6 35.8 38.8 42.6 45.5 47.1 100 93 86 79 76 210 230 280 350 400 2.7 2.5 2.3 2.2 2.1 0.80 0.90 1.00 1.20 1.35 smbg5373b smbg5374b smbg5375b smbg5376b smbg5377b smbj5373b smbj5374b smbj5375b smbj5376b smbj5377b 68 75 82 87 91 20 20 15 15 15 44 45 65 75 75 0.5 0.5 0.5 0.5 0.5 49 54 59 63 65.5 51.7 56 62.2 66 69.2 70 63 58 54.5 52.5 500 620 720 760 760 2.0 1.9 1.8 1.7 1.6 1.50 1.60 1.80 2.00 2.20 smbg5378b smbg5379b smbg5380b smbg5381b smbg5382b smbj5378b smbj5379b smbj5380b smbj5381b smbj5382b 100 110 120 130 140 12 12 10 10 8.0 90 125 170 190 230 0.5 0.5 0.5 0.5 0.5 72 79.2 86.4 93.6 101 76 83.6 91.2 98.8 106 47.5 43 39.5 36.6 34 800 1000 1150 1250 1500 1.5 1.4 1.3 1.2 1.2 2.30 2.50 2.50 2.50 2.50 smbg5383b smbg5384b smbg5385b smbg5386b smbg5387b smbg5388b smbj5383b smbj5384b smbj5385b smbj5386b smbj5387b smbj5388b 150 160 170 180 190 200 8.0 8.0 8.0 5.0 5.0 5.0 330 350 380 430 450 480 0.5 0.5 0.5 0.5 0.5 0.5 108 115 122 130 137 144 114 122 129 137 144 152 31.6 29.4 28 26.4 25 23.6 1500 1650 1750 1750 1850 1850 1.1 1.1 1.0 1.0 0.9 0.9 3.00 3.00 3.00 4.00 5.00 5.00 note 1: devices listed above with b suffix have 5% tolerance, a suffi x designates 10% tolerance, c suffix designates 2% tolerance, and d designates 1% tolerance. note 2: zener voltage (vz) is measured at t l = 25 o c (+8, -2 o c). voltage measurement to be performed 40 10 milliseconds after application of dc current. note 3: the zener impedance is derived from 1 khz ac voltage result ing from an ac current modulation having an rms value equal to 10% of the dc zener current (i zt or i zk ) superimposed on i zt or i zk . see micro note 202 for zener impedance variation with different operating currents. note 4: the maximum current (i zm ) shown is for a 5% tolerance devices. the i zm for other tolerances can be calculated using the formula: i zm = p/v zm where v zm is the v z at the high end of the voltage toleranc e specified and p is the rated power for the method of mounting. note 5: the surge current (i zsm ) is specified as the maximum peak of a non-re current half-sine wave of 8.3 ms duration. note 6: voltage regulation (v z ) is the difference between the volt age measured at 10% and 50% of i zm .
surface mount 5.0 watt zener diodes www. microsemi . com scottsdale division smbg5333 thru smbg5388b, e3 smbj5333 thru smbj5388b, e3 smbg(j)533?5388b, e3 graphs microsemi scottsdale division page 3 copyright ? 2005 7-17-2005 rev d smb5335 pd, m aximum power d issipation ( mw) smb5338 smb5342 temperature ( o c) figure 1 ? power derating curve figure 2 ? capacitance vs. zener voltage figure 3 typical capacitance vs. reverse voltage for 5 watt zeners package dimensions & pad layout smbj smbg a b c d e f k l min .077 .160 .130 .205 .077 .235 .015 .030 max .083 .180 .155 .220 .104 .255 .030 .060 dimensions in millimeters min 1.96 4.06 3.30 5.21 1.95 5.97 .381 .760 max 2.10 4.57 3.94 5.59 2.65 6.48 .762 1.520 inches mm a 0.320 8.13 b 0.085 2.16 c 0.110 2.79 inches mm a .260 6.60 b .085 2.16 c .110 2.79 smb5344 t l t a on fr4 pc board smb5350 smb5357 smb5365 smb5378 smb5388 smbg smbj 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503


▲Up To Search▲   

 
Price & Availability of MSPSMBG5383BE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X