Part Number Hot Search : 
BYV26 40N03 08852 IRGPC 0N30T B2005 D13003 2SB12
Product Description
Full Text Search
 

To Download MQHSMBJ5915DE3TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  microsemi scottsdale division page 1 copyright ? 2006 3-12-2006 rev g www. microsemi . com hsmbj5913 thru hsmbj5956, e3 silicon 3.0 watt zener diode scottsdale division description package the hsmbj5913-5956b series of surf ace mount 3.0 watt zeners provides voltage regulation in a selection from 3.3 to 200 volts with different tolerances as identified by suffix letter on the part number. it is equivalent to the jedec registered 1n5913 thru 1n5956b with i dentical electrical characteristics except it is rated at 3.0 w instead of 1.5 w with the lower thermal resistance features of this surface mount packaging. these plastic encapsulated zeners have a moisture classification of level 1 with no dry pack required and are also available in military equivalent screening levels by adding a prefix identifier as further described in the feat ures section. microsemi also offers numerous other zener products to meet higher and lower power applications. do-214aa (see package notes) important: for the most current data, consult microsemi?s website: http://www.microsemi.com features applications / benefits ? surface mount equivalent to 1n5913 to 1n5956b ? ideal for high-density and low-profile mounting ? zener voltage available 3.3v to 200v ? standard voltage tolerances are plus/minus 5% with b suffix and 10 % with a suffix identification ? tight tolerances available in plus or minus 2% or 1% with c or d suffix respectively ? rohs compliant devices available by adding ?e3? suffix ? options for screening in accordance with mil- prf-19500 for jan, jantx, jantxv, and jans are available by adding mq, mx, mv, or msp prefixes respectively to part numbers. ? regulates voltage over a broad operating current and temperature range ? wide selection from 3.3 to 200 v ? flexible axial-lead mounting terminals ? nonsensitive to esd per mil-std-750 method 1020 ? high specified maximum current (i zm ) when adequately heat sinking ? moisture classification is level 1 with no dry pack required per ipc/jedec j-std-020b maximum ratings mechanical and packaging ? power dissipation at 25 o c: 3.0 watts (also see derating in figure 1). ? operating and storage temperature: -65 o c to +150 o c ? thermal resistance: 15 o c/w junction to lead, or 80 o c/w junction to ambient when mounted on fr4 pc board (1oz cu) with recommended footprint (see last page) ? steady-state power: 3 watts at t l < 105 o c, or 1.56 watts at t a = 25 o c when mounted on fr4 pc board with recommended footprint (also see figure1) ? forward voltage @200 ma: 1.2 volts (maximum) ? solder temperatures: 260 o c for 10 s (maximum) ? case: void-free transfer molded thermosetting epoxy body meeting ul94v-0 ? terminals: c-bend (modified j-bend) leads, tin- lead or rohs compliant annealed matte-tin plating solderable per mil-std-750, method 2026 ? polarity: cathode indicated by band. diode to be operated with the banded end positive with respect to the opposite end for zener regulation ? marking: includes part number without prefix (e.g. 5913b, 5926c, 5951d, etc.) ? tape & reel option: standard per eia-481-1-a with 12 mm tape 750 per 7 inch reel or 2500 per 13 inch reel (add ?tr? su ffix to part number) ? weight: 0.1 grams ? see package dimensions on last page hsmbj5913-595 6b,e3 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
microsemi scottsdale division page 2 copyright ? 2006 3-12-2006 rev g www. microsemi . com hsmbj5913 thru hsmbj5956, e3 silicon 3.0 watt zener diode scottsdale division hsmbj5913-595 6b,e3 electrical characteristics @ t l = 30 o c zener voltage v z test current i zt dynamic impedance z zt knee current i zk knee impedance z zk reverse current i r (max.) reverse voltage v r max. dc current i zm jedec type number volts ma ohms ma ohms adc volts ma hsmbj5913 hsmbj5914 hsmbj5915 hsmbj5916 hsmbj5917 3.3 3.6 3.9 4.3 4.7 113.6 104.2 96.1 87.2 79.8 10 9.0 7.5 6.0 5.0 1.0 1.0 1.0 1.0 1.0 500 500 500 500 500 100 75 25 5.0 5.0 1.0 1.0 1.0 1.0 1.5 908 832 768 696 638 hsmbj5918 hsmbj5919 hsmbj5920 hsmbj5921 hsmbj5922 5.1 5.6 6.2 6.8 7.5 73.5 66.9 60.5 55.1 50 4.0 2.0 2.0 2.5 3.0 1.0 1.0 1.0 1.0 0.5 350 250 200 200 400 5.0 5.0 5.0 5.0 5.0 2.0 3.0 4.0 5.2 6.0 588 534 482 440 400 hsmbj5923 hsmbj5924 hsmbj5925 hsmbj5926 hsmbj5927 8.2 9.1 10 11 12 45.7 41.2 37.5 34.1 31.2 3.5 4.0 4.5 5.5 6.5 0.5 0.5 0.25 0.25 0.25 400 500 500 550 550 5.0 5.0 5.0 1.0 1.0 6.5 7.0 8.0 8.4 9.1 364 328 300 272 250 hsmbj5928 hsmbj5929 hsmbj5930 hsmbj5931 hsmbj5932 13 15 16 18 20 28.8 25 23.4 20.8 18.7 7.0 9.0 10 12 14 0.25 0.25 0.25 0.25 0.25 550 600 600 650 650 1.0 1.0 1.0 1.0 1.0 9.9 11.4 12.2 13.7 15.2 230 200 183 166 150 hsmbj5933 hsmbj5934 hsmbj5935 hsmbj5936 hsmbj5937 22 24 27 30 33 17 15.6 13.9 12.5 11.4 17.5 19 23 28 33 0.25 0.25 0.25 0.25 0.25 650 700 700 750 800 1.0 1.0 1.0 1.0 1.0 16.7 18.2 20.6 22.8 25.1 136 124 110 100 90 hsmbj5938 hsmbj5939 hsmbj5940 hsmbj5941 hsmbj5942 36 39 43 47 51 10.4 9.6 8.7 8.0 7.3 38 45 53 67 70 0.25 0.25 0.25 0.25 0.25 850 900 950 1000 1100 1.0 1.0 1.0 1.0 1.0 27.4 29.7 32.7 35.8 38.8 82 76 68 62 58 hsmbj5943 hsmbj5944 hsmbj5945 hsmbj5946 hsmbj5947 56 62 68 75 82 6.7 6.0 5.5 5.0 4.6 86 100 120 140 160 0.25 0.25 0.25 0.25 0.25 1300 1500 1700 2000 2500 1.0 1.0 1.0 1.0 1.0 42.6 47.1 51.2 56 62.2 52 48 44 40 36 hsmbj5948 hsmbj5949 hsmbj5950 hsmbj5951 hsmbj5952 91 100 110 120 130 4.1 3.7 3.4 3.1 2.9 200 250 300 380 450 0.25 0.25 0.25 0.25 0.25 3000 3100 4000 4500 5000 1.0 1.0 1.0 1.0 1.0 69.2 76 83.6 91.2 98.8 32 30 26 24 22 hsmbj5953 hsmbj5954 hsmbj5955 hsmbj5956 150 160 180 200 2.5 2.3 2.1 1.9 600 700 900 1200 0.25 0.25 0.25 0.25 6000 6500 7000 8000 1.0 1.0 1.0 1.0 114 121.6 136.8 152 20 18 18 14 notes: 1. no suffix indicates a +/-20% tolerance on nominal v z . suffix a denotes a +/-10% tolerance, b denotes a +/-5% tolerance, c denotes a 2% tolerance, and d denotes a +/-1% tolerance. 2. zener voltage (v z ) is measured at t l = 30 o c and 90 seconds after application of dc current. 3. the zener impedance is derived from the 60 hz ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk . 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
microsemi scottsdale division page 3 copyright ? 2006 3-12-2006 rev g www. microsemi . com hsmbj5913 thru hsmbj5956, e3 silicon 3.0 watt zener diode scottsdale division graphs hsmbj5913-595 6b,e3 typical maximum power in watts temperature oc square wave pulse width (non-repetitive) in milliseconds pd, maximum power dissipation (mw) t a on fr4 pc boar d t l figure 1 figure 2 power derating curve transient surge capability package dimensions & pad layout zener voltage v z figure 3 - capacitance vs. v z curve note: dimension e exceeds the jedec outline in height as shown dimensions inches millimeters dim min max min max a .052 .103 1.32 2.62 b .160 .180 4.06 4.57 c .130 .155 3.30 3.94 d .205 .220 5.21 5.59 e .075 .130 1.91 3.30 f .030 .060 .76 1.52 g .006 .016 .15 .41 inches mm a .260 6.60 b .085 2.16 c .110 2.79 t yp ical ca p acitance in picofarads 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503


▲Up To Search▲   

 
Price & Availability of MQHSMBJ5915DE3TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X