* rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. mf-vs narrow body series - ptc resettable fuses vs210n 2018s electrical characteristics features 3.6 mm narrow design axial strap fully compatible with current industry standards weldable nickel terminals very low internal resistance low switching temperature rohs compliant*, lead free applications any application that requires protection at low resistances rechargeable battery packs; designed for nimh and li-ion chemical characteristics cellular phones laptop computers i hold i trip initial max. time model v max. i max. resistance to trip volts amps amperes ohms ohms amperes seconds watts at 23 c at 23 c at 23 c at 23 c at 23 c at 23 c hold trip min. max. typ. max. typ. mf-vs170n 12 100 1.7 3.4 0.030 0.052 0.040 0.105 8.5 3.0 1.4 mf-vs175nl 12 100 1.75 3.5 0.029 0.051 0.038 0.102 8.75 3.0 1.4 mf-vs210n 12 100 2.1 4.7 0.018 0.030 0.024 0.060 10.0 5.0 1.5 1 hour (r 1 ) post-trip resistance tripped power dissipation operating/storage temperature ........................-40 ? to +85 ? maximum device surface temperature in tripped state ................................................125 ? passive aging......................................................+60 ?, 1000 hours ....................................?0 % typical resistance change humidity aging....................................................+60 ?, 85 % r.h.1000 hours ....................?0 % typical resistance change thermal shock ....................................................mil-std-202f, method 107g ....................? % typical resi stance change +85 ? to -40 ?, 10 times vibration ..............................................................mil-std-883c, ..........................................n o change condition a environmental characteristics test test conditions accept/reject criteria visual/mech. ......................................................verify dimensions and materials..................per mf physi cal description resistance ..........................................................in still air @ 23 ? ....................................... .rmin r rmax time to trip ........................................................at specified current, vmax, 23 ? ..............t max. time to trip (seconds) hold current ......................................................30 min. at ihold............................................n o trip trip cycle life ....................................................vmax, imax, 100 cycles ..............................no arcin g or burning trip endurance....................................................vmax, 48 hours ..........................................no ar cing or burning ul file number ..................................................e 174545s csa file number ................................................ca 110338 t?v file number ................................................r2057213 test procedures and requirements for model mf-vs narrow body series thermal derating chart - i hold (amps) ambient operating temperature model 0 c 23 c 60 c 85 c mf-vs170n 2.2 1.7 0.8 0.1 mf-vs175nl 2.25 1.75 0.85 0.1 mf-vs210n 2.9 2.1 1.0 0.1 i trip is approximately two times i hold . *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. mf-vs narrow body series - ptc resettable fuses product dimensions typical part marking represents total content. layout may vary. abcdf model min. max. min. max. min. max. min. max. min. max. mf-vs170n 22.0 24.0 3.6 3.9 0.6 0.9 4.1 5.8 2.4 2.6 std. (0.866) (0.945) (0.142) (0.154) (0.024) (0.035) (0.161) (0.228) (0.094) (0.102) mf-vs175nl 26.0 28.0 3.6 3.9 0.6 0.9 6.1 7.8 2.4 2.6 std. (1.024) (1.102) (0.142) (0.154) (0.024) (0.035) (0.240) (0.307) (0.094) (0.102) mf-vs210n 30.0 32.0 3.6 3.9 0.6 0.9 4.1 5.8 2.4 2.6 std. (1.181) (1.260) (0.142) (0.154) (0.024) (0.035) (0.161) (0.228) (0.094) (0.102) pkg. style manufacturer's trademark part identification lot no. (s = china) vs210n 2018s date code (first digit = last digit of year; next three digits = day of year) f b d d c a standard style mm (inches) dimensions = f b d d a "s" style c slit nominal 0.5 (.020) 4.0 (.157) x 100 10 1 0.1 0.01 0.001 1 10 100 fault current (amps) time to trip (seconds) mf-vs175nl mf-vs210n mf-vs170n typical time to trip at 23 c additional features patents pending mf-vsn series, rev. d, 11/04 how to order mf - vs 210 n multifuse product designator series vs = axial leaded ?trap? component hold current, i hold 170-210 (1.70 - 2.10 amps) narrow device option n = narrow (3.6 mm) lead option s = slotted lead option (one side) ss = slotted lead option (two sides) longer lead option l = longer leads insulating option u = non-insulated option packaging option -0 = bulk packaging -2 = tape and reel* (consult factory) *packaged per eia 486-b packaging: bulk - 500 pcs. per bag. tape and reel - consult factory. leads: 1/4 hardened nickel 0.125 mm (.005 ? nom. note: all ??style models available with 1 or 2 slots. the dimensions and shape of the leads can be modified to suit the battery pack design. all models are available without insulation wrapping.
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. mf-s, mf-ls, mf-lr and mf-vs series tape and reel specifications reel dimensions taped component dimensions pasteboard hold pasteboard hold 4.0 0.2 (.157 .008) 2.0 (.079) radius dia. 1.0 + 0.1/ -0 (.039 + .004/-0) 5.56 0.10 (.219 .004) 4.0 0.1 (.157 .004) 12.0 0.1 (.472 .004) 48.0 0.3 (1.90 .012) 0.2 (.008) max. 8.0 0.2 (.315 .008) 13.0 (.512) dia. 330 (13.0)
|