Part Number Hot Search : 
87XS39D3 IRF9640 DB1504P E220K TC74LC B39202 6EDL4 GUF30D
Product Description
Full Text Search
 

To Download MBRB1030CT-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbrb1030ct thru mbrb1060ct 10 amp schottky barrier rectifier 30 to 60 volts features maximum ratings operating temperature: -55 c to +125 c storage temperature: -55 c to +150 c mcc catalog number maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbrb1030ct 30v 21v 30v mbrb1035ct 35v 24.5v 35v mbrb1040ct 40v 28v 40v mbrb1045ct 45v 31.5v 45v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10 a t c = 95 c peak forward surge current i fsm 125a 8.3ms, half sine maximum instantaneous forward voltage maximum dc reverse current at rated dc blocking voltage i r 0.5ma t j = 25 c *pulse test: pulse width 300 m sec, duty cycle 1% t j = 25 c v f .55v i fm = 5a; typical junction capacitance c j 200pf measured at 1.0mhz, v r =4.0v  
 omp onents 2 0736 marilla street chatsworth    !"# $
%    !"# m c c revision: 6 2008/12/10 d 2 -pack suggested solder pad layout inches mm .065 1.65 .330 8.38 .420 10.66 .120 3.05 . 070 1.78 .740 18.79 tm micro commercial components mbrb1050ct 50v 35v 50v mbrb1060ct 60v 42v 60v c dimensions inches mm dim min max min max note a .320 .359 8.13 9.14 b .380 .411 9.65 10.45 c .160 .190 4.06 4.83 d .020 .035 0.51 0.89 e .045 .055 1.14 1.40 g .095 .105 2.41 2.67 h .096 .120 2.43 3.03 j .014 .021 0.35 0.53 k .090 .110 2.29 2.79 s .575 .625 14.60 15.80 v .045 .055 1.14 1.40 e j k h a s v b d g w w 0 .006 0 0.15 1 2 3 4 meatl of silicon rectifier, majority conducton guard ring for transient protection low forward voltage drop and low power loss high current capability, high efficiency lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) case material:molded plastic. ul flammability classification rating 94v-0 and msl rating 1 notes: 1. high temperature solder exemption applied, see eu directive annex notes 7. www. mccsemi .com 1 of 3 1 3 2 4
m c c rating and characteristic curves mbrb1030ct thru mbrb1060ct fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 25 50 75 100 125 150 8.3ms single half-sine-wave (jedec method) fig.1 - forward current derating curve average forward current amperes 25 75 100 125 150 10 0 50 5 15 175 resistive or inductive load percent of rated peak reverse voltage, (%) fig.3 - typical reverse characteristics instantaneous reverse current ,(ma) 20 40 120 140 0 .001 0.1 1.0 100 10 60 80 100 t j = 100 c .01 t j = 25 c case temperature , c t j = 125 c instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.3 0.9 0.1 1.0 10 100 0.5 0.7 0.1 1.1 t j = 25 c t j = 125 c pulse width 300us 2% duty cycle fig.5 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 1000 100 10 0.1 4 t j = 25 c, f= 1mhz revision: 6 2008/12/10 tm micro commercial components www. mccsemi .com 2 of 3
m c c revision: 6 2008/12/10 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing 3 (part number)-bp bulk; 50pcs/tube


▲Up To Search▲   

 
Price & Availability of MBRB1030CT-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X