Part Number Hot Search : 
LT10642 R882M0 MAX810ZW 22102 60005 1093P XSD213 295505
Product Description
Full Text Search
 

To Download JS1F-12V-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ js asctb186e 201202-t ordering information 1a/1c 10a cubic type power relays js relays vde rohs compliant features ?miniature size with universal terminal footprint ?high contact capacity: 10 a ?tv-5 type available (standard type) 1 form a type tv-5 1 form c type tv-5 (n.o. side only) ?vde, t?v also approved ?sealed construction for automatic cleaning (standard type) ?class b and f coil insulation type also available. ?en60335-1 gwt compliant (tested by vde) type available ?surge voltage 6 kv type also av ailable typical applications 1. home appliances air conditioner, heater, etc. 2. of?e machines ppc, facsimile, etc. 3. vending machines contact arrangement 1: 1a: 1ap: 1 form c (standard) 1 form a (standard) 1 form a (long endurance type) protective construction nil: f: sealed type flux-resistant type js f coil insulation class nil: b: f: class e insulation class b insulation class f insulation contact material f: agsno 2 type nominal coil voltage (dc) 5v, 6v, 9v, 12v, 18v, 24v, 48v flame resistance and tracking resistance nil: t: surge voltage 6k: 6kv type en60335-1 (conform) standard: ul, csa, vde, t?v (standard type) ul, csa, vde (long endurance type and en60335-1 gwt compliant type) ul, csa (surge voltage 6kv type) notes: 1. when ordering tv rated (tv-5) types, please consult us. 2. contact arrangement 1ap type is flux-resistant type only (class b insulation only).
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ js asctb186e 201202-t types standard packing carton: 100 pcs. case: 500 pcs. notes: 1. class b and f coil insulation types available. ex) js1af-b-12v-f, js1af-f-12v-f 2. en60335-1 gwt compliant types available. when ordering, please add suf? ?? ex) js1af-b-12v-ft 3. surge voltage 6kv types available. when ordering, please add suf? ?k (except for long endurance type and en60335-1 gwt compliant type). ex) js1af-b-12v-f-6k rating 1. coil data note: * when using relays in a high ambient temperature, consider the pick-up voltage rise due to the high temperature (a rise o f approx. 0.4% v for each 1 c 33.8 f with 20 c 68 f as a reference) and use a coil impressed voltage that is within the maximum applied voltage range. contact arrangement nominal coil voltage sealed type flux-resistant type part no. part no. 1 form a (standard) 5v dc js1a-5v-f js1af-5v-f 6v dc js1a-6v-f js1af-6v-f 9v dc js1a-9v-f js1af-9v-f 12v dc js1a-12v-f js1af-12v-f 18v dc js1a-18v-f js1af-18v-f 24v dc js1a-24v-f js1af-24v-f 48v dc js1a-48v-f js1af-48v-f 1 form a long endurance type 5v dc js1apf-b-5v-f 6v dc js1apf-b-6v-f 9v dc js1apf-b-9v-f 12v dc js1apf-b-12v-f 18v dc js1apf-b-18v-f 24v dc js1apf-b-24v-f 48v dc js1apf-b-48v-f 1 form c (standard) 5v dc js1-5v-f js1f-5v-f 6v dc js1-6v-f js1f-6v-f 9v dc js1-9v-f js1f-9v-f 12v dc js1-12v-f JS1F-12V-F 18v dc js1-18v-f js1f-18v-f 24v dc js1-24v-f js1f-24v-f 48v dc js1-48v-f js1f-48v-f nominal coil voltage pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power (at 20 c 68 f ) max. applied voltage (at 70 c 158 f ) 5v dc 70%v or less of nominal voltage (initial) 10%v or more of nominal voltage (initial) 72 ma 69.4 ? 360mw 130%v of nominal voltage [when using relays at 85 c 185 f , see note*] 6v dc 60 ma 100 ? 9v dc 40 ma 225 ? 12v dc 30 ma 400 ? 18v dc 20 ma 900 ? 24v dc 15 ma 1,600 ? 48v dc 7.5ma 6,400 ?
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ js asctb186e 201202-t 2. speci?ations notes: *1. this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. *3. when using relays in a high ambient temperature, consider the pick-up voltage rise due to the high temperature (a rise of approx. 0.4% v for each 1 c 33.8 f with 20 c 68 f as a reference) and use a coil impressed voltage that is within the maximum applied voltage range. reference data characteristics item speci?ations contact contact material agsno 2 type contact resistance (initial) max. 100 m ? (by voltage drop 6 v dc 1a) arrangement 1 form a, 1 form c 1 form a long endurance type rating nominal switching capacity (resistive load) 10 a 250 v ac (no), 10 a 125 v ac, 6 a 277 v ac, 5 a 30 v dc 10 a 250 v ac, 10 a 277 v ac, 5 a 30 v dc max. switching power (resistive load) 2,500va 150w (no), 1,662va 150w (nc) 2,770va 150w max. switching voltage 250v ac, 100v dc (0.5a) max. switching current 10a (ac), 5a (dc) nominal operating power 360mw min. switching capacity* 1 100ma, 5v dc electrical characteristics insulation resistance (initial) min. 100m ? (at 500v dc) measurement at same location as ?reakdown voltage section. breakdown voltage (initial) between open contacts 750 vrms for 1 min. (detection current: 10 ma) between contact and coil 1,500 vrms for 1 min. (detection current: 10 ma) temperature rise (coil) max. 35 c 95 f (by resistive method, nominal coil voltage applied to the coil; contact carrying current: 10a, at 70 c 158 f ) operate time (at nominal voltage) (at 20 c 68 f ) max. 10 ms (excluding contact bounce time.) release time (at nominal voltage) (at 20 c 68 f ) max. 10 ms (excluding contact bounce time) (without diode) mechanical characteristics shock resistance functional 98 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) destructive 980 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 1.6 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 2 mm expected life mechanical (at 180 times/min.) min. 10 7 electrical (resistive load) 1 10 5 [10a 125v ac, 6a 277v ac, 5a 30v dc] 5 10 4 (no contact only) [10a 250v ac] 2 10 5 [10a 277v ac] 1.5 10 5 [10a 250v ac (at 20 times/min., 105 c 221 f )] 1 10 5 [5a 30v dc] conditions conditions for operation, transport and storage* 2 ?0 c to +70 c ?0 f to +158 f (class e insulation) ?0 c to +85 c ?0 f to +185 f (class b insulation)* 3 ?0 c to +105 c ?0 f to +221 f (class f insulation)* 3 humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) ?0 c to +105 c ?0 f to +221 f * 3 ; humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) max. operating speed 20 times/min. (at nominal switching capacity) unit weight approx. 12 g .423 oz 1. maximum value for switching capacity 2.-(1) coil temperature rise sample: 5 pcs., js1a-24v-f measured portion: inside the coil contact current: 5 a 2.-(2) coil temperature rise sample: 5 pcs., js1a-24v-f measured portion: inside the coil contact current: 10 a contact voltage, v contact current, a 10 30 1 10 100 100 ac resistive load dc resistive load 100 140120 160 10 20 30 40 50 60 0 coil applied voltage, %v temperature rise, c 85 c 70 c 26 c 100 140120 160 10 20 30 40 50 60 0 coil applied voltage, %v temperature rise, c 85 c 70 c 26 c
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ js asctb186e 201202-t dimensions (mm inch ) safety standards for cautions f or us e . ul/c-ul (recognized) csa (certi?d) vde (certi?d) tv rating (ul/csa) t?v (certi?d) file no. contact rating file no. contact rating file no. contact rating file no. rating file no. rating e43028 10a 125v ac, 6a 277v ac 5a 30v dc, 1 / 8 hp 125v ac 1 / 8 hp 277v ac 12a 125v ac 12a 277v ac 10a 125v ac (n.o., 85 c) 4fla/4lra125v ac 105 c (n.o.) 2fla/4lra125v ac 105 c (n.c.) 1 / 3 hp 277v ac 75 c n.o. lr26550 10a 125v ac 12a 125v ac 6a 277v ac 12a 277v ac 5a 30v dc 1 / 8 hp 125v ac 1 / 8 hp 277v ac 40011475 10a 125v ac (cos =1.0) 6a 250v ac (cos =1.0) ul e43028 csa lr26550 1a ? tv-5 1c ? tv-5 (n.o.) b 10 02 13461 271 10a 125v ac (cos =1.0) 6a 250v ac (cos =1.0) 3. life curve ambient temperature: room temperature 4. operate/release time sample: 25 pcs., js1-12v-f 5. ambient temperature characteristics sample: 6 pcs., js1-12v-f 100 10 1 56789 01 234 10 125v ac resistive load contact current, a life, 10 4 80 100 120 140 2 0 4 6 8 10 max. max. min. min. x x coil applied voltage, %v operate/release time, ms operate time release time ?0 ?0 ?0 0 20 20 10 ?0 ?0 40 60 80 ambient temperature c pick-up voltage drop-out voltage changing ration, % the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ external dimensions note: terminal no. 4 is only for standard 1 form c type 16 0.4 3.9 0.8 5 4 n.c. 1 23 n.o. 0.8 0.24 12.2 16 12 0.4 0.4 22 2.3 1.2 2 .630 .016 .154 .031.031 .009 .480 .630 .472 .016 .016 .866 .091 .047 .079 schematic (bottom view) 1 form a 1 form c pc board pattern (bottom view) 1 form a (standard, high power) 1 form c (standard) tolerance: 0.1 .004 n.o. com coil n.o. n.c. com coil 12 4-1.3 dia. 12.2 2 .472 4-.051 dia. .480 .079 12 5-1.3 dia. 12.2 2 .472 5-.051 dia. .480 .079 cad data dimension: less than 1mm .039inch : min. 1mm .039inch less than 3mm .118 inch : min. 3mm .118 inch : gener al toler ance 0.1 .004 0.2 .008 0.3 .012


▲Up To Search▲   

 
Price & Availability of JS1F-12V-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X