Part Number Hot Search : 
4ACT24 LT0318S8 TP250 C5305DF STGP10N SK3002 71101 ON1934
Product Description
Full Text Search
 

To Download JQ1APE-24V-H12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ jq asctb185e 201202-t ordering information types 1) standard type standard packing: carton 100 pcs., case 500 pcs. 1a/1c 5a/10a small power relays jq relays nominal coil voltage standard type high capacity type 1 form a 1 form c 1 form a 1 form c part no. part no. part no. part no. 5v dc jq1a-5v-f jq1-5v-f jq1ap-5v-f jq1p-5v-f 6v dc jq1a-6v-f jq1-6v-f jq1ap-6v-f jq1p-6v-f 9v dc jq1a-9v-f jq1-9v-f jq1ap-9v-f jq1p-9v-f 12v dc jq1a-12v-f jq1-12v-f jq1ap-12v-f jq1p-12v-f 18v dc jq1a-18v-f jq1-18v-f jq1ap-18v-f jq1p-18v-f 24v dc jq1a-24v-f jq1-24v-f jq1ap-24v-f jq1p-24v-f 48v dc jq1-48v-f jq1p-48v-f vde rohs compliant features ?high electrical noise immunity ?high switching capacity in a compact package ?high sensitivity: 200 mw (1a), 400 mw (1c) ?high surge voltage: 8,000 v between contacts and coil ?ul, csa, vde, semko approved and t?v available ?class b coil insulation type also av ailable. typical applications ?air conditioners ?refrigerators ?microwave ovens ?heaters contact arrangement 1a: 1 form a 1 : 1 form c contact capacity nil: p: standard (5a) high capacity (10a) jq f coil insulation class nil: b: class e coil insulation class b coil insulation (ul) contact material f: agsno 2 type nominal coil voltage (dc) 5v, 6v, 9v, 12v, 18v, 24v, 48v* certified by ul, csa, vde and semko note: *available only for 1 form c type
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ jq asctb185e 201202-t rating 1. coil data 2. speci?ations * speci?ations will vary with foreign standards certi?ation ratings. notes: *1. this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. wave is standard shock voltage of 1.2 50 s according to jec-212-1981 *3. the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. *4. when using relays in a high ambient temperature, consider the pick-up voltage rise due to the high temperature (a rise of approx. 0.4% v for each 1 c 33.8 f with 20 c 68 f as a reference) and use a coil impressed voltage that is within the maximum applied voltage range. contact arrangement nominal coil voltage pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power (at 20 c 68 f ) max. applied voltage 1 form a 5v dc standard type: 75%v or less of nominal voltage (initial) high capacity type: 80%v or less of nominal voltage (initial) 5%v or more of nominal voltage (initial) 40.0ma 125 ? 200mw 180% of nominal voltage (at 20 c 68 f ) 130% of nominal voltage (at 70 c 158 f ) [when using relays at 85 c 185 f , see notes*4] 6v dc 33.3ma 180 ? 9v dc 22.2ma 405 ? 12v dc 16.7ma 720 ? 18v dc 11.1ma 1,620 ? 24v dc 8.3ma 2,880 ? 1 form c 5v dc standard type: 75%v or less of nominal voltage (initial) high capacity type: 80%v or less of nominal voltage (initial) 5%v or more of nominal voltage (initial) 80 ma 62.5 ? 400mw 150% of nominal voltage (at 20 c 68 f ) 110% of nominal voltage (at 70 c 158 f ) [when using relays at 85 c 185 f , see notes*4] 6v dc 66.7ma 90 ? 9v dc 44.4ma 202.5 ? 12v dc 33.3ma 360 ? 18v dc 22.2ma 810 ? 24v dc 16.7ma 1,440 ? 48v dc 8.3ma 5,760 ? characteristics item speci?ations standard type high capacity type contact arrangement 1 form a 1 form c 1 form a 1 form c contact resistance (initial) max. 100m ? (by voltage drop 6 v dc 1 a) contact material agsno 2 type rating nominal switching capacity (resistive load) 5 a 125 v ac, 2 a 250 v ac, 5 a 30 v dc n.o. side: 5 a 125 v ac, 2 a 250 v ac, 3 a 30 v ac n.c. side: 2 a 125 v ac, 1 a 250 v ac, 1 a 30 v dc 10 a 125 v ac, 5 a 250 v ac, 5 a 30 v dc n.o. side: 10 a 125 v ac, 5 a 250 v ac, 5 a 30 v ac n.c. side: 3 a 125 v ac, 2 a 250 v ac, 1 a 30 v dc max. switching power (resistive load) 625 va, 150 w n.o. side: 625 va, 90 w n.c. side: 250 va, 30 w 1,250 v ac, 150 w n.o. side: 1,250 va, 150 w n.c. side: 500 v ac, 30 w max. switching voltage 250 v ac, 110 v dc (0.3a) max. switching current n.o.: 5 a, n.c.: 2 a n.o.: 10 a, n.c.: 3 a nominal operating power 200 mw 400 mw 200 mw 400 mw min. switching capacity (reference value)* 1 100 ma, 5 v dc electrical characteristics insulation resistance (initial) min. 1,000 m ? (at 500 v dc) measurement at same location as ?reakdown voltage section. breakdown voltage (initial) between open contacts 1,000 vrms for 1 min. 750 vrms for 1 min. 1,000 vrms for 1 min. 750 vrms for 1 min. between contact and coil 4,000 vrms for 1 min. (detection current: 10 ma) temperature rise (coil) max. 45 c 113 f (by resistive method, nominal coil voltage applied to the coil; contact carrying current: 5a, at 70 c 158 f ) max. 45 c 113 f (by resistive method, nominal coil voltage applied to the coil; contact carrying current: 10a, at 70 c 158 f ) surge breakdown voltage* 2 (between contact and coil) (initial) 8,000 v operate time (at nominal voltage) (at 20 c 68 f ) (initial) max. 20 ms (excluding contact bounce time.) release time (at nominal voltage) (at 20 c 68 f ) (initial) max. 10 ms (excluding contact bounce time) (without diode) mechanical characteristics shock resistance functional 294 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) destructive 980 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 1.6 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 2.0 mm expected life mechanical (at 180 times/min.) min. 10 7 conditions conditions for operation, transport and storage* 3 ambient temperature: ?0 c to +70 c ?0 f to +158 f (class e insulation), ?0 c to +85 c ?0 f to +185 f * 4 (class b insulation) humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) max. operating speed 20 times/min. (at nominal switching capacity) unit weight approx. 7 g .25 oz
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ jq asctb185e 201202-t 3. expected electrical life reference data standard type t ype switching capacity no. of operations standard type 1 form a 5 a 125 v ac 3 a 125 v ac 2 a 250 v ac 5 a 30 v dc 5 10 4 2 10 5 2 10 5 10 5 1 form c n.o. 5 a 125 v ac 3 a 125 v ac 2 a 250 v ac 3 a 30 v dc 5 10 4 2 10 5 2 10 5 10 5 n.c. 2 a 125 v ac 1 a 250 v ac 1 a 30 v dc 2 10 5 2 10 5 10 5 high capacity type 1 form a 10 a 125 v ac 5 a 250 v ac 5 a 30 v dc 5 10 4 5 10 4 10 5 1 form c n.o. 10 a 125 v ac 5 a 250 v ac 5 a 30 v dc 5 10 4 5 10 4 10 5 n.c. 3 a 125 v ac 2 a 250 v ac 1 a 30 v dc 2 10 5 2 10 5 10 5 1.-(1) max. switching capacity (1 form a type) 1.-(2) max. switching capacity (1 form c type) ac resistive load (high capacity type) ac resistive load (standard type) 1 10 100 250 1,000 10 100 5 contact voltage, v contact current, a 1 10 100 250 1,000 10 100 2 3 5 contact voltage, v contact current, a ac resistive load (high capacity type) n.o. side ac resistive load (high capacity type) n.c. side ac resistive load (standard type) n.o. side ac resistive load (standard type) n.c. side 2. life curve ambient temperature: room temperature 3.-(1) operate & release time (1 form a type) tested sample: jq1a-12v-f, 25 pcs. 3.-(2) operate & release time (1 form c type) tested sample: jq1-24v-f, 25 pcs. 100 10 1 1 02345 contact current, a life, 10 4 125v ac resistive load 250v ac resistive load 80 100 120 150 2 0 4 6 8 coil applied voltage, %v operate & release time, ms operate time release time max. max. min. min. 80 100 120 150 2 0 4 6 8 coil applied voltage, %v operate & release time, ms operate time release time min. min. max. max.
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ jq asctb185e 201202-t high capacity type 4.-(1) coil temperature rise (1 form a type) contact carrying current: 3 a, 5 a measured portion: inside the coil 4.-(2) coil temperature rise (1 form c type) contact carrying current: 3 a, 5 a measured portion: inside the coil 100 110 120 130 140 160 190180170150 10 20 30 40 50 0 coil applied voltage, %v temperature rise, c 3 a at 85 c 5 a at 85 c 3 a at 70 c 5 a at 70 c 100 110 120 130 140 160150 10 20 30 40 50 60 70 0 coil applied voltage, %v temperature rise, c 3 a at 70 c 5 a at 70 c 5 a at 85 c 3 a at 85 c 5.-(1) ambient temperature characteristics (1 form a type) tested sample: jq1a-24v-f contact carrying current: 3 a, 5 a 5.-(2) ambient temperature characteristics (1 form c type) tested sample: jq1-24v-f contact carrying current: 3 a, 5 a 1 allowable ambient temperature against % coil voltage (max. inside the coil temperature set as 130 c 266 f ) (carrying current: 3 a) 2 allowable ambient temperature against % coil voltage (max. inside the coil temperature set as 130 c 266 f ) (carrying current: 5 a) 3 allowable ambient temperature against % coil voltage (max. inside the coil temperature set as 115 c 239 f ) (carrying current: 3 a) 4 allowable ambient temperature against % coil voltage (max. inside the coil temperature set as 115 c 239 f ) (carrying current: 5 a) 5 pick-up voltage with a hot-start condition of 100%v on the coil (carrying current: 5 a) 6 pick-up voltage with a hot-start condition of 100%v on the coil (carrying current: 3 a) 7 pick-up voltage 20 30 40 50 60 70 80 90 0 100 200 300 400 ambient temperature, c coil applied voltage, %v 1 5 6 4 7 3 2 20 30 40 50 60 70 80 90 0 100 200 300 400 ambient temperature, c coil applied voltage, %v 1 3 4 5 7 6 2 1. life curve ambient temperature: room temperature 2.-(1) operate & release time (1 form a type) tested sample: jq1ap-12v-f, 25 pcs. 2.-(2) operate & release time (1 form c type) tested sample: jq1p-12v-f, 25 pcs. 100 10 1 2 046810 contact current, a 125v ac resistive load 250v ac resistive load life, 10 4 80 100 120 150 2 0 4 6 8 coil applied voltage, %v operate & release time, ms operate time release time min. min. max. max. 80 100 120 150 2 0 4 6 8 coil applied voltage, %v operate & release time, ms operate time release time min. min. max. max. 3.-(1) coil temperature rise (1 form a type) contact carrying current: 5 a, 10 a measured portion: inside the coil 3.-(2) coil temperature rise (1 form c type) contact carrying current: 5 a, 10 a measured portion: inside the coil 100 120 140 160 180 10 20 30 40 50 60 70 0 coil applied voltage, %v temperature rise, c 10 a at 70 c 10 a at 85 c 5 a at 70 c 5 a at 85 c coil applied voltage, %v temperature rise, c 100 110 120 130 140 150 160 10 20 30 40 50 60 70 0 10 a at 70 c 10 a at 85 c 5 a at 70 c 5 a at 85 c
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ jq asctb185e 201202-t dimensions (mm inch ) 4.-(1) ambient temperature characteristics (1 form a type) tested sample: jq1ap-24v-f contact carrying current: 5 a, 10 a 4.-(2) ambient temperature characteristics (1 form c type) tested sample: jq1p-24v-f contact carrying current: 5 a, 10 a 1 allowable ambient temperature against % coil voltage (max. inside the coil temperature set as 130 c 266 f ) (carrying current: 5 a) 2 allowable ambient temperature against % coil voltage (max. inside the coil temperature set as 130 c 266 f ) (carrying current: 10 a) 3 allowable ambient temperature against % coil voltage (max. inside the coil temperature set as 115 c 239 f ) (carrying current: 5 a) 4 allowable ambient temperature against % coil voltage (max. inside the coil temperature set as 115 c 239 f ) (carrying current: 10 a) 5 pick-up voltage with a hot-start condition of 100%v on the coil (carrying current: 10 a) 6 pick-up voltage with a hot-start condition of 100%v on the coil (carrying current: 5 a) 7 pick-up voltage 20 30 40 50 60 70 80 90 0 100 200 300 400 ambient temperature, c coil applied voltage, %v 1 5 4 7 6 3 2 20 30 40 50 60 70 80 90 0 100 200 300 400 ambient temperature, c coil applied voltage, %v 1 5 7 6 2 3 4 the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ external dimensions 1 form a 1 form c 20 15.6 4.2 0.4 10.16 7.62 7.62 7.62 10 0.3 0.3 0.5 dia. 0.8 .787 .614 .165 .016 .400 .300 .300.300 .394 .012 .012 .020 dia. .031 4.2 0.4 20 15.6 10.16 5.08 .200 2.54 7.62 7.62 0.3 0.3 0.3 0.5 dia. 0.8 10 .165 .016 .787 .614 .400 .100 .300.300 .012 .012 .012 .020 dia. .031 .394 schematic (bottom view) 1 form a 1 form c coil com n.o. coil com n.o. n.c. pc board pattern (bottom view) 1 form a1formc tolerance: 0.1 .004 4-1.3 dia. 7.62 7.62 10.16 4-.051 dia. .300 .300 .400 5-1.3 dia. 7.62 7.62 10.16 2.54 5-.051 dia. .300 .300 .400 .100 cad data dimension: less than 1mm .039inch : min. 1mm .039inch less than 5mm .197 inch : min. 5mm .197 inch : gener al toler ance 0.2 .008 0.3 .012 0.4 .016
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ jq asctb185e 201202-t safety standards notes for cautions f or us e . item ul/c-ul (recognized) csa (certi?d) vde (certi?d) t?v (certi?d) semko (certi?d) file no. contact rating file no. contact rating file no. contact rating file no. rating file no. contact rating standard type (5a) 1 form a e43028 5a 125v ac 5a 277v ac 5a 30v dc 0.3a 110v dc 1 / 10 hp 125v ac 1 / 6 hp 277v ac lr26550 5a 125v ac 5a 277v ac 5a 30v dc 0.3a 110v dc 1 / 10 hp 125v ac 1 / 6 hp 277v ac 40011435 5a 250v ac (cos =0.4) b 11 04 13461 296 5a 250v ac (cos =0.4) 5a 30v dc (0ms) 817138 3(2)a 125v ac 2(1)a 250v ac 5a 30v dc standard type (5a) 1 form c e43028 5a 125v ac 5a 277v ac 5a 30v dc 0.3a 110v dc 1 / 10 hp 125v ac 1 / 6 hp 277v ac lr26550 5a 125v ac 5a 277v ac 5a 30v dc 0.3a 110v dc 1 / 10 hp 125v ac 1 / 6 hp 277v ac 40011435 5a 250v ac (cos =0.4) (n.o.) 3a 250v ac (cos =0.4) (n.c.) b 11 04 13461 296 5a 250v ac (cos =0.4) 5a 30v dc (0ms) 817138 3(2)a 125v ac 2(1)a 250v ac 5a 30v dc high capacity type (10a) 1 form a e43028 10a 125v ac 8a 277v ac 5a 30v dc 0.3a 110v dc 1 / 6 hp 125v ac 1 / 6 hp 277v ac lr26550 10a 125v ac 8a 277v ac 5a 30v dc 0.3a 110v dc 1 / 6 hp 125v ac 1 / 6 hp 277v ac 40011435 10a 250v ac (cos =0.4) b 11 04 13461 296 10a 250v ac (cos =0.4) 5a 30v dc (0ms) 817138 5(3)a 250v ac 5a 30v dc high capacity type (10a) 1 form c e43028 10a 125v ac 8a 277v ac 5a 30v dc 0.3a 110v dc 1 / 6 hp 125v ac 1 / 6 hp 277v ac lr26550 10a 125v ac 8a 277v ac 5a 30v dc 0.3a 110v dc 1 / 6 hp 125v ac 1 / 6 hp 277v ac 40011435 (n.o.) 10a 250v ac (cos =0.4) (n.c.) 3a 250v ac (cos =0.4) b 11 04 13461 296 10a 250v ac (cos =0.4) 5a 30v dc (0ms) 817138 5(3)a 250v ac 5a 30v dc note about relay installation orientation to p bottom when installing with the relay terminals parallel to the ground, the contact terminals at the bottom and the coil terminals at the top, component friction will occur after numerous switching actions or due to vibration in the non-excitation state. since this may cause the relay to stop functioning when the pick-up voltage increases ev en if the nominal voltage is applied, please do not install using this orientation.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: panasonic: ? jq1-12v? jq1p-24v? jq1ap-b-12v? jq1p-b-24v-f? jq1p-48v-f? jq1ap-b-24v-f? jq1-b-12v-f? JQ1APE-24V-H12 ? jq1-5v? jq1a-5v? jq1a-12v? jq1-24v? jq1a-24v? jq1p-5v? jq1ap-12v? jq1p-12v? jq1ap-24v? jq1a-5v-f? jq1ap-12v-f? jq1ap-24v-f? jq1ap-5v-f? jq1-5v-f? jq1a-12v-f? jq1p-5v-f? jq1-24v-f? jq1-12v-f? jq1p-12v-f ? jq1p-24v-f? jq1a-24v-f? jq1ap-5v? jq1-18v? jq1-18v-f? jq1-3v? jq1-48v? jq1-48v-f? jq1-6v? jq1-6v-f? jq1-9v? jq1-9v-f? jq1a-18v? jq1a-18v-f? jq1a-3v? jq1a-6v? jq1a-6v-f? jq1a-9v? jq1a-9v-f? jq1a-b-12v? jq1a-b-12v-f? jq1a-b-18v? jq1a-b-18v-f? jq1a-b-24v? jq1a-b-24v-f? jq1a-b-5v? jq1a-b-5v-f? jq1a-b-6v? jq1a-b-6v-f? jq1a-b-9v? jq1a-b-9v-f? jq1a-f-24v? jq1ap-18v? jq1ap-18v-f? jq1ap-3v? jq1ap-6v? jq1ap-6v- f? jq1ap-9v? jq1ap-9v-f? jq1ap-b-12v-f? jq1ap-b-12v-y3? jq1ap-b-18v? jq1ap-b-18v-f? jq1ap-b-24v? jq1ap-b-24v-y3? jq1ap-b-5v? jq1ap-b-5v-f? jq1ap-b-6v? jq1ap-b-6v-f? jq1ap-b-9v? jq1ap-b-9v-f? jq1ap- b-9v-y3? jq1ap-f-12v? jq1ap-f-12v-f? jq1apf-18v? jq1ap-f-24v-f? jq1apf-b-12v-f? jq1apf-f-12v? jq1apf- f-12v-f? jq1apf-f-24v-f? jq1apf-f-5v-f? jq1apf-f-9v-f? jq1-b-12v? jq1-b-18v? jq1-b-18v-f? jq1-b-24v? jq1-b-24v-f? jq1-b-48v? jq1-b-48v-f? jq1-b-5v? jq1-b-5v-f? jq1-b-6v? jq1-b-6v-f


▲Up To Search▲   

 
Price & Availability of JQ1APE-24V-H12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X