Part Number Hot Search : 
BPC2510 PCF0805H SLE66 471M16 57X00 P3407 2N493 S1T8501
Product Description
Full Text Search
 

To Download IS201-63-SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isocom components ltd unit 25b, park view road west, park view industrial estate, brenda road hartlepool, cleveland, ts25 1yd tel: (01429) 863609 fax :(01429) 863581 9/6/97 db92521-aas/a1 option g 7.62 0.26 0.5 dimensions in mm surface mount option sm 10.16 7.0 6.0 1.2 7.62 3.0 13 max 3.35 4.0 3.0 10.2 9.5 2.54 0.26 7.62 6.62 1.2 0.6 1.4 0.9 0.5 approvals l ul recognised, file no. e91231 'x' specification approvals ll ll l vde 0884 in 3 available lead forms : - - std - g form - smd approved to cecc 00802 l certified to en60950 by the following test bodies :- nemko - certificate no. p96101299 fimko - registration no. 190469-01..22 semko - reference no. 9620076 01 demko - reference no. 305567 description the is201-63 optically coupled isolator consists of an infrared light emitting diode and a npn silicon photo transistor in a standard 6 pin dual in line plastic package. features l options :- 10mm lead spread - add g after part no. surface mount - add sm after part no. tape&reel - add smt&r after part no. l high bv ceo (70v min) l high isolation voltage (3.75kv rms ) l all electrical parameters 100% tested l custom electrical selections available applications l dc motor controllers l industrial systems controllers l measuring instruments l signal transmission between systems of different potentials and impedances optically coupled isolator phototransistor output 1 34 6 25 absolute maximum ratings (25c unless otherwise specified) storage temperature -55c to + 150c operating temperature -55c to + 100c lead soldering temperature (1/16 inch (1.6mm) from case for 10 secs) 260c input diode forward current 60ma reverse voltage 6v power dissipation 105mw output transistor collector-emitter voltage bv ceo 70v collector-base voltage bv cbo 70v emitter-collector voltage bv eco 6v power dissipation 160mw power dissipation total power dissipation 200mw (derate linearly 2.67mw/ c above 25c) is201-63 is201x63
db92521-aas/a1 parameter min typ max units test condition input forward voltage (v f ) 1.2 1.65 v i f = 60ma reverse voltage (v r )6vi r = 10 m a reverse current (i r )10 m av r = 6v output collector-emitter breakdown (bv ceo )70 v i c = 1ma ( note 2 ) collector-base breakdown (bv cbo )70 v i c = 100 m a emitter-collector breakdown (bv eco ) 6 v i e = 100 m a collector-emitter dark current (i ceo )50nav ce = 10v coupled current transfer ratio (ctr) 75 % 10ma i f , 10v v ce 10 % 1ma i f , 10v v ce collector-emitter saturation voltagev ce(sat) 0.4 v 10ma i f , 2ma i c input to output isolation voltage v iso 3750 v rms see note 1 input-output isolation resistance r iso 5x10 10 w v io = 500v (note 1) turn-on time ton 3.0 m sv ce = 5v , turn-off time toff 5 m si f = 2ma, r l = 75 w ( fig 1) 9/6/97 electrical characteristics ( t a = 25c unless otherwise noted ) output output r l = 75 w input 10% 90% 90% 10% t on t r fig 1 v cc t off t f note 1 measured with input leads shorted together and output leads shorted together. note 2 special selections are available on request. please consult the factory.
db92521-aas/a1 9/6/97 50 -30 0 25 50 75 100 125 ambient temperature t a ( c ) 150 0 200 ambient temperature t a ( c ) collector power dissipation p c (mw) 60 30 20 10 0 40 50 -30 0 25 50 75 100 125 collector power dissipation vs. ambient temperature forward current vs. ambient temperature -30 0 25 50 75 100 ambient temperature t a ( c ) collector-emitter saturation voltage v ce(sat) (v) collector-emitter saturation voltage vs. ambient temperature 100 0 0.04 0.08 0.12 0.16 0.20 0.24 0.28 i f = 10ma i c = 2ma forward current i f (ma) ambient temperature t a ( c ) 0 0.5 1.0 1.5 i f = 1ma v ce = 10v relative current transfer ratio vs. ambient temperature relative current transfer ratio -30 0 25 50 75 100 ambient temperature t a ( c ) 0 0.5 1.0 1.5 i f = 10ma v ce = 10v relative current transfer ratio vs. ambient temperature relative current transfer ratio -30 0 25 50 75 100 1 2 5 10 20 50 0 0.4 0.6 0.8 1.0 1.2 0.2 1.4 v ce = 10v t a = 25c relative current transfer ratio relative current transfer ratio vs. forward current forward current i f (ma)


▲Up To Search▲   

 
Price & Availability of IS201-63-SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X