Part Number Hot Search : 
PS2604 MC33262P AX111 TSOP1140 40106BE XCS30 02410 CC2330
Product Description
Full Text Search
 

To Download HM77-16004TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2006 edition magnetic components selector guide we reserve the right to change specifications without prior notice www.bitechnologies.com 59 notes: (1) inductance values are rated at -40c to +130c operating temperature range with rated dc current flowing and the operating et op across the inductor. (2) et op is rated at 500 khz except where designated otherwise. (3) the control values of inductance are measured at the operating flux density equal or less than 10 gauss and without dc current. (4) et op is rated at 250 khz. (5) et o p is r ate d at 150 khz. specifications operating values control values (3) part l dc i dc et op case l w/o dc dc dc number h (1) amps v- s (2) size l o resistance resistance h 20% m ? , nom. m ? max. hm77 - 10001 1.01 3.40 0.532 1 1.10 11.00 12.5 hm77 - 20001 6.20 1.40 1.33 1 7.00 60.30 70 hm77 - 30001 17.6 1.00 2.40 1 22.7 109.00 125 hm77 - 40002 3.80 4.80 1.76 2 5.20 17.0 19.1 hm77 - 50002 9.40 2.80 2.70 2 12.3 37.80 43.4 hm77 - 60002 29.7 1.40 4.60 2 35.3 141.00 166 hm77 - 70002 114 0.94 10 2 167 330.00 380 hm77 - 80003 2.50 8.00 1.77 3 3.80 7.20 8.30 hm77 - 90003 5.10 5.40 2.51 3 7.50 14.30 17.7 hm77 - 10003 16.2 2.70 4.29 3 21.9 54.70 63 hm77 - 11003 58.1 1.30 7.83 3 73 233.00 290 hm77 - 12003 192 0.90 15.7 3 292 472.00 560 hm77 - 13003 383 0.72 23.5 3 672 750.00 862 hm77 - 14004 0.91 13.3 1.035 4 1.25 4.56 5.70 hm77 - 15004 1.32 11.5 1.33 4 2.10 4.56 5.70 hm77 - 16004 4.90 7.80 3.04 4 7.90 10.50 12.4 ???? ? ????? 9.00 5.50 4.06 4 14 19.30 22.3 hm77 - 18004 29.1 2.70 6.90 4 40.5 75.80 85 hm77 - 19004 645 0.74 36.5 4 1134 1040 1250 hm77 - 30004 33 3.0 9.50 4 48 48.5 59 hm77 - 20005 1.75 10.9 1.83 5 2.80 5.68 6.90 hm77 - 21005 2.50 11.4 2.23 5 4.20 6.19 7.50 hm77 - 22006 2.03 13 3.30 6 2.70 5.60 6.80 hm77 - 23006 3.50 12.4 3.13 6 6.50 7.54 8.7 hm77 - 24006 4.70 10.4 3.58 6 8.40 8.30 10.0 hm77 - 25006 9.30 7.20 4.92 6 16 20.05 23.0 hm77 - 26006 16.1 5.10 6.27 6 25.9 30.3 32 hm77 - 27006 50 2.60 10.5 6 72.9 115 130 hm77 - 28006 1070 0.710 54.4 6 1950 1480 1700 hm77 - 29006 68 3.00 9.50 6 122 85 102 hm77 - 31007 2.5 11.4 2.23 7 4.20 5.20 6.20 hm77 - 32007 1.68 13.9 1.83 7 2.80 3.60 4.0 hm77 - 33010 5.2 15.4 5.21 10 10.5 6.20 7.40 hm77 - 34010 77 2.7 52.8 (4) 10 84.6 90 110 hm77 - 35010 38 3.0 29.7 (4) 10 49 50 70 hm77 - 36010 114 2.22 62.7 (4) 10 121 100 120 hm77 - 37010 191 1.50 72.6 (5) 10 275 250 290 hm77 - 38010 115 1.81 75.9 (5) 10 159 190 220 hm77 - 39010 38 3.00 42.9 (5) 10 52 80 100 ? operating temperature range -40c to +130c ? ambient temperature, maximum 80c ? insulation system class b, 1 30 c ? temperature rise, maximum 5 0 c ?? ?? electrical / environmental low profile surface m ount inductors rohs compliant for lf models
www.bitechnologies.com magnetic components selector guide 2006 edition we reserve the right to change specifications without prior notice. 60 schematic ordering information outline dimensions (inch/mm) / packaging case size model series model description optional package tr = tape & 13 reel no code used for tubes (standard) lead-free option lf = lead - free (no code used for non lead-free part) hm77 1000 1 l f tr figure 1 figure 2 figure 3


▲Up To Search▲   

 
Price & Availability of HM77-16004TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X