Part Number Hot Search : 
IF1330 BAT85 28F00 MBT3906 TLP3212 TC74A KT835 MDT10
Product Description
Full Text Search
 

To Download HL5605V-CP9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please call your nearest foxconn sales representative for update information . specifications shrouded connector hl56 series vertical, t/h type r eceptacle 2.00 mm x2.00mm [ . 079] x [ . 079] pitch mechanical c ontact r etention f orce : 1.36kg min . electrical voltage rating: 125 v current rating: 2 a per pin min. dielectric withstanding voltage: 10 00v rms i nsulation resistance: 1000m w min. physical ho using: high temperature , ul 94v - 0 color black contact: copper alloy plating: see ?ordering information? operating temperature: - 55 j to + 10 5 j drawing ord ering information see the attachment i see the attachment ii
all specification & dimensions are subject to change, please call your nearest foxconn sales representative for update information . the attachment i : h = 30 u" min gold with lead free rohs compliance v = 15u" min gold with lead free rohs compliance e = tin plated with lead free rohs compliance f = gold flish with lead free rohs compliance termination&contact type product no.: h l 5 6 * * * - * * * * * * * 02 = 02 pos 2 = 20u" gold 7 = 15u" gold 3 = 30u" gold 30 = 30 pos .... .... contact area plating 1 = gold flish header shrouded header no. of pos kink option none : without kink k: the 3rd & n-2 pins of terminals are deformed with kinks none: center locking window mating option for pos.2/4~6/12 c: center polarization slot see drawing no.307-0000-297 tail length option l2 : dim. g = 3.18 mm, none : dim. g = 2.16 mm, mating option for pos.2/4~6/12 none: center locking window c: center polarization slot dim. e = 0.80 mm dim. e = 1.20 mm the attachment ii :
all specification & dimensions are subject to change, please call your nearest foxconn sales representative for update information . p4 5th pin is removed t2 t3 t5 t6 t4 t8 t9 u1 u3 u2 u0 t7 u4 u5 p6 p9 l1 p7 p8 l5 l6 l8 l7 l3 p5 l9 (3) for removed pin(s) located at first or last pair,kink 3rd,25th,26th pin is removed position(s) should be changed to the nearest pair 19th pin is removed 11th pin is removed 8th & 19th pins are removed 8th & 9th pins are removed 13th pin is removed 3rd & 5th pins are removed 25th,27th & 28th pins are removed 3rd,19th,20th&29th pins are removed 30th & 32th pins are removed 8th & last pins are removed 13th,15th &16th pin is removed 3rd & the last pins are removed 3rd,5th,7th &9th pins are removed none: standard product (color black) (x): to be specified on correl. customer dwg k: the first & last pairs of terminals w: housing color ivory, pantone warm gray 1c u: housing color blue, pantone2935c r: housing color red, pantone 199c g: housing color green, pantone 346u kw: the first & last pairs of terminals are deformed with kinks, housing k3: the first & last pairs of terminals are deformed with kinks (special modification code) 2nd pin is removed 3rd pin is removed 17th pin is removed 9th pin is removed 32th pin is removed 18th pin is removed 16th pin is removed 14th pin is removed 12th pin is removed &16th pin is removed 10th pin is removed 1st&2nd&3rd&4th&14th&15th (1) remark: (2) none: standard product are deformed with kinks 25th pin is removed code none d1 d2 d3 d6 d9 e2 d7 d8 e4 p1 p3 p0 e3 d4 d0 u8 u9 u7 4th 5th & 6th pins are removed 8th & 13th pins are removed 1st & 11 pins are removed. 20th pin is removed 21th pin is removed last pin is removed 25th pin is removed 26th pin is removed 6th pin is removed 30th pin is removed 15th pin is removed 38th pin is removed 7th pin is removed 22th pin is removed 28th pin is removed 4th pin is removed 8th pin is removed description (1) (2) code u6 none standard product 4th & 7th pins are removed description standard product 1st pin is removed h l nn nn n - (x) (xx) xn


▲Up To Search▲   

 
Price & Availability of HL5605V-CP9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X