Part Number Hot Search : 
U5332K6 SD215 R3000 DC1FT7SC PM6344 S2222A LM239 CPC5604
Product Description
Full Text Search
 

To Download HER205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  he r 2 0 1 thru he r 2 08 2 .0 amp h i gh e ff i ci e nt rectifier s 50 to 1000 volts features high surge c ur re n t capability hi gh r e li a b il i ty low forward voltage drop h ig h c urr e nt c a pa b ili ty maximum ratings operating temperature: - 5 5 c to +1 25 c storage temperature: - 5 5 c to +15 0 c f or ca pa ci ti ve lo ad , de ra te c urr e nt by 2 0 % m cc catalog number device marking maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage her 2 01 --- 50v 35v 50v he r 2 02 --- 100v 70v 100v h er 2 03 --- 200v 140v 200v he r 2 04 --- 3 00v 21 0v 3 00v he r 2 05 --- 4 00v 28 0v 400v he r 2 0 6 --- 6 00v 42 0v 6 00v her 2 0 7 --- 8 00v 5 6 0v 8 00v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 2 a t a = 55 c peak forward surge current i fsm 6 0 a 8.3ms, half sine maximum instantaneous forward voltage he r 2 0 1 - 2 0 4 he r 2 0 5 v f 1. 0v 1. 3 v i fm = 2 .0a; t a = 25 c reverse current at rated dc blocking voltage ( m a x i mu m dc ) i r 5 m a 1 0 0 m a t a = 25 c t a = 100 c maximum reverse recovery time her 2 0 1 - 2 05 he r 2 06 - 2 08 t rr 50ns 7 5 ns i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance he r 2 0 1 - 2 05 he r 2 0 6 - 2 0 8 c j 5 0 pf 3 0pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 m sec, duty cycle 1% do- 1 5 www. mccsemi .com her206-208 1.7v h e r 2 0 8 --- 1000v 700v 1000v dimensions inches mm dim min max min max note a . 230 . 30 0 5. 8 7 .6 b . 10 4 .1 40 2. 6 3 .6 c .0 28 . 03 4 0 . 71 0 . 86 d 1.000 --- 25.40 --- a b c d d cathode mark         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    mcc
r a tings and characteristic cu r ves fig.2- maximum average forward current derating fig.1- reverse recovery time characteristic and test circuit diagram a verage for w ard current . (a) 25 50 75 100 125 150 175 0 1.0 3.0 2.0 ambient temperature. ( c ) o 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length fig.5- maximum non-repetitive forward surge current peak for w ard surge current . (a) 1 2 5 10 20 10050 10 0 20 30 50 40 60 80 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.3- typical reverse characteristics inst ant aneous reverse current .( a ) 20 40 60 80 100 120 0.1 1.0 10 100 1000 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=100 c 0 fig.4- typical forward characteristics inst ant aneous for w ard current . (a) .2 .4 .6 .8 1.0 1.2 1.4 0.001 0.01 0.1 1.0 10 forward voltage. (v) h er 201~h er204 HER205 her206~her208 fig.6- typical junction capacitance junction cap acit ance.(pf) .1 .5 1 5 2 1 0 20 50 100 200 500 800 25 0 50 75 100 125 150 175 reverse voltage. (v) her201~HER205 h er 206~h e r 208 h e r 2 01 t hru he r 20 8 mcc www. mccsemi .com


▲Up To Search▲   

 
Price & Availability of HER205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X