Part Number Hot Search : 
SF153 1N1616 MAZ4036 G12232 CE20V8H C1112 79L12 ASI10701
Product Description
Full Text Search
 

To Download HER205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * low power loss, high efficiency * low leakage * low forward voltage drop * high current capability * high speed switching * high surge capability * high reliability mechanical data * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: mil-std-202e, method 208 guaranteed * polarity: color band denotes cathode end * mounting position: any * weight: 0.4 gram maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. her201 thru her208 do-15 dimensions in inches and (millimeters) maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t a = 50 o c peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) symbol v rrm v dc i o i fsm v rms amps 2.0 60 amps her201 her202 her203 her204 HER205 her206 her208 units 50 100 200 300 400 600 800 1000 35 70 140 210 280 420 560 700 50 100 200 300 400 600 800 1000 volts volts volts maximum reverse recovery time (note 1) trr 75 nsec at rated dc blocking voltage t a = 25 o c maximum full load reverse current average, full cycle .375*(9.5mm) lead length at t l = 55 o c v f i r 5.0 100 uamps uamps maximum dc reverse current maximum instantaneous forward voltage at 2.0a dc volts technical specifica tions of high efficiency rectifier vol t age range - 50 to 1000 v olts current - 2.0 amperes rectifier specialists r dc components co., l td. notes : 1. t est conditions: i f = 0.5a, i r = 1.0a, i rr = 0.25a 2. measured at 1 mh z and applied reverse voltage of 4.0 volts operating and storage temperature range t j , tstg -65 to + 150 0 c typical junction capacitance (note 2) c j pf 20 her207 1.0 1.7 50 30 1.3 64
r dc components co., l td. ra ting and characteristic cur ves (her201 thru her208) 65


▲Up To Search▲   

 
Price & Availability of HER205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X