Part Number Hot Search : 
CY7C6 STMP3600 30203 TDA6060G CZRB2320 4N25M 420HWB LMR61W
Product Description
Full Text Search
 

To Download HDM16216H4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 56 pin connections pin no. symbol level function 1 v ss - 0v power supply 2 v dd - 5v 3 v l - - 4 rs h/l h: data input l: instruction data input 5 r/w h/l h: data read l: data write 6 e h,h?l enable signal 7 d0 h/l data bus 8 d1 h/l 9 d2 h/l 10 d3 h/l 11 d4 h/l 12 d5 h/l 13 d6 h/l 14 d7 h/l 15 - - no connection 16 - - absolute maximum ratings parameter symbol min max unit supply voltage v dd -v ss 0 7.0 v supply voltage for lcd v dd -v l 0 13.5 v input voltage v in v ss v dd v operating temperature t op 0 50 c storage temperature t stg -20 70 c features character format .......................................5x7 dots with cursor backlight....................................................................el optional options....tn/gray stn/yellow stn, 12 o?clock/6 o?clock view normal/extended temperature normal/negative displays physical data module size....................................122.0w x 44.0h x 10.0t mm viewing area size.........................................99.0w x 24.0h mm weight....................................................................................55g block diagram d0 - d7 e r/w rs v l v dd v ss lcd controller hd44780 or equivalent lcd panel com 1 - 16 seg 40 4 driver 40 dimensional drawing 2.54x15=38.1 1 0 . 0 m a x 4 . 7 1 . 6 14- ? 1.0 hole 4- ? 3.5 hole 3.5 4.84 1.6 0.06 0.92 1.1 0.5 0.06 9.66 2 . 2 5 10.98 0.68 4 4 . 0 3 7 . 0 3 5 . 5 2 4 . 0 1 9 . 9 4 6 . 2 5 4.5 3.5 3 . 5 115.0 106.0 99.0 122.0 14 8 . 0 4-r1.0 94.8 16 character x 2 lines, large character dimension tolerance: +/-0.3mm electrical characteristics (vdd=5.00.25v 25c) parameter sym condition min typ max unit input high voltage v ih - 2.2 - - v input low voltage v il - - - .6 v output high voltage v oh i oh =0.2ma 2.4 - - v output low voltage v ol i ol =1.2ma - - 0.4 v power supply current i dd v dd =5.0v - 1.0 2.2 ma power supply for lcd v dd- v l t a =25c 4.3 - 4.7 v drive method 1/16 duty hdm16216h-4 15 16 1


▲Up To Search▲   

 
Price & Availability of HDM16216H4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X