Part Number Hot Search : 
4085B GBPC35A DM901006 DL5405 NJL71H APL0972 MGB120D 4730A
Product Description
Full Text Search
 

To Download FAR-F5CE-906M00-K215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds04-23117-5e fujitsu media device data sheet assp mobile communication systems piezoelectric saw bpf (700 to 1700 mhz) f5/f6 series (k2 type) n n n n description the f5ce/f6ce-k2 series of saw band pass filters is available in the 700-1700 mhz frequency range and exhibit high stability by using single crystal lithium tantalate (litao 3 ) with a large electro-mechanical coefficient. the f5ce/f6ce-k2 series provides low insertion loss and wide pass-band width by taking advantage of fujitsu media devices unique ladder-type design. typical applications for the f5ce/f6ce-k2 series include rf interstage filter in mobile communications systems. standard devices are available for amps/tdma/cdma,gsm, egsm,pdc800,j-cdma,pdc1.5g and so on. if higher attenuation is preferred, our f5ce-d2 series is also recommended. n n n n features ? low insertion loss and good skirt performance ? compact and light package (3.0 mm sq.) ? external matching circuits are not required. (50 w i/o) ? surface mount package (smt) ? standard devices are available for mobile communication standards. n n n n pac k ag e
f5/f6 series (k2 type) 2 n n n n pin assignment n n n n pin description n n n n absolute maximum ratings warning: piezoelectric devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. do not exceed these ratings. pin no. pin name description 1 gnd ground pin 2 in input pin 3 gnd ground pin 4 gnd ground pin 5outoutput pin 6 gnd ground pin parameter symbol rating unit min. max. operating temperature ta - 30 + 85 c storage temperature tstg - 40 + 100 c input level p in ?+ 23 dbm input dc voltage ?- 5 + 5v (bottom view) 1 2 3 654
f5/f6 series (k2 type) 3 n n n n recommended operating conditions warning: the recommended operating conditions are required in order to ensure the normal operation of the piezoelectric device. all of the devices electrical characteristics are warranted when the device is operated within this range. always use piezoelectric devices within their recommended operating conditionranges. operation outside these ranges may adversely affect reliability and could result in device failure. no warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. users considering application outside the listed conditions are advised to contact their fujitsu representatives beforehand. n n n n standard devices parameter symbol value unit min. max. operating temperature ta - 30 + 85 c system center frequency (mhz) band width (mhz) part symbol part number remarks amps/tdma/cdma tx 836.5 25 25 far-f5ce-836m50-k225 low loss type 836.5 25 36 far-f5ce-836m50-k236 low loss type 836.5 25 30 far-f5ce-836m50-k230 high att. type 836.5 25 89 far-f5ce-836m50-k289 high att. type rx 881.5 25 35 far-f5ce-881m50-k235 low loss type gsm tx 902.5 25 13 far-f5ce-902m50-k213 rx 947.5 25 33 far-f5ce-947m50-k233 ultra low loss 947.5 25 14 far-f5ce-947m50-k214 low loss type egsm tx 897.5 35 26 far-f5ce-897m50-k226 897.5 35 31 far-f5ce-897m50-k231 low loss type rx 942.5 35 88 far-f5ce-942m50-k288 low loss type 942.5 35 37 far-f5ce-942m50-k237 pdc800 (20 mhz pass-band width standard) tx 950.0 20 01 far-f5ce-950m00-k201 rx 820.0 20 02 far-f5ce-820m00-k202 low loss type 820.0 20 04 far-f5ce-820m00-k204 high att. type j-cdma tx 906.0 38 19 far-f5ce-906m00-k219 906.0 38 15 FAR-F5CE-906M00-K215 high att. type 906.0 38 38 far-f5ce-906m00-k238 rx 851.0 38 12 far-f5ce-851m00-k212 pdc1.5 g tx 1441.0 24 20 far-f6ce1g4410-k220 rx 1489.0 24 21 far-f6ce1g4890-k221 lo 1619.0 24 22 far-f6ce1g6190-k222
f5/f6 series (k2 type) 4 n n n n electrical characteristics and typical frequency response 1. amps/tdma/cdma (tx) low loss type part number : far-f5ce-836m50-k225 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 824 mhz to 849 mhz ? 2.0 2.5 db pass-band ripple 824 mhz to 849 mhz ? 0.9 1.5 db absolute stop-band attenuation dc to 800 mhz 20 23 ? db 869 mhz to 894 mhz 28 30 ? db 894 mhz to 2000 mhz 22 25 ? db pass-band vswr (return loss) 824 mhz to 849 mhz ? (6.2) 2.6 (7.0) 2.9 ( ? ) ? (db) 2 3 2 4 1 1 3 3 2 2 1 1 3 s 11 1u fs 1 : 42.77 w- 21.717 w 8.894 pf 824.000 000 mhz 2 : 66.051 w - 12.398 w 849 mhz 3 : 324.53 w - 386.41 w 869 mhz 4 : 7.668 w - 115.35 w 894 mhz s 21 log mag 5 db/ ref 0 db 4 4 4 1 3 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 57.635 w 4.4492 w 859.36 ph 824.000 000 mhz 2 : 68.309 w - 2.4727 w 849 mhz 3 : 25.938 w - 188.81 w 869 mhz 4 : 6.6602 w - 76.531 w 894 mhz 2 center 835 mhz span 300 mhz center 835 mhz span 300 mhz center 835 mhz span 300 mhz center 835 mhz span 300 mhz 1 : 1.6347 824 mhz 2 : 1.4211 849 mhz 3 : 15.917 869 mhz 4 : 41.316 894 mhz 1 : 1.1909 824 mhz 2 : 1.3716 849 mhz 3 : 30.012 869 mhz 4 : 25.196 894 mhz 4 1 : - 1.6128 db 824 mhz 2 : - 1.7319 db 849 mhz 3 : - 55.599 db 869 mhz 4 : - 30.788 db 894 mhz
f5/f6 series (k2 type) 5 2. amps/tdma/cdma (tx) low loss type part number : far-f5ce-836m50-k236 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 824 mhz to 849 mhz ? 2.2 3.0 db pass-band ripple 824 mhz to 849 mhz ? 0.9 1.7 db absolute stop-band attenuation dc to 800 mhz 25 26 2.2 db 869 mhz to 894 mhz 30 35 ? db 894 mhz to 1050 mhz 25 27 ? db 1050 mhz to 1210 mhz 25 28 ? db 1210 mhz to 2000 mhz 20 27 ? db pass-band vswr (return loss) 824 mhz to 849 mhz ? (8.5) 1.8 (10.9) 2.2 ( ? ) ? (db) 2 2 3 4 5 1 1 3 4 3 2 2 1 1 3 s 11 1u fs 1 : 4.2148 w- 26.53 w 7.4987 pf 800.000 000 mhz 2 : 33.867 w - 3.2813 w 824 mhz 3 : 70.965 w - 15.508 w 849 mhz 4 : 117.77 w - 346.13 w 869 mhz 5 : 6.9961 w - 83.621 w 894 mhz s 21 log mag 5 db/ ref 0 db 4 5 5 4 5 1 3 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 4.5957 w- 25.531 w 7.7922 pf 800.000 000 mhz 2 : 35.057 w - 992.19 m w 824 mhz 3 : 75.707 w - 7.457 w 849 mhz 4 : 160.41 w - 385.38 w 869 mhz 5 : 7.875 w - 85.332 w 894 mhz 2 center 836.5 mhz span 300 mhz center 836.5 mhz span 300 mhz center 836.5 mhz span 300 mhz center 836.5 mhz span 300 mhz 1 : 15.218 800 mhz 2 : 1.4895 824 mhz 3 : 1.545 849 mhz 4 : 23.341 869 mhz 5 : 27.277 894 mhz 1 : 13.737 800 mhz 2 : 1.429 824 mhz 3 : 1.5414 849 mhz 4 : 22.223 869 mhz 5 : 24.963 894 mhz 5 4 1 : - 38.144 db 800 mhz 2 : - 1.9599 db 824 mhz 3 : - 2.081 db 849 mhz 4 : - 56.884 db 869 mhz 5 : - 29.853 db 894 mhz
f5/f6 series (k2 type) 6 3. amps/tdma/cdma (tx) high attenuation type part number : far-f5ce-836m50-k230 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 824 mhz to 849 mhz ? 2.7 3.5 db pass-band ripple 824 mhz to 849 mhz ? 1.0 2.0 db absolute stop-band attenuation dc to 800 mhz 28 30 ? db 869 mhz to 894 mhz 30 43 ? db 894 mhz to 1200 mhz 35 37 ? db 1200 mhz to 2000 mhz 20 25 ? db pass-band vswr (return loss) 824 mhz to 849 mhz ? (8.5) 1.7 (11.7) 2.2 ( ? ) ? (db) 2 1 1 3 3 2 2 1 1 s 11 1u fs 1 : 4.375 w- 19.558 w 10.172 pf 800.000 000 mhz 2 : 28.668 w - 8.0127 w 824 mhz 3 : 52.691 w - 5.3926 w 849 mhz 4 : 234.96 w - 98.656 w 869 mhz s 21 log mag 5 db/ ref 0 db 4 4 4 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 2.8123 w- 6.7119 w 29.64 pf 800.000 000 mhz 2 : 29.701 w - 8.9658 w 824 mhz 3 : 51.344 w - 8.582 w 849 mhz 4 : 11.895 w - 68.445 w 869 mhz center 850 mhz span 300 mhz center 850 mhz span 300 mhz center 850 mhz span 300 mhz center 850 mhz span 300 mhz 1 : 13.196 800 mhz 2 : 1.8107 824 mhz 3 : 1.1266 849 mhz 4 : 5.5493 869 mhz 1 : 18.129 800 mhz 2 : 1.7663 824 mhz 3 : 1.1915 849 mhz 4 : 12.269 869 mhz 4 1 : - 41.423 db 800 mhz 2 : - 3.121 db 824 mhz 3 : - 2.4073 db 849 mhz 4 : - 51.709 db 869 mhz 3 2 3 1 2 3 4
f5/f6 series (k2 type) 7 4. amps/tdma/cdma (tx) high attenuation type part number : far-f5ce-836m500-k289 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 824 mhz to 849 mhz ? 2.8 3.5 db pass-band ripple 824 mhz to 849 mhz ? 1.0 2.0 db absolute stop-band attenuation dc to 800 mhz 30 32 ? db 869 mhz to 894 mhz 40 45 ? db 894 mhz to 1050 mhz 38 43 ? db 1050 mhz to 1210 mhz 35 37 ? db 1210 mhz to 2000 mhz 20 28 ? db pass-band vswr (return loss) 824 mhz to 849 mhz ? (9.5) 1.8 (10.9) 2.0 ( ? ) ? (db) 1 3 3 2 s 11 1u fs 1 : 4.4199 w- 16.271 w 12.227 pf 800.000 000 mhz 2 : 26.92 w - 7.2832 w 824 mhz 3 : 46.484 w - 5.6113 w 849 mhz 4 : 259.52 w - 189.31 w 869 mhz 5 : 6.5273 w - 71.887 w 894 mhz s 21 log mag 5 db/ ref 0 db 4 3 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 3.3441 w- 270.87 m w 734.45 pf 800.000 000 mhz 2 : 29.877 w - 2.2979 w 824 mhz 3 : 55.285 w - 5.5234 w 849 mhz 4 : 11.025 w - 53.689 w 869 mhz 5 : 4.7266 w - 32.934 w 894 mhz 2 center 850 mhz span 300 mhz center 850 mhz span 300 mhz center 850 mhz span 300 mhz center 850 mhz span 300 mhz 1 : 12.522 800 mhz 2 : 1.9126 824 mhz 3 : 1.1484 849 mhz 4 : 8.0542 869 mhz 5 : 23.582 894 mhz 1 : 12.522 800 mhz 2 : 1.9126 824 mhz 3 : 1.1484 849 mhz 4 : 8.0542 869 mhz 5 : 23.582 894 mhz 4 1 : - 45.215 db 800 mhz 2 : - 2.8567 db 824 mhz 3 : - 2.726 db 849 mhz 4 : - 66.465 db 869 mhz 5 : - 44.402 db 894 mhz 1 2 3 5 1 2 4 5 4 5 1 2 3 4 5 1 5
f5/f6 series (k2 type) 8 5. amps/tdma/cdma (rx) low loss type part number : far-f5ce-881m50-k235 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 869 mhz to 894 mhz ? 2.0 3.0 db pass-band ripple 869 mhz to 894 mhz ? 0.8 1.8 db absolute stop-band attenuation dc to 800 mhz 20 24 ? db 824 mhz to 849 mhz 35 40 ? db 939 mhz to 1049 mhz 28 31 ? db 1049 mhz to 1200 mhz 28 32 ? db 1200 mhz to 2000 mhz 25 30 ? db pass-band vswr (return loss) 869 mhz to 894 mhz ? (9.5) 1.7 (11.7) 2.0 ( ? ) ? (db) 2 3 4 1 1 3 4 3 1 3 s 11 1u fs 1 : 1.915 w- 12.669 w 15.245 pf 824.000 000 mhz 2 : 2.2916 w - 505.74 m w 849 mhz 3 : 32.73 w - 6.3457 w 869 mhz 4 : 51.447 w - 5.9141 w 894 mhz s 21 log mag 5 db/ ref 0 db 4 2 4 2 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 2.3569 w- 12.494 w 15.46 pf 824.000 000 mhz 2 : 2.8615 w - 912.72 m w 849 mhz 3 : 31.263 w - 1.4102 w 869 mhz 4 : 51.932 w - 3.8945 w 894 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz 1 : 27.795 824 mhz 2 : 21.819 849 mhz 3 : 1.5582 869 mhz 4 : 1.1275 894 mhz 1 : 22.539 824 mhz 2 : 17.473 849 mhz 3 : 1.6014 869 mhz 4 : 1.0891 894 mhz 4 1 : - 45.079 db 824 mhz 2 : - 40.524 db 849 mhz 3 : - 2.2827 db 869 mhz 4 : - 1.5331 db 894 mhz 2 1 2 1 3
f5/f6 series (k2 type) 9 6. gsm (tx) part number : far-f5ce-902m50-k213 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 890 mhz to 915 mhz ? 3.0 3.5 db pass-band ripple 890 mhz to 915 mhz ? 1.0 2.0 db absolute stop-band attenuation dc to 845 mhz 30 32 ? db 845 mhz to 870 mhz 20 35 ? db 935 mhz to 980 mhz 20 35 ? db 980 mhz to 1200 mhz 35 37 ? db 1200 mhz to 2000 mhz 30 35 ? db pass-band vswr (return loss) 890 mhz to 915 mhz ? (7.4) 2.0 (9.5) 2.5 ( ? ) ? (db) 2 1 1 3 3 2 s 11 1u fs 1 : 5.2598 w - 14.845 w 12.323 pf 870.000 000 mhz 2 : 28.089 w - 6.0566 w 890 mhz 3 : 44.844 w - 1.9238 w 915 mhz 4 : 167.53 w 90.5 w 935 mhz s 21 log mag 5 db/ ref 0 db 4 4 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 3.6934 w 3.3722 w 616.9 ph 870.000 000 mhz 2 : 32.689 w - 8.25 w 890 mhz 3 : 45.885 w - 5.7129 w 915 mhz 4 : 16.113 w - 73.277 w 935 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz 1 : 10.352 870 mhz 2 : 1.8181 890 mhz 3 : 1.1232 915 mhz 4 : 4.429 935 mhz 1 : 13.596 870 mhz 2 : 1.6013 890 mhz 3 : 1.1582 915 mhz 4 : 10.009 935 mhz 1 : - 49.012 db 870 mhz 2 : - 2.9539 db 890 mhz 3 : - 2.1401 db 915 mhz 4 : - 36.365 db 935 mhz 3 2 3 4 1 2 3 4 4 1 1 2
f5/f6 series (k2 type) 10 7. gsm (rx) ultra low loss type part number : far-f5ce-947m50-k233 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 935 mhz to 960 mhz ? 1.7 2.0 db pass-band ripple 935 mhz to 960 mhz ? 0.5 1.0 db absolute stop-band attenuation dc to 905 mhz 17 19 ? db 905 mhz to 915 mhz 15 25 ? db 980 mhz to 1000 mhz 10 20 ? db 1000 mhz to 1500 mhz 18 21 ? db 1500 mhz to 2000 mhz 20 25 ? db pass-band vswr (return loss) 935 mhz to 960 mhz ? (7.4) 2.0 (9.5) 2.5 ( ? ) ? (db) 1 1 3 3 s 11 1u fs 1 : 3.5944 w 2.1528 w 374.46 ph 915.000 000 mhz 2 : 48.553 w - 4.1777 w 935 mhz 3 : 52.209 w - 6.5176 w 960 mhz 4 : 41.82 w - 105.41 w 980 mhz s 21 log mag 5 db/ ref 0 db s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 4.1152 w 2.5291 w 439.9 ph 915.000 000 mhz 2 : 48.346 w - 4.1465 w 935 mhz 3 : 51.667 w - 3.5039 w 960 mhz 4 : 39.602 w - 100 w 980 mhz 2 center 950 mhz span 300 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : 14.049 915 mhz 2 : 1.0938 935 mhz 3 : 1.1491 960 mhz 4 : 7.2063 980 mhz 1 : 14.049 915 mhz 2 : 1.0938 935 mhz 3 : 1.1491 960 mhz 4 : 7.2063 980 mhz 2 3 2 2 1 4 1 : - 43.391 db 915mhz 2 : - 1.9275 db 935 mhz 3 : - 1.8659 db 960 mhz 4 : - 21.213 db 980 mhz 4 4 1 2 4 3 1 3 4
f5/f6 series (k2 type) 11 8. gsm (rx) low loss type part number : far-f5ce-947m50-k214 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 935 mhz to 960 mhz ? 2.7 3.0 db pass-band ripple 935 mhz to 960 mhz ? 1.0 1.5 db absolute stop-band attenuation dc to 800 mhz 20 25 ? db 890 mhz to 915 mhz 20 35 ? db 980 mhz to 1025 mhz 20 25 ? db 1025 mhz to 1600 mhz 27 32 ? db 1600 mhz to 2000 mhz 25 30 ? db pass-band vswr (return loss) 935 mhz to 960 mhz ? (7.4) 2.0 (9.5) 2.5 ( ? ) ? (db) 1 1 3 3 2 1 s 11 1u fs 1 : 3.8452 w 6.771 w 1.1777 nh 915.000 000 mhz 2 : 37.396 w - 44.922 m w 935 mhz 3 : 61.463 w - 5.4844 w 960 mhz 4 : 17.215 w - 78.281 w 980 mhz s 21 log mag 5 db/ ref 0 db s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 4.3369 w 7.4983 w 1.3043 nh 915.000 000 mhz 2 : 37.42 w - 296.88 m w 935 mhz 3 : 61.275 w - 7.1816 w 960 mhz 4 : 15.129 w - 73.922 w 980 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : 13.497 915 mhz 2 : 1.337 935 mhz 3 : 1.2579 960 mhz 4 : 10.268 980 mhz 1 : 12.026 915 mhz 2 : 1.3363 935 mhz 3 : 1.2735 960 mhz 4 : 10.737 980 mhz 1 : - 47.064 db 915 mhz 2 : - 2.1349 db 935 mhz 3 : - 1.8778 db 960 mhz 4 : - 30.798 db 980 mhz 2 3 2 3 1 3 1 4 4 4 2 2 4 4
f5/f6 series (k2 type) 12 9. egsm (tx) part number : far-f5ce-897m50-k226 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 880 mhz to 915 mhz ? 2.5 3.5 db pass-band ripple 880 mhz to 915 mhz ? 1.0 2.0 db absolute stop-band attenuation dc to 845 mhz 20 23 ? db 925 mhz to 935 mhz 4.5 8 ? db ta = - 30 c to + 25 c 7dbta = + 25 c to + 85 c 935 mhz to 2000 mhz 25 30 ? db pass-band vswr (return loss) 880 mhz to 915 mhz ? (6.8) 2.2 (8.5) 2.7 ( ? ) ? (db) 1 1 3 3 2 2 1 s 11 1u fs 1 : 2.4664 w- 640.14 m w 289.1 pf 860.000 000 mhz 2 : 33.768 w - 7.4609 w 880 mhz 3 : 63.193 w - 18.152 w 915 mhz 4 : 79.777 w - 88.844 w 925 mhz s 21 log mag 5 db/ ref 0 db s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 4.1191 w 055.42 m w 10.256 ph 860.000 000 mhz 2 : 32.902 w - 3.5879 w 880 mhz 3 : 64.594 w - 19.789 w 915 mhz 4 : 71.008 w - 87.965 w 925 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz 1 : 20.297 860 mhz 2 : 1.5409 880 mhz 3 : 1.4868 915 mhz 4 : 3.9788 925 mhz 1 : 12.145 860 mhz 2 : 1.5335 880 mhz 3 : 1.5362 915 mhz 4 : 4.0924 925 mhz 1 : - 40.016 db 860 mhz 2 : - 2.5519 db 880 mhz 3 : - 2.6839 db 915 mhz 4 : - 13.078 db 925 mhz 3 2 2 4 4 4 3 4 2 1 4 3 1
f5/f6 series (k2 type) 13 10. egsm (tx) low loss type part number : far-f5ce-897m50-k231 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 880 mhz to 915 mhz ? 2.3 3.0 db pass-band ripple 880 mhz to 915 mhz ? 1.0 1.5 db absolute stop-band attenuation dc to 800 mhz 17 19 ? db 800 mhz to 860 mhz 15 25 ? db 925 mhz to 935 mhz 4 ?? db 935 mhz to 960 mhz 20 25 ? db 960 mhz to 1850 mhz 20 25 ? db 1850 mhz to 3000 mhz 7 12 ? db pass-band vswr (return loss) 880 mhz to 915 mhz ? (8.5) 2.0 (9.5) 2.2 ( ? ) ? (db) 2 3 1 1 3 2 3 3 s 11 1u fs 1 : 2.8936 w- 355.1 m w 521.16 pf 860.000 000 mhz 2 : 27.864 w 6.6725 w 824 mhz 3 : 53.119 w 6.8086 w 816 mhz 4 : 68.02 w 28.528 w 925 mhz 5 : 15.414 w 67.184 w 936 mhz s 21 log mag 5 db/ ref 0 db 5 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 2.6062 w- 2.6616 w 72.249 pf 860.000 000 mhz 2 : 24.988 w 1.2344 w 880 mhz 3 : 52.924 w 7.0195 w 816 mhz 4 : 68.707 w 32.946 w 925 mhz 5 : 14.52 w 68.902 w 936 mhz 2 center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz 1 : 17.293 860 mhz 2 : 1.9296 880 mhz 3 : 1.1662 915 mhz 4 : 1.7696 925 mhz 5 : 5.3167 935 mhz 1 : 19.249 860 mhz 2 : 2.0029 880 mhz 3 : 1.1691 915 mhz 4 : 1.8988 925 mhz 5 : 9.8112 935 mhz 1 : - 34.864 db 860 mhz 2 : - 2.5866 db 880 mhz 3 : - 1.8632 db 915 mhz 4 : - 6.1014 db 925 mhz 5 : - 35.758 db 935 mhz 1 2 4 4 5 4 5 4 5 2 5 1 1 4 3
f5/f6 series (k2 type) 14 11. egsm (rx) low loss type part number : far-f5ce-942m50-k288 (ta = - 30 c to + 85 c) (continued) parameter conditions value unit remarks min. typ. max. insertion loss 925 mhz to 960 mhz ? 2.0 2.5 db ta = + 25 c 2 c 2.7 db ta = - 10 c to + 60 c 3.0 db ta = - 30 c to + 85 c pass-band ripple 925 mhz to 960 mhz ? 0.5 1.5 db absolute stop-band attenuation dc to 905 mhz 17 18 ? db 905 mhz to 915 mhz 13 16 ? db ta = + 25 c 2 c 8dbta = - 10 c to + 60 c 5dbta = - 30 c to + 85 c 980 mhz to 1000 mhz 13 20 ? db 1000 mhz to 2000 mhz 20 22 ? db pass-band vswr (return loss) 925 mhz to 960 mhz ? (6.8) 2.2 (8.5) 2.7 ( ? ) ? (db)
f5/f6 series (k2 type) 15 (continued) part number : far - f5ce - 942m50 - k288 3 3 2 2 s 11 1u fs 1 : 19.434 w 28.751 w 5.0009 nh 915.000 000 mhz 2 : 29.646 w - 79.102 m w 925 mhz 3 : 48.006 w - 4.0664 w 960 mhz 4 : 42.625 w - 97.496 w 980 mhz s 21 log mag 5 db/ ref 0 db s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 41.318 w 11.084 w 1.9279 nh 915.000 000 mhz 2 : 28.769 w - 198.24 m w 925 mhz 3 : 47.871 w - 7.6563 w 960 mhz 4 : 31.156 w - 88.191 w 980 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : 3.6211 915 mhz 2 : 1.6872 925 mhz 3 : 1.1022 960 mhz 4 : 6.3271 980 mhz 1 : 1.4234 915 mhz 2 : 1.7385 925 mhz 3 : 1.1792 960 mhz 4 : 6.8501 980 mhz 1 : - 12.943 db 915 mhz 2 : - 2.0159 db 925 mhz 3 : - 1.5033 db 960 mhz 4 : - 22.349 db 980 mhz 3 2 4 1 1 4 1 1 4 2 3 4 1 2 3 4
f5/f6 series (k2 type) 16 12. egsm (rx) part number : far-f5ce-942m50-k237 (ta = - 30 c to + 85 c) (continued) parameter conditions value unit remarks min. typ. max. insertion loss 925 mhz to 960 mhz ? 2.5 3.0 db ta = + 10 c to + 60 c ?? 3.5 db ta = - 30 c to + 85 c pass-band ripple 925 mhz to 960 mhz ? 1.3 1.9 db absolute stop-band attenuation dc to 100 mhz 30 33 ? db 100 mhz to 700 mhz 23 25 ? db 700 mhz to 800 mhz 25 28 ? db 800 mhz to 890 mhz 28 31 ? db 890 mhz to 905 mhz 35 41 ? db 905 mhz to 915 mhz 15 20 ? db ta = + 25 c 2 c 11 20 ? db ta = + 10 c to + 60 c 710 ? db ta = - 30 c to + 85 c 980 mhz to 1000 mhz 20 33 ? db 1000 mhz to 1200 mhz 30 32 ? db 1200 mhz to 1550 mhz 30 35 ? db 1550 mhz to 1950 mhz 25 31 ? db 1950 mhz to 2800 mhz 20 27 ? db 2800 mhz to 3000 mhz 15 23 ? db pass-band vswr (return loss) 925 mhz to 960 mhz ? (6.5) 2.6 (7.0) 2.8 ( ? ) ? (db)
f5/f6 series (k2 type) 17 (continued) part number : far - f5ce - 942m50 - k237 3 1 1 3 4 3 4 5 s 11 1u fs 1 : 1.9922 w- 9.8755 w 18.314 pf 880.000 000 mhz 2 : 16.339 w 30.646 w 915 mhz 3 : 37.354 w - 4.5273 w 925 mhz 4 : 50.58 w - 7.4883 w 960 mhz 5 : 11.783 w - 59.994 w 980 mhz s 21 log mag 5 db/ ref 0 db 4 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 2.2148 w- 9.7925 w 18.469 pf 880.000 000 mhz 2 : 28.451 w 36.725 w 915 mhz 3 : 35.26 w - 3.0508 w 925 mhz 4 : 51.373 w - 6.9863 w 960 mhz 5 : 10.963 w - 57.977 w 980 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : 26.073 880 mhz 2 : 4.3899 915 mhz 3 : 1.3629 925 mhz 4 : 1.1645 960 mhz 5 : 10.491 980 mhz 1 : 23.446 880 mhz 2 : 3.0152 915 mhz 3 : 1.4284 925 mhz 4 : 1.1537 960 mhz 5 : 10.819 980 mhz 1 : - 48.986 db 880 mhz 2 : - 15.555 db 915 mhz 3 : - 2.5559 db 925 mhz 4 : - 1.9623 db 960 mhz 5 : - 34.716 db 980 mhz 2 3 3 5 4 2 1 2 5 2 5 2 5 1 4 1
f5/f6 series (k2 type) 18 13. pdc800 (tx) part number : far-f5ce-950m00-k201 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 940 mhz to 960 mhz ? 3.0 3.5 db pass-band ripple 940 mhz to 960 mhz ? 1.5 2.0 db absolute stop-band attenuation dc to 680 mhz 30 36 ? db 680 mhz to 696 mhz 33 37 ? db 810 mhz to 830 mhz 35 40 ? db 1015 mhz to 1106 mhz 40 44 ? db 1106 mhz to 2000 mhz 30 37 ? db pass-band vswr (return loss) 940 mhz to 960 mhz ? (7.4) 1.8 (10.9) 2.5 ( ? ) ? (db) 1 1 3 2 2 1 s 11 1u fs 1 : 3.1016 w- 44.742 w 4.2857 pf 830.000 000 mhz 2 : 41.9 w - 5.3926 w 940 mhz 3 : 58.182 w - 10.383 w 960 mhz 4 : 6.6914 w - 77.059 w 1.015 ghz s 21 log mag 5 db/ ref 0 db 4 1 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 1.9814 w- 19.9 w 9.6356 pf 830.000 000 mhz 2 : 42.66 w - 6.4844 w 940 mhz 3 : 61.945 w - 13.992 w 960 mhz 4 : 3.9043 w - 32.998 w 1.015 ghz center 950 mhz span 300 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : 29.063 830 mhz 2 : 1.237 940 mhz 3 : 1.2772 960 mhz 4 : 25.323 1.015 ghz 1 : 29.221 830 mhz 2 : 1.236 940 mhz 3 : 1.3901 960 mhz 4 : 18.405 1.015 ghz 1 : - 43.436 db 830 mhz 2 : - 2.6333 db 940 mhz 3 : - 2.7118 db 960 mhz 4 : - 49.781 db 1.015 ghz 3 4 1 4 4 3 2 3 2 3 4 2
f5/f6 series (k2 type) 19 14. pdc800 (rx) low loss type part number : far-f5ce-820m00-k202 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 810 mhz to 830 mhz ? 2.1 2.5 db pass-band ripple 810 mhz to 830 mhz ? 1.4 1.9 db absolute stop-band attenuation dc to 700 mhz 20 24 ? db 875 mhz to 1070 mhz 25 28 ? db 1070 mhz to 1090 mhz 26 30 ? db 1090 mhz to 2000 mhz 20 28 ? db pass-band vswr (return loss) 810 mhz to 830 mhz ? (9.5) 1.7 (11.7) 2.0 ( ? ) ? (db) 2 2 1 3 2 2 1 s 11 1u fs 1 : 35.203 w 0.7578 w 148.9 ph 810.000 000 mhz 2 : 50.229 w - 1.9102 w 830 mhz 3 : 4.3359 w - 32.449 w 940 mhz 4 : 4.0908 w - 30.602 w 960 mhz s 21 log mag 5 db/ ref 0 db 4 1 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 34.426 w- 2.332 w 84.256 pf 810.000 000 mhz 2 : 50.395 w - 6.8184 w 830 mhz 3 : 4.2422 w - 31.314 w 940 mhz 4 : 4.0234 w - 29.528 w 960 mhz center 820 mhz span 300 mhz center 820 mhz span 300 mhz center 820 mhz span 300 mhz center 820 mhz span 300 mhz 1 : 1.422 810 mhz 2 : 1.0541 830 mhz 3 : 16.402 940 mhz 4 : 16.818 960 mhz 1 : 1.4587 810 mhz 2 : 1.1505 830 mhz 3 : 16.425 940 mhz 4 : 16.776 960 mhz 4 3 1 : - 2.0947 db 810 mhz 2 : - 1.2809 db 830 mhz 3 : - 29.172 db 940 mhz 4 : - 29.254 db 960 mhz 3 4 1 4 3 2 4 3 1
f5/f6 series (k2 type) 20 15. pdc800 (rx) high attenuation type part number : far-f5ce-820m00-k204 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 810 mhz to 830 mhz ? 3.0 3.5 db pass-band ripple 810 mhz to 830 mhz ? 1.5 2.0 db absolute stop-band attenuation dc to 130 mhz 35 41 ? db 130 mhz to 760 mhz 30 34 ? db 855 mhz to 875 mhz 35 38 ? db 875 mhz to 1090 mhz 33 38 ? db 1090 mhz to 2000 mhz 30 38 ? db pass-band vswr (return loss) 810 mhz to 830 mhz ? (7.4) 2.0 (9.5) 2.5 ( ? ) ? (db) 2 1 1 3 2 1 s 11 1u fs 1 : 43.031 w- 5.8691 w 33.478 ph 810.000 000 mhz 2 : 68.773 w - 24.227 w 830 mhz 3 : 6.707 w - 61.85 w 940 mhz 4 : 6.4629 w - 58.676 w 960 mhz s 21 log mag 5 db/ ref 0 db 4 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 47.096 w- 6.457 w 30.43 pf 810.000 000 mhz 2 : 72.691 w - 28.836 w 830 mhz 3 : 4.2344 w - 32.693 w 940 mhz 4 : 4.0957 w - 31.028 w 960 mhz center 820 mhz span 300 mhz center 820 mhz span 300 mhz center 820 mhz span 300 mhz center 820 mhz span 300 mhz 1 : 1.2172 810 mhz 2 : 1.6789 830 mhz 3 : 18.934 940 mhz 4 : 18.46 960 mhz 1 : 1.1592 810 mhz 2 : 1.8231 830 mhz 3 : 16.88 940 mhz 4 : 16.925 960 mhz 4 3 1 : - 2.5198 db 810 mhz 2 : - 2.7362 db 830 mhz 3 : - 38.419 db 940 mhz 4 : - 38.349 db 960 mhz 3 4 2 2 1 4 3 1 2 4 3
f5/f6 series (k2 type) 21 16. j-cdma (tx) part number : far-f5ce-906m00-k219 (ta = - 30 c to + 85 c) (continued) parameter conditions value unit remarks min. typ. max. insertion loss 887 mhz to 925 mhz ? 2.7 3.7 db pass-band ripple 887 mhz to 925 mhz ? 1.0 2.2 db absolute stop-band attenuation dc to 720 mhz 20 22 ? db 720 mhz to 800 mhz 20 23 ? db 832 mhz to 870 mhz 32 33 ? db 940 mhz to 942 mhz 15 25 ? db 942 mhz to 950 mhz 20 30 ? db 950 mhz to 2000 mhz 20 23 ? db 2000 mhz to 3000 mhz 15 17 ? db pass-band vswr (return loss) 887 mhz to 925 mhz ? (6.8) 2.2 (8.5) 2.7 ( ? ) ? (db)
f5/f6 series (k2 type) 22 (continued) part number : far - f5ce - 906m00 - k219 1 : 3.416 w 3.3799 w 618.3 ph 870.000 000 mhz 2 : 43.385 w - 10.713 w 887 mhz 3 : 56.156 w - 9.832 w 925 mhz 4 : 31.719 w - 82.156 w 940 mhz swr s 11 1/ ref 1 s 22 swr 1 : 14.702 870 mhz 2 : 1.3179 887 mhz 3 : 1.245 925 mhz 4 : 6.3226 940 mhz 1 : 15.453 870 mhz 2 : 1.6113 887 mhz 3 : 1.2532 925 mhz 4 : 7.11 940 mhz center 900 mhz span 300 mhz 1/ ref 1 s 22 1 : 3.2349 w- 409.91 m w 446.28 pf center 900 mhz span 300 mhz center 900 mhz span 300 mhz 870.000 000 mhz 2 : 31.036 w 0.1445 w 887 mhz 3 : 56.93 w - 9.8203 w 925 mhz 4 : 28.336 w - 83.324 w 940 mhz 1 : - 39.716 db 870 mhz 2 : - 2.6918 db 887 mhz 3 : - 2.1755 db 925 mhz 4 : - 22.053 db 940 mhz center 900 mhz span 300 mhz 3 3 2 4 1 1 1 1 3 4 2 3 4 2 4 2 3 4 2 1 s 11 1u fs 1u fs s 21 log mag 5 db/ ref 0 db
f5/f6 series (k2 type) 23 17. j-cdma (tx) high attenuation type part number : FAR-F5CE-906M00-K215 (ta = - 30 c to + 85 c) (continued) parameter conditions value unit remarks min. typ. max. insertion loss 887 mhz to 925 mhz ? 3.0 4.5 db pass-band ripple 887 mhz to 925 mhz ? 1.5 3.0 db absolute stop-band attenuation dc to 720 mhz 25 26 ? db 720 mhz to 800 mhz 25 30 ? db 832 mhz to 870 mhz 30 35 ? db 940 mhz to 942 mhz 20 25 ? db 942 mhz to 950 mhz 25 30 ? db 950 mhz to 2000 mhz 20 25 ? db 2000 mhz to 3000 mhz 15 20 ? db pass-band vswr (return loss) 887 mhz to 925 mhz ? (5.1) 3.0 (6.0) 3.5 ( ? ) ? (db)
f5/f6 series (k2 type) 24 (continued) part number : far - f5ce - 906m00 - k215 1 1 3 3 3 s 11 1u fs 1 : 2.689 w- 12.27 w 16.69 pf 832.000 000 mhz 2 : 3.8438 w 9.0098 w 870 mhz 3 : 40.461 w 4.2715 w 887 mhz 4 : 54.449 w 22.648 w 925 mhz 5 : 11.408 w 56.516 w 940 mhz s 21 log mag 5 db/ ref 0 db 5 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 2.0361 w- 13.292 w 14.391 pf 832.000 000 mhz 2 : 3.5034 w 8.8626 w 870 mhz 3 : 36.801 w 2.4824 w 887 mhz 4 : 56.646 w 24.078 w 925 mhz 5 : 10.123 w 55.98 w 940 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz 1 : 19.717 832 mhz 2 : 13.434 870 mhz 3 : 1.2611 887 mhz 4 : 1.5567 925 mhz 5 : 10.117 940 mhz 1 : 28.286 832 mhz 2 : 14.72 870 mhz 3 : 1.3669 887 mhz 4 : 1.5923 925 mhz 5 : 11.252 940 mhz 1 : - 46.292 db 832 mhz 2 : - 40.706 db 870 mhz 3 : - 2.5794 db 887 mhz 4 : - 3.6692 db 925 mhz 5 : - 37.56 db 940 mhz 1 4 4 5 4 2 3 4 5 2 5 5 2 1 2 4 1 2 3
f5/f6 series (k2 type) 25 18. j-cdma (tx) part number : far-f5ce-906m00-k238 (ta = - 30 c to + 85 c) (continued) parameter conditions value unit remarks min. typ. max. insertion loss 887 mhz to 925 mhz ? 2.7 4.0 db pass-band ripple 887 mhz to 925 mhz ? 1.0 2.3 db absolute stop-band attenuation dc to 720 mhz 23 25 ? db 720 mhz to 800 mhz 25 27 ? db 832 mhz to 870 mhz 37 40 ? db 940 mhz to 942 mhz 15 23 ? db 942 mhz to 950 mhz 20 28 ? db 950 mhz to 2000 mhz 25 30 ? db 2000 mhz to 3000 mhz 20 25 ? db pass-band vswr (return loss) 887 mhz to 925 mhz ? (5.6) 2.2 (8.5) 3.2 ( ? ) ? (db)
f5/f6 series (k2 type) 26 (continued) part number : far - f5ce - 906m00 - k238 3 5 1 1 3 4 3 2 1 3 s 11 1u fs 1 : 1.8677 w- 14.857 w 12.876 pf 832.000 000 mhz 2 : 3.0369 w 3.521 w 870 mhz 3 : 44.107 w - 5.9004 w 887 mhz 4 : 54.916 w - 12.906 w 925 mhz 5 : 20.363 w - 72.578 w 940 mhz s 21 log mag 5 db/ ref 0 db 5 5 4 5 1 3 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 2.25 w- 14.564 w 13.135 pf 832.000 000 mhz 2 : 3.4901 w 3.7628 w 870 mhz 3 : 38.686 w - 2.4785 w 887 mhz 4 : 56.012 w - 12.115 w 925 mhz 5 : 18.953 w - 70.027 w 940 mhz 2 center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz center 900 mhz span 300 mhz 1 : 29.134 832 mhz 2 : 16.546 870 mhz 3 : 1.1948 887 mhz 4 : 1.3015 925 mhz 5 : 7.9264 940 mhz 1 : 24.097 832 mhz 2 : 14.402 870 mhz 3 : 1.3005 887 mhz 4 : 1.2912 925 mhz 5 : 8.0814 940 mhz 4 1 : - 41.253 db 832 mhz 2 : - 48.17 db 870 mhz 3 : - 2.6208 db 887 mhz 4 : - 2.4256 db 925 mhz 5 : - 27.508 db 940 mhz 2 5 2 1 2 4 4
f5/f6 series (k2 type) 27 19. j-cdma (rx) part number : far-f5ce-851m00-k212 (ta = - 30 c to + 85 c) (continued) parameter conditions value unit remarks min. typ. max. insertion loss 832 mhz to 870 mhz ? 2.5 3.5 db pass-band ripple 832 mhz to 870 mhz ? 1.0 2.0 db absolute stop-band attenuation dc to 170 mhz 20 24 ? db 170 mhz to 720 mhz 18 20 ? db 720 mhz to 770 mhz 20 22 ? db 770 mhz to 815 mhz 25 27 ? db 818 mhz 15 40 ? db 887 mhz to 897 mhz 20 30 ? db 897 mhz to 925 mhz 23 25 ? db 925 mhz to 1100 mhz 22 24 ? db 1100 mhz to 2000 mhz 20 24 ? db pass-band vswr (return loss) 832 mhz to 870 mhz (6.0) 2.7 (6.8) 3.0 ( ? ) ? (db)
f5/f6 series (k2 type) 28 (continued) part number : far - f5ce - 851m00 - k212 1 s 11 1u fs 1 : 3.2582 w 1.4034 w 273.06 ph 818.000 000 mhz 2 : 38.836 w - 7.2578 w 832 mhz 3 : 58.682 w - 10.117 w 870 mhz 4 : 29.48 w - 92.918 w 887 mhz s 21 log mag 5 db/ ref 0 db 4 3 2 s 22 s 11 swr 1/ ref1 1u fs 1 : 2.9063 w- 13.55 m w 14.359 nf 818.000 000 mhz 2 : 31.507 w - 1.1172 w 832 mhz 3 : 58.508 w - 10.055 w 870 mhz 4 : 25.703 w - 88.59 w 887 mhz center 850 mhz span 300 mhz center 850 mhz span 300 mhz center 850 mhz span 300 mhz center 850 mhz span 300 mhz 1 : 15.373 818 mhz 2 : 1.3511 832 mhz 3 : 1.2786 870 mhz 4 : 8.0246 887 mhz 1 4 3 2 s 22 swr 1/ ref1 1 : 17.221 818 mhz 2 : 1.5883 832 mhz 3 : 1.2753 870 mhz 4 : 8.4626 887 mhz 1 : - 37.899 db 818 mhz 2 : - 2.5981 db 832 mhz 3 : - 1.9478 db 870 mhz 4 : - 27.923 db 887 mhz 1 2 3 4 2 3 4 1 1 2 3 4
f5/f6 series (k2 type) 29 20. pdc1.5 g (tx) high attenuation type part number : far-f6ce-1g4410-k220 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 1429 mhz to 1453 mhz ? 2.2 3.0 db pass-band ripple 1429 mhz to 1453 mhz ? 1.0 2.0 db absolute stop-band attenuation dc to 1380 mhz 25 27 ? db 1477 mhz to 1501 mhz 10 18 ? db 1501 mhz to 1900 mhz 30 32 ? db 1900 mhz to 2906 mhz 18 28 ? db pass-band vswr (return loss) 1429 mhz to 1453 mhz ? (7.4) 2.1 (9.0) 2.5 ( ? ) ? (db) 1 s 11 1u fs 1 : 4.4395 w- 32.887 w 3.5069 pf 1.380 ghz 2 : 46.01 w - 4.3555 w 1.429 ghz 3 : 77.621 w - 5.6797 w 1.453 ghz 4 : 609.53 w - 187.66 w 1.477 ghz s 21 log mag 5 db/ ref 0 db 4 3 2 3 2 s 22 s 11 swr 1/ ref1 1u fs 1 : 3.8748 w- 635.86 m w 181.37 pf 1.380 ghz 2 : 49.662 w - 3.1699 w 1.429 ghz 3 : 72.906 w - 14.336 w 1.453 ghz 4 : 11.416 w - 52.465 w 1.477 ghz center 1 500 mhz span 400 mhz center 1 500 mhz span 400 mhz center 1 500 mhz span 400 mhz center 1 500 mhz span 400 mhz 1 : 16.156 1.380 ghz 2 : 1.1309 1.429 ghz 3 : 1.5665 1.453 ghz 4 : 13.351 1.477 ghz 1 : - 35.074 db 1.380 ghz 2 : - 1.3018 db 1.429 ghz 3 : - 2.0664 db 1.453 ghz 4 : - 20.902 db 1.477 ghz 2 3 1 4 s 22 swr 1/ ref1 1 : 12.906 1.380 ghz 2 : 1.066 1.429 ghz 3 : 1.5587 1.453 ghz 4 : 9.3208 1.477 ghz 1 1 2 4 4 2 3 4 1 3
f5/f6 series (k2 type) 30 21. pdc1.5 g (rx) high attenuation type part number : far-f6ce-1g4890-k221 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 1477 mhz to 1501 mhz ? 2.5 3.0 db pass-band ripple 1477 mhz to 1501 mhz ? 1.0 2.0 db absolute stop-band attenuation dc to 1429 mhz 25 28 ? db 1429 mhz to 1453 mhz 10 25 ? db 1542 mhz to 1566 mhz 20 28 ? db 1566 mhz to 1900 mhz 30 33 ? db 1900 mhz to 3000 mhz 20 29 ? db pass-band vswr (return loss) 1477 mhz to 1501 mhz ? (6.8) 2.4 (7.7) 2.7 ( ? ) ? (db) 1 : 4.9717 w- 19.226 w 5.6974 pf 1.453 ghz swr s 11 1/ ref 1 s 22 swr 1 : 11.557 1.453 ghz 2 : 1.2368 1.477 ghz 3 : 1.1141 1.501 ghz 4 : 25.752 1.542 ghz 1 : 8.3687 1.453 ghz 2 : 1.1616 1.477 ghz 3 : 1.2443 1.501 ghz 4 : 5.5603 1.542 ghz center 1 500 mhz span 400 mhz 1/ ref 1 s 22 1 : 7.0498 w 21.054 w 2.3061 nh center 1 500 mhz span 400 mhz center 1 500 mhz span 400 mhz 1.453 ghz 2 : 43.646 w - 2.9531 w 1.477 ghz 3 : 48.85 w - 10.762 w 1.501 ghz 4 : 16.373 w - 43.947 w 1.542 ghz 1 : - 25.931 db 1.453 ghz 2 : - 2.1466 db 1.477 ghz 3 : - 1.8281 db 1.501 ghz 4 : - 38.274 db 1.542 ghz center 1 500 mhz span 400 mhz 2 : 40.439 w - 589.84 m w 1.477 ghz 3 : 52.203 w - 5.0625 w 1.501 ghz 4 : 43.008 w - 226.07 w 1.542 ghz 4 3 2 3 2 4 1 1 1 1 1 3 4 2 3 4 2 4 2 3 s 11 1u fs 1u fs s 21 log mag 5 db/ ref 0 db
f5/f6 series (k2 type) 31 22. pdc1.5 g (lo) part number : far-f6ce-1g6190-k222 (ta = - 30 c to + 85 c) parameter conditions value unit remarks min. typ. max. insertion loss 1607 mhz to 1631 mhz ? 2.4 3.3 db pass-band ripple 1607 mhz to 1631 mhz ? 1.0 2.0 db absolute stop-band attenuation dc to 130 mhz 30 38 ? db 130 mhz to 1501 mhz 25 28 ? db 1737 mhz to 1809 mhz 30 35 ? db 1809 mhz to 2500 mhz 25 35 ? db 3214 mhz 20 30 ? db pass-band vswr (return loss) 1607 mhz to 1631 mhz ? (9.5) 1.8 (10.9) 2.0 ( ? ) ? (db) 2 3 4 1 1 4 4 3 3 1 3 s 11 1u fs 1 : 2.2588 w- 16.415 w 6.4595 pf 1.501 ghz 2 : 43.58 w - 4.7715 w 1.607 ghz 3 : 39.982 w - 19.486 w 1.631 ghz 4 : 4.5664 w - 36.547 w 1.73 ghz s 21 log mag 5 db/ ref 0 db 4 2 2 s 22 s 11 swr 1/ ref1 s 22 swr 1/ ref1 1u fs 1 : 2.3193 w- 13.745 w 7.7142 pf 1.501 ghz 2 : 45.201 w - 2.5645 w 1.607 ghz 3 : 36.947 w - 17.137 w 1.631 ghz 4 : 4.209 w - 35.818 w 1.73 ghz center 1 600 mhz span 400 mhz center 1 600 mhz span 400 mhz center 1 600 mhz span 400 mhz center 1 600 mhz span 400 mhz 1 : 24.505 1.501 ghz 2 : 1.1866 1.607 ghz 3 : 1.6246 1.631 ghz 4 : 16.821 1.73 ghz 1 : 23.181 1.501 ghz 2 : 1.1212 1.607 ghz 3 : 1.6422 1.631 ghz 4 : 17.994 1.73 ghz 4 1 : - 43.509 db 1.501 ghz 2 : - 2.9735 db 1.607 ghz 3 : - 2.0366 db 1.631 ghz 4 : - 42.287 db 1.73 ghz 2 1 1 3 2
f5/f6 series (k2 type) 32 n n n n measurment circuit n n n n part number designation 1 2 36 5 4 1 to 6: pin number [designation example] (1) frequency range : 5 : 700 mhz to 1000 mhz 6 : 1000 mhz to 1700 mhz (2) package size : e : 3.0 mm 3.0 mm 1.2 mm (3) frequency : this specifies the nominal center frequency using six alphanumeric. m (for mhz) or g (for ghz) indicates the decimal point. [example] 906.0 mhz t 906m00 1.441ghz t 1g4410 (4) part symbol : numbers specified by fujitsu media device refer to " n standard devices". (5) packing (reeled tape) : y : 1 k pcs/reel x : 5 k pcs/reel (2) far-f ce - -k2 - (1) (3) (4) (5)
f5/f6 series (k2 type) 33 n n n n marking *: for the following parts, k is marked in place of f. far-f5ce-836m50-k230 far-f5ce-836m50-k236 far-f5ce-881m50-k235 far-f5ce-947m50-k233 far-f5ce-897m50-k231 far-f5ce-942m50-k237 far-f5ce-906m50-k238 f b 1 11 part symbol *logo date code lot no. index
f5/f6 series (k2 type) 34 n n n n package dimension 3.0 3.0 1.2 max. 0.75 0.75 4-r 0.3 1.2 0.6 1.5 1.2 2-r 0.2 0.4 12 3 65 4 dimensions in mm.
f5/f6 series (k2 type) 35 n n n n recommended land pattern 3.0 3.0 0.75 1.5 0.70 0.95 0.75 0.2 1.5 1.20 1.20 dimensions in mm.
f5/f6 series (k2 type) 36 n n n n pac k i n g 1. reel dimensions 2. packing style 1.5 min. f 12.8 min. f 20.2 min. r0.58 9.5 0.5 f 80 f 250 13.8 max. type volume y1 k pcs x5 k pcs dimensions in mm. 1pin pulling side reel side pulling side
f5/f6 series (k2 type) 37 3. tape dimensions 4. peel strength of top cover tape 4.0 0.1 2.0 0.05 3.5 0.05 3.3 0.1 f 1.5 0.1 0.0 f 1.0 min. 0.3 0.05 8.0 0.2 4.0 0.1 1.75 0.1 1.3 0.1 3.3 0.1 dimensions in mm. 165 to 180 direction of pulling speed 300 mm/min embossment carrier type tape peel off by the force of 0.1 n to 1.0 n under the condition at the right. (conforms to eia)
f5/f6 series (k2 type) 38 n n n n recommended reflow profile n n n n note a mass-produced product order is accepted by a unit of 1000. 240 210 150 pre-heating 10 s 60 s 60 s ~ 90 s time (s) temperature ( c) heating rate 1 c/s to 4 c/s air cooling
f5/f6 series (k2 type) fujitsu media devices limited f o r fur t her inf o r m ation please contact: japan fujitsu media device limited international sales & marketing dept. shin-yokohama square bldg.,14f, shin-yokohama 2-3-12, kohoku-ku, yokohama, kanagawa 222-0033, japan tel: +81-45-471-0061 fax: +81-45-471-0076 http://ede vice .fujitsu.com/fmd/ north and south america fujitsu media devices of america, inc. 1731 technology drive,suite 800, san jose, ca 95110 u.s.a. tel: (1)-408-437-8900 fax: (1)-408-437-0700 http://www . fujitsumedia.com/ europe fujitsu microelectronics europe gmbh am siebenstein 6-10, d-63303 dreieich-buchschlag, germany tel: +49-6103-690-0 fax: +49-6103-690-122 http://www . fujitsu-fme .com/ asia pacific fujitsu microelectronics asia pte. ltd. #05-08, 151 lorong chuan, new tech park, singapore 556741 tel: +65-281-0770 fax: +65-281-0220 http://ww w . fmal. fu ji tsu . com / f010 7 ? fujitsu limited printed in japan all rights reserved. the contents of this document are subject to change without notice. customers are advised to consult with fujitsu media devices sales representatives before ordering. the information and circuit diagrams in this document are presented as examples of device applications, and are not intended to be incorporated in devices for actual use. also, fujitsu media devices is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. the products described in this document are designed, and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e., submersible repeater and artificial satellite). please note that fujitsu will not be liable against you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. any electronic devices have inherently a certain rate of failure. you must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. if any products described in this document represent goods or technologies subject to certain restrictions on export under the foreign exchange and foreign trade control law of japan, the prior authorization by japanese government should be required for export of those products from japan.


▲Up To Search▲   

 
Price & Availability of FAR-F5CE-906M00-K215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X