Part Number Hot Search : 
74C48N BC856S STYNXXX 18P1100 YT5166 DR77097 5C100 34262P
Product Description
Full Text Search
 

To Download F4804A-SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mcd10059 rev. 1.0 page 1 of 41 www.power-one.com f & fc series dc-dc converter input filters introduction power-one offers a complete range of input filters to help control emi in board-level dc-dc converter applications. the table below lists combinations of input filters and dc-dc conver ters that have test data available. these test results are presented only to provide general guidelines, as emi issues vary considerably based on many variables specific to each application. due to the large number of possible permutations of dc-dc converters and input filters, not all combinations have been tested. therefore, please refer to the data presented for each filter to select filters that may work in combinations not specified below. dc-dc converter series tested with filter model numbers filter series page fes fc100v20a fc 14 hbd fc100v5a fc 14 hes fc100v5a fc 14 iad fc100v5a fc 14 ias fc100v5a fc 14 ies fc100v5a fc 14 les fc100v5a fc 14 oet fc100v5a fc 14 q24 f4804a, f2410, f4810 f 2, 8 q48 f4804a, f4810 f 2, 8 qbs fc100v5a fc 14 qd48 f4804a, f4810 f 2, 8 qes fc100v5a fc 14 ql48 f4804a, f4810 f 2, 8 qm48 f4810 f 8 qme48 f4810 f 8 sq24 f4804a, f2410, f4810 f 2, 8 sq48 f4804a, f4810 f 2, 8 sqe48 f4804a, f4810 f 2, 8 sqm48 f4804a, f4810 f 2, 8 sqt48 f4810 f 8 detailed table of contents f4804a, 0-80v, 4 amps, smt mount ...................2 features...............................................................2 description...........................................................2 electrical specifications.......................................3 physical information ............................................7 filter part numbering ordering information ........7 f2410 & f4810, 0-45v/0-80v, 10 amps, smt mount .............................................................8 features...............................................................8 description...........................................................8 electrical specifications.......................................9 thermal consid erations ....................................11 physical information ..........................................13 filter part numbering ordering information ......13 fc series, 0-100v, 5/10/20 amps, th mount ....14 model sele ction.....................................................15 fc model numberi ng convention.........................15 design consi deratio ns ..........................................16 dc current ratings ...........................................17 safety consi deratio ns ...........................................17 isolation .............................................................17 fusing ................................................................17 case grounding ................................................17 input shutdo wn pin ...............................................17 reflected inpu t curr ent .........................................18 fc100v5a modul e deta ils....................................18 fc100v10a modul e detail s..................................21 fc100v20a modul e detail s..................................24 emi measurement methodology ...........................24 printed circuit board design.................................29 manufacturing issues ............................................29 processing of completed power modules ........29 notes on processing of completed power modules .............................................................29 mechanical drawings ............................................30 fc filters orderin g informat ion.............................31 f4804, not for new designs ...............................32 features.............................................................32 description.........................................................32 electrical specifications.....................................33 physical information ..........................................41 filter part numbering ordering information ......41
mcd10059 rev. 1.0 page 2 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804a, 0-80v, 4 amps, smt mount f4804a applications differential and common mode filtering for dc-dc converters: ? telecommunications ? data communications ? distributed power solutions features ? rohs lead free solder and lead solder exempted products are available ? maximum current 4 a with no derating ? maximum operating input voltage 80 v ? 100 v 100 ms transient withstand capability ? differential lc-filter stage ? surface mounted design ? small footprint ? only 0.75 sq. in. ? low profile: 0.267? [6.78 mm] maximum ? low weight: 0.13 oz [3.66 g] ? operation over -40 c to 85 c ambient temperature range ? no airflow required up to 85 c ? enables dc-dc converter compliance with en55022 and fcc class b requirements conducted emissions ? ul60950 recognition in u.s. & canada, and demko certification per iec/en60950 description the f4804a input filter minimizes the conducted and radiat ed emissions generated by switch mode dc-dc converters, and allows board designs utilizing dc-dc c onverters to meet stringent fcc and en55022 class b conducted emissions requirements. filter f4804a is a fu lly compatible replacement for f4804, with improved electrical and thermal characteristics. unlike most available off-the-shelf filter modules, the f4804a, in addition to common mode noise reduction components, is provisioned with a differential lc-filt er stage, which virtually guarantees compliance with conducted noise standards across the frequency range fr om 150 khz to 30 mhz, including fundamental switching frequency and its harmonics. test results show headroom of 15-20 db for conducted noise quasi-peak levels, in relation to class b requirements. f4804a filter is designed specifically for distributed power solutions in conjunction with dc-dc converters. low profile and small size (only 0.75 sq. in.) in a surface m ount package helps the designer save system board real estate, and simplifies the layout. a single filter can be used with multiple converters, and is ca pable of providing up to 4 a to the converter input bus at 85 c. when used as specified within this data sheet, t hese filters do not require ai rflow and/or derating at high temperatures. .
mcd10059 rev. 1.0 page 3 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804a, 0-80v, 4 amps, smt mount electrical specifications conditions: t a = 25 oc, no airflow, vin = 48 vdc, unless otherwise specified. parameter notes min typ max units absolute maximum ratings input voltage continuous 0 100 vdc operating ambient temperature -40 85 c storage temperature -55 125 c electrical characteristics operating input voltage range 0 48 80 vdc maximum operating current 85 c ambient, no airflow 4 adc dc resistance (total for two legs) 0.07 ? filter differential inductance 5 h filter common mode inductance for frequencies below 10 mhz 60 h differential mode attenuation at 400 khz 1 35 db differential mode attenuation at 30 mhz 1 56 db common mode attenuation at 400 khz 2 50 db common mode attenuation at 30 mhz 2 60 db efficiency at maximum load vin = 48v @ 4 a 99.2 99.4 % additional notes: 1. 50 ? source and 50 ? load impedance. see fig 2 for differential mode attenuation in 50 khz-100 mhz frequency range. 2. 50 ? source and 50 ? load impedance; external common-mode capacitors 0.47 f (from in+ and in- to the common chassis). see fig. 3 and fig. 4 for attenuation in 50 khz-100 mhz frequency range.
mcd10059 rev. 1.0 page 4 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804a, 0-80v, 4 amps, smt mount the f4804a filter contains input and output capacitors, plus differential and common mode inductors. the separate di fferential inductor, l2, allows a differential attenuation of 55 db, a value substantially higher in comparison with other available off-the-shelf filt ers (typically 25-30 db). absolute maximum voltage and maximum operating voltage in electrical specifications table are for the filter itself; check maximum rating for corresponding dc-dc converters. filter will not be damaged by reversed input voltage, or by applying voltage to the output pins. vout+ l1-2 c2 1 f l2 4.7 h c1 2 f c3 2 f vin- vin+ l1-1 2 x 30 h vout- fig. 1: schematic diagram. differential attenuation plot in the frequency range of 50 khz-100 mhz is shown in fig. 2, and can be seen to be flat (around 55-60 db) from 0.5 mhz to 50 mhz. fig. 2: differential mode attenuation, 0.05-100 mhz. source and load resistances are 50 ? . vertical scale: 20 db/div, with zero level marked by arrow. no load @ 25 oc . fig. 3 and fig. 4 show common mode attenuation with 50 ? source and load. the attenuation depends on the value of external y-capaci tors, connected between input pins and frame or a reference ground. fig. 3: common mode attenuation, 0.05-100 mhz. source and load resistances are 50 ? . two 0.1 f y-caps to common line. vertical scale: 20 db/div, with zero db level marked by arrow. fig. 4: common mode attenuation, 0.05-100 mhz. source and load resistances are 50 ? . two 0.47 f y-caps to common line. vertical scale: 20 db/div, with zero db level marked by arrow.
mcd10059 rev. 1.0 page 5 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804a, 0-80v, 4 amps, smt mount thermal considerations because of low series internal dc resistance, the f4804a filter generally does not require airflow and/or derating to ambient temperatures up to 85 ? c, if placed and interconnected as described below. good thermal design includes the appropriate placement of the filter on the system board as to maximize heat exchange through the power pins. for high temperature operation in low airflow environments, use of 1-2 oz copper for the external connection pads and provision for some extra copper at all four i/o pins is encouraged. good thermal connection to the power planes is important. to check filter thermal characteristic in an actual system environment, attach a thermocouple to the top of each inductor. the maximum temperature at these test points should not exceed 120 ? c. a typical application schematic is shown in fig. 5. the filter can be used to power one or more converters. for applications requiring filt er current greater than 4 a divide the converters into smaller groups and use multiple filters or use a f4810 or f2410 filter which is capable of providing up to 10 a. do not connect filters in parallel. rload1 f4804a input filter vin (+) vin (-) on/off vout (+) vout (-) trim sense (+) sense (-) (top view) converter dc-dc (top view) c8 c2 c4 vin- vin+ f1 5 a cy2 cy1 + c1 c5 rload2 vin (+) vin (-) on/off vout (+) vout (-) trim sense (+) sense (-) (top view) converter dc-dc c9 c3 c6 c7 fig. 5: f4804a - typical application
mcd10059 rev. 1.0 page 6 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804a, 0-80v, 4 amps, smt mount for additional information regarding layout and emc, refer to the layout considerations and emi considerations application notes. the following bulleted items are considerations regarding the external components for the typical application shown in fig. 5. ? input electrolytic capacitor c1. we recommend 1-2 f/w for 48v applications. this capacitor is needed to ensure stability of converters in presence of their negative input impedance characteristic. note that electrolytic capacitors at -40 oc have 3-5 times less capacitance than at room temperature, and therefore it is good practice to check the power system at worst case conditions from this point of view, i.e. lowest ambient temperature, minimum input voltage, and maximum load. if electrolytic capacitors are restricted for use in the system, please contact the factory. ? input capacitors c2, c3 are optional; they decrease input ripple current and improve emi. one or two of the following ceramic chip capacitors per converter are recommended: ? tdk c4532x7r2a105, 1.0 f, 100 v ? common-mode capacitor (y-cap) values and their emi attenuation effects depend on system grounding and layout. if connection of capacitors between input and output is prohibited because of system restrictions, connect y-capacitors only from each input pin to system ground (cy1 and cy2 on fig. 5). the value of these capacitors in this case is ?the bigger the better? (preferably 0.1 f or larger). voltage rating of y-capacitors depends on the system isolation a nd safety requirements. ? output capacitors c8, c9 are optional to reduce output ripple. addition of one-two 47 f ceramic capacitors, for example, for low voltage applications 3.3 v and below, significantly decreases output ripple from 25-40 mv peak-to-peak to 5-10 mv. recommended capacitor for these low voltage applications is c3225x5r0j476 from tdk. ? f4804a filter should be protected with a 5 amps fuse (r451005 from littelfuse). smaller value fuses can be used as required for protection to a lower power limit.
mcd10059 rev. 1.0 page 7 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804a, 0-80v, 4 amps, smt mount physical information top view -in side view +in -out +out filter part numbering ordering information product series input voltage rated load current tape and reel environmental f 48 04a - r filter module 80 v 4 a no letter ? bulk r ? tape and reel no suffix character ? rohs lead-solder exemption g ? rohs compliant for all six substances the example above describes p/n f4804a-r: 0-80 v input, 4 a @ 80 v output, tape and reel, and eutectic tin/lead solder. please consult factory for the complete list of available options. pad/pin connections pad/pin # function +in vin (+) -in vin (-) -out vout (-) +out vout (+) ? all dimensions are in inches [mm] ? connector material: copper ? connector finish: gold over nickel ? converter weight: 0.13 oz [3.66 g] ? recommended surface-mount pads: min. 0.080? x 0. 112? [2.03 x 2.84] max. 0.092 ? x 0.124 ? [2.34 x 3.15]]
mcd10059 rev. 1.0 page 8 of 41 www.power-one.com f & fc series dc-dc converter input filters f2410 & f4810, 0-45v/0-80v, 10 amps, smt mount f4810 (on left) and f2410 input filters f2410 & f4810 applications differential and common mode filtering for dc-dc converters with 48 v and 24 v input: ? telecommunications ? data communications ? distributed power solutions features ? rohs lead free solder and lead solder exempted products are available ? maximum current 10 a with no derating ? maximum operating input voltage 80 v (45 v for f2410 version) ? 100v/50v 100 ms transient withstand capability ? differential lc-filter stage ? surface mounted design ? small footprint ? less than 1 sq. in. ? low profile: 0.378? [9.6 mm] maximum ? low weight: 0.34 oz [9.5 g] ? operation over -40 c to 85 c ambient temperature range ? no airflow required up to 85 c ? enables dc-dc converter compliance with en55022 and fcc class b requirements conducted emissions ? ul60950 recognition in u.s. & canada, and demko certification per iec/en60950 description the f4810 and f2410 input filters minimize the conducted and radi ated emissions generated by switch mode dc-dc converters, and allow board designs utilizing dc-d c converters to meet stri ngent fcc and en55022 class b conducted emissions requirements. unlike most available off-the- shelf filter modules, the f4810 and f2410, in addition to common mode noise reduction components, are provisioned with a differentia l lc-filter stage, which vi rtually guarantees compliance with conducted noise standards ac ross the frequency range from 150 khz to 30 mhz, including fundamental switching frequency and its harmonics. test results show headroom of 15-20 db for conducted noise quasi-peak levels, in relation to class b requirements. f4810/f2410 filters are designed specific ally for distributed power solutions in conjunction with dc-dc converters. low profile and small size (less than 1 sq. in.) in a su rface mount package helps t he designer save system board real estate, and simplifies the layout. a single filter can be used with multiple converters, and is ca pable of providing up to 10 a to the converter input bus at 85 c. when used as specified within this data sh eet, these filters do not require airflow and/or derating at high temperatures.
mcd10059 rev. 1.0 page 9 of 41 www.power-one.com f & fc series dc-dc converter input filters f2410 & f4810, 0-45v/0-80v, 10 amps, smt mount electrical specifications conditions: t a = 25 oc, no airflow, vin = 48 vdc, unless otherwise specified. parameter notes min typ max units absolute maximum ratings input voltage (f4810) continuous 0 100 vdc (f2410) continuous 0 50 vdc operating ambient temperature -40 85 c storage temperature -55 125 c electrical characteristics operating input voltage range (f4810) 0 48 80 vdc (f2410) 0 24 45 vdc maximum operating current 85 c ambient, no airflow 10 adc dc resistance (total for two legs) 0.016 ? filter differential inductance 4.5 h filter common mode inductance for frequencies below 10 mhz 6.5 h differential mode attenuation at 400 khz 1 f4810 57 db f2410 63 db differential mode attenuation at 30 mhz 1 f4810 56 db f2410 57 db common mode attenuation at 400 khz 2 f4810, f2410 24 db common mode attenuation at 30 mhz 2 f4810, f2410 50 db efficiency at maximum load vin = 48 v @ 10 a 99.6 99.7 % additional notes: 1. 50 ? source and 50 ? load impedance. see fig 2 and 3 for differential mode attenuation in the 20 khz-100 mhz frequency range. 2. 50 ? source and 50 ? load impedance; external common-mode capacitors 0. 1 f (from in+ and in- to the common chassis). see fig. 4 for attenuation in the 20 khz-100 mhz frequency range.
mcd10059 rev. 1.0 page 10 of 41 www.power-one.com f & fc series dc-dc converter input filters f2410 & f4810, 0-45v/0-80v, 10 amps, smt mount the f4810 and f2410 filters contain input and output capacitors, plus differential and common mode inductors. shown in fig. 1, the schematic diagrams of both filters are similar, the only difference are changes in c1, c2 capacitor values. the separate differential inductor, l2, allows a 50 ? differential attenuation of 60 db across the stated frequency range, a value substantially higher in comparison with other available off-the-shelf filters (typically 25-30 db). the f4810 can be used in 24 v or 48 v systems without any limitations; however, in 24 v systems the f2410 differential attenuation is better. at low frequencies around 100-200 khz the difference is 20db, but at high frequencies the plots are close to identical. absolute maximum voltage and maximum operating voltage in electrical specifications table are for the filter itself; check maximum rating for corresponding dc-dc converters. the filt er will not be damaged by reversed input voltage, or by applying voltage to the output pins. c2 l1-1 v out+ v out- l1-2 l2 c1 4.2 h v in- v in+ r1 49.9 4 f 3 f fig. 1: schematic diagram for f4810, f2410. the capacitor values shown are for f4810; for f2410 c1=10 f; c2=13 f. fig. 2: f4810 - differential mode attenuation, 0.2-100 mhz. source and load resistances are 50 ? . vertical scale: 10 db/div, with zero level marked by arrow. no load, 25 oc. fig. 3: f2410 - differential mode attenuation, 0.2-100 mhz. source and load resistance 50 ? . vertical scale: 10 db/div, with zero level marked by arrow. no load, 25 oc. differential attenuation plots for the f4810 and f2410 filters in the extended frequency range of 20 khz-100 mhz are shown in fig. 2 and fig. 3, respectively, and can be seen to be flat (around 55-60 db) from 0.35 mhz to 40 mhz. fig. 4 shows common mode attenuation with 50 ? source and load. the attenuation is the same for both filters, and depends on the value of external y-capacitors, connected between input pins and frame or a reference ground. fig. 4: f4810/f2410 - common mode attenuation, 0.2-100 mhz. source and load resistances are 50 ? . two 0.1uf y-
mcd10059 rev. 1.0 page 11 of 41 www.power-one.com f & fc series dc-dc converter input filters f2410 & f4810, 0-45v/0-80v, 10 amps, smt mount caps to common line. vertical scale: 10 db/div, with zero db level marked by arrow. thermal considerations because of low series internal dc resistance, the f4810/f2410 filters generally do not require airflow and/or derating to ambient temperatures up to 85 ? c, if placed and interconnected as described below. good thermal design is consistent with appropriate placement to gain additional heat exchange through the i/o pins to the system board. for high temperature operation in lo w airflow environments, use of 1-2 oz copper for the external connection pads and provision for some extra copper at all four i/o pins is encouraged. thermal derating data shown were taken on special thermal board with each input and output pin connected to 0.5 sq. in pad of 2 oz copper. to check filter thermal characteristic in an actual system environment, attach a thermocouple to the top of differential inductor, l2; it is the inductor closest to out+ pin. the maximum temperature at this test point should not exceed 120 ? c, and a minimum of 5-10 ? c headroom is suggested for better reliability. a typical application schematic is shown in fig. 5. either filter can be used to power one or more converters. maximum filter output current should be limited 10 a - or less - depending upon system thermal environment. the required filter current drawn by the converter loads, i req?d (filter) , will be the sum of the loads of all connected converters: i req?d (filter) = [p i,out /(v in, min * i, min )] [a] where: i req?d (filter) maximum required filter current p i,out (converter) converter output power, i=1, 2? = v i,out (converter) * i i,out (converter) v in, min converter input voltage i, min converter minimum efficiency, i=1, 2,? for applications requiring a filter current greater than 10 a, divide the converters into smaller groups and use multiple filters. do no t connect filters in parallel. fig. 5: f4810 ? typical application c6 c3 c7 rload2 vin (+) vin (-) on/off vout (+) vout (-) trim sense (+) sense (-) (top view) converter q ma x tm series c9 c1 f4810 v in - v in + +48v -48v +vout -vout p3 p4 p1 p2 + f1 12a c2 c5 rload1 vin (+) vin (-) on/off vout (+) vout (-) trim sense (+) sense (-) (top view) converter q ma x tm series c8 c4 (top view) input filter for further information regarding connection of cm capacitors and other pertinent layout and emc information, please refer to the layout considerations and emi considerations application notes. dc-dc converter (top view) dc-dc converter (top view)
mcd10059 rev. 1.0 page 12 of 41 www.power-one.com f & fc series dc-dc converter input filters f2410 & f4810, 0-45v/0-80v, 10 amps, smt mount for additional information regarding layout and emc, refer to the layout considerations and emi considerations application notes. the following bulleted items are considerations regarding the external components for the typical application shown in fig. 5. ? input electrolytic capacitor c1. we recommend 1-2 f/w for 48 v applications, and 2-4 f/w for 24 v applications. this capacitor is needed to ensure stability of converte rs in presence of their negative input impedance characteristic. note that electrolytic capacitors at ?40 oc have 3-5 times less capacitance than at room temperature, and therefore it is good practice to check the power system at worst case condi tions from this point of view, i.e. lowest ambient temperature, minimum input voltage, and maximum load. if electrolytic capacitors are restricted for use in the system, please contact the factory. ? input capacitors c2, c3 are optional; they decrease input ripple current and improve emi. one or two of the following ceramic chip capacitors, as required, per converter are recommended: ? tdk c4532x7r2a105, 1.0 f, 100v - for 48 v applications ? tdk c4532x7r1h475, 4.7 f, 50v - for 24 v applications ? common-mode capacitor (y-cap) values and their emi attenuation effects depend on system grounding and layout (they are not shown on fig. 5). in emi testing with the filter, ceramic capacitors between input and output of the converter (c4 ? c7) were very helpful. typical values for the capacitor between vin- and vout- are 3,300 pf ? 5,100 pf, and for the capacitor between vin+ and vout+, 0 to 3,300 pf. if connection of capacitors between input and output is prohibited because of system restrictions, connect y-capacitors only from each input pin to system ground. the value of these capacitors in this case is ?the bigger the better? (preferably 0.1 f or larger). voltage rating of y-capacitors depends on the system isolation and safety requirements. ? output capacitors c8, c9 are optional to reduce output ripple. addition of one-two 47 f ceramic capacitors, for example, for low voltage applications 3.3 v and below, significantly decreases output ripple from 25-40 mv peak-to- peak to 5-10 mv. recommended capacitor for these low voltage applications is c3225x5r0j476 from tdk. ? ul testing was performed with a 12 amps fuse (r451012 from littelfuse). fuses larger than 12 amps should not be used. smaller value fuses can be used as required for protection to a lower power limit.
mcd10059 rev. 1.0 page 13 of 41 www.power-one.com f & fc series dc-dc converter input filters f2410 & f4810, 0-45v/0-80v, 10 amps, smt mount physical information top view -in side view +in -out +out filter part numbering ordering information product series input voltage rated load current connector finish tape and reel environmental f 24 10 - s r filter module 48: 80 v 24: 45 v 10 a no letter ? gold plated s ? tin/lead plated 2 no letter ? bulk r ? tape and reel no suffix character ? rohs lead-solder exemption g ? rohs compliant for all six substances the example above describes p/n f2410-sr: 0-45 v input, 10 a output current, tin/lead plated connector, tape and reel, and eutectic tin/lead solder. please consult factory for the complete list of available options . 1 the solder exemption refers to all the re stricted materials except lead in solder. 2 not available with ?g? environmental option. 3 not available with ?s ? connector finish. pad/pin connections pad/pin # function +in vin (+) -in vin (-) -out vout (-) +out vout (+) ? all dimensions are in inches [mm] ? connector material: copper ? connector finish: gold over nickel optional: tin/lead over nickel ? converter weight: 0.34 oz [9.5 g] ? recommended surface-mount pads: min. 0.080? x 0.112? [ 2.03 x 2.84 ]
mcd10059 rev. 1.0 page 14 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount features ? rohs lead free solder and lead solder exempted products are available meets class b conducted limits optimized for power-one's high density, board- mounted products pcb mountable common mode and differential mode filtering industry-standard pinout -40 oc to 80 oc case operation >30 db insertion loss at 500 khz 100 vdc operation 1500 v isolation fc series description the fc series emi filters are accessories to the power-one line of dc-dc power converters. they are intended to be used in series with the inputs to the converters, between the source an d the converter (with its necessary external input capacitor). a properly-sized filter can serve for multiple converters. there are three sizes of fc filters, differentiated by their dc current ratings. they are all rated for up to 100 vdc continuou s, and for 1500 vdc test voltage from input (or output) to grou nd. the three dc current ratings are 5.0 a, 10 a, and 20 a through current. each filter provides both normal mode an d common mode attenuation in normal application. viewing this document: the figures and graphs in this section may be difficult to read with normal resolution video displays. for improved legibility , print this section. notes: mtbf predictions may vary s lightly from model to model. specifications typically at 25 oc, normal line, and full load, unless otherwise stated. soldering conditions: i/o pins, 260 oc, 10 seconds; fully compatible with commercial wave-soldering equipment.
mcd10059 rev. 1.0 page 15 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount model selection there are presently three models in the fc series, all rated fo r zero to up to 100 vdc input voltage. they differ by current capability. in general, the higher current filters o ffer higher attenuation than the lower current models. table 1. fc filter series models model operating current amps insertion loss 1 differential mode (db) insertion loss 1 common mode (db typical resistance 2 (mohms) fc100v5a 5 28 30 27 fc100v10a 10 31 28 17 fc100v20a 20 26 32 6.6 1 typical loss at 500 khz (50 ohms) 2 resistance per leg fc model numbering convention fc - 100 v - y a series - input voltage - iin (max.) (max.) custom models with alternate input voltages, or input current r ange, or different physical constructions are available. consult the power-one factory.
mcd10059 rev. 1.0 page 16 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount design considerations switching power converter modules, because they are essentiall y constant efficiency over the input voltage range, must be connected to a low ac impedance source of dc voltage. a constant efficiency power module exhibits an input voltage ve rsus current characteristic which electrically resembles a negative resistor in the normal operating range of the module. constant efficiency me ans that if the output power is held constant, the input power will remain c onstant across the operating input voltage ra nge. if the source voltage rises, the current drawn from the source will fall, to maintain a constant product of voltage and current, hence, constant input power. this characteristic is that of a negative resistor. when a negative resistance is fed from a positive source impedance which has a greater magnitude than that of the negative resistance, either the syst em crashes or it becomes unstable. a good general rule is that the magnitude of the source impedance must be lower than the magnitude of the input impedance of the module, at all frequencies up to the swit ching frequency of the module. (the classic reference is middlebrook and cuk, ?input filter considerations in design and appl ication of switching regulators,? advanc es in switched-mode power conversion, pp 91-107, teslaco, 1981.) this rule is especially important, and harder to follow, with higher power modules because the magnitude of the negative in put impedance is lower. the normal solution is to place a low impedance capacitor direct ly across the input terminals of the module. 100 to 220 f is usually recommended for output power levels up to 300 watts. this capacitor insures that the magnitude of the source impedance is lower than that of the module input impedance. note: this assumes that the dc source resistance is sufficiently low; nothing can correct this problem. too high a dc source resistance means that the necessary energy required by the input of the module is not availabl e, and this system will not work. use of the capacitor complicates the system design. there must be some cons ideration of the surge current required to charge the capacitor when power is first applied. a sur ge limiting mechanism may be requ ired. the capacitor may form a resonant circuit with the inductance of an emi filter. if this happens, the resonanc e will require damping. the capacitor must be rated to handle all of the reflected ripple current of the module. adding damping in the form of a resistor in series with t he capacitor may reduce the ripple current in th e capacitor. a small value, high ripple cu rrent capacitor may then be required in parallel with the damped electrolytic in order to meet the em i requirements. the system desi gner must evaluate all of these requirements and make the correct choices for the application. figure 1. application of input filters
mcd10059 rev. 1.0 page 17 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount dc c urrent r atings : fc filters are rated for 5.0, 10.0, and 20.0 amperes dc at up to +60 c. ambient temperature with 400 lfm of forced air across the module surface, or with the case temperature otherwise held to a maximum of +100 c. with no forced air and no additional cooling, the same modules are ra ted for 3.5, 6.5, and 13 amperes maximum. safety considerations i solation : the fc series emi filters have 1500 volt dc isolation from inpu t or output to ground, but no isolation from input to output. the output voltage is the input voltage. f using : these filters have no external fuse. an external fuse must always be employed. in general, a 250 volt rated fuse must be used to meet international safety requirements. the fuse va lue should be selected to be greater than the maximum input current of the filter, which occurs at th e minimum input voltage of the modules being powered through the filter. both input traces and the chassis ground trace (if used) must be capable of conducting a current of 1.5 times the value of the fuse without opening. if one of the input lines is connected to cha ssis ground, then the fuse must be in the other input line. c ase g rounding : the fc series filters have a non-metallic case. it cannot be grou nded. each filter has a ground pin which must be connected, with as low an impedance as possible, to chassis gr ound in order for the filter to function properly. input shutdown pin many dc-dc converter modules have an input ?shutdown?, or ?cont rol? or ?on/off? pin. in mo st cases, the reference or return for this pin is the negative input pin of the module. w hen using such a system with an em i filter module, the shutdown return must be made directly to the pin of the module, which is the output of the filter, and no t at the input of the filter. t his requires either an optical coupler or a re lay, or other fully isolated device to c ontrol the module. there must not be any path for dc current to bypass the module, or its filterin g characteristics will be severely compromised. in order to operate without the internal common mode inductors magnetically saturating, the positive leg and negative leg currents in the filter must exac tly equal. even a small imbalance, as small as 10 ma, can create saturation of the inductors. when this happens, they no longer function as filter elements.
mcd10059 rev. 1.0 page 18 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount figure 2. use of the shutdown pin with input filters reflected input current the input reflected current can be reduced with the emi f ilters. the amount of the redu ction is determined by the quality of the capacitor across the input of the module. in most cases, this reduct ion will not be great at the switching frequency of the converter. fc100v5a module details figure 3. filter block schematic
mcd10059 rev. 1.0 page 19 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount table 2. fc100v5a specifications fc100v5a electrical specifications emi filter parameter min typ max units conditions notes input input voltage range 0 48 100 v maximum average current 5 a ta = 60 c 400 lfm air 3.5 a ta = 60 c natural convection all specifications typical at +25o c, nominal line, and full load unless otherwise noted. specifications subject to change without notice. frequency 0 60 hz typical characteristics resistance per leg 27 m ? common-mode insertion loss 30 db at 500 khz, 50 ohm circuit differential-mode insertion loss 28 db at 500 khz, 50 ohm circuit 1500 vdc isolation voltage; allows power module to meet fcc cispr and en55022 class b conducted limits. mtbf mhr consult factory (bellcore tr-nwt-000332) environmental case operating temperature -40 +100 c storage temperature range -40 +100 c operating & storage humidity 95 % non-condensing temperature coefficient 0.03 %/c vibration 5 g three orthogonal axes; 5 minute test on each; 10 to 55 hz physical case dimensions 1.00 l 1.0 w 0.40 h in
mcd10059 rev. 1.0 page 20 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount figure 4. differential mode attenuation plot figure 5. common mode attenuation plot module : fc100v5a, five ampere emi filter. instrument : hewlett-packard model 4194a start freq: 1.0 khz. stop frequency : 100 mhz. scale : 10 db per division. system : 50 ? in and 50 ? out. module: fc100v5a, five ampere emi filter. instrument: hewlett-packard model 4194a start freq: 1.0 khz. stop frequency: 100 mhz. scale: 10 db per division. s y stem: 50 ? in and 50 ? out.
mcd10059 rev. 1.0 page 21 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount figure 6. output impedance plot fc100v10a module details figure 7. filter block schematic module: fc100v5a, five ampere emi filter. plot: impedance of the module, looking into the output pins with the input pins short circuited. instrument: hewlett-packard model 4194a start freq: 100 hz. stop frequency: 100 khz. scale: log: 1.0 m ? to 100 ? note: the dc resistance baseline is higher than actual because of fixture limitations. the dc resistance of the module is 56 m ? .
mcd10059 rev. 1.0 page 22 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount table 3. fc100v10a specifications fc100v10a electrical specifications emi filter parameter min typ max units conditions notes input input voltage range 0 48 100 v maximum average current 10 a ta = 60 c 400 lfm air 6.5 a ta = 60 c natural convection all specifications typical at +25o c, nominal line, and full load unless otherwise noted. specifications subject to change without notice. frequency 0 60 hz typical characteristics resistance per leg 17 m ? common-mode insertion loss 28 db at 500 khz, 50 ohm circuit differential-mode insertion loss 31 db at 500 khz, 50 ohm circuit 1500 vdc isolation voltage; allows power module to meet fcc cispr and en55022 class b conducted limits. mtbf mhr consult factory (bellcore tr-nwt-000332) environmental case operating temperature -40 +60 c storage temperature range -40 +125 c operating & storage humidity 95 % non-condensing temperature coefficient 0.03 %/c vibration 5 g three orthogonal axes; 5 minute test on each; 10 to 55 hz physical case dimensions 2.00 l 1.0 w 0.44 h in figure 8. differential mode attenuation plot module : fc100v10a, ten ampere emi filter. instrument : hewlett-packard model 4194a start freq: 100 khz. stop frequency : 30 mhz. scale : 12 db per division. s y stem : 50 ? in and 50 ? out.
mcd10059 rev. 1.0 page 23 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount figure 9. common mode attenuation plot figure 10. output impedance plot module : fc100v10a, ten ampere emi filter. instrument : hewlett-packard model 4194a start freq: 100 khz. stop frequency : 30 mhz. scale : 10 db per division. s y stem : 50 ? in and 50 ? out. module : fc100v10a, ten ampere emi filter. plot: impedance of the module, looking into the output pins with the input pins short circuited. instrument : hewlett-packard model 4194a start freq: 100 hz. stop frequency : 100 khz. scale : log: 1.0 m ? to 100 ? . note: the dc resistance baseline is higher than actual because of fi xture limitations. the dc resistance of the module is 32 m ? .
mcd10059 rev. 1.0 page 24 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount fc100v20a module details figure 11. filter block schematic table 4. fc100v20a specifications fc100v20a electrical specifications emi filter parameter min typ max units conditions notes input input voltage range 0 48 100 v maximum average current 20 a ta = 60 c 400 lfm air 13 a ta = 60 c natural convection all specifications typical at +25o c, nominal line, and full load unless otherwise noted. specifications subject to change without notice. frequency 0 60 hz typical characteristics resistance per leg 6.6 m ? common-mode insertion loss 32 db at 500 khz, 50 ohm circuit differential-mode insertion loss 26 db at 500 khz, 50 ohm circuit 1500 vdc isolation voltage; allows power module to meet fcc cispr and en55022 class b conducted limits. mtbf mhr consult factory (bellcore tr-nwt-000332) environmental case operating temperature -40 +100 c storage temperature range -40 +100 c operating & storage humidity 95 % non-condensing temperature coefficient 0.03 %/c vibration 5 g three orthogonal axes; 5 minute test on each; 10 to 55 hz physical case dimensions 2.05 l 1.65 w 0.46 h in
mcd10059 rev. 1.0 page 25 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount figure 12. differential mode attenuation plot figure 13. common mode attenuation plot module : fc100v20a, twenty ampere emi filter. instrument : hewlett-packard model 4194a start freq: 100 khz. stop frequency : 30 mhz. scale : 20 db per division. s y stem : 50 ? in and 50 ? out. module : fc100v20a, twenty ampere emi filter. instrument : hewlett-packard model 4194a start freq: 100 khz. stop frequency : 30 mhz. scale : 20 db per division. s y stem : 50 ? in and 50 ? out.
mcd10059 rev. 1.0 page 26 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount figure 14. output impedance plot module : fc100v20a, twenty ampere emi filter. plot: impedance of the module, looking into the output pins with the input pins short circuited. instrument : hewlett-packard model 4194a start freq: 100 hz. stop frequency : 100 khz. scale: log: 1.0 m ? to 100 ? . note: the dc resistance baseline is higher than actual because of fixtur e limitations. the dc resistance of the module is 21 m ? .
mcd10059 rev. 1.0 page 27 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount emi measurement methodology there are two methods of m easurement for input conducted emi: voltage measurements and current measurements. the voltage data presented uses a 50s lisn (line impedance stabilization network) and measures the in put voltage spectrum from each input line of the converter to ground, using fcc and cispr measurement techniques. the current data uses a 10 microfarad capacitor from each input line to ground, and measures the curre nt in both lines simultaneously using the measurement technique defined in section 3.4.5, part b3 of the bellc ore document gr-1089-core. in each case, there was no external input filter. there was only an appropriate value ca pacitor across the input lines. t he case of the unit under test was grounded to the reference ground plane, as was the output common of the unit. all spectra presented were taken with production grade modules, operating from 48 vdc at the full-rated output load current. figure 15. input conducted emi voltage test circuit
mcd10059 rev. 1.0 page 28 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount figure 16. input conducted emi current test circuit an emco model 94430-1 current probe was used in this te st circuit. the probe has a transfer impedance which is not constant with frequency. the transfer impe dance, expressed in dbs, must be subt racted from the reading as measured on the spectrum analyzer in dbv, in order to obtain the true current, measured in dba. note that this is a common-mode current measurement, where both input lines to the unit under test are measured simultaneously. figure 17. emco model 94430-1 emi current probe transfer impedance curve
mcd10059 rev. 1.0 page 29 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount printed circuit board design for optimum filtering, all shunt capacitors which are used in either the input or output circuits must be wired with "four- terminal" techniques. traces enter the node of the capacitor on one side of its pa d (surface mount or discrete) and depart from the other side. capacitors are nev er "tee'd" from other traces. the trac es feeding the capacitors should be close together and parallel. never leave large loops in input (or output ) and return traces in the printed circuit board designs for power converters. large loops form large antennas; large antennas create the most radiated emi. it is recommended that one layer of the board which carries the filter and converter(s) be dedicated as a ground plane. preferably, this is the layer directly under the modules. it shou ld extend out beyond the edges of the modules. the ground plane should be connected to earth ground, or to +vin. manufacturing issues p rocessing of c ompleted p ower m odules the incorporation of completed power modules into assemblie s, or installation into mother boards, can be handled by the conventional industry methods. the stanchions which are fabricated of pps plastic, along with all the other component parts used, will withstand normal preheat temperatures associated with standard soldering operations. the most common method for mass soldering of the power supply to a mother board is ?w ave soldering? and should be profiled approximately as follows: 1. the solder pot should be set at 500 f and the conveyor sh ould have a speed preset to insure that each section of the bottom side of the assembly dwells in the molten solder wave for 3 to 4 seconds. it is imperat ive that a correct temperature profile be used, not only to reduce solder defects but to eliminate any chance of thermal shock on the components. 2. the motherboard should attain a top si de preheat temperature of 220 to 240 f before it enters the solder wave. the temperature change between the preheat and t he soldering zones should be minimized. 3. the cooling rate after the solder wave should be similar in drop in temperature to the preheat rise. n otes on p rocessing of c ompleted p ower m odules ? power-one through-hole pins are tin/lead plated and are easily soldered if all process parameters are met. however, in fluxing, the flux density, the activity an d the ratio of flux foam to wave height must be closely monitored and controlled to maintain minimum solder defects. ? in controlling the solder prof ile, preheating of the assembly in two or three stages minimizes the thermal shock damage and increases the end life of the unit. ? if the power converters are to be hand soldered into the mot herboard, a temperature contro lled iron of 700 f (max) is recommended. ? while power-one power converters generally spend about 3 seconds in the wave, they are designed to withstand soldering temperatures of 500 f for up to 10 seconds. ? if non-conventional methods are to be used to solder power-o ne power supplies to the motherboard, contact power-one technical support before proceeding.
mcd10059 rev. 1.0 page 30 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount mechanical drawings fc100v10a pin function pin function pin function 5a module 10a module 20a module 1 +v in 1 +v in 1 -v in 2 ground 2 -v in 2 -v in 3 -v in 3 ground 3 +v in 4 +v out 4 +v out 4 +v in 5 -v out 5 -v out 5 ground 6 -v out 7 -v out 8 +v out 9 +v out tolerances inches: (millimeters) .xx 0.020 .x 0.5 .xxx 0.010 .xx 0.25 pin: 0.002 0.05 (dimensions as listed unless otherwise specified.) fc100v5 a fc100v20 a
mcd10059 rev. 1.0 page 31 of 41 www.power-one.com f & fc series dc-dc converter input filters fc series, 0-100v, 5/10/20 amps, th mount fc filters ordering information: options suffix to add to part number rohs lead solder exemption no rohs suffix character required rohs compliant for all six substances add a hyphen and then the letter "g" as the last character of the part number sample order code: fc100v5a-g represents an fc filter whic h has a 100 vdc input voltage rating, an operating current of 5 amps , and is fully rohs compliant for all six substances. nuclear and medical applications - power-one products are not des igned, intended for use in, or authorized for use as critical components in life support systems, equipment used in hazardous env ironments, or nuclear control systems without the express wr itten consent of the respecti ve divisional president of power-one, inc. technical revisions - the appearance of products, including safety agency certifications pictured on labels, may change dependi ng on the date manufactured. specifications are subject to change without notice.
mcd10059 rev. 1.0 page 32 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804, not for new designs the f4804 is not recommended for new designs and has been replaced by the f4804a. please refer to the f4804a data sheet for new product specifications. f4804 applications differential and common mode filtering for dc-dc converters with 48 v and 24 v input: ? telecommunications ? data communications ? distributed power solutions features ? rohs lead free solder and lead solder exempted products are available ? maximum current 4 a ? maximum operating input voltage 80 v ? 100v/50v 100 ms transient withstand capability ? differential lc-filter stage ? surface mounted design ? small footprint ? only 0.75 sq. in. ? low profile: 0.339? [8.61 mm] maximum ? low weight: 0.18 oz [5 g] ? -40 c to 85 c ambient temperature range ? no airflow required up to 3 a current @ 85 c ? enables dc-dc converter compliance with en55022 and fcc class b requirements conducted emissions ? ul60950 recognition in u.s. & canada, and demko certification per iec/en60950 description the f4804 input filter minimizes the conducted and radiated emissions generated by switch mode dc-dc converters, and allows boar d designs utilizing dc-dc converters to ea sily meet stringent class b conducted emissions requirements. unlike most available off-the-shelf filter modules, the f4804 contains, in addition to common mode noise reduction components, a differential lc-filter stage, which guarantees compliance with conducted noise standards in the whole frequency range from 150 khz to 30 mhz, including fundamental switching frequency and its harmonics. test results show headroom of 15-20 db for conduct ed noise quasi-peak levels, in relation to class b requirements; see figs. 2-8. the f4804 filter is designed specifically for distributed power solutions in conjunction with dc-dc converters. low profile and small size (only 0.75 sq. in.) in a surface mount package helps the system designer save real estate on the system board, and simplifies the layout. a single f4804 filter can be used with multiple converters, and is capable of providing up to a nominal 4 a to the converter input bus. it can provide up to 3 a at 85 c ambient with no airflow.
mcd10059 rev. 1.0 page 33 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804, not for new designs electrical specifications conditions: t a =25 oc, no airflow, vin=48 vdc, unless otherwise specified. parameter notes min typ max units absolute maximum ratings input voltage 1 continuous 0 100 vdc operating ambient temperature -40 85 c storage temperature -55 125 c electrical characteristics operating input voltage range 1, 2 0 48 80 vdc maximum operating current 85 c ambient, no airflow 3 3 adc 85 c ambient, airflow 300 lfm [1.5 m/s] 4 adc voltage drop at maximum load 4 a 0.32 vdc voltage drop ? typical application loaded with q48x30033 (3.3 v, 30 a) 4 0.16 vdc efficiency at typical load loaded with q48x30033 (3.3 v, 30 a) 99.6 99.7 % conducted noises, quasi-peak level 5 loaded with q48x30033 (3.3 v, 30 a) - main frequency and low harmonics up to 5 mhz 40 45 db v - high frequencies up to 30 mhz 35 48 db v additional notes: 1. absolute maximum voltage and maximum operating voltage are fo r the filter itself; check maximum rating for corresponding dc-dc converters. filter will not be damaged with reversed input voltage. 2. designed primarily for 48 v applications, filter can be used with both 48 v converters (operating range from 36 v to 72 v) a nd 24 v converters (operating range from 18 v to 36 v). typi cal filter application schematic is shown on fig. 1. 3. maximum current at any ambient temperature without airflo w can be calculated as imax = [4 - 0.025*(tamb-45)] a, with constraint imax 4 a. 4. letter x denotes either t or s, i.e. filter module is loaded either with q48t30033 through-hole or q48s30033 surface mounted converter. 5. typical emi plot for conducted emissions (with fully loaded q48x30033 converter connected to the filter output, see schematic fig. 1) is shown on fig. 2. plot was taken by i ndependent test laboratory tuv. tuv report confirms compliance with class b requirements according en-55022 (cispr-22) and fcc standards.
mcd10059 rev. 1.0 page 34 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804, not for new designs rload f4804 input filter vin (+) vin (-) on/off vout (+) vout (-) trim sense (+) sense (-) (top view) converter dc-dc (top view) 47uf ceremic c1 vsource + cin c2 + +in -in +out -out fig. 1: typical f4804 application schematic with an eighth-brick and quarter-brick converter (negative on/off logic). values c1, c2 and cin depend on the specific converter input and output voltage. fig. 2: conducted emissions plot (quasi-peak values: "x", average values: "+") for q48x30033 in conjunction with f4804 filter. limits shown are for quasi-peak (upper limit) and average (lower limit) values. c1 = 2200 pf, c2 = 3300 pf, cin = 47 f.
mcd10059 rev. 1.0 page 35 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804, not for new designs fig. 3: conducted emissions plot (quasi-peak values: "x", average values: "+") for q48x30025 in conjunction with f4804 filter. limits shown are for quasi-peak (upper limit) and average (lower limit) values. c1 = 2200 pf, c2 = 3300 pf, cin = 47 f.
mcd10059 rev. 1.0 page 36 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804, not for new designs fig. 4: conducted emissions plot (quasi-peak values: "x", average values: "+") for q48x30020 in conjunction with f4804 filter. limits shown are for quasi-peak (upper limit) and average (lower limit) values. c1 = 2200 pf, c2 = 3300 pf, cin = 47 f.
mcd10059 rev. 1.0 page 37 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804, not for new designs fig. 5: conducted emissions plot (quasi-peak values: "x", average values: "+") for q48x30018 in conjunction with f4804 filter. limits shown are for quasi-peak (upper limit) and average (lower limit) values. c1 = 2200 pf, c2 = 3300 pf, cin = 47 f.
mcd10059 rev. 1.0 page 38 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804, not for new designs fig. 6: conducted emissions plot (quasi-peak values: "x", average values: "+") for q48x30015 in conjunction with f4804 filter. limits shown are for quasi-peak (upper limit) and average (lower limit) values. c1 = 2200 pf, c2 = 3300 pf, cin = 47 f.
mcd10059 rev. 1.0 page 39 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804, not for new designs fig. 7: conducted emissions plot (quasi-peak values: "x", average values: "+") for q48x15050 in conjunction with f4804 filter. limits shown are for quasi-peak (upper limit) and average (lower limit) values. c1 = 0 pf (not mounted), c2 = 1500 pf, cin = 200 f.
mcd10059 rev. 1.0 page 40 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804, not for new designs fig. 8: conducted emissions plot (quasi-peak values: "x", average values: "+") for q48x08120 in conjunction with f4804 filter. limits shown are for quasi-peak (upper limit) and average (lower limit) values. c1 = 0 pf (not mounted), c2 = 1500 pf, cin = 200 f.
mcd10059 rev. 1.0 page 41 of 41 www.power-one.com f & fc series dc-dc converter input filters f4804, not for new designs physical information top view -in side view +in -out +out filter part numbering ordering information product series input voltage rated load current tape and reel environmental f 48 04 - r filter module 80 v 4 a no letter ? bulk r ? tape and reel no suffix character ? rohs lead solder exemption g ? rohs compliant for all six substances the example above describes p/n f4804-r: 0-80 v input, 4 a @ 80 v output, tape and reel, and eutectic tin/lead solder. please consult factory for the complete list of available options. the f4804 is not recommended fo r new designs and has been replaced by the f4804a. please re fer to the f 4804a data sheet for new product specifications. pad/pin connections pad/pin # function +in vin (+) -in vin (-) -out vout (-) +out vout (+) ? all dimensions are in inches [mm] ? connector material: copper ? connector finish: gold over nickel ? converter weight: 0.18 oz [5 g] ? recommended surface-mount pads: min. 0.080? x 0. 112? [2.03 x 2.84] max. 0.092? x 0.124? [2.34 x 3.15]]


▲Up To Search▲   

 
Price & Availability of F4804A-SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X