Part Number Hot Search : 
OH090U 95781 CD4579A BUT54 STF3060C 31441 2SB834 55PT06BI
Product Description
Full Text Search
 

To Download DD62M4B8000-50-4030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com 45 dimensions are in inches [millimeters]. all dimensions are subject to change. dd series size 22 signal and thermocouple contacts, removable crimp and printed board mount military/industrial quality connectors mil-dtl-24308 and mil-c-39029 u.l. recognized csa recognized file #e49351 file #lr54219 telecommunication u.l. file #14098 densi-d series connectors are military/industrial quality, high densi- ty rectangular connectors designed for use in sheltered, mildly corro- sive environments having a wide range of temperature, pressure and humidity changes. these crimp removable contact connectors are qualified to mil-dtl-24308 and mil-c-39029. densi-d series connectors utilize precision machined contacts with closed barrel crimp terminations, solder cup terminations, straight and 90 printed board mount. all female contacts are of closed entry design, featuring a fluted stainless steel shroud. six standard contact variants are offered in arrangements of 15, 26, 44, 62, 78 and 104 contacts. densi-d series connectors are mateable and compatible with other high density d-subminiature connectors conforming to mil-dtl-24308. a wide assortment of mounting spacers, cable support hoods and locking systems is available from stock. densi-d series technical characteristics materials and finishes: insulators: glass filled polyester per mil-m-24519, ul 94v-0, blue color. contacts: male contacts ?precision machined high tensile copper alloy. female contacts precision machined high tensile copper alloy with stainless steel shroud. contact plating: military performance ?0.000050 inch [1.27 microns] gold over copper plate. industrial performance ?gold flash over nickel plate. other finishes available upon request. shells: steel with tin plate; zinc and cadmium plate with dichromate seal, stainless steel, pas- sivated. other materials and finishes avail- able upon request. mounting spacers: nylon plastic and brass; zinc plate with dichromate seal. push-on fastener: phosphor bronze or beryllium copper with tin plate. vibration lock systems: slide lock and lock tabs, steel with nickel plate. jackscrew systems: steel with zinc plate and dichromate seal, or clear zinc plate. hoods: thermoplastic ul 94v-0. composite, brass or steel with zinc plate and dichro- mate seal. electrical characteristics: contact current rating: 5 amperes nominal. initial contact resistance: 0.005 ohms maximum. proof voltage: 1000 v r.m.s. insulator resistance: 5 g ohms. clearance and creepage distance [minimum]: 0.042 inch [1.06mm]. working voltage: 300 v r.m.s. climatic characteristics: temperature range: -55? to +125?. damp heat, steady state: 21 days. mechanical characteristics: removable contacts: insert contact to rear face of insulator and release from rear face of insulator. size 22 contacts, male ?0.030 inch [0.76mm] diameter; female ?closed entry design with stainless steel shroud. contact retention in insulator: 9 lbs. [40 n]. contact terminations: closed barrel crimp, wire sizes 22 awg [0.3mm 2 ] through 30 awg [0.05mm 2 ] per iec 352-2. 90 printed board mount contact terminations. shells: male shells may be dimpled for emi/esd ground paths. polarization: trapezoidally shaped shells and polarized jackscrews. mounting to jackscrews and riveted fasteners with angle brackets: 0.120 inch [3.05mm] clearance hole, and threaded riveted fasteners with 4-40 threads and nylon lock inserts. mounting to rapid installation push-on fasteners and printed board: mounting posts. locking systems: jackscrews and vibration locking systems. mechanical operations: 1000 operations minimum per iec 512-5. thermocouple contacts: size 22 crimp contacts are available, see page 49 for details. pcb mount contacts are available, please contact technical sales for details. military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications p o s i t r o n i c i n d u s t r i e s a s k f o r d e t a i l s ? p e r e u d i r e c t i v e 2 0 0 2 / 9 5 / e c ? rohs r o h s compliant contact technical sales for details.
46 dimensions are in inches [millimeters]. all dimensions are subject to change. d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com k m g h 0.375 [9.53] max. 10 typ. ?0.1200.005 [?3.050.13] mounting hole, two places 0.0360.008 [0.910.020] 0.0500.010 [1.270.25] e b1 b a c d1 d two places (02 option) ?0.154 [3.91] mounting hole, ?0.1200.005 [?3.050.13] mounting hole, two places for stainless steel shell (0 option) [ mounting hole, two places total diametral float 0.032 [0.81] ?0.086 +0.005 -0.000 0.1200.010 [3.080.25] +0.13 -0.00 ?2.18 ] optional shell assembly with universal float mounts [f] optional shell assembly [0, 02] 1 43 22 21 62 42 1 21 60 40 20 59 39 78 22 64 43 85 1 42 84 63 104 21 connector variant sizes a 0.015 [0.38] b 0.005 [0.13] b1 0.005 [0.13] c 0.005 [0.13] d 0.005 [0.13] d1 0.005 [0.13] e 0.015 [0.38] g 0.010 [0.25] h 0.010 [0.25] k 0.005 [0.13] m 0.010 [0.25] dd 15 m 1.213 [30.81] 0.666 [16.92] 0.984 [24.99] 0.329 [8.36] 0.494 [12.55] 0.759 [19.28] 0.422 [10.72] 0.233 [5.92] 0.422 [10.72] dd 15 f 1.213 [30.81] 0.643 [16.33] 0.984 [24.99] 0.311 [7.90] 0.494 [12.55] 0.759 [19.28] 0.422 [10.72] 0.243 [6.17] 0.429 [10.90] dd 26 m 1.541 [39.14] 0.994 [25.25] 1.312 [33.32] 0.329 [8.36] 0.494 [12.55] 1.083 [27.51] 0.422 [10.72] 0.233 [5.92] 0.422 [10.72] dd 26 f 1.541 [39.14] 0.971 [24.66] 1.312 [33.32] 0.311 [7.90] 0.494 [12.55] 1.083 [27.51] 0.422 [10.72] 0.243 [6.17] 0.429 [10.90] dd 44 m 2.088 [53.04] 1.534 [38.96] 1.852 [47.04] 0.329 [8.36] 0.494 [12.55] 1.625 [41.28] 0.422 [10.72] 0.230 [5.84] 0.426 [10.82] dd 44 f 2.088 [53.04] 1.511 [38.38] 1.852 [47.04] 0.311 [7.90] 0.494 [12.55] 1.625 [41.28] 0.422 [10.72] 0.243 [6.17] 0.429 [10.90] dd 62 m 2.729 [69.32] 2.182 [55.42] 2.500 [63.50] 0.329 [8.36] 0.494 [12.55] 2.272 [57.71] 0.422 [10.72] 0.230 [5.84] 0.426 [10.82] dd 62 f 2.729 [69.32] 2.159 [54.84] 2.500 [63.50] 0.311 [7.90] 0.494 [12.55] 2.272 [57.71] 0.422 [10.72] 0.243 [6.17] 0.429 [10.90] dd 78 m 2.635 [66.93] 2.079 [52.81] 2.406 [61.11] 0.441 [11.20] 0.605 [15.37] 2.178 [55.32] 0.534 [13.56] 0.230 [5.84] 0.426 [10.82] dd 78 f 2.635 [66.93] 2.064 [52.43] 2.406 [61.11] 0.423 [10.74] 0.605 [15.37] 2.178 [55.32] 0.534 [13.56] 0.243 [6.17] 0.429 [10.90] dd 104 m 2.729 [69.32] 2.212 [56.18] 2.500 [63.50] 0.503 [12.78] 0.668 [16.97] 2.302 [58.47] 0.596 [15.14] 0.230 [5.84] 0.426 [10.82] dd 104 f 2.729 [69.32] 2.189 [55.60] 2.500 [63.50] 0.485 [12.32] 0.668 [16.97] 2.302 [58.47] 0.596 [15.14] 0.243 [6.17] 0.429 [10.90] 10 6 11 15 1 5 30 31 18 26 19 44 10 1 9 15 1 16 contact variants face view of male or rear view of female dd 15 dd 26 dd 44 dd 104 dd 78 dd 62 standard shell assembly dd series
d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com 47 dimensions are in inches [millimeters]. all dimensions are subject to change. dd series a ?b a ?b ?c 0.150 [3.81] ?0.030 [0.76] ?c *color code stainless steel shroud *color code 0.150 [3.81] military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications crimp contacts closed crimp barrel female contact ?losed entry design male contact crimp contacts may be supplied kitted with connector or ordered separately. part number wire size awg/[mm 2 ] abc fc8022d 22 / 24 / 26 / 28 / 30 [0.3/0.25/0.12/0.08/0.05] 0.518 [13.16] 0.035 [0.89] 0.047 [1.19] *m39029/57-354 22 / 24 / 26 / 28 [0.3/0.25/0.12/0.08] 0.518 [13.16] 0.035 [0.89] 0.047 [1.19] part number wire size awg/[mm 2 ] abc mc8022d 22 / 24 / 26 / 28 / 30 [0.3/0.25/0.12/0.08/0.05] 0.531 [13.49] 0.035 [0.89] 0.047 [1.19] *m39029/58-360 22 / 24 / 26 / 28 [0.3/0.25/0.12/0.08] 0.531 [13.49] 0.035 [0.89] 0.047 [1.19] material - brass. plating - gold flash over nickel or 0.000050 inch [1.27? gold over copper for military specification contacts. *color code - orange/blue/black for military specification contacts. material - leaded nickel copper. plating - gold flash over nickel or 0.000050 inch [1.27? gold over copper for military specification contacts. *color code - orange/green/yellow for military specification contacts. for contact crimp tool information see page 54. additional plating options available by adding suffix to part number add -14 for 0.000030 [0.76 microns] gold over nickel add -50 for 0.000050 [1.27 microns] gold over copper example: fc8022d-14 example: mc8022d-50 0.066 [1.68] 0.045 [1.14] 0.853 [21.66] 0.179 [4.55] ?.030?.001 [0.75?.03] 0.066 [1.68] 0.045 [1.14] 0.841 [21.36] 0.179 [4.55] crimp area extends above connector molding. crimp contacts may be supplied kitted with connector or ordered separately. male contact female contact part number wire size awg/[mm 2 ] abc fc8020d 20 [0.5] max 0.852 [21.64] 0.045 [1.14] 0.066 [1.68] part number wire size awg/[mm 2 ] abc mc8020d 20 [0.5] max 0.853 [21.66] 0.045 [1.14] 0.066 [1.68] material - phosphor bronze plating - gold flash over nickel material - brass plating - gold flash over nickel part number: mc8020d part number: fc8020d additional plating options available by adding suffix to part number add -14 for 0.000030 [0.76 microns] gold over nickel example: fc8120d-14 or mc8020d-14 thermocouple contacts are available, see page 49 part number: mc8022d part number: fc8122d
48 dimensions are in inches [millimeters]. all dimensions are subject to change. d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com dd series contacts may be supplied in plastic carriers, packaged in reels holding 2,000 contacts for use with the automatic pneumatic crimp tools, catalog part number 9550-1. the same type carrier is used for both male and female contacts. all male and female crimp contacts can be ordered in reels by adding letter ? after the contact part number, such as mc8022dr for a male contact and fc8022dr for a female contact. 0.518 [13.16] ?0.047 [1.19] 0.150 [3.81] ?0.035 [0.89] 0.531 [13.49] ?0.047 [1.19] 0.150 [3.81] ?0.035 [0.89] ?0.030 [0.76] stainless steel shroud material - phosphor bronze. plating - gold flash over nickel. material - brass. plating - gold flash over nickel. solder cup contacts female contact ?losed entry design male contact part number: ms8022d part number: fs8022d enlarged section of plastic contact carriers reels for automatic pneumatic crimp tools solder contacts may be supplied kitted with connector or ordered separately.
0.047 [1.19] 0.035 [0.89] 0.531 [13.49] 0.150 [3.81] 0.047 [1.19] 0.035 [0.89] 0.520 [13.21] 0.149 [3.78] ?.030?.001 [0.75?.03] male contact female contact d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com 49 dimensions are in inches [millimeters]. all dimensions are subject to change. dd series for more information on the availability of type j thermocouple contacts, please contact technical sales. for more information about thermocouple contacts with pcb solder termination, please contact technical sales. see page 54 for crimp tool information. type material male part number female part number color code wire size awg [mm 2 ] k chromel (+) mc8022dch fc8022dch white 22 / 24 / 26 [ 0.3 / 0.25 / 0.12] alumel (-) mc8022dal fc8022dal green 22 / 24 / 26 [ 0.3 / 0.25 / 0.12] t copper (+) mc8022dcu fc8022dcu red 22 / 24 / 26 [ 0.3 / 0.25 / 0.12] constantan (-) mc8022dco fc8022dco yellow 22 / 24 / 26 [ 0.3 / 0.25 / 0.12] e chromel (+) mc8022dch fc8022dch white 22 / 24 / 26 [ 0.3 / 0.25 / 0.12] constantan (-) mc8022dco fc8022dco yellow 22 / 24 / 26 [ 0.3 / 0.25 / 0.12] size 22 crimp thermocouple contacts 22 awg [0.3mm 2 ] chromel and alumel are registered trademarks of hoskins manufacturing company
50 dimensions are in inches [millimeters]. all dimensions are subject to change. d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com l swaged spacer with push-on fastener phosphor bronze. 0.375 [9.53] fixed female jackscrews typical part number: dd62f3s60t2x straight printed board mount contacts ?0.030 [0.76] ?d a a ?d straight printed board mount contacts are supplied in connector. code number lda 3 0.150 [3.81] 0.020 [0.51] 0.725 [18.42] 32 0.300 [7.62] 0.020 [0.51] 0.865 [21.97] code number lda 3 0.150 [3.81] 0.020 [0.51] 0.737 [18.72] 32 0.300 [7.62] 0.020 [0.51] 0.877 [22.28] female contact ?losed entry design male contact material ?phosphor bronze or brass. plating ?gold flash over nickel. for straight printed board mount contacts specify code no. in step 4 of ordering information. dd series
0.125 [3.17] nominal 0.082 [2.08] typ. 0.450 [11.43] ?0.020 [0.51] numbering shown is rear view of male and face view of female 42 22 21 1 push-on fastener beryllium copper 2.5000.008 [63.500.20] 2.720 [69.09] 0.614 [15.60] 0.375 [9.52] max. specify code 4 in step 4 of ordering information fixed female jackscrews d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com 51 dimensions are in inches [millimeters]. all dimensions are subject to change. dd series b ?.008 [0.20] a push-on fastener beryllium copper 0.125 [3.18] nominal ?.020 [0.51] 0.082 [2.08] typ. 20 1 numbering shown is rear view of male and face view of female. 0.082 [2.08] typ. 0.082 [2.08] typ. d fixed female jackscrews c specify code 4 in step 4 of ordering information d 21 0.078 [1.98] typ. 0.078 [1.98] typ. military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications 90 printed board mount connector code 4, 0.450 [11.43] contact extension typical part number: dd44m4r7nt2x typical part number: dd78m4r7nt2x dd**4r7000 0.450 [11.43] contact extension part number a b c d dd15*4r7*** 1.204 [30.58] 0.984 [24.99] 0.528 [13.41] 0.450 [11.43] dd26*4r7*** 1.532 [38.91] 1.312 [33.32] 0.528 [13.41] 0.450 [11.43] dd44*4r7*** 2.072 [52.63] 1.852 [47.04] 0.528 [13.41] 0.450 [11.43] dd62*4r7*** 2.720 [69.09] 2.500 [63.50] 0.528 [13.41] 0.450 [11.43] dd78*4r7*** 2.626 [66.70] 2.406 [61.11] 0.573 [14.55] 0.450 [11.43] typical part number: dd104m4r7nt20 90 printed board mount connector, size 104 code 4, 0.450 [11.43] contact extension
52 dimensions are in inches [millimeters]. all dimensions are subject to change. d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com 0.984 [24.99] 0.492 [12.50] 0.190 [4.83] 0.090 [2.29] typ. 0.078 [1.98] 0.078 [1.98] 1.312 [33.32] 0.656 [16.66] 0.090 [2.29] typ. 0.380 [9.65] 0.078 [1.98] 0.078 [1.98] 0.078 [1.98] 0.078 [1.98] 0.078 [1.98] 0.078 [1.98] 0.082 [2.08] 0.082 [2.08] 0.082 [2.08] 1.852 [47.04] 0.926 [23.52] 0.650 [16.51] 0.090 [2.29] typ. 2.500 [63.50] 1.250 [31.75] 0.973 [24.71] 0.095 [2.41] typ. 2.406 [61.11] 1.203 [30.56] 0.903 [22.94] 0.041 [1.04] 0.095 [2.41] typ. 2.500 [63.50] 1.250 [31.75] 0.967 [24.56] 0.095 [2.41] typ. 0.975 [24.77] 1.250 [31.75] 2.500 [63.50] 0.082 [2.08] 0.082 [2.08] 0.082 [2.08] 2.500 [63.50] 0.082 [2.08] typ. 0.095 [2.41] typ. 0.903 [22.94] 1.203 [30.56] 2.406 [61.11] 0.095 [2.41] typ. 0.095 [2.41] typ. 0.078 [1.98] 0.078 [1.98] 0.078 [1.98] 1.312 [33.32] 1.852 [47.04] 0.078 [1.98] 0.090 [2.29] typ. 0.984 [24.99] 0.090 [2.29] typ. 0.078 [1.98] 0.078 [1.98] 0.090 [2.29] typ. 0.492 [12.50] 0.215 [5.46] 0.926 [23.52] 0.655 [16.64] 0.078 [1.98] 0.078 [1.98] 0.082 [2.08] typ. 0.656 [16.66] 0.385 [9.78] 1.250 [31.75] 0.981 [24.92] 0.041 [1.04] dd104 male dd78 male dd62 male dd44 male dd 26 male dd15 male dd104 female dd78 female dd62 female dd44 female dd 26 female dd15 female mount connector with mating face positioned to follow direction of arrows. 90 and straight printed board contact hole pattern dd series suggest 0.035 [0.89] hole for contact termination positions. suggest 0.123 ?.003 [3.12 ?.08] hole for mounting connector with push-on fasteners.
d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com 53 dimensions are in inches [millimeters]. all dimensions are subject to change. dd series military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications crimping information for dd and odd series crimp contacts use indicated positronic tools for best results step 1: strip wire to indicated length. step 2: crimp wire to contact. for hand crimp tool: - place contact into crimping tool. - insert wire into contact. - center contact by slowly closing the crimping tool until the crimp indenters make contact with the crimp barrel. - complete the cycle of the crimping tool in one smooth motion. - remove the crimped contact. take care not to: - damage or remove strands. - untwist or overtwist strands. - leave insulation particles on strands. - damage insulation. for automatic pneumatic crimp tool: - insert the wire into the contact, positioned in the crimp tool by the plastic carrier. - depress the activating device of the crimping tool to start the crimping cycle. - remove the crimped contact. 0.150 [3.81] insulation stranded wire strands damaged or removed by stripping tool. insulation cut incorrectly. strands overtwisted. particles of insulation on the stripped part of the wire. wire insulation damaged. strands untwisted. examples of stripping faults correctly stripped wire ?.010 [0.25]
54 dimensions are in inches [millimeters]. all dimensions are subject to change. d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com crimping information for dd and odd crimp contacts wire insulation, typical crimp to meet recommended tensile strength. stripped wires compressed for improved conduction. 8 crimp indents crimp indents too close to inspection hole. strands not visible through inspection hole. strands visible beyond insulation support. stripped part of the wire too long. stripped part of the wire too short. crimp indents incorrectly located. step 3: inspect the crimp. for all tools: - strands to be visible through the inspection hole. - strands not to be visible beyond the insulation support. - crimped contact to meet recommended conductor tensile force shown in chart. - check for peeled gold and bent contacts. correctly crimped contact cross section of correctly crimped contact examples of crimping faults conductor tensile strength values are derived using silver-tin plated copper wires. values may change depending upon what type of wire is used. positronic recommended conductor tensile strength wire size awg/[mm 2 ] 22 [0.3] 24 [0.25] 26 [0.12] 28 [0.08] 30 [0.05] axial load pounds/[n] 12 [53] 8 [36] 5 [22] 3 [13] 1.5 [6.7] positronic recommended tools for dd series contacts. for more information see contact crimp tools and accessories page. crimp tools positioners for fc8022d positioners for mc8022d 9507 hand crimp tool 9502-3 9502-4 9550-1 automatic pneumatic crimp tool supplied in reels supplied in reels dd series
d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com 55 dimensions are in inches [millimeters]. all dimensions are subject to change. dd series automatic crimp tool, pneumatically actuated part no. 9550-1 miniature step adjustable tool (m22520/2-01) part no. 9507 insertion/removal tool (m81969/1-04) part no. 4811-2 this fast cycling automatic crimp tool produces an 8 indent crimp on wire sizes 20 awg [0.5mm 2 ] through 32 awg [0.03mm 2 ]. dd series contacts must be ordered on reels. to order, specify part number 9550-1. foot control valve is supplied as a standard accessory. this miniature step adjustable hand crimping tool produces an 8 indent crimp configuration and will crimp wire sizes 20 awg [0.5mm 2 ] through 32 awg [0.03mm 2 ]. to crimp fc8022d contacts, order contact positioner 9502-3. to crimp mc8022d contacts, order contact positioner 9502-4. to crimp mc8020d and fc8020d contacts, consult technical sales for contact positioners. each positioner is equipped with a data plate which gives the correct crimp-depth setting for each wire size, and must be used with 9507 tool frame for best results when crimping densi-d series contacts. one end of this tool is used to insert contacts into densi-d series connectors. the other end is used to extract contacts. this is accomplished by sliding the extraction tip down the wire into the connector until it bottoms against the contact. a slight rotation while pushing will release the contacts, which are then extracted by simultaneously pulling on the wire.
56 dimensions are in inches [millimeters]. all dimensions are subject to change. d-sub military quality, removable contact, high density subminiature-d connectors for military and severe industrial environmental applications positronic industries connectpositronic.com dd series step 3 - connector gender m - male f - female 1 2 3 4 5 6 7 8 dd 62 f 4 r7 n t6 s 9 ordering information - code numbering system specify complete connector by selecting an option from step 1 through 8 step 1 - basic series dd series *step 6 - hoods and push-on fasteners 0 - none. j - hood, top opening, plastic. l - hood, side opening, plastic. y - hood, top opening, plastic with rotating male jackscrews. available in size 78 and 104 only. y6 - hood, top opening, plastic with rotating male and female polarized jackscrews. available in size 78 and 104 only. z - hood, top or side opening, robust and extended height, composite and plastic with rotating male jackscrews. available in size 15, 26, 44, 62, and 78 only. h - hood, top opening, metal. available in size 26, 44, 62, and 78 only. g - hood, emi/rfi, metal. w - hood, top or side opening, plastic. available in size 15, 26, and 44 only. n - push-on fastener, for 90 mounting brackets. **f - ferrite inductor *step 5 - mounting style 0 - mounting hole, 0.120 [3.05] . 02 - mounting hole, 0.154 [3.91] . b3 - bracket, mounting, 90 metal with cross bar. b8 - bracket, mounting, 90 plastic with cross bar. f - float mounts, universal. p - threaded post, brass, 0.375 [9.53] length. p2 - threaded post, nylon, 0.375 [9.53] length. r2 - bracket, mounting, 90 metal, swaged to connector with 4-40 thread fixed female jackscrews with cross bar. r6 - bracket, mounting, 90 metal, swaged to connector with 0.120 [3.05] mounting hole with cross bar. r7 - bracket, mounting, 90 metal, swaged to connector with 4-40 threads with cross bar. r8 - bracket, mounting, 90 metal, swaged to connector with 4-40 locknut with cross bar. s - swaged spacer, 4-40 threads, 0.375 [9.53] length. s2 - swaged spacer, 4-40 threads, 0.125 [3.18] length. s5 - swaged locknut, 4-40 threads. s6 - swaged spacer with push-on fasteners, 4-40 threads, 0.375 [9.53] length. s7 - swaged spacer with push-on fastener for use with ferrite inductor, 4-40 threads, 0.515 [13.08] length. step 4 - contact termination type 0 - ordered without contacts. 1 - crimp, 22 awg?0 awg [0.3mm 2 ?.05mm 2 ]. 2 - solder cup, 22 awg-30 awg [0.3mm 2 ?.05mm 2 ]. 3 - solder, straight printed board mount with 0.150 [3.81] tail length. 32 - solder, straight printed board mount with 0.300 [7.62] tail length. 4 - solder, 90 printed board mount with 0.450 [11.43] contact extension. step 2 - connector variants 15, 26, 44, 62, 78, 104 step example step 8 -shell options 0 - zinc plated with dichromate seal. s - stainless steel. x - tin plated. z - tin plated and dimpled (male connectors only). c - cadmium with dichromate seal. *step 7 -locking and polarizing systems 0 - none. v3 - lock tab, connector front panel mounted. v5 - lock tab, connector rear panel mounted. vl - lock lever, used with hoods only. t - fixed female jackscrews. t2 - fixed female jackscrews. t6 - fixed male and female polarized jackscrews. e - rotating male jackscrews. e2 - rotating male screw locks. e3 - rotating male wtih internal hex for 3/32 hex drives e6 - rotating male and female polarized jackscrews. *for additional information on accessories listed in steps 5, 6 and 7, see accessory catalog. **ferrite inductor is available on contact type 32 only. p o s i t r o n i c i n d u s t r i e s a s k f o r d e t a i l s ? p e r e u d i r e c t i v e 2 0 0 2 / 9 5 / e c ? rohs r o h s compliant contact technical sales for details. step 9 - special options contact technical sales for ordering details of the following: other special requirements. straight and right angle thermocouple pcb mount contacts


▲Up To Search▲   

 
Price & Availability of DD62M4B8000-50-4030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X