Part Number Hot Search : 
SK74150 P3300 TIP102 SR5902 2409S 74HC2400 P3300 G40C6
Product Description
Full Text Search
 

To Download CY62167DV18LL-55BVXIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16m (1024k x 16) static ram preliminary cy62167dv1 8 mobl2? cypress semiconductor corporation ? 3901 north first street  san jose , ca 95134  408-943-2600 document #: 38-05326 rev. *b revised april 24, 2003 features  very high speed: 55 ns and 70 ns  voltage range: 1.65v to 1.95v  ultra-low active power ? typical active current: 1.5 ma @ f = 1 mhz ? typical active current: 15 ma @ f = f max  ultra-low standby power  easy memory expansion with ce 1, ce 2 and oe features  automatic power-down when deselected  cmos for optimum speed/power  packages offered in a 48-ball fbga functional description [1] the cy62167dv18 is a high-performance cmos static ram organized as 1024k words by 16 bits. this device features advanced circuit design to provide ultra-low active current. this is ideal for providing more battery life ? (mobl ? ) in portable applications such as cellular telephones. the device also has an automatic power-down feature that significantly reduces power consumption by 99% when addresses are not toggling. the device can be put into standby mode reducing power consumption by more than 99% when deselected chip enable 1 (ce 1 ) high or chip enable 2 (ce 2 ) low or both bhe and ble are high. the input/output pins (i/o 0 through i/o 15 ) are placed in a high-impedance state when: deselected chip enable 1 (ce 1 ) high or chip enable 2 (ce 2 ) low, outputs are disabled (oe high), both byte high enable and byte low enable are disabled (bhe , ble high) or during a write operation (chip enable 1 (ce 1 ) low and chip enable 2 (ce 2 ) high and we low). writing to the device is accomplished by taking chip enable 1 (ce 1 ) low and chip enable 2 (ce 2 ) high and write enable (we) input low. if byte low enable (ble ) is low, then das pins (a 0 through a 19 ). if byte high enable (bhe ) is low, then data from i/o pins (i/o 8 through i/o 15 ) is written into the location specified on the ad reading from the device is accomplished by taking chip enable 1 (ce 1 ) low and chip enable 2 (ce 2 ) high and output enable (oe) low while forcing the write enable (we) high. if byte low enable (<>o 7 . if byte high enable (bhe ) is low, then data from memory will appear on i/o 8 to i/o 15 . see the truth table at the back of this data sheet for a complete description of read and write modes. note: 1. for best practice recommendations, please refer to the cypress application note ?system design guidelines? on http://www.cypr ess.com. 1024k x 16 ram array i/o 0 ?i/o 7 row decoder a 8 a 7 a 6 a 5 a 2 column decoder a 11 a 12 a 13 a 14 a 15 sense amps data in drivers oe a 4 a 3 i/o 8 ?i/o 15 we ble bhe a 16 a 0 a 1 a 17 a 9 a 18 a 10 power-down circuit bhe ble ce 2 ce 1 ce 2 ce 1 a 19 2048 x 512 x 16 logic block diagram
preliminary cy62167dv1 8 mobl2? document #: 38-05326 rev. *b page 2 of 10 note: 2. dnu pins are to be connected to v ss or left open. pin configuration [2] fbga we a 11 a 10 a 6 a 0 a 3 ce 1 i/o 10 i/o 8 i/o 9 a 4 a 5 i/o 11 i/o 13 i/o 12 i/o 14 i/o 15 v ss a 9 a 8 oe vss a 7 i/o 0 bh e ce 2 a 17 a 2 a 1 ble v cc i/o 2 i/o 1 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 a 15 a 14 a 13 a 12 a 18 3 2 6 5 4 1 d e b a c f g h top view a 16 dnu vcc a 19 dnu
preliminary cy62167dv1 8 mobl2? document #: 38-05326 rev. *b page 3 of 10 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature .................................?65c to +150c ambient temperature with power applied............................................. ?55c to +125c supply voltage to ground potential .......................................... ? 0.2v to v ccmax + 0.2v dc voltage applied to outputs in high-z state [3] .................................... ? 0.2v to v cc + 0.2v dc input voltage [3] ................................ ? 0.2v to v cc + 0.2v output current into outputs (low)............................. 20 ma static discharge voltage.......................................... > 2001v (per mil-std-883, method 3015) latch-up current..................................................... > 200 ma operating range range ambient temperature (t a ) v cc [4] industrial ? 40 c to +85 c 1.65v to 1.95v product portfolio product v cc range(v) speed (ns) power dissipation operating, icc (ma) standby, i sb2 ( a) f = 1 mhz f = f max min. typ. max. typ. max. typ. max. typ. max. cy62167dv18l 1.65 1.8 1.95 55 1.5 5 15 30 2.5 30 70 12 25 2.5 30 cy62167dv18ll 1.65 1.8 1.95 55 1.5 5 15 30 2.5 20 70 12 25 2.5 20 dc electrical characteristics (over the operating range) parameter description test conditions cy62167dv18-55 cy62167dv18-70 unit min. typ. max. min. typ. max. v oh output high voltage i oh = ? 0.1 ma v cc = 1.65v 1.4 1.4 v v ol output low voltage i ol = 0.1 ma v cc = 1.65v 0.2 0.2 v v ih input high voltage 1.4 v cc + 0.2 1.4 v cc + 0.2 v v il input low voltage ?0.2 0.4 ?0.2 0.4 v i ix input leakage current gnd < v i < v cc ?1 +1 ?1 +1 a i oz output leakage current gnd < v o < v cc , output disabled ?1 +1 ?1 +1 a i cc v cc operating supply current f = f max = 1/t rc vcc = 1.95v, i out = 0ma, cmos level 15 30 12 25 ma f = 1 mhz 1.5 5 1.5 5 i sb1 automatic ce power-down current ? cmos inputs ce 1 > v cc ? 0.2v, ce 2 < 0.2v, v in > v cc ? 0.2v, v in < 0.2v, f = f max (address and data only), f = 0 (oe , we , bhe and ble ) l 2.5 30 2.5 30 a ll 2.5 20 2.5 20 i sb2 automatic ce power-down current ? cmos inputs ce 1 > v cc ? 0.2v, ce 2 < 0.2v, v in > v cc ? 0.2v or v in < 0.2v, f = 0, v cc =1.95v l 2.5 30 2.5 30 a ll 2.5 20 2.5 20 capacitance [5] parameter description test conditions max. unit c in input capacitance ta = 25c, f = 1 mhz v cc = v cc(typ) 6 pf c out output capacitance 8 pf notes: 3. v il(min.) = ? 2.0v for pulse durations less than 20 ns. 4. typical values are included for reference only and are not guaranteed or tested. typical values are measured at v cc = v cc(typ) , t a = 25c. 5. tested initially and after any design or proces changes that may affect these parameters.
preliminary cy62167dv1 8 mobl2? document #: 38-05326 rev. *b page 4 of 10 ac test loads and waveforms thermal resistance parameter description test conditions bga unit ja thermal resistance (junction to ambient) [5] still air, soldered on a 3 x 4.5 inch, two-layer printed circuit board 55 c/w jc thermal resistance (junction to case) [5] 16 c/w data retention characteristics parameter description conditions min. typ. max. unit v dr v cc for data retention 1.0 1.95 v i ccdr data retention current v cc =1.0v, ce 1 > v cc ? 0.2v, ce 2 < 0.2v, v in > v cc ? 0.2v or v in < 0.2v l 15 a ll 10 t cdr [5] chip deselect to data retention time 0 ns t r [6] operation recovery time t rc ns data retention waveform [7] notes: 6. full device operation requires linear v cc ramp from v dr to v cc(min.) > 100 s or stable at v cc(min.) > 100 s. 7. 7. bhe . ble is the and of both bhe and ble . chip can be deselected by either disabling the chip enable signals or by disabling both bhe and ble . v cc typ v cc o utput r2 c = 30 pf including jig and scope gnd 90% 10% 90% 10% output v equivalent to: thvenin equivalent all input pulses r th r1 rise time: 1 v/ns fall tim e: 1 v/ns l parameters 1.8v unit r 1 13500 ? r 2 10800 ? r th 6000 ? v th 0.80 v v cc(min.) v cc(min.) t cdr v dr > 1.0v data retention mode t r ce 1 or v cc b he . ble ce 2 or
preliminary cy62167dv1 8 mobl2? document #: 38-05326 rev. *b page 5 of 10 switching characteristics (over the operating range) [8] parameter description cy62167dv18-55 cy62167dv18-70 unit min. max. min. max. read cycle t rc read cycle time 55 70 ns t aa address to data valid 55 70 ns t oha data hold from address change 10 10 ns t ace ce 1 low or ce 2 high to data valid 55 70 ns t doe oe low to data valid 25 35 ns t lzoe oe low to low z [9] 5 5 ns t hzoe oe high to high z [9, 11] 20 25 ns t lzce ce 1 low or ce 2 high to low z [9] 10 10 ns t hzce ce 1 high or ce 2 low to high z [9, 11] 20 25 ns t pu ce 1 low or ce 2 high to power-up 0 0 ns t pd ce 1 high or ce 2 low to power-down 55 70 ns t dbe ble /bhe low to data valid 55 70 ns t lzbe [10] ble /bhe low to low z [9] 5 5 ns t hzbe ble /bhe high to high-z [9, 11] 20 25 ns write cycle [12] t wc write cycle time 55 70 ns t sce ce 1 low or ce 2 high to write end 40 60 ns t aw address set-up to write end 40 60 ns t ha address hold from write end 0 0 ns t sa address set-up to write start 0 0 ns t pwe we pulse width 40 45 ns t bw ble /bhe low to write end 45 60 ns t sd data set-up to write end 25 30 ns t hd data hold from write end 0 0 ns t hzwe we low to high z [9, 11] 20 25 ns t lzwe we high to low z [9] 10 10 ns switching waveforms read cycle no. 1 (address transition controlled) [13, 14] notes: 8. test conditions assume signal transition time of 3 ns or less, timing reference levels of v cc(typ.)/2 , input pulse levels of 0 to v cc(typ.) , and output loading of the specified i ol 9. at any given temperature and voltage condition, t hzce is less than t lzce , t hzbe is less than t lzbe , t hzoe is less than t lzoe , and t hzwe is less than t lzwe for any given device. 10. if both byte enables are toggled together, this value is 10 ns. 11. t hzoe , t hzce , t hzbe , and t hzwe transitions are measured when the outputs enter a high-impedance state. 12. the internal write time of the memory is defined by the overlap of we , ce 1 = v il , bhe and/or ble = v il . 13. device is continuously selected. oe , ce 1 = v il , bhe and/or ble = v il , ce 2 14. we is high for read cycle. a ddress d ata out previous data valid data valid t rc t aa t oha
preliminary cy62167dv1 8 mobl2? document #: 38-05326 rev. *b page 6 of 10 read cycle no. 2 (oe controlled) [14, 15] write cycle no. 1 (we controlled) [12, 16, 17, 18] note: 15. address valid prior to or coincident with ce 1 , bhe , ble transition low and ce 2 transition high. switching waveforms (continued) 50% 50% data valid t t t t t t high impedance t t high oe ce 1 i cc i sb impedanc e address ce 2 v cc supply current t bhe / ble t t data out t rc ace pd hzce hzbe hzoe lzbe doe lzoe lzce dbe pu t t t t t t t t t data in valid ce 1 address ce 2 we d ata i/o oe bhe /ble t don?t care wc sce sa aw pwe ha bw hd sd hzoe
preliminary cy62167dv1 8 mobl2? document #: 38-05326 rev. *b page 7 of 10 write cycle no. 2 ( ce 1 or ce 2 controlled) [12, 16, 17, 18] write cycle no. 3 (we controlled, oe low) [17, 18] switching waveforms (continued) t t t t t t t t data in valid ce 1 a ddress ce 2 we data i/o oe bhe /ble t t don?t care wc sce ha aw sa pwe bw sd hd hzoe data in valid t hd t sd t lzwe t pwe t sa t ha t aw t sce t wc t hzwe ce 1 a ddress ce 2 we d ata i/o don?t care
preliminary cy62167dv1 8 mobl2? document #: 38-05326 rev. *b page 8 of 10 write cycle no. 4 (bhe/ ble controlled, oe low) [17] notes: 16. data i/o is high-impedance if oe = v ih . 17. if ce 1 goes high or ce 2 goes low simultaneously with we high, the output remains in a high-impedance state. 18. during the don?t care period in the da ta i/o waveform, the i/os are in output state and input signals should not be applied. switching waveforms (continued) data i/o a ddress t t t t t t ce 1 we data in valid t bhe /ble t ce 2 t don?t care wc sce aw ha pwe sa hd sd bw truth table ce 1 ce 2 we oe bhe ble input / outputs mode power h x x x x x high z deselect/power-down standby(i sb ) x l x x x x high z deselect/power-down standby(i sb ) x x x x h h high z deselect/power-down standby(i sb ) l h h l l l data out (i/o0 ? i/o15) read active(i cc ) l h h l h l data out (i/o0 ? i/o7); high z (i/o8 ? i/o15) read active(i cc ) l h h l l h high z (i/o0 ? i/o7); data out (i/o8 ? i/o15) read active(i cc ) l h h h l h high z output disabled active(i cc ) l h h h h l high z output disabled active(i cc ) l h h h l l high z output disabled active(i cc ) l h l x l l data in (i/o0 ? i/o15) write active(i cc ) l h l x h l data in (i/o0 ? i/o7); high z (i/o8 ? i/o15) write active(i cc ) l h l x l h high z (i/o0 ? i/o7); data in (i/o8 ? i/o15) write active(i cc )
preliminary cy62167dv1 8 mobl2? document #: 38-05326 rev. *b page 9 of 10 ? cypress semiconductor corporation, 2003. the information contained herein is subject to change without notice. cypress semico nductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress semi conductor product. nor does it convey or imply any license unde r patent or other rights. cypress semiconductor does not authorize its products for use as critical components in life-support syst ems where a malfunction or failure may reasonably be expected t o result in significant injury to the user. the inclusion of cypress semiconductor products in life-support systems application implies th at the manufacturer assumes all risk of such use and in do ing so indemnifies cypress semiconductor against all charges. package diagram mobl is a registered trademark, and mobl2 and more battery life are trademarks of cypress semiconductor. all product and company names mentioned in this document are the trademarks of their respective holders. ordering information speed (ns) ordering code package name package type operating range 55 cy62167dv18l-55**i tbd 48-ball fine pitch bga (8.0 x 9.5 x 1.0 mm) industrial cy62167dv18ll-55**i tbd 48-ball fine pitch bga (8.0 x 9.5 x 1.0 mm) 70 cy62167dv18l-70**i tbd 48-ball fine pitch bga (8.0 x 9.5 x 1.0 mm) industrial cy62167dv18ll-70**i tbd 48-ball fine pitch bga (8.0 x 9.5 x 1.0 mm) 48-lead vfbga (8 x 9.5 x 1 mm) bv48b 51-85178-**
preliminary cy62167dv1 8 mobl2? document #: 38-05326 rev. *b page 10 of 10 document history page document title: cy62167dv18mobl2? 16m (1024k x 16) static ram document number: 38-05326 rev. ecn no. issue date orig. of change description of change ** 118406 09/30/02 gug new data sheet *a 123690 02/11/03 dpm changed advance to preliminary added package diagram *b 126554 04/25/03 dpm minor change: changed sunset owner from dpm to hrt


▲Up To Search▲   

 
Price & Availability of CY62167DV18LL-55BVXIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X