Part Number Hot Search : 
MA4P160 BAS16W AD6485 GD4066 C0201 MX365A 5KP180C MF4751A
Product Description
Full Text Search
 

To Download CMM-2-BD-000X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.0-10.0 ghz gaas mmic amplifier page 1 of 5 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. cmm-2-bd august 2007 - rev 06-aug-07 mimix mimix cmm-2-bd gaas mmic amplifier cmm-2-bd 2.0 to 10.0 ghz gaas mmic amplifier 10
page 2 of 5 2.0-10.0 ghz gaas mmic amplifier mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. cmm-2-bd august 2007 - rev 06-aug-07 10
page 3 of 5 2.0-10.0 ghz gaas mmic amplifier cmm-2-bd august 2007 - rev 06-aug-07 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws.
page 4 of 5 2.0-10.0 ghz gaas mmic amplifier cmm-2-bd august 2007 - rev 06-aug-07 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws.
page 5 of 5 2.0-10.0 ghz gaas mmic amplifier cmm-2-bd august 2007 - rev 06-aug-07 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. handling and assembly information caution! - mimix broadband mmic products contain gallium arsenide (gaas) which can be hazardous to the human body and the environment. for safety, observe the following procedures: ? do not ingest. ? do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. ? observe government laws and company regulations when discarding this product. this product must be discarded in accordance with methods specified by applicable hazardous waste procedures. life support policy - mimix broadband's products are not authorized for use as critical components in life support devices or systems without the express written approval of the president and general counsel of mimix broadband. as used herein: (1) life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to aff ect its safety or effectiveness. esd - gallium arsenide (gaas) devices are susceptible to electrostatic and mechanical damage. die are supplied in antistatic containers, which should be opened in cleanroom conditions at an appropriately grounded antistatic workstation. devices need careful handling using correctly designed collets, vacuum pickups or, with care, sharp tweezers. die attachment - gaas products from mimix broadband are 0.076 mm (0.003") thick and have vias through to the backside to enable grounding to the circuit. microstrip substrates should be brought as close to the die as possible. the mounting surface should be clean and flat. if using conductive epoxy, recommended epoxies are tanaka ts3332ld, die mat dm6030hk or dm6030hk-pt cured in a nitrogen atmosphere per manufacturer's cure schedule. apply epoxy sparingly to avoid getting any on to the top surface of the die. an epoxy fillet should be visible around the total die periphery. for additional information please see the mimix "epoxy specif ications for bare die" application note. if eutectic mounting is preferred, then a fluxless gold-tin (ausn) preform, approximately 0.001 2 thick, placed between the die and the attachment surface should be used. a die bonder that utilizes a heated collet and provides scrub bing action to ensure total wetting to prevent void formation in a nitrogen atmosphere is recommended. the gold-tin eutectic (80% au 20% sn) has a melting point of approximately 280o c (note: gold germanium should be avoided). the work station temperature should be 310oc +/- 10oc. exposure to these extreme temperatures should be kept to minimum. the collet should be heated, and the die pre-heated to avoid excessive thermal shock. avoidance of air bridges and force impact are critical during placement. wire bonding - windows in the surface passivation above the bond pads are provided to allow wire bonding to the die's gold bond pads. the recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x 0.0005") 99.99% pure gold ribbon with 0.5-2% elongation to minimize rf port bond inductance. gold 0.025 mm (0.001") diameter wedge or ball bonds are acceptable for dc bias connections. aluminum wire should be avoided. thermo-compression bonding is recommended though thermosonic bonding may be used providing the ultrasonic content of the bond is minimized. bond force, time and ultrasonics are all critical parameters . bonds should be made from the bond pads on the die to the package or substrate. all bonds should be as short as possible. rohs compliant parts - all mimix products are rohs compliant unless specifically ordered with tin-lead finish. part number for ordering description CMM-2-BD-000X where ?x? is rohs compliant die packed in ?v? - vacuum release gel packs or w? - waffle trays


▲Up To Search▲   

 
Price & Availability of CMM-2-BD-000X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X