Part Number Hot Search : 
P100D KA2811 6M181RPA MN3716AT CDLL252 CD22859 HC4053 TP3D227
Product Description
Full Text Search
 

To Download ABS25--32768KHZ-6-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | abs25 standard specifications: 8 .0 x 3.8 x 2.5 mm applications: ? wide range in communication & measuring equipment ? commercial & industrial applications ? automotive electronics applications ? wireless communications ? pda and palm pilots ? excellent environmental & heat resistance plastic package with reflow capability ? extended temperature -40c to +85c for industrial applications features: ? low frequency in small size smd ? 2.5mm height ideal for high density circuit boards operating temperature turn-over temperature storage temperature frequenc y t olerance equivalen t serie s resistance load capacitance cl capacitance ratio aging @ 25c 3c first year p arameters standard frequency frequency range 32.768 khz abracon p/n abs25 30khz to 100khz 20 ppm max. (for 32.768khz) 450 typ. (32.768khz) 425 to 800 typ. (others) 30 ppm max. for other frequencies (see options) -40c to + 85c +25c to 5c -55c to +125c 50 kohms max. - 0.0340.006 ppm/t2 12.5 pf (see option) drive level 1.0 w max. 3 ppm max. (32.768khz) 5 ppm max. (others) insulation resistanc e 500 m with 100 vdc 15v abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified options and part identification: (left blank if standard) low profile molded plastic surface mount, khz frequency crystal shunt capacitance c 0 1.35 pf typ. (32.768khz) 0.8 pf to 1.7 pf typ. (others) 3033 2 e s p e ranza , ran c ho san t a mar g ari t a , cali f o r ni a 9268 8 te l 949-546-800 0 | f ax 949-546-800 1 | ww w . ab r acon.c o m revised: 03.04.08 visit www.abracon.com for terms & conditions of sale frequency coefficient ( ) rohs compliant pb in hig h t empe r ature solder (e x empt per rohs 2002/95/ec annex (7)) 1 10 pp m blank 5 15 pp m t 2 20 ppm 3 25 ppm 4 30 ppm g n i g a k c a p e c n a r e l o t . q e r f tape and reel bulk abs25- frequency- - - cl option please specify load cap. in pf (ex. 6pf)
| | | | | | | | | | | | | | | abs25 8 .0 x 3.8 x 2.5 mm abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified low profile molded plastic surface mount, khz frequency crystal 3033 2 e s p e ranza , ran c ho san t a mar g ari t a , cali f o r ni a 9268 8 te l 949-546-800 0 | f ax 949-546-800 1 | ww w . ab r acon.c o m revised: 03.04.08 visit www.abracon.com for terms & conditions of sale rohs compliant pb in hig h t empe r ature solder (e x empt per rohs 2002/95/ec annex (7)) dimensions: (inches) mm outline drawing: tape & reel: t = tape and reel 3,000pcs/reel dimensions: mm


▲Up To Search▲   

 
Price & Availability of ABS25--32768KHZ-6-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X