Part Number Hot Search : 
MAX11135 SDA20 BYT51A 90635 H21UA RF8736 2SC181 AP2309N
Product Description
Full Text Search
 

To Download 856139 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet part number 856139 1575.42 mhz saw filter subject to change or obsolescence without notice rev a 01/09 ?triquint semiconductor, inc. page 1 of 5 features for gps automotive applications usable bandwidth 2.4 mhz low loss single-ended operation ceramic surface mount package (smp) hermetic qualified for automotive applications manufacturing facilities are certified with iso/ts 16949:2002 rohs compliant (2002/95/ec), pb -free package pin configuration surface mount 3.00 x 3.00 x 1.22 mm bottom view smp-12 6 5 4 3 2 1 0.69 1.22 nom. 1.32 max. 0.75 0.60 1.50 0.75 3.00 3.00 dimensions shown are nominal in millimeters all tolerances are 0.15mm except overall length and width 0.10mm body: al 2 o 3 ceramic lid: kovar , ni plated terminations: au plating 0.5 - 1.0 m m, over a 2 - 6 m m ni plating pin no. description 2 input 5 output 1,3,4,6 case ground pb
data sheet part number 856139 1575.42 mhz saw filter subject to change or obsolescence without notice rev a 01/09 ?triquint semiconductor, inc. page 2 of 5 electrical specifications (1) operating temperature range: (2) -40 to +85 o c parameter (3) minimum typical (4) maximum unit center frequency - 1575.42 - mhz maximum insertion loss 1574.22 - 1576.62 mhz - 1.3 1.8 db passband ripple 1574.22 - 1576.62 mhz - 0.3 1 db p-p absolute attenuation 10 - 1450 mhz 1450 - 1500 mhz 1625 - 1640 mhz 1640 - 2000 mhz 2000 - 3000 mhz 40 30 30 45 30 42 45 58 49 35 - - - - - db db db db db input/output vswr 1574.22 - 1576.62 mhz - 1.2:1 2:1 db source impedance: (5) - 50 - w load impedance: (5) - 50 - w notes : 1. all specifications are based on the test circuit shown below 2. in production, devices will be tested at room te mperature to a guardbanded specification to ensure electrical compliance over temperature 3. electrical margin has been built into the design to account for the variations due to temperature d rift and manufacturing tolerances 4. typical values are based on average measurements at room temperature 5. this is the optimum impedance in order to achiev e the performance shown test circuit: 50 w single-ended input 1,3,4,6 2 5 50 50 w ww w w ww w 50 w single-ended output
data sheet part number 856139 1575.42 mhz saw filter subject to change or obsolescence without notice rev a 01/09 ?triquint semiconductor, inc. page 3 of 5 typical performance (at +25 o c)
data sheet part number 856139 1575.42 mhz saw filter subject to change or obsolescence without notice rev a 01/09 ?triquint semiconductor, inc. page 4 of 5 matching schematics 50 w single-ended input 1,3,4,6 2 5 50 50 w ww w w ww w 50 w single-ended output marking pcb footprint am code marking date code jjjym logo id dot sawtek .96 3.20 sq 1.27 .38 .81 1.70 the date code consists of: jjj = julian day, y = last digit of year, m = manufacturing site code this footprint represents a recommendation only dimensions shown are nominal in millimeters tape and reel 3.25 section a-a 1.75 ?1.5 4.0 a 12.0 5.5 ?1.5 4.0 2.0 3.25 1.4 0.21 a ?102 ?20.2 ?13.0 2.0 direction of travel ?330 12.8 2.7 logo sawtek id dot dimensions shown are nominal in millimeters packaging quantity: 5000 units/reel
data sheet part number 856139 1575.42 mhz saw filter subject to change or obsolescence without notice rev a 01/09 ?triquint semiconductor, inc. page 5 of 5 maximum ratings parameter symbol minimum maximum unit operating temperature range t -40 +85 o c storage temperature range t stg -40 +85 o c rf power p in - +10 dbm important notes warnings electrostatic sensitive device (esd) avoid ultrasonic exposure rohs compliance this product complies with eu directive 2002/95/ec (rohs) solderability compatible with jedec j-std-020c pb -free process, 260c peak reflow temperature ( see soldering profile ) links to additional technical information pcb layout tips qualification flowchart soldering profile s-parameters other technical information triquints liability is limited only to the surface acoustic wave (saw) component(s) described in this data sheet. triquint does not accept any liabilit y for applications, processes, circuits or assemblies , which are implemented using any triquint componen t described in this data sheet. contact information po box 609501 orlando, fl 32860-9501 usa phone: +1 (407) 886-8860 fax: +1 (407) 886-7061 email: info-product@tqs.com web: www.triquint.com or contact one of our worldwide network of sales offices, representatives or distributors pb


▲Up To Search▲   

 
Price & Availability of 856139

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X