Part Number Hot Search : 
1N5920CP 120UF 9LV16 5568R1 PSD5008 FAN8434X Y27SS0 GSIB2
Product Description
Full Text Search
 

To Download 814-22-006-30-006-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spring loaded connectors surface mount, high profile single and double row strips www.mill-max.com   516-922-6000 118 series 812, 814 double row series 814 ordering information ? modular contacts for use on .100? grid, available in ten heights from .255? to .430?, supplied in single and double row contact strips. ? precision machined piston / base and gold plated components assure a 1,000,000 min. cycle life. ? pistons have a long stroke relative to the low pro- file of the assembly. ? low resistance, high current contacts are rated at 2 amps continuous, 3 amps peak. ? high temperature thermoplastic insulators are suit- able for surface mount processes. ? both 812 & 814 series are available on 32mm or 44mm wide carrier tape for automated pick and place assembly per eia-481. see page 119 for strip lengths available and ordering information. single row series 812 single row series 812 812-22-0xx-30-00x-101 specify # of contacts 02-64 specify contact style 0-9 .042 dia. .072 dia. .110 .19 8 .016 stroke a .055 .059 dia. .0 .0 .100 .042 dia. .110 .19 8 .016 stroke a .055 .072 dia. .059 dia. .072 dia. .0 .0 contact initial height style a 0 .255 1 .275 2 .295 3 .315 4 .335 double row series 814 814-22-0xx-30-00x-101 specify # of contacts 04-72 specify contact style 0-9 contact initial height style a 5 .350 6 .370 7 .390 8 .410 9 .430 technical specifications materials: contact piston & base: machined copper alloy plated 20? gold over 100? nickel spring: beryllium copper plated 10? gold insulator: high temp. thermoplastic rated ul94 v-0 mechanical: spring force @ initial height (a): 25 grams spring force @ mid stroke (.0275): 60 grams spring force @ full stroke (.055): 95 grams durability: 1,000,000 cycles min. coplanarity: .005? (single row up to 10 pins; double row up to 20 pins) for higher pin counts contact tech support. electrical: voltage rating: 100vrms/150vdc current rating: 2a (continous), 3a (peak) per contact contact resistance: 20m max. insulation resistance: 10,000m min. dielectric strength: 700vrms min. capacitance: 1pf max. 2o(3 %#


▲Up To Search▲   

 
Price & Availability of 814-22-006-30-006-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X