Part Number Hot Search : 
HK8SX3B LT660 AHK214Y2 MAX6101 2N3029 BPW34 AT89LV51 FSE0140
Product Description
Full Text Search
 

To Download 3209549 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact inc., usa page 1 / 6 http://www.phoenixcon.com apr 9, 2010 extract from the online catalog ? pit 2,5-twin order no.: 3209549 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=3209549 ? ? feed-through modular terminal block, type of connection: ? leg spring connection, leg spring connection, cross section: 0.14 mm2 ? - ? 4 mm2, awg ? 26 ? - ? 12, width: ? 5.2 mm, color: ? gray, mounting type: ? ns 35/7,5, ? ns 35/15 ? commercial data ean 4046356329811 pack 50 pcs. customs tariff 85369010 weight/piece 0.008761 kg catalog page information page 181 (cl-2009) product notes weee/rohs-compliant since: 08/13/2009 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data general number of levels 1 number of connections 3 color gray
pit 2,5-twin order no.: 3209549 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=3209549 phoenix contact inc., usa page 2 / 6 http://www.phoenixcon.com apr 9, 2010 insulating material pa inflammability class acc. to ul 94 v0 dimensions width 5.2 mm length 60.5 mm height ns 35/7,5 36.5 mm height ns 35/15 44 mm technical data rated surge voltage 8 kv pollution degree 3 surge voltage category iii insulating material group i connection in acc. with standard iec 60947-7-1 nominal current i n 24 a nominal voltage u n 800 v open side panel ja connection data conductor cross section solid min. 0.14 mm2 conductor cross section solid max. 4 mm2 conductor cross section stranded min. 0.14 mm2 conductor cross section stranded max. 2.5 mm2 conductor cross section awg/kcmil min. 26 conductor cross section awg/kcmil max 12 conductor cross section stranded, with ferrule without plastic sleeve min. 0.14 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.14 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 2.5 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, max. 0.5 mm2 type of connection leg spring connection stripping length 10 mm internal cylindrical gage a3
pit 2,5-twin order no.: 3209549 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=3209549 phoenix contact inc., usa page 3 / 6 http://www.phoenixcon.com apr 9, 2010 certificates / approvals certification cul, ul cul nominal voltage u n 600 v nominal current i n 20 a awg/kcmil 24-12 ul nominal voltage u n 600 v nominal current i n 20 a awg/kcmil 24-12 accessories item designation description assembly 3030789 atp-st-twin partition plate, length: ? 76.6 mm, width: ? 2 mm, height: ? 45 mm, color: ? gray 3022276 clipfix 35-5 snap-on end bracket, for ns 35/7.5 or ns 35/15 din rail, can be fitted with zack strip zb 5 and zbf 5, terminal strip marker klm 2 and klm, parking facility for fbs...5, fbs...6, kss 5, kss 6, width: 5,15 mm, color: gray 3030488 d-st 2,5-twin end cover, length: ? 60.5 mm, width: ? 2.2 mm, height: ? 29 mm, color: ? gray 3036725 dp ps-5 spacer plate, color: ? red 3036602 ds-st 2,5 cover segment, length: ? 72 mm, height: ? 36.5 mm, color: ? gray 0801704 ns 35/ 7,5 al unperf 2000mm din rail, material: aluminum, unperforated, height 7.5 mm, width 35 mm, length: 2 m 0801762 ns 35/ 7,5 cu unperf 2000mm din rail, material: copper, unperforated, height 7.5 mm, width 35 mm, length: 2 m 1207640 ns 35/ 7,5 perf 755mm ns 35 din rail, height 7.5 mm, length 755 mm 1207653 ns 35/ 7,5 perf 955mm ns35 din rail, height 7.5 mm, length 955 mm 1207666 ns 35/ 7,5 perf 1155mm ns 35 din rail, height 7.5 mm, length 1155 mm 0801733 ns 35/ 7,5 perf 2000mm din rail, material: steel, galvanized and passivated with a thick layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
pit 2,5-twin order no.: 3209549 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=3209549 phoenix contact inc., usa page 4 / 6 http://www.phoenixcon.com apr 9, 2010 1208131 ns 35/ 7,5 perf/... din rail, color: ? silver 0801681 ns 35/ 7,5 unperf 2000mm din rail, material: steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m 1208115 ns 35/ 7,5 unperf/... din rail, color: ? silver 1208128 ns 35/ 7,5 unperf/so/... din rail, color: ? silver 0801377 ns 35/ 7,5 v2a unperf 2000mm din rail, width: ? 35 mm, height: ? 7.5 mm, length: ? 2000 mm, color: ? silver 1206421 ns 35/ 7,5 zn perf 2000mm din rail, material: galvanized, perforated, height 7.5 mm, width 35 mm, length: 2 m 1206434 ns 35/ 7,5 zn unperf 2000mm din rail, material: galvanized, unperforated, height 7.5 mm, width 35 mm, length: 2 m 1201895 ns 35/15 cu unperf 2000mm din rail, material: copper, unperforated, 1.5 mm thick, height 15 mm, width 35 mm, length: 2 m 1201730 ns 35/15 perf 2000mm din rail, material: steel, perforated, height 15 mm, width 35 mm, length: 2 m 1201714 ns 35/15 unperf 2000mm din rail, material: steel, unperforated, height 15 mm, width 35 mm, length: 2 m 1208144 ns 35/15 unperf/... din rail, color: ? silver 1208157 ns 35/15 unperf/so/... din rail, color: ? silver 1206586 ns 35/15 zn unperf 2000mm din rail, material: galvanized, unperforated, height 15 mm, width 35 mm, length: 2 m 3038943 rb st (2,5/4)-1,5 cross connector/bridge, number of positions: ? 2, color: ? red bridges 3030161 fbs 2-5 cross connector/bridge, number of positions: ? 2, color: ? red 3030174 fbs 3-5 cross connector/bridge, number of positions: ? 3, color: ? red 3030187 fbs 4-5 cross connector/bridge, number of positions: ? 4, color: ? red 3030190 fbs 5-5 cross connector/bridge, number of positions: ? 5, color: ? red 3030213 fbs 10-5 cross connector/bridge, number of positions: ? 10, color: ? red 3030226 fbs 20-5 cross connector/bridge, number of positions: ? 20, color: ? red 3038930 fbs 50-5 cross connector/bridge, number of positions: ? 50, color: ? red general 0810588 gbs 5-25x12 group marker label, snaps onto terminal center for screw, spring- cage and quick connection terminal blocks, labeled with a 25 x 12 mm label or manually with the b-stift, in the foot part with zb 5 0809298 gbs-zb/26x6 group marking label, snaps onto terminal center for screw, spring- cage and quick connection terminal blocks, labeled with esl 26x6 mm or est 25x6 mm, in the foot part with zack marker strip, length: 29 mm
pit 2,5-twin order no.: 3209549 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=3209549 phoenix contact inc., usa page 5 / 6 http://www.phoenixcon.com apr 9, 2010 marking 3037643 stp 5-2-zb double marker carrier, snaps onto the spring-cage terminal blocks st 2.5..., labeled with zb 5 or zbf 5 0818108 uc-tm 5 unicard sheets, for labeling terminal blocks using zack marker strip groove,96-section, labeling with bluemark x1 and cms- p1-plotter, color: white 0824581 uc-tm 5 cus unicard sheets, for labeling terminal blocks with a zack marker strip groove, can be printed as per customer requirements 0819796 uc-tmf 5l unicard sheets, for labeling terminal blocks using a flat zack marker strip groove, 192-section, can be labeled with cms-p1- plotter, color: white 1050004 zb 5 :unbedruckt zack strip, unprinted, 10-section, for individual labeling with m- pen, zb-t or cms system, pack is sufficient for 100 terminal blocks, for a terminal width of 5.2 mm, color: white 1050295 zb 5:so/cms zack strip, 10-section, divisible, special printing, marking according to customer requirements plug/adapter 3002843 ish 2,5/0,2 insulation stop sleeve, color: ? white 3002856 ish 2,5/0,5 insulation stop sleeve, color: ? gray 3002869 ish 2,5/1,0 insulation stop sleeve, color: ? black 0201731 mps-ih bk insulating sleeve, for mps metal part, color: ? black 0201689 mps-ih bu insulating sleeve, for mps metal part, color: ? blue 0201702 mps-ih gn insulating sleeve, for mps metal part, color: ? green 0201728 mps-ih gy insulating sleeve, for mps metal part, color: ? gray 0201676 mps-ih rd insulating sleeve, color: ? red 0201715 mps-ih vt insulating sleeve, for mps metal part, color: ? violet 0201663 mps-ih wh insulating sleeve, for mps metal part, color: ? white 0201692 mps-ih ye insulating sleeve, for mps metal part, color: ? yellow 0201744 mps-mt metal part 3030925 pai-4 test adapter, color: ? gray 3030983 ps-5 test adapter, color: ? red tools 1204517 szf 1-0,6x3,5 screwdriver, blade: 0.6 x 3.5 x 100 mm, length 180 mm diagrams/drawings circuit diagram
pit 2,5-twin order no.: 3209549 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=3209549 phoenix contact inc., usa page 6 / 6 http://www.phoenixcon.com apr 9, 2010 address phoenix contact inc., usa 586 fulling mill road middletown, pa 17057,usa phone (800) 888-7388 fax (717) 944-1625 http://www.phoenixcon.com ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 3209549

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X