Part Number Hot Search : 
DS016 TA1281F AZP9212 IC16C58 IRFP150A 8097JF 03515 BLF245B
Product Description
Full Text Search
 

To Download 1030900000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | w-series modular terminals | modular installation terminals | distribution terminals - 1 - general ordering data order no. 1030900000 part designation wdl 2.5/s/n version storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 ean 4008190145781 qty. 50 pc(s). product notes product description space-saving wiring of three-phase circuits using only two terminals. 2 clampable conductors (h05v/h07v) with equal cross-section (rated connection) solid, min. 0.5 mm2 solid, max. 1.5 mm2 flexible, min. 0.5 mm2 flexible, max. 1.5 mm2 flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 1.5 mm2 additional technical data colour of insulating material dark beige connection direction on side end plate required yes explosion-tested version "ex e" no installation advice ts 35 insulating material wemid levels cross-connected internally no no. of identical terminals 1 no. of levels 2 no. of terminal strips per level 2 open sides right operating temperature range - 50 c, + 120 c product family w-series
product catalogue | terminals | screwing technology | w-series modular terminals | modular installation terminals | distribution terminals - 2 - additional technical data type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material v-0 version distribution terminal for n rail csa rating data voltage (csa) 300 v csa current 10 a min. cross-section (csa) awg 26 max. cross-section (csa) awg 12 conductors for clamping (additional connection) flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 2.5 mm2 conductors for clamping (rated connection) clamping range, min. 0.13 mm2 clamping range, max. 4 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 8 mm clamping screw m 2.5 blade size 0.6 x 3.5 mm tightening torque range 0.4...0.6 nm torque level with dms electric screwdriver 1 gauge to iec 60947-1 a3 solid, min. 0.5 mm2 solid, max. 4 mm2 stranded, min. 1.5 mm2 stranded, max. 4 mm2 flexible, min. 0.5 mm2 flexible, max. 4 mm2 flexible with ferrule, min. (din 46228/1) 0.25 mm2 flexible with ferrule, max. (din 46228/1) 2.5 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.25 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 2.5 mm2 awg conductor size, min. awg 26 awg conductor size, max. awg 12 awg conductor size, min. 0.13 mm2 awg conductor size, max. 3.31 mm2 dimensions width 6.1 mm height of lowest version 49 mm length 84.5 mm ts 35 offset 48.1 mm
product catalogue | terminals | screwing technology | w-series modular terminals | modular installation terminals | distribution terminals - 3 - dimensions disconnect terminals torque level with dms electric screwdriver 1 n-conductor disconnect terminal for n-busbar 3 x 10 mm rating data rated cross-section 2.5 mm2 rated voltage 400 v rated impulse voltage 6 kv rated current 24 a standards iec 60947-7-1 current with max. conductor 32 a pollution severity 3 ul rating data voltage (ul) 300 v current (ul) 15 a min. cross-section (ul) awg 22 max. cross-section (ul) awg 12 approvals approvals institutes classifications etim 2.0 ec001329 etim 3.0 ec001329 eclass 4.1 27-14-11-25 eclass 5.0 27-14-11-25 eclass 5.1 27-14-11-25 similar products order no. part designation version 1030400000 wdl 2.5/l storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 1030300000 wdl 2.5/l/l storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 1030200000 wdl 2.5/l/l/pe storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35
product catalogue | terminals | screwing technology | w-series modular terminals | modular installation terminals | distribution terminals - 4 - 1030000000 wdl 2.5/n/l storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 1029900000 wdl 2.5/n/l/pe storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 1031300000 wdl 2.5/s/l storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 1031200000 wdl 2.5/s/l/l storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 1031100000 wdl 2.5/s/l/l/pe storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 1030800000 wdl 2.5/s/n/l storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 1030700000 wdl 2.5/s/n/l/pe storey installation terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35


▲Up To Search▲   

 
Price & Availability of 1030900000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X