Part Number Hot Search : 
02000 DT709 RT1720 3EZ150 R1800 STA529B HAL526 AP230
Product Description
Full Text Search
 

To Download 07P-RIJ-K-3RL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 1 rij connector disconnectable crimp style wire-to-wire connectors 
        this connector is a hybrid type double-row drawer connector with combined signal and power supply circuits to connect the units. in the signal part, the number of parts reduced by connecting the crimping contact directly. specifications ?current rating: signal circuit/2a ac, dc (awg#24) power supply circuit/15a ac, dc (awg#14) ?voltage rating: signal circuit/50v ac, dc power supply circuit/250v ac, dc ?temperature range: -25?c to + 85?c (including temperature rise in applying electrical current) ?contact resistance: signal circuit initial value/20m ? max. after environmental testing/40m ? max. power supply circuit initial value/10m ? max. after environmental testing/30m ? max. ?insulation resistance: 1,000m ? min. ?withstanding voltage: signal circuit 500v ac/minute power supply circuit 1,500v ac/minute ?applicable wire: signal circuit conductor size/awg#28 to #24 insulation o.d./0.9 to 1.5mm power supply circuit conductor size/awg#18 to #14 insulation o.d./2.0 to 3.6mm * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. ?space saving ?panel locking device ?hybrid type assembly layout standards 0 recognized e 60389 1 certified lr 20812 2 j50102230
2 rij connector panel  ?  ?  ?  ?  ?  ?  ?  ? panel  ?  ?  ?  ?  ?  ?  ?  ?          srwm-61gg-s0.6 contact crimping machine crimp applicator with dies "1,/ .,431'. crimp applicator dies .,4- "1-.,431'. applicator srwf-61gg-m0.6 contact crimping machine crimp applicator with dies "1,/ .,431'. crimp applicator dies .,4- "1-.,431'. applicator model no. mm 2 awg # srwm-61gg-s0.6 ? ? material and finish applicable wire insulation o.d. (mm) q?y / reel ?   copper alloy, nickel-undercoated, mating part; gold-plated crimping part; tin-plated (reflow treatment) rohs compliance this product displays (lf)(sn) on a label. model no. mm 2 awg # srwf-61gg-m0.6 ? ? material and finish applicable wire insulation o.d. (mm) q ty / reel ?   copper alloy, nickel-undercoated, mating part; gold-plated crimping part; tin-plated (reflow treatment) rohs compliance this product displays (lf)(sn) on a label. panel layout plug contact for power supply circuit receptacle contact for power supply circuit note: 1. punch holes in the panel according to the figures shown above. burrs must be removed. 2. the strength of the panel must be considered when punching two or more holes. 3. the connector must be inserted from the same side as the hole is punched. plug ? standard type panel thickness  1.6, 2.0mm receptacle ? standard type panel thickness  1.0mm
3               rij connector         rpj-sp2331 rpj-ss2331 contact crimping machine crimp applicator with dies "1,/ .,31+4144 ? crimp applicator dies .,4- ? "1-.,31+4144 ? applicator               circuits model no. q ty / box 07P-RIJ-K-3RL  power supply signal  material pbt ~ ul94v-0, black rohs compliance circuits model no. q ty / box 07r-rij-k-r3fi  power supply signal  material pbt ~ ul94v-0, black rohs compliance applicable wire mm 2 awg # model no. material and finish phosphor bronze, nickel-undercoated, gold-plated ? ? 10,000 insulation o.d. (mm) ? pin contact socket contact rpj-sp2331 rpj-ss2331 q ty / reel rohs compliance contact for signal circuit plug receptacle ? pin contact (for plug) ? socket contact (for receptacle) hybrid type (connector with integrated signal and power) hybrid type (connector with integrated signal and power)


▲Up To Search▲   

 
Price & Availability of 07P-RIJ-K-3RL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X