Part Number Hot Search : 
C1223 472J400 TSOP21 PT163025 A105K HT48R02N 110N03 SST32
Product Description
Full Text Search
 

To Download ZHRP0301212DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  function modules standard type dc-dc converter ( 1.5w 3w ) sip type is resin coating for small space, and dip type is resin case, steer cover and resin coating for low profile application. characteristics specification ( 1 ) thin and lightweight ( 2 ) excellent heat radiation and miniaturization due to alumina substrate ( 3 ) excellent isolation ability between input and output ( 4 ) no attachment necessary ( 5 ) circuit with built-in excess current protection ( 6 ) adapted to the rohs directive (2002/95/ec) output tolerance over current protection withstanding voltage 5% functions at 105% or more of the rated output current automatically restored between input and output ac500v for 1minute 5ma : : : insulation resistance operating temperature/humidity storage temperature/humidity between input and output terminals dc500v, more than 100m ? ( 25?c 70% ) -10 to +71?c 20 to 95%rh ( no dewdrops ) -40 to +85?c 20 to 95%rh ( no dewdrops ) : : : output power input voltage output voltage output current part number style no. bcde measurement style no. efficie- ncy lwh s 4.5 to 7.2v ( 5vtyp ) 8 to 16.5v ( 12vtyp ) 18 to 32v ( 24vtyp ) 4.5 to 7.2v ( 5vtyp ) 8 to 16.5v ( 12vtyp ) 18 to 32v ( 24vtyp ) 4.5 to 7.2v ( 5vtyp ) 8 to 16.5v ( 12vtyp ) 18 to 32v ( 24vtyp ) 4.5 to 7.2v ( 5vtyp ) 8 to 16.5v ( 12vtyp ) 18 to 32v ( 24vtyp ) 5v 12v 15v 5v 12v 15v 5v 12v 15v 12v 15v 12v 15v 12v 15v 5v 12v 15v 5v 12v 15v 5v 12v 15v 12v 15v 12v 15v 12v 15v 300ma 125ma 100ma 300ma 125ma 100ma 300ma 125ma 100ma 63ma 50ma 63ma 50ma 63ma 50ma 600ma 250ma 200ma 600ma 250ma 200ma 600ma 250ma 200ma 125ma 100ma 125ma 100ma 125ma 100ma 68% 70% 71% 72% 73% 74% 73% 76% 76% 70% 68% 71% 73% 72% 74% 72% 77% 77% 74% 80% 80% 76% 81% 81% 72% 75% 74% 75% 74% 76% zhrm1r50505 0512 0515 1205 1212 1215 2405 2412 2415 zhrp1r 50512 0515 1212 1215 2412 2415 zhrm0300505 0512 0515 1205 1212 1215 2405 2412 2415 zhrp 0300512 0515 1212 1215 2412 2415 r r r r r r r r r r r r r r r r r r r r r r r r r r r r r r 1.5w 3w output power 1.5w b c d e b c d 3w 26.5 0.2 28.0 max 26.0 max 17.4 0.2 18.7 max 16.5 max 26.5 max 8.1 max 8.8 max 7.3 max 18.0 max 24.95 0.5 24.95 0.5 24.95 0.5 t=10.5max ( single output ) t= 9.0max ( double output ) 34.5 0.2 36.0 max 34.0 max 24.7 0.2 26.0 max 23.5 max 8.8 max 9.5 max 7.5 max 32.95 0.5 32.95 0.5 32.95 0.5 : style code except : accept an order cat.8100y
function modules 2.54 0.2 0.5 0.1 l s w h =3.7 0.7 1 2 10 9 8 7 6 0.25 0.1 4 5 a enlarged figure of "a" part. h 2.54 0.2 0.5 0.1 s 0.25 0.1 h =3.7 0.7 enlarged figure of "a" part. h l w 1 2 10 9 8 7 6 4 5 a acrylic resin coating = 3.7 0.7 2.54 0.2 12 34 7 8 9 0.5 0.1 0.25 0.1 enlarged figure of "a" part. h a w t h phenol resin coating l w 1 2 16 15 11 10 9 7 8 0.5 0.1 s h =3.7 0.7 0.25 0.1 a enlarged figure of "a" part. h 2.54 0.2 l w 2.54 0.2 0.5 0.1 1 2 16 15 11 10 9 s 0.25 0.1 h =3.7 0.7 enlarged figure of "a" part. h 7 8 a acrylic resin coating exterior and measurement map (unit : mm) dip type sip type style no.b resin case standard type style no.d resin coating dip style style no.e resin coating horizontal type, space saver style no.c steel cover reduce radiation noise 1.5w 3w notes cat.8100y


▲Up To Search▲   

 
Price & Availability of ZHRP0301212DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X