Part Number Hot Search : 
AP9978GP 25L20 14400 CAT24C03 ADP1611 B160A N4121 KMM53
Product Description
Full Text Search
 

To Download WL815G7-B02-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please cal l your nearest foxconn sales re presentative for update informat ion. specifications sim card conn. wl series sim card, smt type 1.50mm [.059?] height 6 pos. mechanical normal force: 0.3n min durability: 5000 cycles electrical voltage rating: 15 v max current rating: 0.5 a contact resistance: 100 m ? max at 10ma. dielectric withstanding voltage: 540v ac/1 min. insulation resistance: 1000 m ? min (initial), 100 m ? min (final), physical insert molding: thermoplastic ul 94v-0, color black contact: copper alloy plating: see ?ordering information? operating temperature: -30 to +85 drawing ordering in fo r matio n 1= gold flash a= 10u" pd/ni +gold plating 2= 20u" gold plating b= 20u" pd/ni +gold plating 3= 30u" gold plating c= 30u" pd/ni +gold plating 6= 10u" gold plating d= 40u" pd/ni +gold plating 7= 15u" gold plating l= 25u" pd/ni +gold plating 05= 2.5mm 06=2.6mm 07=0.7mm 08=2.8mm 10=1.0mm 11=1.1mm 90=9.0mm body height 6= 6 pin 8= 8 pin no. contact sim card conn. modification code contact area plating thickness package and solder tail type t = tray tr= tape & reel 1f= tray (lead free) 7f= tape & reel (lead free) a= upper cover b= slider in type c= hinge type d= metal hook or cover type e= metal cover with push-push f= pogo pin type g= metal cover with inject&door h= compression type upper cover type ~ code no.: 2 or 3 code(a~z or 0~9) product no.: wl 6 15 a 3- b02 -tr


▲Up To Search▲   

 
Price & Availability of WL815G7-B02-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X